Part Number Hot Search : 
EUP3476 T6000 SFR204 5953A D1217UK SMF12 48D05 240128
Product Description
Full Text Search
 

To Download 144913 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1,5 330 72,5 verpackt in gurtverpackung - tape on reel packaging verpackungseinheit: 75 stck - packaging unit: 75 pcs 18 5 x 18 = 90 abspulrichtung - reel off direction prior notice. contact one of the erni companies date 26.09.2011 f index tmcs tmc-s 25-smd-9,0-type 8 tmc-s 25-smd-9,0-ba8 144913 2:1 information: tolerances scale all dimensions in mm class i subject to modification without a3 designation www.erni.com before using. drawing will not be updated. all rights reserved. only for information. to ensure that this is the latest version of this drawing, please copyright by erni gmbh proprietary notice pursuant to iso 16016 to be observed. bemerkung max. einschraubtiefe 7,5 mm ident-nr. remark sonstige angaben siehe zeichnung 204654 / additional indications according to drawing 204654 sonstige angaben siehe zeichnung 204628 / additional indications according to drawing 204628 max. einschraubtiefe 5,5 mm thread depth max. 5,5 mm thread depth max. 7,5 mm part-no. tape &reel ident.-nr. part-no. tray ohne without mutter thread bolzen bolt 194355 194350 x 194356 194351 #4-40 194357 194352 m3 194358 194353 #4-40 194359 194354 m3 leiterplatte pcb aussparung in arbeit 0,7 9 0,6 2,8 6,3 17,5 -0,25 1,4 2 ohne / without 3,1 12,2 recommended layout: b 0,1 b layoutvorschlag: (25x) a / hole 0,1 pin 1 bohrung a 0,1 0,1 a 0,05 47 2,76 11 x 2,76 = 3,4 3,4 2,84 30,36 1,38 0,2 53,8 1,7 x 45 (4x) 1 3,1 0,05 13 1,8 0,05 2,76 12 x 2,76 = 33,12 1,8 m 1:1 anschlussbereich verzinnt terminal area tin plating koplanarit?t de r anschlsse 0,1 mm coplanarity area of termination 0,1 mm anforderungsstufe: 2 class: 2 mutter / nut / thread m3 / #4-40 gewinde bolzen / bolt / thread m3 / #4-40 gewinde 3,7 6,4 tray packaging packaging unit 30 pcs verpackt in tray verpackungseinheit 30 st. pin 1 58 max. 325 max. 138 4 x 58 = 232 13 14 1 hood ansaughaube 25 0,1 47 8 +0,2 16 -0,2 -0,4 13,8 12,6 0,3 53 38,5 -0,2 21 pin 1 24 72 missing information and dimens ions according to din 41652 additional indications according to the production documentation fehlende masse und angaben siehe din 41652 / sonstige angaben siehe fertigungsunterlagen /


▲Up To Search▲   

 
Price & Availability of 144913

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X