Part Number Hot Search : 
1N990A BR8005G TM9101 NJU3712 8F400 2N4115 CM200 8F400
Product Description
Full Text Search
 

To Download 144912 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1,5 330 56,5 verpackungseinheit: 75 stck - verpackt in gurtverpackung - tape on reel packaging packaging unit: 75 pcs 18 5 x 18 = 90 46,2 5 x 46,2 = 231 abspulrichtung - reel off direction prior notice. contact one of the erni companies date 26.09.2011 e index tmcs tmc-s 15-smd-9,0-type 8 tmc-s 15-smd-9,0-ba8 144912 2:1 information: tolerances scale all dimensions in mm class i subject to modification without a3 designation www.erni.com before using. drawing will not be updated. all rights reserved. only for information. to ensure that this is the latest version of this drawing, please copyright by erni gmbh proprietary notice pursuant to iso 16016 to be observed. bemerkung thread depth max. 7,5 mm ident-nr. remark max. einschraubtiefe 5,5 mm thread depth max. 5,5 mm sonstige angaben siehe zeichnung 204654 / additional indications according to drawing 204654 sonstige angaben siehe zeichnung 204628 / additional indications according to drawing 204628 max. einschraubtiefe 7,5 mm part-no. tape &reel ident.-nr. part-no. tray ohne without mutter thread bolzen bolt 194345 194340 x 194346 194341 #4-40 194347 194342 m3 194348 194343 #4-40 194349 194344 m3 ohne / without 3,1 12,2 leiterplatte pcb aussparung in arbeit 0,7 9 0,6 2,8 6,3 17,5 -0,25 1,4 2 recommended layout: b 0,1 a layoutvorschlag: (15x) a / hole 0,1 pin 1 bohrung a 0,1 0,1 b 0,05 33,3 19,18 3,4 3,4 1,37 0,2 40,1 1,7 x 45 (4x) 1 3,1 0,05 2,74 13 2,74 1,8 0,05 16,44 6 x 2,74 = 7 x 2,74 = 2,84 1,8 m 1:1 anschlussbereich verzinnt terminal area tin plating koplanarit?t de r anschlsse 0,1 mm coplanarity area of termination 0,1 mm anforderungsstufe: 2 class: 2 21,2 mutter / nut / thread m3 / #4-40 gewinde tray packaging packaging unit 36 pcs verpackt in tray verpackungseinheit 36 st. pin 1 max. 325 max. 138 bolzen / bolt / thread m3 / #4-40 gewinde 3,7 6,4 8 8 9 1 hood ansaughaube 15 0,1 33,3 8 +0,2 16 -0,2 -0,4 13,8 12,6 0,3 39,3 24,75 -0,2 missing information and dimens ions according to din 41652 additional indications according to the production documentation fehlende masse und angaben siehe din 41652 / sonstige angaben siehe fertigungsunterlagen / pin 1 24 56


▲Up To Search▲   

 
Price & Availability of 144912

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X