Part Number Hot Search : 
2SJ316 TKP13A XE5224FD MUR1610 IS223 200G33 AN1215 SG2BC
Product Description
Full Text Search
 

To Download 144907 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  330 56,5 verpackungseinheit: 75 stck - verpackt in gurtverpackung - tape on reel packaging packaging unit: 75 pcs abspulrichtung - reel off direction 1,5 18 5 x 18 = 90 7 x 36 = 252 36 remark ident-nr. bemerkung max. einschraubtiefe 7,5 mm sonstige angaben siehe zeichnung 204628 / additional indications according to drawing 204628 sonstige angaben siehe zeichnung 204654 / additional indications according to drawing 204654 max. einschraubtiefe 5,5 mm thread depth max. 5,5 mm thread depth max. 7,5 mm part-no. tape &reel ident.-nr. part-no. tray ohne without mutter thread bolzen bolt 194295 194290 x 194296 194291 #4-40 194297 194292 m3 194298 194293 #4-40 194299 194294 m3 prior notice. contact one of the erni companies date 26.09.2011 e index tmcp tmc-p 09-smd-9,0-type 8 tmc-p 09-smd-9,0-ba8 144907 2:1 information: tolerances scale all dimensions in mm class i subject to modification without a3 designation www.erni.com before using. drawing will not be updated. all rights reserved. only for information. to ensure that this is the latest version of this drawing, please copyright by erni gmbh proprietary notice pursuant to iso 16016 to be observed. recommended layout: b 0,1 a layoutvorschlag: (9x) a / hole 0,1 pin 1 bohrung a 0,1 0,1 b 31,8 0,2 2,74 10,96 13 3,4 1,37 3,4 0,05 25 3 x 2,74 = 8,22 1,7 x 45 (4x) 2,74 1 1,8 3,1 0,05 4 x 2,74 = 2,84 1,8 0,05 mutter / nut / thread m3 / #4-40 gewinde bolzen / bolt / thread m3 / #4-40 gewinde 3,7 6,4 anschlussbereich verzinnt terminal area tin plating koplanarit?t de r anschlsse 0,1 mm coplanarity area of termination 0,1 mm anforderungsstufe: 2 class: 2 m 1:1 missing information and dimens ions according to din 41652 additional indications according to the production documentation fehlende masse und angaben siehe din 41652 / sonstige angaben siehe fertigungsunterlagen / pin 1 24 56 21,2 ohne / without 3,1 12,2 leiterplatte pcb aussparung in arbeit 5,8 +0,3 0,6 2,8 17,5 0,7 1,4 9 2 tray packaging packaging unit 48 pcs verpackt in tray verpackungseinheit 48 st. pin 1 max. 325 max. 138 ansaughaube hood 13,8 -0,4 12,6 +0,2 16 0,3 31 25 0,1


▲Up To Search▲   

 
Price & Availability of 144907

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X