this document was generated on 12/24/2014 please check www.molex.com for latest part information part number: 130098-0036 status: active overview: strain-relief cord grips description: max-loc? strain relief cord-sealing grip, 1/2" npt, straight male, cable diameter 1.57-3.18mm (.062-.125") documents: drawing (pdf) product literature (pdf) rohs certificate of compliance (pdf) agency certification csa lr32159 general product family cable grips series 130098 eye type n/a nema rating nema 3r o-ring no overview strain-relief cord grips product literature order no 987650-8064 product name max-loc? type strain relief grip upc 78678872143 use with 1/2" npt max-loc? lock nut 130099-0143 , max- loc? o-ring, 1/2" npt 130180-0314 , 1/2" npt max- loc? gasket 130099-0149 woodhead yes physical approximate break strength n/a bale length n/a body style straight cable diameter 1.57-3.18mm (.062-.125") color - grommet black gender male material - body nylon material - grip n/a mesh length n/a number of holes 1 thread size 1/2" npt material info old part number 5518 reference - drawing numbers sales drawing sd-130098-003 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed low-halogen status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 130098 series this document was generated on 12/24/2014 please check www.molex.com for latest part information
|