this document was generated on 12/19/2014 please check www.molex.com for latest part information part number: 130097-0172 status: active overview: strain-relief cord grips description: deluxe cord grips strain relief, 1" npt, straight male, cable diameter 19.05-22.23mm (.750-.875") documents: rohs certificate of compliance (pdf) product literature (pdf) agency certification csa lr32159 ul e76954 general product family cable grips series 130097 eye type n/a hazardous locations class i, div. 2, class ii, div. 1 and 2, class iii, div. 1 and 2 nema rating nema 4 o-ring n/a overview strain-relief cord grips product literature order no 987650-8064 product name deluxe cord type strain relief grip upc 78678836267 use with max-loc? lock nut 1" npt 130099-0145 , max- loc? gasket sealing ring 1" npt 130099-0151 , max-loc? o-ring, 1" npt 130180-0334 woodhead yes physical approximate break strength n/a bale length n/a body style straight cable diameter 19.05-22.23mm (.750-.875") color - grommet n/a gender male material - body aluminum material - grip stainless steel mesh length n/a number of holes n/a thread size 1" npt material info old part number 36267 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed low-halogen status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 130097 series this document was generated on 12/19/2014 please check www.molex.com for latest part information
|