Part Number Hot Search : 
MAX3873 HPR1016 BM324 P4SMA36A 300BZ D87C51 2SC504 ADM1023
Product Description
Full Text Search
 

To Download 1008PS-682KLD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  shielded high srf inductors C 1008ps document 219-1 document 219-1 revised 03/14/12 inductance dcr 4 srf 5 i sat (a) 6 i rms (a) 7 part 10% 2 q max typ 10% 20% 30% 20c 40c number 1 (h) min 3 (ohms) (mhz) drop drop drop rise rise 1008ps-102kl_ 1.0 35 0.05 387 3.5 3.9 4.2 1.4 2.0 1008ps-152kl_ 1.5 35 0.06 276 2.7 3.2 3.5 1.4 2.0 1008ps-182kl_ 1.8 35 0.09 253 2.3 2.7 3.0 0.98 1.4 1008ps-222kl_ 2.2 36 0.10 228 2.4 2.8 3.1 1.2 1.7 1008ps-272kl_ 2.7 38 0.14 207 1.6 2.0 2.3 1.0 1.4 1008ps-332kl_ 3.3 26 0.84 199 1.5 1.6 1.6 0.51 0.67 1008ps-392kl_ 3.9 38 0.26 185 1.5 1.8 2.0 0.82 1.1 1008ps-472kl_ 4.7 38 0.35 160 1.3 1.6 1.7 0.70 0.95 1008ps-562kl_ 5.6 38 0.36 150 1.5 1.7 1.8 0.66 0.87 1008ps-682kl_ 6.8 38 0.58 120 1.3 1.5 1.6 0.45 0.76 1008ps-103kl_ 10 38 0.92 105 0.84 1.0 1.1 0.40 0.59 1008ps-153kl_ 15 38 1.15 35 0.81 0.87 0.90 0.36 0.51 1008ps-223kl_ 22 40 1.40 26 0.67 0.75 0.79 0.33 0.44 1008ps-333kl_ 33 45 1.61 20 0.53 0.61 0.68 0.30 0.42 1008ps-393kl_ 39 45 1.85 16 0.49 0.56 0.60 0.28 0.39 1008ps-473kl_ 47 45 2.5 19 0.47 0.52 0.54 0.23 0.31 1008ps-683kl_ 68 45 3.8 12 0.38 0.42 0.45 0.21 0.26 1008ps-823kl_ 82 45 4.3 9.0 0.33 0.38 0.42 0.18 0.26 1008ps-104kl_ 100 45 5.8 7.0 0.35 0.38 0.39 0.16 0.20 1008ps-124kl_ 120 50 6.3 7.0 0.30 0.33 0.35 0.14 0.20 1008ps-154kl_ 150 50 7.5 5.8 0.27 0.30 0.33 0.13 0.18 1008ps-224kl_ 220 55 10.0 5.0 0.21 0.24 0.27 0.13 0.17 1008ps-334kl_ 330 55 11.5 3.8 0.19 0.21 0.23 0.11 0.15 1008ps-474kl_ 470 55 16.3 3.1 0.14 0.17 0.19 0.10 0.13 1008ps-564kl_ 560 55 18.1 2.8 0.13 0.15 0.17 0.093 0.12 1008ps-684kl_ 680 55 24.0 2.5 0.11 0.15 0.17 0.073 0.11 1008ps-824kl_ 820 45 26.0 1.5 0.10 0.12 0.13 0.073 0.10 1008ps-105kl_ 1000 45 29.0 2.0 0.11 0.13 0.14 0.070 0.10 1. when ordering, specify packaging code: 1008ps-105kl c packaging: c = 7 machine-ready reel. eia-481 em - bossed plastic tape (750 parts per full reel). b = less than full reel. in tape, but not machine ready. to have a leader and trailer added ($25 charge), use code letter c instead. d = 13 machine-ready reel. eia-481 embossed plastic tape. factory order only, not stocked (2500 parts per full reel). 2. inductance measured at 100 khz, 0.1 vrms, using coilcraft smd-a fxture in agilent/hp 4263b impedance analyzer or equivalent. 3. q measured at 1 mhz using an agilent/hp 16193 test fxture and an agilent/hp 4291 or equivalent. 4. dcr measured on micro-ohmmeter and coilcraft ccf840 test fxture. 5. srf measured using a coilcraft smd -d test fxture and an agilent/hp 8753d network analyzer or equivalent. 6. dc current at which the inductance drops the specicfed amount from its value without current. 7. current that causes the specifed temperature rise from 25c ambient. 8. electrical specifcations at 25c. refer to doc 362 soldering surface mount components before soldering. core material ceramic/ferrite core and winding loss see www.coilcraft.com/coreloss terminations rohs compliant silver-palladium-platinum-glass frit. weight 122 C 132 mg ambient temperature C40c to +105c with i rms current, +105c to +145c with derated current storage temperature component: C40c to +145c. tape and reel packaging: C40c to +80c resistance to soldering heat max three 40 second refows at +260c, parts cooled to room temperature between cycles moisture sensitivity level (msl) 1 (unlimited foor life at <30c / 85% relative humidity) failures in time (fit) / mean time between failures (mtbf) 38 per billion hours / 26,315,789 hours, calculated per telcordia sr-332 packaging 750/7 reel; 2500/13 reel plastic tape: 12 mm wide, 0.3 mm thick, 8 mm pocket spacing, 3.3 mm pocket depth pcb washing tested with pure water or alcohol only. for other solvents, see doc787_pcb_washing.pdf. ? higher srf than our other power inductors ? high inductance with tight tolerance ? excellent current handling for a part this size us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2013 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check web site for latest infor mation.
document 219-2 power chip inductors C 1008ps series typical l vs frequency typical l vs current a b c d e f g max max max max max max typ h i j 0.150 0.149 0.108 0.070 0.102 0.084 0.020 0.100 0.040 0.050 inches 3,81 3,78 2,74 1,78 2,59 2,13 0,51 2,54 1,02 1,27 mm document 219-2 revised 03/14/12 irms derating 0.01 0.1 11 0 0. 1 1 10 100 1000 10000 inductance (h) frequency (mhz) 1 000 h 1 00 h 10 h 1 h 0.01 0.1 11 0 current (a) 0. 1 10 1 100 1000 10000 inductance (h) 1 00 h 10 h 1 h 1 000 h a b fd c e g i i j h recommended land p attern te r minal wraparound: appro x 0.015/0,38 both ends -40 -20 02 04 06 08 0 100 160 140 120 ambient temperature (c) pe r cent of rated rms i 120 110 100 90 80 70 60 50 40 30 20 10 0 25c us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2013 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check web site for latest infor mation.


▲Up To Search▲   

 
Price & Availability of 1008PS-682KLD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X