Part Number Hot Search : 
SMCJ150 TC75S FW300B1 BA4905 2500T 3DMXX BR3500 BA4905
Product Description
Full Text Search
 

To Download ZXTP2012G-16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  zxtp2012g document number: ds33712 rev. 2 - 2 1 of 7 www.diodes.com decemb er 2015 ? diodes incorporated zxtp2012g 60v pnp medium power low saturation transistor in sot223 features ? bv c eo > - 60 v ? i c = - 5.5 a continuous collector current ? i cm = - 15 a peak pulse current ? low saturation voltage v ce(sat) < - 70 mv m ax @ - 1 a ? r sat = 39m ? @ - 5a for l ow equivalent on - r esistance ? h fe s pecified up to - 10a for h igh g ain h old u p ? lead - free finish; rohs co mpliant (notes 1 & 2) ? halogen and antimony free. green device (note 3 ) ? qualified to aec - q101 standards for high reliability mechanical data ? case: sot223 ? case material : molded pl astic. green molding compound . ul flammability rating 94v - 0 ? moisture sensitivity: level 1 per j - std - 020 ? terminals: finish C matte tin plated leads . solderable per mil - std - 202, method 208 ? weight: 0.112 grams (approximate) applications ? dc - dc converters ? mosfet gate drivers ? charging circuits ? power switches ? motor control ordering information (note 4) product compliance marking reel size (inches) tape width (mm) quantity per reel zxtp2012gta aec - q101 zxtp2012 7 12 1 , 000 notes: 1. eu directive 2002/95/ec (rohs) & 2011/65/eu (rohs 2) compliant. all applicable rohs exemptions applied. 2. see http://www.diodes.com/quality/lead_free.html for more information about diodes incorporateds definitions of halogen - and antimony - free, "green" and lead - free. 3. halogen - and antimony - free "green products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds. 4. for packaging details, go to our website at http://www.diodes.com/products/packages.html . marking information sot223 top view pin - o ut top view device schematic sot223 zxtp 2012 = product type marking code yww = date code marking y or y = last digit of year (ex: 5= 2015) ww or ww = week code (01 - 53) zxtp 2012 green yww
zxtp2012g document number: ds33712 rev. 2 - 2 2 of 7 www.diodes.com decemb er 2015 ? diodes incorporated zxtp2012g absolute maximum ratings (@ t a = +25c, unless otherwise specified.) characteristic symbol value unit collector - base voltage v cbo - 100 v collector - emitter voltage v ceo - 60 v emitter - base voltage v ebo - 7 v continuous collector current i c - 5.5 a peak pulse current i cm - 15 a thermal characteristics (@ t a = +25c, unless otherwise specified.) characteristic symbol value unit power dissipation linear derating factor (note 5 ) p d 3.0 24 w mw/ c (note 6 ) 1.6 12.8 thermal resistance, junction to ambient (note 5 ) r ja 42 c/w ? ja 78 thermal resistance , junction to lead (note 7) r jl 8.8 operating and storage temperature range t j, t stg - 55 to +150 c esd ratings (note 8) characteristic symbol value unit jedec class electrostatic discharge C C notes: 5 . for a device mounted with the collector lead on 52mm x 52 mm 2oz copper that is on a single - sided 1.6mm fr4 pcb ; device is measured under still air conditions whilst operating in steady - state. 6 . same as note 5 , except the device is mounted on 25 mm x 25 mm 1 o z copper . 7. thermal resistance from junction to solder - point (at the end of the collector lead). 8. refer to jedec specification jesd22 - a114 and jesd22 - a115.
zxtp2012g document number: ds33712 rev. 2 - 2 3 of 7 www.diodes.com decemb er 2015 ? diodes incorporated zxtp2012g thermal characteristics and derating information 100m 1 10 100 10m 100m 1 10 single pulse. t amb =25c see note (5) v ce(sat) limit 100s 1ms 10ms 100ms 1s dc safe operating area -i c collector current (a) -v ce collector-emitter voltage (v) 0 20 40 60 80 100 120 140 160 0.0 0.5 1.0 1.5 2.0 2.5 3.0 see note (6) see note (5) derating curve temperature (c) max power dissipation (w) 100 1m 10m 100m 1 10 100 1k 0 10 20 30 40 see note (5) transient thermal impedance d=0.5 d=0.2 d=0.1 single pulse d=0.05 thermal resistance (c/w) pulse width (s) 100 1m 10m 100m 1 10 100 1k 1 10 100 single pulse. t amb =25c see note (5) pulse power dissipation pulse width (s) max power dissipation (w)
zxtp2012g document number: ds33712 rev. 2 - 2 4 of 7 www.diodes.com decemb er 2015 ? diodes incorporated zxtp2012g electrical characteristics ( @ t a = + 25c , unless otherwise specified .) characteristic symbol min typ max unit test condition collector - base breakdown voltage b v cbo - 100 - 120 c = - 100 a collector - emitter breakdown voltage b v cer - 100 - 120 c = - 1 a , rb ? ceo - 60 - 80 v i c = - 1 0 m a emitter - base breakdown voltage b v ebo - 7 - 8.1 v i e = - 1 0 0 a collector cut o ff current i cbo ? ? cb = - 8 0 v v cb = - 8 0 v, t a = +100 c collector cut o ff current i cer r 1k ? ? ? cb = - 80 v v cb = - 80 v, t a = +100 c emitter cut o ff current i ebo eb = - 6v collector - emitter saturation voltage (note 9 ) v ce(sat) ? c = - 0.1 a, i b = - 1 0 ma i c = - 1 a, i b = - 100 ma i c = - 2 a, i b = - 2 0 0 ma i c = - 5 a, i b = - 500 ma base - emitter saturation voltage (note 9 ) v be(sat) ? c = - 5 a, i b = - 50 0 ma base - emitt er turn - o n voltage (note 9 ) v be(on) ? c = - 5 a, v ce = - 1v dc current gain (note 9 ) h fe 1 00 1 00 45 1 0 250 200 9 0 25 300 c = - 1 0 ma , v ce = - 1 v i c = - 2 a , v ce = - 1 v i c = - 5 a, v ce = - 1 v i c = - 1 0 a , v ce = - 1 v transition frequency f t ce = - 10 v, i c = - 10 0 ma, f = 50 m hz output capacitance (note 9 ) c obo 48 cb = - 10v, f = 1mhz switching times t on 3 9 ns v cc = - 10 v, i c = - 1 a, i b1 = - i b2 = 100 ma t off 370 note: 9 . measured under pulsed conditions. pulse width 300s. duty cycle 2% .
zxtp2012g document number: ds33712 rev. 2 - 2 5 of 7 www.diodes.com decemb er 2015 ? diodes incorporated zxtp2012g typical electrical characteristics (@ t a = +25c, unless otherwise specified.) 1m 10m 100m 1 10 10m 100m 1 1m 10m 100m 1 10 0.0 0.1 0.2 0.3 0.4 0.5 1m 10m 100m 1 10 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1m 10m 100m 1 10 0.4 0.6 0.8 1.0 1.2 1.4 1m 10m 100m 1 10 0.4 0.6 0.8 1.0 1.2 1.4 0 50 100 150 200 250 300 v ce(sat) v i c tamb=25c i c /i b =50 i c /i b =20 i c /i b =10 - v ce(sat) (v) - i c collector current (a) v be(sat) v i c i c /i b =10 100c 25c -55c - v ce(sat) (v) - i c collector current (a) h fe v i c v ce =1v -55c 25c 100c normalised gain - i c collector current (a) 25c v ce(sat) v i c i c /i b =10 100c -55c - v be(sat) (v) - i c collector current (a) v be(on) v i c v ce =1v 100c 25c -55c - v be(on) (v) - i c collector current (a) typical gain (h fe )
zxtp2012g document number: ds33712 rev. 2 - 2 6 of 7 www.diodes.com decemb er 2015 ? diodes incorporated zxtp2012g package outline dimensions please see ap02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version. sot223 suggested pad layout please see ap02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version. sot223 sot223 dim min max typ a 1.55 1.65 1.60 a1 0.010 0.15 0.05 b 0.60 0.80 0.70 b1 2.90 3.10 3.00 c 0.20 0.30 0.25 d 6.45 6.55 6.50 e 3.45 3.55 3.50 e1 6.90 7.10 7.00 e - - 4.60 e1 - - 2.30 l 0.85 1.05 0.95 q 0.84 0.94 0.89 all dimensions in mm dimensions value (in mm) c 2.30 c1 6.40 x 1.20 x1 3.30 y 1.60 y1 1.60 c2 8.00 a1 a 7 7 d b e e1 b1 c e1 l 0-10 q e 0.25 seating plane gauge plane x1 y1 y x c c1 y2
zxtp2012g document number: ds33712 rev. 2 - 2 7 of 7 www.diodes.com decemb er 2015 ? diodes incorporated zxtp2012g important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). d iodes incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or o ther changes without further notice to this document and any product described herein. diodes incorporated does not assume any liab ility arising out of the application or use of this document or any product described herein; neither does diodes incorporated convey any license unde r its patent or trademark rights, nor the rights of others. any customer or user of this document or prod ucts described herein in such applications shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diod es incorporated website, harmless against all damages. diodes incorporat ed does not warrant or accept any liability whatsoever in respect of any products purchased through unauthorized sales channe l. should customers purchase or use diodes incorporated products for any unintended or unauthorized application, customers shall indemnify and hold diodes incorporated and its representatives harmless against all claims, damages, expenses, and attorney fees arising ou t of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized a pplication. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. t his document is written in english but may be translated into multiple languages for reference. only the english version of this document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are specifically not authorized for use as critical components in life support devices or systems without the express written approval of the chief executive officer of diodes incorporated. as used herein: a. life support devices or systems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided i n the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support device or system whose failure to perform can be reasonably expe cted to cause the failure of the life support device or to affect its safety or effectiven ess. customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support d evices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety - related re quirements concerning their products and any use of diodes incorporated products in such safety - critical, life support devices or systems, notwithstanding any devices - or systems - related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporated and its representatives against any damages arising out of the use of diodes incorporated products in such safety - critical, life support devices or systems. copyright ? 201 5 , diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of ZXTP2012G-16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X