Part Number Hot Search : 
BAS116 2SD2104 T7001335 ENA1028A AT28C256 KBU1010 FSA2621M DG441DJZ
Product Description
Full Text Search
 

To Download WB21-12500-U2-D-BAB1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  wb21 bab1 db-wb21-e-2013-11 1/21 ? asm gmbh www.asm-sensor.com specifcations outputs u2 u8 i1 voltage 0.5 ... 10 v voltage 0.5 ... 4.5 v current 4 ... 20 ma, 3 wire resolution <0,05 mm linearity 0.10 % f. s.; optional 0.05 % sensing device magnetic absolute encoder material aluminium, plastic and stainless steel; tape: stainless steel, 10 mm wide, 0.08 mm thick protection class ip67/ip69k (with mating connector) connection connector m12, 5 pin shock en 60068-2-27:2010, 100 g/11 ms, 100 shocks vibration en 60068-2-6:2008, 20 g 10 hz-2 khz, 10 cycles emc, temperature refer to output specifcation position sensorwithmeasuringtape ? measurementrangeupto20,000mm ? protectionclassip67/ip69k ? stainlesssteelmeasuringtape ? analog output orderexample:wb21-8000-i1- a -l10-m12r5-bab1 positape ? wb21 analogoutput ordercodewb21      modelname measurementrange(inmm) 8000 / 10000 / 12500 / 15000 / 17500 / 20000 output u2 = 0.5 ... 10 v signal conditioner u8 = 0.5 ... 4.5 v signal conditioner i1 = 4 ... 20 ma signal conditioner signalcharacteristics a = increasing (eg. 4 ... 20 ma) d = decreasing (eg. 20 ... 4 ma) linearity l10 = 0.10 % (standard) l05 = 0.05 % (optional) connection m12r5 = connector m12, 5 pin dustwiper bab1 ordercodeconnectorcableseepage17
wb21 bab1 db-wb21-e-2013-11 2/21 ? asm gmbh www.asm-sensor.com positape ? wb21 analogoutput,programmable specifcations output u2/pmu u8/pmu i1/pmu voltage 0.5 ... 10 v, programmable voltage 0.5 ... 4.5 v, programmable current 4 ... 20 ma, 3 wire, programmable resolution <0,05 mm linearity 0.10 % f. s.; optional 0.05 % sensing device magnetic absolute encoder material aluminium, plastic and stainless steel; tape: stainless steel, 10 mm wide, 0.08 mm thick protection class ip67/ip69k (with mating connector) connection connector m12, 5 pin shock en 60068-2-27:2010, 100 g/11 ms, 100 shocks vibration en 60068-2-6:2008, 20 g 10 hz-2 khz, 10 cycles emc, temperature refer to output specifcation position sensorwithmeasuringtape ? measurementrangeupto20,000mm ? protectionclassip67/ip69k ? stainlesssteelmeasuringtape ? analog output,programmable orderexample:wb21-8000-u2/pmu- a -l10-m12r5-bab1 ordercodeconnectorcableseepage18 ordercodewb21      modelname measurementrange(inmm) 8000 / 10000 / 12500 / 15000 / 17500 / 20000 output u2/pmu = 0.5 ... 10 v signal conditioner, programmable u8/pmu = 0.5 ... 4.5 v signal conditioner, programmable i1/pmu = 4 ... 20 ma signal conditioner, programmable signalcharacteristics a = increasing (eg. 4 ... 20 ma) d = decreasing (eg. 20 ... 4 ma) linearity l10 = 0.10 % (standard) l05 = 0.05 % (optional) connection m12r5 = connector m12, 5 pin dustwiper bab1
wb21 bab1 db-wb21-e-2013-11 3/21 ? asm gmbh www.asm-sensor.com positape ? wb21 analogoutput,redundant specifcations output u2r u8r i1r voltage 0.5 ... 10 v, redundant voltage 0.5 ... 4.5 v, redundant current 4 ... 20 ma, 3 wire, redundant resolution <0,05 mm linearity 0.10 % f. s.; optional 0.05 % sensing device magnetic absolute encoder material aluminium, plastic and stainless steel; tape: stainless steel, 10 mm wide, 0.08 mm thick protection class ip67/ip69k (with mating connector) connection connector m12, 8 pin shock en 60068-2-27:2010, 100 g/11 ms, 100 shocks vibration en 60068-2-6:2008, 20 g 10 hz-2 khz, 10 cycles emc, temperature refer to output specifcation position sensorwithmeasuringtape ? measurementrangeupto20,000mm ? protectionclassip67/ip69k ? stainlesssteelmeasuringtape ? analog output,redundant ordercodewb21      modelname measurementrange(inmm) 8000 / 10000 / 12500 / 15000 / 17500 / 20000 output u2r = 0.5 ... 10 v signal conditioner, redundant u8r = 0.5 ... 4.5 v signal conditioner, redundant i1r = 4 ... 20 ma signal conditioner, redundant signalcharacteristics a/a = output 1 increasing, output 2 increasing a/d = output 1 increasing, output 2 decreasing d/d = output 1 decreasing, output 2 decreasing linearity l10 = 0.10 % (standard) l05 = 0.05 % (optional) connection m12r8 = connector m12, 8 pin dustwiper bab1 orderexample:wb21-8000-i1r- a/d-l10-m12r8-bab1 ordercodeconnectorcableseepage19
wb21 bab1 db-wb21-e-2013-11 4/21 ? asm gmbh www.asm-sensor.com specifcations output synchronous serial interface (ssi) resolution 0.05 mm linearity 0.10 % f.s; optional 0.05 % sensing device magnetic absolute encoder material aluminium, plastic and stainless steel; tape: stainless steel, 10 mm wide, 0.08 mm thick protection class ip67/ip69k (with mating connector) connection connector m12, 8 pin shock en 60068-2-27:2010, 100 g/11 ms, 100 shocks vibration en 60068-2-6:2008, 20 g 10 hz-2 khz, 10 cycles emc, temperature refer to output specifcation positionsensorwithmeasuringtape ? measurementrangeupto20,000mm ? protectionclassip67/ip69k ? stainlesssteelmeasuringtape ? digital outputssi positape ? wb21 digitaloutputssi orderexample:wb21-8000-50-mssi-l10-m12r8-bab1 ordercodewb21      modelname measurementrange(inmm) 8000 / 10000 / 12500 / 15000 / 20000 resolution(inm) 50 (other resolutions on demand) output mssi = ssi s ynchronous serial interface linearity l10 = 0.10% (standard) l05 = 0.05% (optional) connection m12r8 = connector m12, 8 pin dustwiper bab1 ordercodeconnectorcableseepage19
wb21 bab1 db-wb21-e-2013-11 5/21 ? asm gmbh www.asm-sensor.com positape ? wb21 digitaloutputcan specifcations output canopen or can sae j1939 resolution setting via can bus linearity 0.10 % f.s.; optional 0.05 % sensing device magnetic absolute encoder material aluminium, plastic and stainless steel; tape: stainless steel, 10 mm wide, 0.08 mm thick protection class ip67/ip69k (with mating connector) connection connector m12, 5 pin shock en 60068-2-27:2010, 100 g/11 ms, 100 shocks vibration en 60068-2-6:2008, 20 g 10 hz-2 khz, 10 cycles emc, temperature refer to output specifcation position sensorwithmeasuringtape ? measurementrangeupto20,000mm ? protectionclassip67/ip69k ? stainlesssteelmeasuringtape ? digitaloutput canopenor cansaej1939 ? optionalredundantcanbus(ondemand) bestellcodewb21      modelname measurementrange(inmm) 8000 / 10000 / 12500 / 15000 / 20000 output mcanop = canopen mcanj1939 = can sae j1939 linearity l10 = 0.10% (standard) l05 = 0.05% (optional) connection m12/can = connector m12, 5 pin dustwiper bab1 orderexample:wb21-8000-mcanop -l10-m12/can-bab1 ordercodeconnectorcableseepage20
e ( 2 : 3 ) f ( 2 : 3 ) e f 9 4 , 2 [ 3 . 7 1 0 ] 1 0 9 [ 4 . 2 8 7 ] 119 [4.6 91] 8 , 9 [ . 3 5 0 ] 8 5 [ 3 . 3 4 6 ] 88 [3.45 3] 6 7 ? 1 2 . 6 3 0 ? . 0 3 9 [ ] 4 , 5 [ . 1 7 7 ] ? 5 [ . 1 9 7 ] 1 0 [.394] 2, 1 [ . 0 8 3] 1 2 , 5 [ . 4 9 2 ] 4 5 4 6 [1.811] 9 9 [ 3 . 8 9 8 ] 7 4 ? 1 2 . 9 2 5 ? . 0 3 9 [ ] 44, 2 [1.740] 5 7 [2.244] 114 [4.4 88] 1 0 0 [ 3 . 9 3 7 ] 2 2,6 [.89 0] 1 8 , 8 [ . 7 4 0 ] ? 5 , 5 [ . 2 1 7 ] 16 , 1 [.634 ] m 12 st ec ker / m 12 c o n necto r db-wb21-e-2013-11 6/21 asm gmbh www.asm-sensor.com positape analogordigitaloutput dimensions in mm [inch] dimensions informative only. for guaranteed dimensions consult factory. dimensionswb21-8000
e ( 2 : 3 ) f ( 2 : 3 ) e f 1 2 0 [ 4 . 7 3 4 ] 1 3 5 [ 5 . 3 1 1 ] 129 [ 5 .08 1] 8 , 9 [ . 3 5 0 ] 8 5 [ 3 . 3 4 6 ] 60 [2.362 ] 90 [3.547 ] 6 7 ? 1 2 . 6 3 0 ? . 0 3 9 [ ] 4 , 5 [ . 1 7 7 ] ? 5 [ . 1 9 7 ] 1 0 [.394] 2, 1 [ . 0 8 3] 1 2 , 5 [ . 4 9 2 ] 12 4 [4.882 ] 1 2 6 [ 4 . 9 6 1 ] 49 [1.929] 1 0 9 [ 4 . 2 9 1 ] 7 4 ? 1 2 . 9 2 5 ? . 0 3 9 [ ] 4 5,6 [1.795] 24,1 [.949] ? 5 , 5 [ . 2 1 7 ] 1 8 , 8 [ . 7 4 0 ] 4 5 db-wb21-e-2013-11 7/21 asm gmbh www.asm-sensor.com positape analogordigitaloutput dimensions in mm [inch] dimensions informative only. for guaranteed dimensions consult factory. dimensionswb21-10000
e ( 2 : 3 ) f ( 2 : 3 ) e f 1 4 4 [ 5 . 6 7 9 ] 1 5 9 [ 6 . 2 5 6 ] 150 [5.9 06] 155 [6.1 09] 8 , 9 [ . 3 5 0 ] 1 5 0 [ 5 . 9 0 6 ] 60 [2.36 2] 9 1 [3.5 87] 1 3 5 [ 5 . 3 1 5 ] 7 4 ? 1 2 . 9 2 5 ? . 0 3 9 [ ] 6 7 ? 1 2 . 6 3 0 ? . 0 3 9 [ ] 13 [.51 2 ] 1 0 [ . 3 94] 1 2 , 5 [ . 4 9 2 ] ? 5 , 5 [ . 2 1 7 ] 49 [1.9 29 ] 24,6 [.969] 47 ,1 [1.854] 17 [.669 ] ? 5 [ . 1 9 7 ] 4 , 5 [ . 1 7 7 ] 1 0 [.394] 2, 1 [ . 0 8 3] 1 8 , 8 [ . 7 4 0 ] m 1 2 s t eck e r / m 1 2 connec t o r 4 5 1 1 5 [ 4 . 5 2 8 ] db-wb21-e-2013-11 8/21 asm gmbh www.asm-sensor.com positape analogordigitaloutput dimensions in mm [inch] dimensions informative only. for guaranteed dimensions consult factory. dimensionswb21-12500
e ( 2 : 3 ) f ( 2 : 3 ) e f 1 7 4 [ 6 . 8 6 0 ] 1 8 9 [ 7 . 4 3 7 ] 1 80 [ 7 .08 7] 185 [7.278] 8 , 9 [ . 3 5 0 ] 1 8 0 [ 7 . 0 8 7 ] 9 4 [3.6 93] 6 7 ? 1 2 . 6 3 0 ? . 0 3 9 [ ] 4 , 5 [ . 1 7 7 ] ? 5 [ . 1 9 7 ] 1 0 [.394] 13 [.51 2 ] 2, 1 [ . 0 8 3] 1 0 [ . 3 94] 1 2 , 5 [ . 4 9 2 ] 70 [ 2 . 7 5 6 ] 55 [2.1 65] 7 9 ? 1 3 . 1 0 2 ? . 0 3 9 [ ] 1 5 6 [ 6 . 1 4 2 ] 27, 1 [ 1 . 067 ] 45,8 [1.8 03] 1 1 5 [ 4 . 5 2 8 ] 8 5 [ 3 . 3 4 6 ] 1 8 , 8 [ . 7 4 0 ] ? 6 , 6 [ . 2 6 0 ] 1 0, 7 [ . 4 21] m1 2 s t ecker / m1 2 c o nnector 45 db-wb21-e-2013-11 9/21 asm gmbh www.asm-sensor.com positape analogordigitaloutput dimensions in mm [inch] dimensions informative only. for guaranteed dimensions consult factory. dimensionswb21-15000
e ( 1 : 2 ) f ( 1 : 2 ) e f 228 [8.976] 2 2 0 [ 8 . 6 7 1 ] 2 3 5 [ 9 . 2 4 8 ] 2 2 8 [ 8 . 9 7 6 ] 1 1 5 [ 4 . 5 2 8 ] 8 5 [ 3 . 3 4 6 ] 6 , 9 [ . 2 7 2 ] 10 [.39 4] ? 5 [ . 1 9 7 ] 4 , 5 [ . 1 7 7 ] 2 , 1 [.083] 1 2 , 5 [ . 4 9 2 ] 96 [3 .780 ] 66 [2.598 ] 27 ,1 [1 .0 6 7 ] 7 4 ? 1 2 . 9 2 5 ? . 0 3 9 [ ] 6 7 ? 1 2 . 6 3 0 ? . 0 3 9 [ ] 2 1 3 [ 8 . 3 8 6 ] ? 5 , 5 [ . 2 1 7 ] 55 [2.165] 45 233 [9.180] 1 0 [.3 94] 48,1 [1.894] m1 2 stecker / m 1 2 conn ector 15,5 [.610] 1 8 , 8 [ . 7 4 0 ] db-wb21-e-2013-11 10/21 asm gmbh www.asm-sensor.com dimensions in mm [inch] dimensions informative only. for guaranteed dimensions consult factory. positape analogordigitaloutput dimensionswb21-17500,wb21-20000
u2 u8 i1 db-wb21-e-2013-11 11/21 ? asm gmbh www.asm-sensor.com positape ? u2,u8andi1 analogoutput u2 voltage output 0.5 ... 10 v excitation voltage 10 ... 36 v dc excitation current typ. 20 ma at 24 v dc typ. 20 ma at 24 v dc max. 60 ma output voltage 0,5 ... 10 v dc output current 2 ma max. measuring rate 1 khz standard stability (temperature) 50 x 10 -6 /c f.s. (typ.) protection reverse polarity, short circuit operating temperature -40 ... +85 c emc en 61326-1:2013 i1 current output 4 ... 20 ma, 3 wire excitation voltage 10 ... 36 v dc excitation current typ. 36 ma at 24 v dc typ. 70 ma at 12 v dc max. 100 ma load r l 500 ? max. output current 4 ... 20 ma measuring rate 1 khz standard stability (temperature) 50 x 10 -6 /c f.s. (typ.) protection reverse polarity, short circuit operating temperature -40 ... +85 c emc en 61326-1:2013 u8 voltage output 0.5 ... 4.5 v excitation voltage 10 ... 36 v dc excitation current typ. 17 ma at 24 v dc typ. 32ma at 12 v dc max. 60 ma output voltage 0,5 ... 4,5 v dc output current 2 ma max. measuring rate 1 khz standard stability (temperature) 50 x 10 -6 /c f.s. (typ.) protection reverse polarity, short circuit operating temperature -40 ... +85 c emc en 61326-1:2013 outputsignals excitation + gnd signal + signalwiring/ connection outputsignal connector pin cablewire color excitation + 1 brown signal 2 white gnd 3 blue do not connect! 4 black do not connect! 5 (grey) view to sensor connector
u2/pmu u8/pmu i1/pmu db-wb21-e-2013-11 12/21 ? asm gmbh www.asm-sensor.com i1/pmu current output 4 ... 20 ma, 3 wire excitation voltage 10 ... 36 v dc excitation current typ. 36 ma at 24 v dc, typ. 70 ma at 12 v dc max. 100 ma load r l 500 ? max. output current 4 ... 20 ma measuring rate 1 khz standard stability (temperature) 50 x 10 -6 /c f.s. (typ.) protection reverse polarity, short circuit operating temperature -40 ... +85 c emc en 61326-1:2013 u8/pmu voltage output 0.5 ... 4.5 v excitation voltage 10 ... 36 v dc excitation current typ. 17 ma at 24 v dc, typ. 32 ma at 12 v dc max. 60 ma output voltage 0,5 ... 4,5 v dc output current 2 ma max. measuring rate 1 khz standard stability (temperature) 50 x 10 -6 /c f.s. (typ.) protection reverse polarity, short circuit operating temperature -40 ... +85 c emc en 61326-1:2013 u2/pmu voltage output 0.5 ... 10 v excitation voltage 10 ... 36 v dc excitation current typ. 20 ma at 24 v dc, typ. 38 ma at 12 v dc max. 60 ma output voltage 0,5 ... 10 v dc output current 2 ma max. measuring rate 1 khz standard stability (temperature) 50 x 10 -6 /c f.s. (typ.) protection reverse polarity, short circuit operating temperature -40 ... +85 c emc en 61326-1:2013 positape ? u2/pmu,u8/pmuandi1/pmu analogoutput,programmable outputsignals ) signalwiring/ connection signal connector pin cablewire color excitation + 1 brown signal 2 white gnd 3 blue do not connect! 4 black span/zero 5 grey excitation + gnd signal + span/zero view to sensor connector option-pmu programmingofthestartandendvaluebythecustomer teach-in of start and end value for the options u2/pmu, i1/pmu, u8/pmu is provided by a binary signal span/zero. at the start position connect signal span/zero for a period of 2 3 seconds to gnd via push button. at the end position connect signal span/zero for a period of 5 6 seconds to gnd via a push button. the teached positions will be stored non-volatile. to reset the sensor to factory default signal zero/end must be connected to ground while powering up the sensor for 2 3 seconds.
u2r u8r i1r db-wb21-e-2013-11 13/21 ? asm gmbh www.asm-sensor.com i1r current output 4 ... 20 ma, 3 wire excitation voltage 10 ... 36 v dc excitation current typ. 39 ma at 24 v dc typ. 76 ma at 12 v dc max. 100 ma per channel load r l 500 ? max. output current 4 ... 20 ma measuring rate 1 khz standard stability (temperature) 50 x 10 -6 /c f.s. (typ.) protection reverse polarity, short circuit operating temperature -40 ... +85 c emc en 61326-1:2013 u8r voltage output 0.5 ... 4.5 v excitation voltage 10 ... 36 v dc excitation current typ. 20 ma at 24 v dc typ. 38 ma at 12 v dc max. 60 ma per channel output voltage 0.5 ... 4,5 v dc output current 2 ma max. measuring rate 1 khz standard stability (temperature) 50 x 10 -6 /c f.s. (typ.) protection reverse polarity, short circuit operating temperature -40 ... +85 c emc en 61326-1:2013 positape ? u2r,u8randi1r analogoutput,redundant excitation + gnd signal + (span/zero) signalwiring/ connection channel signal connector pin cablewire color 1 excitation + 1 white 1 signal 2 brown 1 gnd 3 green 1 do not connect! 4 yellow 2 excitation + 5 grey 2 signal 6 pink 2 gnd 7 blue 2 do not connect! 8 red excitation + gnd signal + (span/zero) u2r voltage output 0.5 ... 10 v excitation voltage 10 ... 36 v dc excitation current typ. 22 ma at 24 v dc typ. 43 ma at 12 v dc max. 60 ma per channel output voltage 0.5 ... 10 v dc output current 2 ma max. measuring rate 1 khz standard stability (temperature) 50 x 10 -6 /c f.s. (typ.) protection reverse polarity, short circuit operating temperature -40 ... +85 c emc en 61326-1:2013 outputsignals view to sensor connector
db-wb21-e-2013-11 14/21 ? asm gmbh www.asm-sensor.com mssi synchronous serial ssi interface eia rs-422 excitation voltage 8 ... 36 v dc excitation current typ. 19 ma at 24 v dc typ. 35 ma at 12 v dc max. 80 ma clock frequency 100 khz ... 500 khz code gray-code, continuous progression delay between pulse trains 20 s min. stability (temperature) 50 x 10 -6 / c f.s. (typ.) operating temperature -40 ... +85 c protection short circuit emc en 61326-1:2013 data data clock clock recommended processingcircuit note: extension of the cable length will reduce the maximum transmission rate. view to sensor connector transmission  rate cablelength baudrate 50 m 100-400 khz 100 m 100-300 khz dataformat (train of 26 pulses) signalwiring/ connection signal connector pin cablewire color excitation + 1 white excitation gnd 2 brown clock 3 green clock 4 yellow data 5 grey data 6 pink ? 7 blu ? 8 red positape ? mssi digitaloutputssi
db-wb21-e-2013-11 15/21 ? asm gmbh www.asm-sensor.com mcanop canopen communication profle canopen cia 301 v 4.02, slave encoder profle encoder cia 406 v 3.2 error control node guarding, heartbeat, emergency message node id adjustable via lss; default: 127 pdo 3 txpdo, 0 rxpdo, no linking, static mapping pdo modes event-/time triggered, remote-request, sync cyclic/acyclic sdo 1 server, 0 client cam 2 cams certifed yes transmission rates 50 kbit to 1 mbit, adjustable via lss; default: 125 kbit bus connection m12 connector, 5 pins integrated bus terminating resistor 120?, adjustable by the customer bus, galvanic isolated no specifcations excitation voltage 8 ... 36 v dc excitation current typ. 20 ma at 24 v dc typ. 40 ma at 12 v dc max. 80 ma measuring rate 1 khz (asynchronous) stability (temperature) 50 x 10 -6 / c f.s. repeatability 1 lsb operating temperature -40 ... +85 c protection reverse polarity, short circuit dielectric strength 1 kv (v ac, 50 hz, 1 min.) emc en 61326-1:2013 view to sensor connector signalwiring/ connection signal connectorpin shield 1 excitation + 2 gnd 3 can-h 4 can-l 5 positape ? mcanop digitaloutputcanopen
db-wb21-e-2013-11 16/21 ? asm gmbh www.asm-sensor.com positape ? mcanj1939 digitaloutputcansaej1939 mcanj1939 can sae j1939 can specifcation iso 11898, basic and full can 2.0 b transceiver 24v-compliant, not isolated communication profle sae j1939 baud rate 250 kbit/s internal temination resistor 120 ? adjustable by the customer address default 247d, confgurable specifcations excitation voltage 8 ... 36 v dc excitation current typ. 20/40 ma for 24/12 v, max. 80 ma measuring rate 1 khz (asynchronous) stability (temperature) 50 x 10 -6 / c f.s. repeatability 1 lsb operating temperature -40 ... +85 c protection reverse polarity, short circuit dielectric strength 1 kv (v ac, 50 hz, 1 min.) emc en 61326-1:2013 view to sensor connector signalwiring/ connection signalname connectorpinno. shield 1 excitation + 2 gnd 3 can-h 4 can-l 5 namefields arbitrary address capable 1 yes industry group 0 global vehicle system 7fh (127d) non specifc vehicle system instance 0 function ffh (255d) non specifc function instance 0 ecu instance 0 manufacturer 145h (325d) manufacturer id identity number 0nnn serial number 21 bit parametergroup numbers(pgn) confguration data pgn ef00h proprietary-a (pdu1 peer-to-peer) process data pgn ffnnh proprietary-b (pdu2 broadcast); nn group extension (ps) confgurable
kab-xm-m12/4f/w/69k-litze kab-xm-m12/4f/g/69k-litze kab-xm-m12/4f/w-litze ip69k: kab-xm-m12/4f/g-litze ip69k: db-wb21-e-2013-11 17/21 ? asm gmbh www.asm-sensor.com signalwiring m12,4pin connectorpin/cablecolor 1 2 3 4 brown white blue black connectorcable m12, 4 pin suitable for 5-pin sensor connectors the 4-lead shielded cable is supplied with a mating 4-pin 90 m12 connector at one end and 4 wires at the other end. available lengths are 2, 5 and 10 m. wire: cross sectional area 0.34 mm 2 . order code: length in m connectorcable m12, 4 pin suitable for 5-pin sensor connectors the 4-lead shielded cable is supplied with a mating 4-pin m12 connector at one end and 4 wires at the other end. available lengths are 2, 5 and 10 m. wire: cross sectional area 0.34 mm 2 . order code: length in m positape ? accessories connectors
kab-xm-m12/5f/w/69k-litze kab-xm-m12/5f/g/69k-litze kab-xm-m12/5f/w-litze ip69k: kab-xm-m12/5f/g-litze ip69k: db-wb21-e-2013-11 18/21 ? asm gmbh www.asm-sensor.com positape ? accessories connectors connectorcable m12, 5 pin the 5-lead shielded cable is supplied with a mating 5-pin 90 m12 connector at one end and 5 wires at the other end. available lengths are 2, 5 and 10 m. wire: cross sectional area 0.34 mm 2 . order code: length in m connectorcable m12, 5 pin the 5-lead shielded cable is supplied with a mating 5-pin m12 connector at one end and 5 wires at the other end. available lengths are 2, 5 and 10 m. wire: cross sectional area 0.34 mm 2 . order code: length in m signalwiring m12,5pin connectorpin/cablecolor 1 2 3 4 5 brown white blue black grey
kab-xm-m12/8f/w-litze kab-xm-m12/8f/g-litze kab-xm-m12/8f/w/69k-litze kab-xm-m12/8f/g/69k-litze ip69k: ip69k: db-wb21-e-2013-11 19/21 ? asm gmbh www.asm-sensor.com positape ? accessories connectors connectorcable m12, 8 pin the 8-lead shielded cable is supplied with a mating 8-pin 90 m12 connector at one end and 8 wires at the other end. available lengths are 2, 5 and 10 m. wire: cross sectional area 0.25 mm2. order code: length in m signalwiring m12,8pin connectorpin/cablecolor 1 2 3 4 5 6 7 8 white brown green yellow grey pink blue red connectorcable m12, 8 pin the 8-lead shielded cable is supplied with a mating 8-pin m12 connector at one end and 8 wires at the other end. available lengths are 2, 5 and 10 m. wire: cross sectional area 0.25 mm2. order code: length in m
kab-xm-m12/5f/g-m12/5m/g-can kab-xm-m12/5f/g/69k-m12/5m/g/69k-can kab-tconn-m12/5m-2m12/5f-can kab-rterm-m12/5m/g-can ip69k: db-wb21-e-2013-11 20/21 ? asm gmbh www.asm-sensor.com connector/buscable m12, 5 pin can bus the 5-lead shielded cable is supplied with a female 5-pin m12 connector at one end and a male 5-pin m12 connector at the other end. available lengths are 0.3, 2, 5 and 10 m. order code: length in m terminating  resistance 5 pin m12 can bus t-piece forbuscable m12, 5 pin can bus order code: order code: positape ? accessories connectors
3 5 [ 1 . 3 7 8 ] 2 0 [ 0 . 7 9 5 ] 45 [1.772] 7 , 5 [ 0. 2 9 5] 7, 5 [0.295] 2 8 [1.102] 2x ? 5,5 5 [ 0 . 1 9 7 ] 40,4 [1 .591] 5 5 [ 2 . 1 6 5 ] 60 [2.362] 40 [1.575 ] wbr1 db-wb21-e-2013-11 21/21 asm gmbh www.asm-sensor.com dimensions in mm [inch] dimensions informative only. for guaranteed dimensions consult factory. tape pulleywbr1 order code: positape accessories tape pulley


▲Up To Search▲   

 
Price & Availability of WB21-12500-U2-D-BAB1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X