Part Number Hot Search : 
SMI306 ADM1485 T1100 1N4976A ICS87 GRM188R7 400BB45M 1N5465C
Product Description
Full Text Search
 

To Download STTH1002CGY-TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  november 2011 doc id 17536 rev 2 1/9 9 stth1002c-y automotive high efficiency ultrafast diode features suited for smps low losses low forward and reverse recovery times high junction temperature low leakage current aec-q101 qualified description dual center tap rectifie r suited for switch mode power supplies and high frequency dc to dc converters. packaged in dpak and d 2 pak, this device is intended for use in low voltage, high frequency inverters, free wheeling and polarity protection for automotive applications. table 1. device summary symbol value i f(av) up to 2 x 8 a v rrm 200 v t j (max) 175 c v f (typ) 0.78 v t rr (typ) 20 ns d 2 pak stth1002cgy a1 a2 k a1 a2 k k dpak stth1002cby k k a1 a2 www.st.com
characteristics stth1002c-y 2/9 doc id 17536 rev 2 1 characteristics when the diodes 1 and 2 are used simultaneously: t j (diode1) = p(diode1) x r th(j-c) (per diode) + p(diode2) x r th(c) to evaluate the conduction losses use the following equation: p = 0.73 x i f(av) + 0.032 i f 2 (rms) table 2. absolute ratings (limiting values, per diode) symbol parameter value unit v rrm repetitive peak reverse voltage 200 v i f(rms) forward rms current d 2 pa k 20 a dpak 10 i f(av) avarage forward current = 0.5 t c = 155 c per diode 5 a t c = 150 c per device 10 t c = 135 c per diode 8 t c = 125 c per device 16 i fsm surge non repetitive forward current t p = 10 ms sinusoidal 50 a t stg storage temperature range -65 to + 175 c t j operating junction temperature range -40 to + 175 c table 3. thermal parameters symbol parameter value (max) unit r th(j-c) junction to case per diode 4.0 c/w per device 2.5 r th(j-c) coupling 1.0 table 4. static electrical characteristics (per diode) symbol parameter test conditions min. typ. max. unit i r (1) 1. pulse test: t p = 5 ms, < 2 % reverse leakage current t j = 25 c v r = v rrm 5 a t j = 125 c 3 40 v f (2) 2. pulse test: t p = 380 s, < 2 % forward voltage drop t j = 25 c i f = 5 a 1.1 v t j = 25 c i f = 10 a 1.25 t j = 150 c i f = 5 a 0.78 0.89 t j = 150 c i f = 10 a 1.05
stth1002c-y characteristics doc id 17536 rev 2 3/9 table 5. dynamic electrical characteristics symbol parameter test cond itions min. typ. max. unit t rr reverse recovery time t j = 25 c i f = 1 a v r = 30 v di f /dt = 100 a/s 20 25 ns i rm reverse recovery current t j = 125 c i f = 5 a v r = 160 v di f /dt = 200 a/s 5.9 7.6 a t fr forward recovery time t j = 25 c i f = 5 a di f /dt = 100 a/s v fr = 1.1 x v fmax 110 ns v fp forward recovery voltage t j = 25 c i f = 5 a di f /dt = 100 a/s 2.4 v
characteristics stth1002c-y 4/9 doc id 17536 rev 2 figure 1. peak current versus duty cycle (per diode) figure 2. forward voltage drop versus forward current (typical values, per diode) i (a) m 0 10 20 30 40 50 60 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 t =tp/t tp i m p = 10w p = 5w p = 2w 0 10 20 30 40 50 60 70 80 90 100 0.00 0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00 2.25 2.50 2.75 3.00 v (v) fm i (a) fm t =25c j t =150c j figure 3. forward voltage drop versus forward current (maximum values, per diode) figure 4. relative variation of thermal impedance junction to case versus pulse duration i (a) fm 0 10 20 30 40 50 60 70 80 90 100 0.00 0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00 2.25 2.50 2.75 3.00 t =150c j t =25c j v (v) fm z/r th(j-c) th(j-c) 0.1 1.0 1.e-03 1.e-02 1.e-01 1.e+00 single pulse t (s) p figure 5. junction capacitance versus reverse voltage applied (typical values, per diode) figure 6. reverse recovery charges versus di f /dt (typical values, per diode) 10 100 0 50 100 150 200 c(pf) v (v) r f=1mhz v =30mv t =25c osc rms j q (nc) rr 0 20 40 60 80 100 120 140 160 180 200 220 240 10 100 1000 di /dt(a/s) f i =5a f v =160v r t =25c j t =125c j
stth1002c-y characteristics doc id 17536 rev 2 5/9 figure 11. thermal resistance junction to ambient versus copper surface under tab (epoxy printed circuit board fr4, copper thickness = 35 m) for dpak figure 7. reverse recovery time versus di f /dt (typical values, per diode) figure 8. peak reverse recovery current versus di f /dt (typical values, per diode) t (ns) rr 0 10 20 30 40 50 60 70 80 10 100 1000 di /dt(a/s) f i =5a f v =160v r t =25c j t =125c j i (a) rm 0 1 2 3 4 5 6 7 8 9 10 11 12 13 10 100 1000 di /dt(a/s) f i =5a f v =160v r t =25c j t =125c j figure 9. dynamic parameters versus junction temperature figure 10. thermal resistance junction to ambient versus copper surface under tab for d 2 pak i rm q rr 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 25 50 75 100 125 150 t (c) j q; rr i [t ]/q ;i [t =125c] rm j rr rm j i =5a f v =160v r 0 10 20 30 40 50 60 70 80 02468101214161820 s(cu)(cm2) r (c/w) th(j-a) epoxy printed circuit board fr4, copper thickness = 35 m 0 10 20 30 40 50 60 70 80 90 100 0 2 4 6 8 10 12 14 16 18 20 r (c/w) th(j-a) s(cu)(cm2)
package mechanical data stth1002c-y 6/9 doc id 17536 rev 2 2 package mechanical data epoxy meets ul94, v0 cooling method: by conduction (method c) in order to meet environmental requirements, st offers these devices in different grades of ecopack ? packages, depending on their level of environmental compliance. ecopack ? specifications, grade definitions and product status are available at: www.st.com . ecopack ? is an st trademark. figure 12. footprint (dimensions in mm) table 6. dpak dimensions ref. dimensions millimeters inches min. max. min. max. a 2.20 2.40 0.086 0.094 a1 0.90 1.10 0.035 0.043 a2 0.03 0.23 0.001 0.009 b 0.64 0.90 0.025 0.035 b2 5.20 5.40 0.204 0.212 c 0.45 0.60 0.017 0.023 c2 0.48 0.60 0.018 0.023 d 6.00 6.20 0.236 0.244 e 6.40 6.60 0.251 0.259 g 4.40 4.60 0.173 0.181 h 9.35 10.10 0.368 0.397 l2 0.80 typ. 0.031 typ. l4 0.60 1.00 0.023 0.039 v2 0 8 0 8 h l4 g b l2 e b2 d a1 r r c a c2 0.60 min. v2 a2 6.7 6.7 3 3 1.6 1.6 2.3 2.3
stth1002c-y package mechanical data doc id 17536 rev 2 7/9 figure 13. footprint (dimensions in mm) table 7. d 2 pak dimensions ref. dimensions millimeters inches min. max. min. max. a 4.40 4.60 0.173 0.181 a1 2.49 2.69 0.098 0.106 a2 0.03 0.23 0.001 0.009 b 0.70 0.93 0.027 0.037 b2 1.14 1.70 0.045 0.067 c 0.45 0.60 0.017 0.024 c2 1.23 1.36 0.048 0.054 d 8.95 9.35 0.352 0.368 e 10.00 10.40 0.393 0.409 g 4.88 5.28 0.192 0.208 l 15.00 15.85 0.590 0.624 l2 1.27 1.40 0.050 0.055 l3 1.40 1.75 0.055 0.069 m 2.40 3.20 0.094 0.126 r 0.40 typ. 0.016 typ. v2 0 8 0 8 g l l3 l2 b b2 e * flat zone no less than 2m m a c2 d r a2 m v2 c a1 * 16.90 10.30 8.90 3.70 5.08 1.30
ordering information stth1002c-y 8/9 doc id 17536 rev 2 3 ordering information 4 revision history table 8. ordering information order code marking package weight base qty delivery mode stth1002cby-tr stth1002cy dpak 0.3 g 2500 tape and reel STTH1002CGY-TR stth1002cgy d 2 pak 1.48 g 1000 table 9. document revision history date revision changes 21-oct-2010 1 first issue. 03-nov-2011 2 updated ta b l e 7 and table 8.
stth1002c-y doc id 17536 rev 2 9/9 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a parti cular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by two authorized st representatives, st products are not recommended, authorized or warranted for use in milita ry, air craft, space, life saving, or life sustaining applications, nor in products or systems where failure or malfunction may result in personal injury, death, or severe property or environmental damage. st products which are not specified as "automotive grade" may only be used in automotive applications at user?s own risk. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2011 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - philippines - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of STTH1002CGY-TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X