Part Number Hot Search : 
180N0 180N0 22MUD FLLD258 RKP200KP 20100C SAA7327 TSM1013
Product Description
Full Text Search
 

To Download SBR12100-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features * plastic package has underwriters laboratory flammability classification 94v-0 * low power loss,high efficiency * for use in low voltage high frequency inverters, free wheeling,and polarity protection applications * guardring for over voltage protection * high temperature soldering guaranteed: 260c/10 seconds at terminals mechanical data case: jedec to-277a, molded plastic over sky body terminals: plated leads, solderable per mil-std-750, method 2026 mounting position: any weight: 0.108 g handling precautin:none we declare that the material of product is 1.electrical characteristic haloggen free (green epoxy compound) maximum & thermal characteristics ratings at 25c ambient temperature unless otherwise specified. parameter symbol symbol unit device marking code maximum repetitive peak reverse voltage v rrm v maximum rms voltage v rms v maximum dc blocking voltage v dc v maximum average forward rectified current at tc = 75c if(av) a peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm a typical thermal resistance (note 1) rjc rjl rja c/w typical thermal resistance (note 3) r ja c/w operating junction temperature range tj c storage temperature range t stg c electrical characteristics ratings at 25c ambient temperature unless otherwise specified. parameter symbol symbol unit maximum instantaneous forward voltage at 12a at 25 v f v maximum dc reverse current tj = 25c at rated dc blocking voltage tj = 125c(note2) ir ma typical junction capacitance at 4.0v, 1mhz cj pf notes: 1. polymide pcb, 2oz. copper. cathode pad dimensions 18.8mm x 14.4mm. anode pad dimensions 5.6mm x 14.4mm. 2.short duration pulse test used to minimize self-heating sffect . 3.fr-4 pcb, 2oz.copper. 135 500 ?55 to +150 sbr12100l 0.70 0.2 20 sbr12100 schottky barrier rectifiers reverse voltage 100v forward current12a sbr12100l sbr12100l 100 70 100 12.0 200 8 15 80 ?55 to +175
2.ratings and characteristic curves ( ta = 25c unless otherwise noted ) sbr12100 fig. 1 C forward current derating fig. 2 C maximum non-repetitive peak forward surge current fig 4. C typical reverse characteristics fig 3. C typical instantaneous forward characteristics fig 6. C typical junction capacitance average forward rectified current (a) peak forward surge current (a) instantaneous forward current (a) instantaneous reverse current (ma) junction capacitance (pf) 0 25 50 75 100 125 150 175 1 10 100 0.2 0.4 0.6 0.8 1.0 1.2 0 20 40 60 80 100 0.1 1 10 100 1000 100 10 100 10 1 0.1 0.01 10 1.0 0.1 0.01 100 10 5.0 0 200 0 60 hz resistive or inductive load tj = tj max 8.3ms single half sine-wave (jedec method) tj = 25 c pulse width = 300s 1% duty cycle tj = 25 c f = 1.0 mhz vsig = 50mvp-p case temperature, c number of cycles at 60hz instantaneous forward voltage (v) percent of rated peak reverse voltage (%) reverse voltage (v) tj=125 tj=25 fig 5. Ctypical transient thermal impedance (note 3) transient thermal impedance( c/w) 100 10 1 1000 0.01 0.1 1.0 10 100 t,pulse duration,sec
3. dimension: sbr12100 mounting ?pad?layout to\277a min max min max a 6.3 6.7 0.248 0.264 b 4.1 4.5 0.161 0.177 c 5.1 5.5 0.201 0.217 e 0.9 1.1 0.035 0.043 f 1.9 2.1 0.075 0.083 g 1.9 2.1 0.075 0.083 h 0.50 0.70 0.020 0.028 i 1.00 1.20 0.039 0.047 j 0.15 0.35 0.006 0.014 l 4.35 4.75 0.171 0.187 m 3.20 3.60 0.126 0.142 n 0.85 1.10 0.033 0.043 dim millimeters inches
title : 5.1.1 reel packing a. reel spec unit mm abcw 177.02.0 54.00.5 13.00.5 13.20.2 330.02.0 75.00.5 13.00.5 13.20.2 177.02.0 50.00.5 13.00.5 9.41.5 177.02.0 50.00.5 13.00.5 9.41.5 330.02.0 75.00.5 13.00.5 13.20.2 b. 13" reel packing box unit mm abc size 3355.0 3352.0 401.0 as per above packing q'ty/box 10k 10k 3k smb-fl 13" reel 5k smb-fl 13" reel spec doc no. wi-258 power diode smd package pa cking spec version: 5 modification: 0 page: 2 5.1 smd packing reel spec & packing quantity sod323he 7" reel spec quantity/reel sma-fl 7" reel 3k to277 13" reel 5k sod123fl 7" reel 3k to277 13" reel
title : c. 7" reel packing box unit mm abc sma-fl sod123fl sod323he 1862.0 1392.0 1852.0 as per above packing sma-fl sod123fl sod323he d. reel packing carton unit mm abc size 3502.0 3402.0 3502.0 as per above packing q'ty/carton 80k 80k unit mm abc sma-fl sod123fl sod323he 4552.0 4002.0 4102.0 as per above packing q'ty/carton 360k 360k 360k 5.1.2 tape spec a. cover tape unit mm a sma-fl smb-fl to277 9.50.10 sod123fl sod323he 5.40.10 30k smb-fl 13" reel 30k 0.0620.007 30k spec doc no. wi-258 power diode smd package packing spec doc no. wi-258 page: 3 q'ty/box to277 13" reel spec sod123-fl 7" reel sod323he 7" reel sma-fl 7" reel b
title : b. carrier tape item sod323he sod123fl sma-fl smb-fl to277 w 80.3 80.3 120.3 120.3 120.3 p1 40.1 40.1 40.1 80.1 80.1 e 1.750.1 1.750.1 1.750.1 1.750.1 1.750.1 f 3.5.05 3.5.05 5.5.05 5.50.05 5.5.05 d0 1.550.05 1.550.05 1.550.05 1.550.05 1.550.05 d1 1.10.1 1.10.1 1.50.1 1.550.05 1.50.1 p0 40.1 40.1 40.1 40.1 40.1 p2 20.05 20.05 20.05 20.05 20.05 10p0 400.2 400.2 400.2 400.2 400.2 a0 1.450.1 1.950.1 2.830.1 3.80.1 4.30.1 b0 2.750.1 3.950.1 4.750.1 5.750.1 6.80.1 k0 0.800.1 1.300.1 1.420.1 1.40.1 1.350.1 t 0.250.05 0.250.05 0.250.05 0.250.05 0.250.05 doc no. wi-258 power diode smd package packing spec version: 5 modification: 0 page: 4 k o sec.:a-a' ao p2 p1 a do w e f a' b po b' b o sec.:b-b' t d1 cathode(tape hole side
title : 5.2 smd power diode general packin g spec a. 7" reel all labels will be at cathode side of reel a:lrc label; b:environment label c:halide free label b. 13" reel a:lrc label; b:environment lab e c:halide free label c.tape lead: face anode side of the reel,upper side is the tape lead position. all labels are at cathode side of the reel. doc no. wi-258 power diode smd package packing spec version: 5 modification: 0 page: 5 a a a c c c c front side
: c. label content lrc label ` lot: 140106049x: 140106---2014/1/6 049----lot number:49 x product code environment label halide-free label page: 6 doc no. wi-258 power diode smd package packing spec version: 5 modification: 0 green p/n lot no. date code quantity manufacturing it maker two-dimension code
4. update record 1 ? 2 ? ??M 2014-6-9 ? 2014-3-18 sbr12100 ??


▲Up To Search▲   

 
Price & Availability of SBR12100-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X