Part Number Hot Search : 
P16NB2 DSPIC33 54ACS DSPIC33 DSPIC33 24004 IS440F C35005
Product Description
Full Text Search
 

To Download MMBT8050 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MMBT8050 npn silicon epitaxial planar transistor for switching and amplifier applications. as complementary type the pnp transistor mmbt8550 is recommended. absolute maximum ratings (t a = 25 o c) parameter symbol value unit collector base voltage v cbo 40 v collector emitter voltage v ceo 25 v emitter base voltage v ebo 6 v collector current i c 600 ma power dissipation p tot 350 mw junction temperature t j 150 o c storage temperature range t s - 55 to + 150 o c characteristics at t a = 25 o c parameter symbol min. typ. max. unit dc current gain at v ce = 1 v, i c = 100 ma at v ce = 1 v, i c = 500 m a MMBT8050c MMBT8050d h fe h fe h fe 100 160 40 - - - 250 400 - - - - collector base cutoff current at v cb = 35 v i cbo - - 100 na collector base breakdown voltage at i c = 10 a v (br)cbo 40 - - v collector emitter breakdown voltage at i c = 2 ma v (br)ceo 25 - - v emitter base breakdown voltage at i e = 100 a v (br)ebo 6 - - v collector emitter saturation voltage at i c = 500 ma, i b = 50 ma v ce(sat) - - 0.5 v base emitter saturation voltage at i c = 500 ma, i b = 50 ma v be(sat) - - 1.2 v gain bandwidth product at v ce = 5 v, i c = 10 ma f t - 100 - mhz sot-23 plastic package
MMBT8050


▲Up To Search▲   

 
Price & Availability of MMBT8050

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X