Part Number Hot Search : 
13003 FN4A3Q SIC403 90020 D201ED 4232AUA GDM1604 LS3958
Product Description
Full Text Search
 

To Download MGBR10U100CG-TA3-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd mgbr10u100c preliminary diode www.unisonic.com.tw 1 of 3 copyright ? 2013 unisonic technologies co., ltd qw-r601-152.a dual mos gated barrier rectifier ? description the utc mgbr10u100c is a dual mos gated barrier rectifiers, it uses utc?s advanced technology to provide customers with low forward voltage drop and high switching speed, etc. ? features * ultra low forward voltage drop * high switching speed ? symbol ? ordering information ordering number package pin assignment packing lead free halogen free 1 2 3 mgbr10u100cl-ta3-t MGBR10U100CG-TA3-T to-220 a k a tube note: pin assignment: a: anode, k: cathode
mgbr10u100c preliminary diode unisonic technologies co., ltd 2 of 3 www.unisonic.com.tw qw-r601-152.a ? absolute maximum ratings (per leg) (t a =25c unless otherwise specified) single phase, half wave, 60hz, resistive or inductive load. for capacitance load, derate current by 20%. parameter symbol ratings unit dc blocking voltage v rm 100 v working peak reverse voltage v rwm 100 v peak repetitive reverse voltage v rrm 100 v average rectified output current per device per leg i o 5 a total 10 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load i fsm 200 a operating junction temperature t j -65~+150 c storage temperature t stg -65~+150 c note: absolute maximum ratings are those values beyond which the device coul d be permanently damaged. absolute maximum ratings are stress ratings only and functional device oper ation is not implied. ? thermal characteristics (per leg) parameter symbol ratings unit junction to ambient ja 62.5 c/w junction to case jc 2 c/w ? electrical characteristics (per leg) (t a =25 c unless otherwise specified.) parameter symbol test conditions min typ max unit reverse breakdown voltage (note 1) v ( br ) r i r =0.50ma 100 v forward voltage drop v fm i f =5a, t j =25c 0.62 v i f =5a, t j =125c 0.57 v leakage current (note 1) i rm v r =100v, t j =25c 200 a v r =100v, t j =125c 100 ma notes: 1. short duration pulse test used to minimize self-heating effect. 2. thermal resistance junction to case mounted on heatsink.
mgbr10u100c preliminary diode unisonic technologies co., ltd 3 of 3 www.unisonic.com.tw qw-r601-152.a utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of MGBR10U100CG-TA3-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X