Part Number Hot Search : 
ISD2575P D30N03 MAX7221 DB153S 2SK1088 TA8029 MMSZ5 48S05
Product Description
Full Text Search
 

To Download MBRF30100CT-Y Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art - low power loss, high efficiency - guardring for overvoltage protection - high surge current capability - halogen-free according to iec 61249-2-21 definition molding compound, ul flammability classification rating 94v-0 packing code with suffix "g" means green compound (halogen-free) terminal: matte tin plated leads, solderable per jesd22-b102 meet jesd 201 class 1a whisker test v rrm 45 60 80 100 150 200 v v rms 31 42 56 70 105 140 v v dc 45 60 80 100 150 200 v i f(av) a i rrm a 0.70 0.78 0.60 0.68 0.82 0.90 0.73 0.78 40 15 dv/dt v/ s r jc c/w t j c t stg c document number: ds_d1411035 version: d14 0.94 0.82 10 mbrf 3080ct 0.5 mbrf 30150ct 0.95 ito-220ab mbrf3045ct-y thru mbrf30200ct-y taiwan semiconductor dual common cathode schottk y rectifier features - compliant to rohs directive 2011/65/eu and in accordance to weee 2002/96/ec mbrf 30100 ct-y mbrf 30200 ct-y unit mbrf 3080 ct-y mbrf 30150 ct-y mechanical data case: ito-220ab polarity: as marked mounting torque: 0.56 nm max. weight: 1.7 g (approximately) 30 peak repetitive forward current (rated vr, square wave, 20khz) peak repetitive reverse surge current (note 1) i fsm 200 maximum ratings and electrical characteristics (t a =25c unless otherwise noted) parameter symbol mbrf 3045 ct-y mbrf 3060 ct-y a i frm 30 maximum repetitive peak reverse voltage maximum rms voltage v 1.05 0.92 maximum instantaneous forward voltage (note 2) i f =15a, t j =25c i f =15a, t j =125c i f =30a, t j =25c i f =30a, t j =125c 0.80 marking code mbrf 3045ct mbrf 3060ct mbrf 30100ct mbrf 30200ct 1 maximum dc blocking voltage maximum average forward rectified current note 2: pulse test with pw=300 s, 1% duty cycle typical thermal resistance 4 operating junction temperature range - 55 to +150 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load ma voltage rate of change (rated v r ) v f 0.85 0.72 storage temperature range - 55 to +150 note 1: tp = 2.0 s, 1.0khz 10000 maximum reverse current @ rated vr t j =25 c t j =125 c i r 0.2
part no. part no. mbrf3060ct-y mbrf3060ct-y (t a =25c unless otherwise noted) document number: ds_d1411035 version: d14 mbrf3045ct-y thru mbrf30200ct-y taiwan semiconductor ordering information packing code packing code suffix package mbrf30xxct-y (note 1) g example preferred p/n packing code packing code suffix c0 g ito-220ab note 1: "xx" defines voltage from 45v (mbrf3045ct-y) to 200v (mbrf30200ct-y) 50 / tube packing green compound description ratings and characteristics curves mbrf3060ct-y c0 c0 mbrf3060ct-y c0g c0 0 5 10 15 20 25 30 35 50 60 70 80 90 100 110 120 130 140 150 average forward a current (a) case temperature ( o c) fig.1 forward current derating curve resistive or inductiveload with heatsink 50 75 100 125 150 175 200 225 1 10 100 peak forward surge current (a) number of cycles at 60 hz fig. 2 maximum non-repetitive forward surge current per leg 8.3ms single half sine wave 0.001 0.01 0.1 1 10 100 0 20406080100 instantaneous reverse c urrent (ma) percent of rated peak reverse voltage (%) fig. 4 typical reverse characteristics per leg t j =75 c t j =125 c 45ct-y 60ct-y - 200ct-y t j =25 c 0.01 0.1 1 10 100 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 instantaneous forward current (a) forward voltage (v) fig. 3 typical forward characteristics per leg pulse width=300 s 1% duty cycle mbrf3045ct-y mbrf3060ct-y mbrf3080ct-y -100ct-y mbrf30150ct-y-200ct-y
min max min max a 4.30 4.70 0.169 0.185 b 2.50 3.16 0.098 0.124 c 2.30 2.96 0.091 0.117 d 0.46 0.76 0.018 0.030 e 6.30 6.90 0.248 0.272 f 9.60 10.30 0.378 0.406 g 3.00 3.40 0.118 0.134 h 0.95 1.45 0.037 0.057 i 0.50 0.90 0.020 0.035 j 2.40 3.20 0.094 0.126 k 14.80 15.50 0.583 0.610 l - 4.10 - 0.161 m 12.60 13.80 0.496 0.543 n - 1.80 - 0.071 o 2.41 2.67 0.095 0.105 p/n = marking code g = green compound yww = date code f = factory code document number: ds_d1411035 version: d14 marking diagram mbrf3045ct-y thru mbrf30200ct-y taiwan semiconductor package outline dimensions dim. unit (mm) unit (inch) ito-220ab 100 1000 10000 0.1 1 10 100 junction capacitance (pf) a reverse voltage (v) fig. 5 typical junction capacitance per leg f=1.0mhz vsig=50mvp-p 45ct-y 60ct-y 80ct-y - 200ct-y 0.1 1 10 100 0.01 0.1 1 10 100 transient thermal impedance ( /w) t-pulse duration(s) fig. 6 typical transient thermal impedance per leg
creat by art assumes no responsibility or liability for any errors or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied,to any intellectual property rights is granted by this document. except as provided in tsc's terms and conditions of sale for such products, tsc assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of tsc products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or seling these products for use in such applications do so at their own risk and agree to fully indemnify tsc for any damages resulting from such improper use or sale. document number: ds_d1411035 version: d14 mbrf3045ct-y thru mbrf30200ct-y taiwan semiconductor notice specifications of the products displayed herein are subject to change without notice. tsc or anyone on its behalf,


▲Up To Search▲   

 
Price & Availability of MBRF30100CT-Y

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X