Part Number Hot Search : 
M4002 GC89F 1N940B B3100 KBPC1506 AN1489 NTE2128 STRPB
Product Description
Full Text Search
 

To Download MAAM-007807-000SMB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  broadband catv amplifier 50 - 1000 mhz rev. v2 maam - 007807 1 1 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support 1 functional schematic features ? 75 ? input / output match ? 3.8 db noise figure ? 9 db gain ? lead - free sot - 89 package ? halogen - free green mold compound ? rohs* compliant and 260c reflow compatible description m/a - coms maam - 007807 catv amplifier is a gaas mmic which exhibits low distortion in a miniature lead - free surface mount package. the maam - 007807 employs a monolithic single stage design featuring a convenient 75 ? input/output impedance that minimizes the number of external components required. the maam - 007807 provides low noise and high linearity. it is ideally suited for set top boxes, home gateways and other broadband internet based appliances. the maam - 007807 is fabricated using m/a - coms phemt process to realize low noise and low distortion. the process features full passivation for robust performance and reliability. pin configuration pin no. pin name description 1 rf in rf input 2 gnd ground 3 rf out rf output / drain supply ordering information 1,2 part number package maam - 007807 - tr1000 1000 piece reel maam - 007807 - tr3000 3000 piece reel maam - 007807 - 000smb sample test board * restrictions on hazardous substances, european union directive 2002/95/ec. absolute maximum ratings 3,4,5 parameter absolute maximum rf input power 8 dbm voltage 8.0 volts operating temperature - 40 c to +85 c junction temperature 6 + 150 c storage temperature - 65 c to +150c 1. reference application note m513 for reel size information. 2. all sample boards include 5 loose parts. 3. exceeding any one or combination of these limits may cause permanent damage to this device. 4. m/a - com does not recommend sustained operation near these survivability limits. 5. these operating conditions will ensure mttf > 1 x 10 6 hours. 6. junction temperature (t j ) = t c + ? jc * (v * i) typical thermal resistance ( ? jc) = 86 c/w. a) for t c = 25c, t j = 51c @ 5 v, 60 ma b) for t c = 85c, t j = 109c @ 5 v, 55 ma p i n 1 g n d g n d r f i n r f o u t
broadband catv amplifier 50 - 1000 mhz rev. v2 maam - 007807 2 2 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support 2 parameter test conditions units min. typ. max. gain db 8 9 10 gain flatness db 0.4 0.8 noise figure db 3.8 4.8 input return loss db 18 output return loss db 18 output ip3 6 mhz spacing, +4 dbm output per tone dbm 35 composite triple beat, ctb 132 channels, +15 dbmv / channel at the input. dbc - 75 composite second order, cso 132 channels, +15 dbmv / channel at the input. dbc - 65 p1db dbm 17 i dd 5 volts ma 50 60 70 electrical specifications: t a = 25c, freq: 50 - 1000 mhz, v dd = 5 volts, z 0 = 75 ? schematic including off - chip components recommended board layout off - chip component values component value package c1 - c4 0.01 f 0402 c5 0.8 pf 0402 l1 7 1 h 1210 l2 3.3 nh 0402 l3 6.8 nh 0402 r1 300 ? 0402 handling procedures please observe the following precautions to avoid damage: static sensitivity gallium arsenide integrated circuits are sensitive to electrostatic discharge (esd) and can be damaged by electricity. proper esd control techniques should be used when handling these devices. 7. l1 supplied from epcos, part number b82422a1102k100 r f o u t c 1 l 1 c 3 c 2 v d d p i n 1 c 4 r 1 l 3 r f i n l 2 c 5 l1 c3 c2 c1 l2 r1 c4 l3 c5 gnd
broadband catv amplifier 50 - 1000 mhz rev. v2 maam - 007807 3 3 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support 3 gain vs. frequency over temperature typical performance curves s11 vs. frequency over temperature s22 noise figure @ +25 c gain vs. frequency over temperature to 3 ghz 6 7 8 9 10 11 12 0 200 400 600 800 1000 +25c -40c +85c frequency (mhz) -30 -25 -20 -15 -10 -5 0 200 400 600 800 1000 +25c -40c +85c frequency (mhz) -30 -25 -20 -15 -10 -5 0 200 400 600 800 1000 +25c -40c +85c frequency (mhz) -5 0 5 10 15 0 500 1000 1500 2000 2500 3000 +25c -40c +85c frequency (mhz) 1 2 3 4 5 6 7 0 200 400 600 800 1000 frequency (mhz)
broadband catv amplifier 50 - 1000 mhz rev. v2 maam - 007807 4 4 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support 4 lead - free sot - 89 plastic package ? ? reference application note m538 for lead - free solder reflow recommendations. meets jedec moisture sensitivity level 1 requirements. plating is 100% matte tin over copper.
broadband catv amplifier 50 - 1000 mhz rev. v2 maam - 007807 5 5 m/a - com technology solutions inc. (macom) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. visit www.macom.com for additional data sheets and product information. for further information and support please visit: https://www.macom.com/support 5 m/a - com technology solutions inc. all rights reserved. information in this document is provided in connection with m/a - com technology solutions inc ("macom") products. these materials are provided by macom as a service to its customers and may be used for informational purposes only. except as provided in macom's terms and conditions of sale for such products or in any separate agreement related to this document, macom assumes no liability whatsoever. macom assumes no responsibility for errors or omissions in these materials. macom may make changes to specifications and product descriptions at any time, without notice. macom makes no commitment to update the information and shall have no responsibility whatsoever for conflicts or incompatibilities arising from future changes to its specifications and product descriptions. no license, express or implied, by estoppels or otherwise, to any intellectual property rights is granted by this document. these materials are provided "as is" without warranty of any kind, either express or implied, relating to sale and/or use of macom products including liability or warranties relating to fitness for a particular purpose, consequential or incidental damages, merchantability, or infringement of any patent, copyright or other intellectual property right. macom further does not warrant the accuracy or completeness of the information, text, graphics or other items contained within these materials. macom shall not be liable for any special, indirect, incidental, or consequential damages, including without limitation, lost revenues or lost profits, which may result from the use of these materials. macom products are not intended for use in medical, lifesaving or life sustaining applications. macom customers using or selling macom products for use in such applications do so at their own risk and agree to fully indemnify macom for any damages resulting from such improper use or sale.


▲Up To Search▲   

 
Price & Availability of MAAM-007807-000SMB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X