Part Number Hot Search : 
DTC143 LH28F 17S30LVI W78LE516 263373 HDBL155G SB102 3055L
Product Description
Full Text Search
 

To Download LCDA12C-4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  transient voltage suppressors array for esd protection low capacitance revision january 06, 2014 1 / 3 @ socay electronics co., ltd. 2014 specifications are subject to change without notice. please refer to www.socay.com for current information. lcdaxxc-4 series socay electronics co., ltd. www.socay.com so-08 the lcdaxxc-4 is in an so-08 package and may be used to protect two high-speed line pairs. the flow-thru design minimizes trace inductance and reduces voltage overshoot associated with esd events. the low clamping voltage of the lcdaxxc-4 minimizes the stress on the protected ic. u 500 watts peak pulse power per line (tp=8/20 s) u protects four i/o lines u low capacitance for high-speed data lines u rohs compliant u iec61000-4-2 (esd) 15kv (air), 8kv (contact) u iec61000-4-4 (eft) 40a (5/50 s) u iec61000-4-5 (lightning) 24a (8/20 s) u high-speed data lines u microprocessor based equipment u test & measurement equipment u notebooks, desktops, and servers u instrumentation u audio/video inputs u lan/wan equipment u peripherals u jedec so-08 package u molding compound flammability rating : ul 94v-0 u weight 70 milligrams (approximate) u quantity per reel : 500pcs u reel size : 7 inch u lead finish : lead free symbol parameter value units p pp peak pulse power (tp=8/20 s waveform) 500 w t l lead soldering temperature 260 (10sec) o c t stg storage temperature range -55 to +150 o c t j operating temperature range -55 to +150 o c air discharge 15 iec61000-4-2 (esd) contact discharge 8 kv iec61000-4-4 (eft) 40 a iec61000-4-5 (lightning) 24 a mechanical characteristics d escription feature functional diagram applications m echanical characteristics
transient voltage suppressors array for esd protection low capacitance revision january 06, 2014 2 / 3 @ socay electronics co., ltd. 2014 specifications are subject to change without notice. please refer to www.socay.com for current information. lcdaxxc-4 series socay electronics co., ltd. www.socay.com v c part number device marking v rwm (v) (max.) v b (v) (min.) i t (ma) v c @5 a (max.) (max.) (@a) i r ( a) (max.) c (pf) (typ.) lcda05c-4 lcda 05c-4 5 6 1 9.8 13.5 42 20 5 LCDA12C-4 lcda 12c-4 12 13.3 1 19 25.9 27 1 5 lcda15c-4 lcda 15c-4 15 16.7 1 24 30 17 1 5 lcda24c-4 lcda 24c-4 24 26.7 1 43 49 12 1 5 fig1. 8/20 s pulse waveform fig2. esd pulse waveform (according to iec 61000-4-2) fig3. non - repetitive peak pulse power vs. pulse time electrical characteristics ( @ 25 unless otherwise specified ) characteristic curves 0 5 10 15 20 25 30 120 t r 100 80 60 40 20 0 peak value i pp t d =t i pp /2 test waveform parameters t r =8 s t d =20 s t - time ( s ) i pp - peak pulse current - % of i pp 60ns 10% percent of peak pulse current % 30ns tr = 0.7~1ns time (ns) 90% 100% pulse duration - tp ( s ) peak pulse power - p pk (kw) 1 0 0. 0 1 0.1 0.1 1 10 100 1000 1
transient voltage suppressors array for esd protection low capacitance revision january 06, 2014 3 / 3 @ socay electronics co., ltd. 2014 specifications are subject to change without notice. please refer to www.socay.com for current information. lcdaxxc-4 series socay electronics co., ltd. www.socay.com millimeters inches dim min max min max a 4.80 5.00 0.189 0.197 b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.053 0.069 d 0.35 0.51 0.013 0.020 g 1.27bsc 0.050bsc h 0.10 0.25 0.004 0.010 j 0.19 0.25 0.007 0.010 k 0.40 1.27 0.016 0.050 m 0 8 0 8 n 0.25 0.50 0.010 0.020 s 5.80 6.20 0.228 0.244 so - 08 package ou tline & dimensions soldering footprint


▲Up To Search▲   

 
Price & Availability of LCDA12C-4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X