Part Number Hot Search : 
SSS5N90A HVL368C 1KSMB27A 31300 PA0432L E13C4 885010 TFS433F
Product Description
Full Text Search
 

To Download DTC143ZMFHAT2L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dtc143z series npn 100ma 50v digital transistors (bias resistor bu ilt-in transistors) datasheet ll outline parameter value vmt3 emt3f v cc 50v i c(max.) 100ma r 1 4.7k dtc143zm dtc143zeb r 2 47k (sc-105aa) (sc-89) emt3 umt3f ll features 1) built-in bias resistors .r 1 = 4.7k, r 2 = 47k. 2) built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see inner circuit) . 3) only the on/off conditions need to be set for operation, making the circuit design easy. 4) complementary pnp types: dta143z series dtc143ze dtc143zub sot-416(sc-75a) (sc-85) umt3 smt3 dtc143zua dtc143zka sot-323(sc-70) sot-346(sc-59) ll application inverter, interface, driver ll inner circuit dtc143zm/ dtc143zeb/ dtc143zub dtc143ze/ dtc143zua/ dtc143zka ll packaging specifications part no. package package size taping code reel size (mm) tape width (mm) basic ordering unit.(pcs) marking dtc143zm vmt3 1212 t2l 180 8 8000 e23 dtc143zeb emt3f 1616 tl 180 8 3000 e23 dtc143ze emt3 1616 tl 180 8 3000 e23 dtc143zub umt3f 2021 tl 180 8 3000 123 dtc143zua umt3 2021 t106 180 8 3000 123 dtc143zka smt3 2928 t146 180 8 3000 e23 www.rohm.com ? 2015 rohm co., ltd. all rights reserved. 1/10 20150527 - rev.003 downloaded from: http:///
dtc143z series d atasheet ll absolute maximum ratings (t a = 25c) parameter symbol values unit supply voltage v cc 50 v input voltage v in -5 to 30 v output current i o 100 ma collector current i c(max) *1 100 ma power dissipation dtc143zm p d *2 150 mw dtc143zeb 150 dtc143ze 150 dtc143zub 200 dtc143zua 200 dtc143zka 200 junction temperature t j 150 range of storage temperature t stg -55 to +150 ll electrical characteristics (t a = 25c) parameter symbol conditions values unit min. typ. max. input voltage v i(off) v cc = 5v, i o = 100a - - 0.5 v v i(on) v o = 0.3v, i o = 5ma 1.3 - - output voltage v o(on) i o / i i = 5ma / 0.25ma - 100 300 mv input current i i v i = 5v - - 1.8 ma output current i o(off) v cc = 50v, v i = 0v - - 500 na dc current gain g i v o = 5v, i o = 10ma 80 - - - input resistance r 1 - 3.29 4.7 6.11 k resistance ratio r 2 /r 1 - 8 10 12 - transition frequency f t *1 v ce = 10v, i e = -5ma, f = 100mhz - 250 - mhz *1 characteristics of built-in transistor *2 each terminal mounted on a reference land www.rohm.com ? 2015 rohm co., ltd. all rights reserved. 2/10 20150527 - rev.003 downloaded from: http:///
dtc143z series d atasheet ll electrical characteristic curves (t a =25c) fig.1 input voltage vs. output current (on characteristics) fig.2 output current vs. input voltage (off characteristics) fig.3 output current vs. output voltage fig.4 dc cur rent gain vs. output current www.rohm.com ? 2015 rohm co., ltd. all rights reserved. 3/10 20150527 - rev.003 downloaded from: http:///
dtc143z series datasheet ll electrical characteristic curves (t a =25c) fig.5 output voltage vs. output current www.rohm.com ? 2015 rohm co., ltd. all rights reserved. 4/10 20150527 - rev.003 downloaded from: http:///
dtc143z series datasheet ll di mensions www. rohm.com ? 2015 rohm co., ltd. all rights reserved. 5/10 20150527 - rev.003 downloaded from: http:///
dtc143z series datasheet ll dimensions www.rohm.com ? 2015 rohm co., ltd. all rights reserved. 6/10 20150527 - rev.003 downloaded from: http:///
dtc143z series datasheet ll dimensions www.rohm.com ? 2015 rohm co., ltd. all rights reserved. 7/10 20150527 - rev.003 downloaded from: http:///
dtc143z series datasheet ll dimensions www.rohm.com ? 2015 rohm co., ltd. all rights reserved. 8/10 20150527 - rev.003 downloaded from: http:///
dtc143z series datasheet ll dimensions www.rohm.com ? 2015 rohm co., ltd. all rights reserved. 9/10 20150527 - rev.003 downloaded from: http:///
dtc143z series datasheet ll dimensions www.rohm.com ? 2015 rohm co., ltd. all rights reserved. 10 /10 20150527 - rev.003 downloaded from: http:///
datasheet d a t a s h e e t notice-paa-e rev.001 ? 2015 rohm co., ltd. all rights reserved. notice precaution on using rohm products 1. if you intend to use our products in devices requiring extremely high reliability (such as medical equipment (note 1) , aircraft/spacecraft, nuclear power controllers, etc.) and whos e malfunction or failure may cause loss of human life, bodily injury or serious damage to property (specific applications), please consult with the rohm sales representative in advance. unless otherwise agreed in writ ing by rohm in advance, rohm shall not be in any way responsible or liable for any damages, expenses or losses in curred by you or third parties arising from the use of any rohms products for specific applications. (note1) medical equipment classification of the specific applications japan usa eu china class  class  class  b class  class ? class  2. rohm designs and manufactures its products subject to strict quality control system. however, semiconductor products can fail or malfunction at a certain rate. please be sure to implement, at your own responsibilities, adequate safety measures including but not limited to fail-safe desi gn against the physical injury, damage to any property, which a failure or malfunction of our products may cause. the following are examples of safety measures: [a] installation of protection circuits or other protective devices to improve system safety [b] installation of redundant circuits to reduce the impact of single or multiple circuit failure 3. our products are not designed under any special or extr aordinary environments or conditi ons, as exemplified below. accordingly, rohm shall not be in any way responsible or liable for any damages, expenses or losses arising from the use of any rohms products under an y special or extraordinary environments or conditions. if you intend to use our products under any special or extraordinary environments or conditions (as exemplified below), your independent verification and confirmation of product performance, reliability, etc, prior to use, must be necessary: [a] use of our products in any types of liquid, incl uding water, oils, chemicals, and organic solvents [b] use of our products outdoors or in places where the products are exposed to direct sunlight or dust [c] use of our products in places where the products ar e exposed to sea wind or corrosive gases, including cl 2 , h 2 s, nh 3 , so 2 , and no 2 [d] use of our products in places where the products are exposed to static electricity or electromagnetic waves [e] use of our products in proximity to heat-producing components, plastic cords, or other flammable items [f] sealing or coating our products with resin or other coating materials [g] use of our products without cleaning residue of flux (ev en if you use no-clean type fluxes, cleaning residue of flux is recommended); or washing our products by using water or water-soluble cleaning agents for cleaning residue after soldering [h] use of the products in places subject to dew condensation 4. the products are not subjec t to radiation-proof design. 5. please verify and confirm characteristics of the final or mounted products in using the products. 6. in particular, if a transient load (a large amount of load applied in a short per iod of time, such as pulse. is applied, confirmation of performance characteristics after on-boar d mounting is strongly recomm ended. avoid applying power exceeding normal rated power; exceeding the power rating under steady-state loading c ondition may negatively affect product performance and reliability. 7. de-rate power dissipation (pd) depending on ambient temper ature (ta). when used in seal ed area, confirm the actual ambient temperature. 8. confirm that operation temperat ure is within the specified range described in the product specification. 9. rohm shall not be in any way responsible or liable for fa ilure induced under deviant condi tion from what is defined in this document. precaution for mounting / circuit board design 1. when a highly active halogenous (chlori ne, bromine, etc.) flux is used, the resi due of flux may negatively affect product performance and reliability. 2. in principle, the reflow soldering method must be used on a surface-mount products, the flow soldering method must be used on a through hole mount products. if the flow sol dering method is preferred on a surface-mount products, please consult with the rohm representative in advance. for details, please refer to rohm mounting specification downloaded from: http:///
datasheet d a t a s h e e t notice-paa-e rev.001 ? 2015 rohm co., ltd. all rights reserved. precautions regarding application examples and external circuits 1. if change is made to the constant of an external circuit, pl ease allow a sufficient margin considering variations of the characteristics of the products and external components, including transient characteri stics, as well as static characteristics. 2. you agree that application notes, re ference designs, and associated data and in formation contained in this document are presented only as guidance for products use. theref ore, in case you use such information, you are solely responsible for it and you must exercise your own independent verification and judgment in the use of such information contained in this document. rohm shall not be in any way responsible or liable for any damages, expenses or losses incurred by you or third parties arising from the use of such information. precaution for electrostatic this product is electrostatic sensitive product, which may be damaged due to electrostatic discharge. please take proper caution in your manufacturing process and storage so that voltage exceeding t he products maximum rating will not be applied to products. please take special care under dry condit ion (e.g. grounding of human body / equipment / solder iron, isolation from charged objects, se tting of ionizer, friction prevention and temperature / humidity control). precaution for storage / transportation 1. product performance and soldered connections may deteriora te if the products are stor ed in the places where: [a] the products are exposed to sea winds or corros ive gases, including cl2, h2s, nh3, so2, and no2 [b] the temperature or humidity exceeds those recommended by rohm [c] the products are exposed to di rect sunshine or condensation [d] the products are exposed to high electrostatic 2. even under rohm recommended storage c ondition, solderability of products out of recommended storage time period may be degraded. it is strongly recommended to confirm sol derability before using products of which storage time is exceeding the recommended storage time period. 3. store / transport cartons in the co rrect direction, which is indicated on a carton with a symbol. otherwise bent leads may occur due to excessive stress applied when dropping of a carton. 4. use products within the specified time after opening a humidity barrier bag. baking is required before using products of which storage time is exceeding the recommended storage time period. precaution for product label qr code printed on rohm products label is for rohms internal use only. precaution for disposition when disposing products please dispose them proper ly using an authorized industry waste company. precaution for foreign exchange and foreign trade act since concerned goods might be fallen under listed items of export control prescribed by foreign exchange and foreign trade act, please consult with rohm in case of export. precaution regarding intellectual property rights 1. all information and data including but not limited to application example contained in this document is for reference only. rohm does not warrant that foregoi ng information or data will not infringe any intellectual property rights or any other rights of any third party regarding such information or data. 2. rohm shall not have any obligations where the claims, actions or demands arising from the co mbination of the products with other articles such as components, circuits, systems or external equipment (including software). 3. no license, expressly or implied, is granted hereby under any intellectual property rights or other rights of rohm or any third parties with respect to the products or the informati on contained in this document. pr ovided, however, that rohm will not assert its intellectual property rights or other rights against you or your customers to the extent necessary to manufacture or sell products containing the produc ts, subject to the terms and conditions herein. other precaution 1. this document may not be reprinted or reproduced, in whol e or in part, without prior written consent of rohm. 2. the products may not be disassembled, converted, modified, reproduced or otherwise changed without prior written consent of rohm. 3. in no event shall you use in any wa y whatsoever the products and the related technical information contained in the products or this document for any military purposes, incl uding but not limited to, the development of mass-destruction weapons. 4. the proper names of companies or products described in this document are trademarks or registered trademarks of rohm, its affiliated companies or third parties. downloaded from: http:///
datasheet datasheet notice C we rev.001 ? 201 5 rohm co., ltd. all rights reserved. general precaution 1. before you use our pro ducts, you are requested to care fully read this document and fully understand its contents. rohm shall n ot be in an y way responsible or liabl e for fa ilure, malfunction or acci dent arising from the use of a ny rohms products against warning, caution or note contained in this document. 2. all information contained in this docume nt is current as of the issuing date and subj ec t to change without any prior notice. before purchasing or using rohms products, please confirm the la test information with a rohm sale s representative. 3. the information contained in this doc ument is provi ded on an as is basis and rohm does not warrant that all information contained in this document is accurate an d/or error-free. rohm shall not be in an y way responsible or liable for an y damages, expenses or losses incurred b y you or third parties resulting from inaccur acy or errors of or concerning such information. downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of DTC143ZMFHAT2L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X