Part Number Hot Search : 
TSH82IPT 2SC3032 74ACT541 TC74LC L14N1 L14N1 U10A3CIC HCTS21MS
Product Description
Full Text Search
 

To Download DS1306EN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  benefits and features ? completely manages all timekeeping functions o real -time clock (rtc) counts seconds, minutes, hours, date of the month, month, day of the week, and year with leap -year compensation valid up to 2100 o 96- byte, battery - backed nv ram for data storage o two time - of - day alarms, programmable on combination of seconds, minutes, hours, and day of the week o 1hz and 32.768khz clock outputs ? standard serial port interfaces w ith most microcontrollers o supports motorola spi (serial peripheral inter face) modes 1 and 3 or standard 3- wire interface o burst mode for reading/writing successive addresses in clock/ram ? multiple power supply pins ease adding battery for backup o dual -power supply pins for primary and backup power supplies o optional trickle charge output to backup supply o 2.0v to 5.5v operation ? optional industrial temperature range: -40c to +85c supports operation in a wide range of applications ? 20- pin tssop minimizes required space ? underwriters laboratory (ul ? ) recognized pin configurations u l is a registered trademark of underwriters laboratories inc. tssop (4.4mm) v cc2 v bat x1 n.c. x2 n.c. int0 int1 1hz gnd v cc1 n.c. 32khz v ccif sdo sdi sclk ce sermode n.c. 20 19 18 17 16 15 14 13 12 11 1 2 3 4 5 6 7 8 9 10 v cc2 dip (300 mils) 15 x1 int0 1hz gnd v cc1 sdo sdi sclk ce sermode 1 2 3 4 5 6 7 8 16 14 13 12 11 10 9 v bat x2 int1 32khz v ccif 19 - 5056; rev 4/15 ds1306 serial alarm real - time clock 1 of 22 downloaded from: http:///
ds1306 ordering information part temp range pin - package top mark* ds1306 0c to +70c 16 dip (300 mils) ds1306 ds1306+ 0c to +70c 16 dip (300 mils) ds1306 + ds1306n -40c to +85c 16 dip (300 mils) ds1306n ds1306n+ 0c to +70c 16 dip (300 mils) ds1306n + ds1306e 0c to +70c 20 tssop ( 173 mils) ds1306 ds1306e+ 0c to +70c 20 tssop (173 mils) ds1306 + DS1306EN -40c to +85c 20 tssop (173 mils) ds1306n DS1306EN+ -40c to +85c 20 tssop (173 mils) ds1306n + DS1306EN/t&r -40c to +85c 20 tssop (173 mils) ds1306n DS1306EN+t&r - 40c t o +85c 20 tssop (173 mils) ds1306n + ds1306e/t&r 0c to +70c 20 tssop (173 mils) ds1306 ds1306e+t&r 0c to +70c 20 tssop (173 mils) ds1306 + +denotes a lead (pb) - free/rohs - compliant package t&r = tape and reel. * an n on the top mark indicates an industrial device. pin description pin name function tssop dip 1 1 v cc2 backup power supply. this is the secondary power supply pin. in systems using the trickle charger, the rechargeable energy source is connected to this pin. 2 2 v bat battery input for any standard +3v lithium cell or o ther energy source. if not used, v bat must be connected to ground. diodes must not be placed in series between v bat and the battery, or improper operation will result. ul recognized to ensure against reverse charging current when used in conjunction with a lithium battery. see conditions of acceptability at www.maxim - ic.com/techsupport/qa/ntrl.htm . 3 3 x1 connections for standard 32.768khz quartz crystal. the internal oscillator is designed for operation with a crystal having a specified load capacitance of 6pf. for more information on crystal selection and crystal layout considerations, refer to application note 58 , crystal considerations with dallas real - time clocks. the ds1306 can also be driven by an external 32.768khz oscillator. in this configuration, the x1 pin is connected to the external oscillator signal and the x2 pin is floated. 5 4 x2 7 5 int0 active - low interrupt 0 output. the int0 pin is an active -low output of the ds1306 that can be used as an interrupt input to a processor. the int0 pin can be programmed to be asserted by alarm 0. the int0 pin remains low as long as the status bit causing the interrupt is present and the corresponding inte rrupt enable bit is set. the int0 pin operates when the ds1306 is powered by v cc1 , v cc2 , or v bat . the int0 pin is an open- drain output and requires an external pullup resistor. 8 6 int1 interrupt 1 output. the int1 pin is an active-high output of the ds1306 that can be used as an interrupt input to a processor. the int1 pin can be programmed to be asserted by alarm 1. when an alarm condition is present, the int1 pin generates a 62.5ms active -high pulse. the int1 pin operates only when the ds1306 is powered by v cc2 or v bat . when active, the int1 pin is internally pulled up to v cc2 or v bat . when inactive, the int1 pin is 2 of 22 downloaded from: http:///
ds1306 internally pulled low. pin description (continued) pin name function tssop dip 9 7 1hz 1hz output. the 1hz pin provides a 1hz square wave output. this output is active when the 1 hz bit in the control register is a logic 1. both int0 and 1hz pins are open- drain outputs. the interrupt, 1hz signal, and the internal clock continue to run regardless of the le vel of v cc (as long as a power source is present). 10 8 gnd ground 11 9 sermode serial interface mode. the sermode pin offers the flexibility to choose between two serial interface modes. when connected to gnd, standard 3- wire communication is selected. when connected to v cc , spi communication is selected. 12 10 ce chip enable. the chip enable signal must be asserted high during a read or a write for both 3 -wire and spi communication. this pin has an internal 55k ? pulldown resistor (typical). 14 11 scl k serial clock. sclk is used to synchronize data movement on the serial interface for either the spi or 3 - wire interface. 15 12 sdi serial data in. when spi communication is selected, the sdi pin is the serial data input for the spi bus. when 3- wire commu nication is selected, this pin must be tied to the sdo pin (the sdi and sdo pins function as a single i/o pin when tied together). 16 13 sdo serial data out. when spi communication is selected, the sdo pin is the serial data output for the spi bus. when 3-wire communication is selected, this pin must be tied to the sdi pin (the sdi and sdo pins function as a single i/o pin when tied together). v ccif provides the logic - high level. 17 14 v ccif interface logic power - supply input. the v ccif pin allows the ds 1306 to drive sdo and 32khz output pins to a level that is compatible with the interface logic, thus allowing an easy interface to 3v logic in mixed supply systems. this pin is physically connected to the source connection of the p-channel transistors in the output buffers of the sdo and 32khz pins. 18 15 32khz 32.768khz output. the 32khz pin provides a 32.768khz output. this signal is always present. v ccif provides the logic- high level. 20 16 v cc1 primary power supply. dc power is provided to the device on this pin. v cc1 is the primary power supply. 4, 6, 13, 19 n.c. no connection 3 of 22 downloaded from: http:///
ds1306 description the ds1306 serial alarm real - time clock (rtc) provides a full binary coded decimal (bcd) clock calendar that is accessed by a simple serial interface. the clo ck/calendar provides seconds, minutes, hours, day, date, month, and year information. the end of the month date is automatically adjust ed for months with fewer than 31 days, including corrections for leap year. the clock ope rates in either the 24 - hour or 1 2- hour format with am/pm indicator. in addition, 96 bytes of nv ram are provided for dat a storage. an interface logic power- supply input pin (v ccif ) allows the ds1306 to drive sdo and 32khz pins to a level that is compatible with the interface logic. th is allows an easy interface to 3v logic in mixed supply systems. the ds1306 offers dual - power supplies as well as a battery - input pin. the dual - power supplies support a programmable trickle charge circuit that allows a rechargeable energ y source (such as a super cap or rechargeable battery) to be used for a backup supply. the v bat pin allows the device to be backed up by a non-rechargeable battery. the ds1306 is fully operational from 2.0v to 5.5v. two programmable time -of- day alarms are provided by the ds1306. each alarm can generate an interrupt on a programmable combination of seconds, minutes, hours, and day. dont care st ates can be inserted into one or more fields if it is desired for them to be ignored for the alar m condition. a 1hz and a 32khz clock output are also available. the ds1306 supports a direct interface to spi serial data ports or standard 3 - wire interface. an easy - to - use address and data format is implemented in which data transfers can occur 1 byt e at a time or in multiple -byte burst mode. operation the block diagram in figure 1 shows the main elements of the serial alarm rtc. the f ollowing paragraphs describe the function of each pin. figure 1. block diagram 1hz 4 of 22 downloaded from: http:///
ds1306 recommended layout for crystal clock accuracy the accuracy of the clock is dependent upon the accuracy of the crystal and the ac curacy of the match between the capacitive load of the oscillator circuit and the capacitive load for which t he crystal was trimmed . additional error is added by crystal frequenc y drift caused by temperature shifts. external circuit noise coupled into the oscillator circuit can result in the clock running fast. refer to application note 58: crystal considerations with dallas real- time clocks for detailed information. table 1. cry stal specifications parameter symbol min typ max units nominal frequency f o 32.768 khz series resistance esr 45 k? load capacitance c l 6 pf * the crystal, traces, and crystal input pins should be isol ated from rf generating signals. refer to application note 58: crystal considerations for dallas real - time clocks for additional specifications. clock, calendar, and alarm the time and calendar information is obtained by reading the appropriate regi ster bytes. the rtc registers are illustrated in figure 2. the time, calendar, and alarm are set or initialized b y writing the appropriate register bytes. note that some bits are set to 0. these bits alway s read 0 regardless of how they are written. also note that registers 12h to 1fh (rea d) and registers 92h to 9fh are reserved. these registers always read 0 regardless of how they are written. the contents o f the time, calendar, and alarm registers are in the bcd format.. values in the day register that correspond to the day of the week a re user - defined, but must be sequential (e.g. if 1 equals sunday, 2 equals monday and so on). the day register increments at midnight. illogical time and date entries result in undefined operation. writing to the clock registers the internal time and date registers continue to increment during write operations. however, the countdown chain is reset when the seconds register is written. writing the time a nd date registers within one second after writing the seconds register ensures consistent data. terminating a write before the last bit is sent aborts the write for that byte. reading from the clock registers buffers are used to copy the time and date register at the beginning of a re ad. when reading in burst mode, the user copy is static while the internal registers continue to increment. local ground plane (layer 2) crystal x1x2 gnd 5 of 22 downloaded from: http:///
ds1306 figure 2. rtc registers and address map hex address bit7 bit6 bit5 bit4 bit3 bit2 bit1 bit0 range read write 00h 80h 0 10 sec sec 00C59 01h 81h 0 10 min min 00C59 02h 82h 0 12 p 10- hr hours 01C12 + p/a a 24 10 00C23 03h 83h 0 0 0 0 0 day 01C07 04h 84h 0 0 10- date date 1C31 05h 85h 0 0 10- month month 01C12 06h 86h 10- year year 00C99 07h 87h m 10- sec alarm 0 sec alarm 0 00C59 08h 88h m 10- min alarm 0 min alarm 0 00C59 09h 89h m 12 p 10- hr h our alarm 0 01C12 + p/a a 24 10 00C23 0ah 8ah m 0 0 0 0 day alarm 0 01C07 0bh 8bh m 10 sec alarm 1 sec alarm 1 00C59 0ch 8ch m 10 min alarm 1 min alarm 1 00C59 0dh 8dh m 12 p 10- hr hour alarm 1 01C12 + p/a a 24 10 00C23 0eh 8eh m 0 0 0 0 day alarm 1 01C07 0fh 8fh control register 10h 90h status register 11h 91h trickle charger register 12hC1fh 92hC 9fh reserved 20hC7fh a0 hC ff h 96- bytes user ram note: range for alarm registers does not i nclude maskm bits. the ds1306 can be run in either 12 - hour or 24 - hour mode. bit 6 of the hours register is defined as the 12- or 24-hour mode select bit. when high, the 12-hour mode is selected. in the 12-hour mode, bit 5 is the am/pm bit with logic - high being pm. in the 24 - hour mode, bit 5 is the second 10 - hour bit (20 to 23 hours). the ds1306 contains two time -of- day alarms. time -of- day alarm 0 can be set by writing to registers 87h to 8ah. time -of- day alarm 1 can be set by writing to registers 8 b h to 8eh. bit 7 of each of the time -of- day alarm registers are mask bits (table 2 ). when all of the mask bits are logic 0, a time -of- day alarm only occurs once per week when the values stored in timekeeping registers 00h to 03h ma tch the values stored in the time -of- day alarm registers. an alarm is generated every day when bit 7 of the da y alarm register is set to a logic 1. an alarm is generated every hour when bit 7 of the day and hou r alarm 6 of 22 downloaded from: http:///
ds1306 registers is set to a logic 1. similarly, an alarm is generate d every minute when bit 7 of the day, hour, and minute alarm registers is set to a logic 1. when bit 7 of the day, hour, minute, and seconds a larm registers is set to a logic 1, an alarm occurs every second. during each clock update, the rtc compares the alarm 0 and alarm 1 registers w ith the corresponding clock registers. when a match occurs, the corresponding alarm flag bit in the s tatus register is set to a 1. if the corresponding alarm interrupt enable bit is enabled, an interrupt output is activat ed. table 2 . time -of- day alarm mask bits alarm register mask bits (bit 7) function seconds minutes hours days 1 1 1 1 alarm once per second 0 1 1 1 alarm when seconds match 0 0 1 1 alarm when minutes and seconds match 0 0 0 1 alarm hours, minutes, and seconds match 0 0 0 0 alarm day, hours, minutes and seconds match special purpose registers the ds1306 has three additional registers (control register, status register , and trickle charger register) that control the real-time clock, interrupts, and tr ickle charger. control register (read 0f h , write 8f h) bit7 bit6 bit5 bit4 bit3 bit2 bit1 bit0 0 wp 0 0 0 1hz aie1 aie0 wp (write protect) C before any write operation to the clock or ram, this bit must be logic 0. when high, the write protect bit pre vents a write operation to any register, including bits 0, 1, and 2 of the control register. upon initial power - up, the state of the wp bit is undefined. therefore, the wp bit should be cleared before attempting to write to the device. when wp is set, it must be cleared before any other control register bit can be written. 1hz (1hz output enable) C this bit controls the 1hz output. when this bit is a logic 1, the 1hz output is enabled. when this bit is a logic 0, the 1hz output is high- z. aie0 (alarm inte rrupt enable 0) C when set to a logic 1, this bit permits the interrupt 0 request flag (irqf0) bit in the status register to assert int0 . when the aie0 bit is set to logic 0, the irqf0 bit does not initiate the int0 si gnal. aie1 (alarm interrupt enable 1) C when set to a logic 1, this bit permits the interrupt 1 request flag (irqf1) bit in the status register to assert int1. when the aie1 bit is set t o logic 0, the irqf1 bit does not initiate an interrupt signal, and the int1 pin is set to a logic 0 state. 7 of 22 downloaded from: http:///
ds1306 status register (read 10h) bit7 bit6 bit5 bit4 bit3 bit2 bit1 bit0 0 0 0 0 0 0 irqf1 irqf0 irqf0 (interrupt 0 request flag) C a logic 1 in the interrupt request flag bit indicates that the current time has matched the alarm 0 registers. if the aie0 bit is also a logic 1, the int0 pin goes low. irqf0 is cleared when the address pointer goes to any of the alarm 0 registers during a read or write. irqf0 is activated when the device is powered by v cc 1 , v cc2 , or v bat . irqf1 (interrupt 1 request flag) C a logic 1 in the interrupt request flag bit indicates that the current time has matched the alarm 1 registers. if the aie1 bit is also a logic 1, the int1 pin generates a 62.5ms active - high pulse. irqf1 is cleared when the address pointer goes to any of the alarm 1 registers du ring a read or write. irqf1 is activated only when the device is powered by v cc2 or v bat . trickle charge register (read 11h, write 91h) this register controls the trickle charge c haracteristics of the ds1306. the simplified schematic of figure 3 shows the basic components of the trickle charger. the trickle charge select (tc s) bits (bits 4 C 7) control the selection of the trickle charger. in order to prevent accidental enabling , only a pattern of 1010 enables the trickle charger. all other patterns disable the trickle charger . the ds1306 powers up with the trickle charger disabled. the diode select (ds) bits (bits 2 C 3) select whether one diode or two diodes are connected between v cc1 and v cc2 . the diode select (ds) bits (bits 2 C 3) select whether one diode or two diodes are connected between v cc1 and v cc2 . the resistor select (rs) bits select the resistor that is connected between v cc1 and v cc2 . the resistor and diodes are selected by the rs and ds bits as shown in table 3. figure 3. programmable trickle charger 8 of 22 downloaded from: http:///
ds1306 table 3 . trickle charger resistor and diode select tcs bit 7 tcs bit 6 tcs bit 5 tcs bit 4 ds bit 3 ds bit 2 rs bit 1 rs bit 0 function x x x x x x 0 0 disabled x x x x 0 0 x x disabled x x x x 1 1 x x disabled 1 0 1 0 0 1 0 1 1 diode, 2k 1 0 1 0 0 1 1 0 1 diode, 4k 1 0 1 0 0 1 1 1 1 diode, 8k 1 0 1 0 1 0 0 1 2 diodes, 2k 1 0 1 0 1 0 1 0 2 diodes, 4k 1 0 1 0 1 0 1 1 2 diodes, 8k 0 1 0 1 1 1 0 0 initial power -on state if rs is 00, the trickle charger is disabled independently of tcs. diode and resistor selection is determined by the user according to the maxi mum current desired for battery or super cap charging. the maximum charging current can be calculated as i llustrated in the following example. assume that a syst em power supply of 5v is applied to v cc1 and a super cap is connected to v cc2 . also assume that the trickle charger has been enabled with one diode and resiste r r1 between v cc1 and v cc2 . the maximum current i max would, therefore, be calculated as follows: i max = (5.0v - diode drop) / r1 (5.0v - 0.7v) / 2k 2.2ma as the super cap charges, the voltage drop between v cc1 and v cc2 decreases and, therefore, the charge current decreases. power control power is provided through the v cc1 , v cc2 , and v bat pins. three different power supply configurations are illustrated in figure 4. configuration 1 shows the ds1306 being backed up by a non - rechargeable energy source such as a lithium battery. in this configuration, the system power suppl y is connected to v cc1 and v cc2 is grounded. when v cc falls below v bat the device switches into a low - current battery backup mode. upon power - up, the device switches from v bat to v cc when v cc is greater than v bat + 0.2v. the device is write-protected whenever it is switched to v bat . configuration 2 illustrates the ds1306 being backed up by a rechargeable energy s ource. in this case, the v bat pin is grounded, v cc1 is connected to the primary power supply, and v cc2 is connected to the secondary supply (the rechargeable energy source). the ds1306 operates from the larger of v cc1 or v cc2 . when v cc1 is greater than v cc2 + 0.2v (typical), v cc1 powers the ds1306. when v cc1 is less than v cc2 , v cc2 powers the ds1306. the ds1306 does not write- protect itself in this configuration. configuration 3 shows the ds1306 in battery- operate mode, where the device is powered only by a single battery. in this case, the v cc1 and v bat pins are grounded and the battery is connected to the v cc2 pin. only these three configurations are allowed. unused supply pins must be grounded. 9 of 22 downloaded from: http:///
ds1306 figure 4. power- supply configurations note : device does not provide automatic write protection. note: device is write - protected if v cc < v cctp . configuration 1: backup supply is nonrechargeable lithium battery configuration 2: backup supply is a rechargeable battery or super capacitor configuration 3: battery operate mode 10 of 22 downloaded from: http:///
ds1306 serial interface the ds1306 offers the flexibility to choose between two serial interface modes. the ds1306 can communicate with the spi interface or with a standard 3 - wire interface. the interface method used is determined by the sermode pin. when this pin is connected to v cc , spi communication is selected. when this pin is connected to ground, standard 3- wire communication is selected. serial peripheral interface (spi) the serial peripheral interface (spi) is a synchronous bus for address and data tr ansfer and is used when interfacing with the spi bus on specific motorola microcontrollers such as the 68 hc05c4 and the 68hc11a8. the spi mode of serial communication is selected by tying the sermo de pin to v cc . four pins are used for the spi. the four pins are the sdo (serial data out), sdi ( serial data in), ce (chip enable), and sclk (serial clock). the ds1306 is the slave device in an spi application, wi th the microcontroller being the master. the sdi and sdo pins are the serial data input and output pins for the ds1306, respecti vely. the ce input is used to initiate and terminate a data transfer. the sclk pin is used to synchronize data movement between the master (microc ontroller) and the slave (ds1306) devices. the shift clock (sclk), which is generated by the microcontroller, is active onl y during address and data transfer to any device on the spi bus. the inactive clock polarity is programmabl e in some microcontroller s. the ds1306 determines on the clock polarity by sampling sclk when ce becom es active. therefore either sclk polarity can be accommodated. input data (sdi) i s latched on the internal strobe edge and output data (sdo) is shifted out on the shift edge (figure 5). ther e is one clock for each bit transferred. address and data bits are transferred in groups of eight , msb first . figure 5. serial clock as a function of microcontroller clock polarity (cpol) ce cpol = 1 sclk data latch (write) shift data out (read) cpol = 0 sclk data latch (write) shift data out (read) note 1: cpha bit polarity (if applicable) may need to be set accordingly. note 2: cpol is a bit that is set in the microcontroller?s control re gister. note 3: sdo remains at high - z until 8 bits of data are ready to be shifted out during a read. 11 of 22 downloaded from: http:///
ds1306 address and data bytes address an d data bytes are shifted msb first into the serial data input (sdi) and out of the se rial data output (sdo). any transfer requires the address of the byte to specify a writ e or read to either a rtc or ram location, followed by one or more bytes of data. da ta is transferred out of the sdo for a read operation and into the sdi for a write operation (figures 6 and 7). figure 6. spi single - byte write figure 7. spi single - byte read the address byte is always the first byte entered after ce is d riven high. the most significant bit (a7) of this byte determines if a read or write takes place. if a7 is 0, one or mor e read cycles occur. if a7 is 1, one or more write cycles occur. data transfers can occur one byte at a time or in multiple - byte burst mode. after ce is driven high an address is written to the ds1306. after the address, 1 or more data bytes can be writt en or read. for a single - byte transfer, one byte is read or written and then ce is driven low. for a multiple - byte transfer, however, multiple bytes can be read or written to the ds1306 after the address has been written. each read or write cycle causes the rtc register or ram address to automatic ally increment. incrementing continues until the device is disabled. when the rtc is selected, the address wraps to 00h after incrementing to 1fh (during a read) and wraps to 80h after incrementing to 9fh (during a write). when the ram is selected, the address wraps to 20h after incrementing to 7fh (during a re ad) and wraps to a0h after incrementing to ffh (during a write). * sclk can be either polarity. * sclk can be either polarity. sermode = v cc sermode = v cc 12 of 22 downloaded from: http:///
ds1306 figure 8. spi multiple - byte burst transfer reading and writing in burst mode burst mode is similar to a single - byte read or write, except that ce is kept high and additional sclk cycles are sent until the end of the burst. the clock registers and the user ram may be read or written in burst mode. when accessing the clock registers in burst mode, the address pointer w ill wrap around after reaching 1fh (9fh for writes). when accessing the user ram in burst mode, the addres s p ointer wraps around after reaching 7fh (ffh for writes). 3- wire interface the 3 - wire interface mode operates similar to the spi mode. however, in 3 - wire mode there is one i/o instead of separate data in and data out signals. the 3 - wire interface consists of the i/o (sdi and sdo pins tied together), ce, and sclk pins. in 3 - wire mode, each byte is shifted in lsb first, unlike spi mode, where each byte is shifted in msb first. as is the case with the spi mode, an address byte is written to the device follow e d by a single data byte or multiple data bytes. figure 9 illustrates a read and write cycle. in 3 - wire mode, data is input on the rising edge of sclk and output on the falling edge of sclk. 13 of 22 downloaded from: http:///
ds1306 figure 9. 3- wire single byte transfer note: in burst mode, ce is kept high and additional sclk cycles are sent until the end of t he burst. * i/o is sdi and sdo tied together. a0 a1 a2 a3 a4 a5 a6 1 ce sclk i/o* d0 d1 d2 d3 d4 d5 d6 d7 single - byte write d0 d1 d2 d3 d4 d5 d6 d7 a0 a1 a2 a3 a4 a5 a6 0 i/o* ce sclk single - byte read sermode = gnd 14 of 22 downloaded from: http:///
ds1306 absolute maximum ratings voltage range on any pin relative to ground..-0.5v to +7.0v storage temperature range.-55 c to +125 c soldering temperature.. refer to the ipc/jedec standard j- std -020 sp ecification this is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated i n the operation sections of this specification is not implied. exposure to absolute maximum rat ing conditions for extended periods of time can affect reliability. operating range range temp range v cc (v) commercial 0c to +70c 2.0 to 5.5 v cc1 or v cc2 industrial -40c to +85c 2.0 to 5.5 v cc1 or v cc2 recommended dc operating conditions (t a = over the operating range, unless otherwise specified.) parameter symbol min typ max units notes supply voltage v cc1 , v cc2 v cc1 , v cc2 2.0 5.5 v 1, 8 logic 1 input v ih 2.0 v cc + 0.3 v logic 0 input v il v cc = 2.0v -0.3 +0.3 v v cc = 5v +0.8 v bat battery voltage v bat 2.0 5.5 v v ccif supply voltage v ccif 2.0 5.5 v 10 15 of 22 downloaded from: http:///
ds1306 dc electrical characteristics (t a = over the operating range, unless otherwise specified.) parameter symbol min typ max units notes input leakage i li -100 +500 a output leakage i lo -1 +1 a logic 0 output i ol = 1.5ma v ol v cc = 2.0 0.4 v i ol = 4.0ma v cc = 5v 0.4 logic 1 output i oh = -0.4ma v oh v ccif = 2.0v 1.6 v i oh = -1.0ma v ccif = 5v 2.4 logic 1 output current (int1 pin) i oh , int1 (v cc2 , v bat ) -0.3v -100 a v cc1 ac tive supply current i cc1a v cc1 = 2.0v 0.425 ma 2, 7 v cc1 = 5v 1.28 v cc1 timekeeping current i cc1t v cc1 = 2.0v 25.3 a 1, 7 v cc1 = 5v 81 v cc2 active supply current i cc2a v cc2 = 2.0v 0.4 ma 2, 8 v cc2 = 5v 1.2 v cc2 timekeeping cu rrent i cc2t v cc2 = 2.0v 0.4 a 1, 8 v cc2 = 5v 1 battery timekeeping current i bat v bat = 3v 550 na 9 battery timekeeping current (ind) i bat v bat = 3v 800 na 9 v cc trip point v cctp v bat - 50 v bat + 200 mv trickle charge resistors r1 2 k ? r2 4 r3 8 trickle charger diode voltage drop v td 0.7 v capacitance (t a = +25 c) parameter symbol min typ max units notes input capacitance c i 10 pf output capacitance c o 15 pf 16 of 22 downloaded from: http:///
ds1306 3- wire ac electrical characteristics (t a = over the operating range, unless otherwise specified.) (figure 10 and figure 11) parameter symbol min typ max units notes data to clk setup t dc v cc = 2.0v 200 ns 3, 4 v cc = 5v 50 clk to data hold t cdh v cc = 2.0v 280 ns 3, 4 v cc = 5v 70 clk to data delay t cdd v cc = 2.0v 800 ns 3, 4, 5 v cc = 5v 200 clk low time t cl v cc = 2.0v 1000 ns 4 v cc = 5v 250 clk high time t ch v cc = 2.0v 1000 ns 4 v cc = 5v 250 clk frequency t clk v cc = 2.0v 0.6 mhz 4 v cc = 5v dc 2.0 clk rise and fall t r , t f v cc = 2.0v 2000 ns v cc = 5v 500 ce to clk setup t cc v cc = 2.0v 4 s 4 v cc = 5v 1 clk to ce hold t cch v cc = 2.0v 240 ns 4 v cc = 5v 60 ce inactive time t cwh v cc = 2.0v 4 s 4 v cc = 5v 1 ce to output high -z t cdz v cc = 2.0v 280 ns 3, 4 v cc = 5v 70 sc lk to output high -z t ccz v cc = 2.0v 280 ns 3, 4 v cc = 5v 70 17 of 22 downloaded from: http:///
ds1306 figure 10. timing diagram: 3 - wire read data transfer figure 11. timing diagram: 3 - wire write data transfer * i/o is sdi and sdo tied together. * i/o is sdi and sdo tied together. sermode = gnd sermode = gnd 18 of 22 downloaded from: http:///
ds1306 spi ac electrical characteristics (t a = over the operating range, unless otherwise specified.) parameter symbol min typ max units notes data to clk setup t dc v cc = 2.0v 200 ns 3, 4 v cc = 5v 50 clk to data hold t cdh v cc = 2.0v 280 ns 3, 4 v cc = 5v 70 clk to data delay t cdd v cc = 2.0v 800 ns 3, 4, 5 v cc = 5v 200 clk low time t cl v cc = 2.0v 1000 ns 4 v cc = 5v 250 clk high time t ch v cc = 2.0v 1000 ns 4 v cc = 5v 250 clk frequency t clk v cc = 2.0v 0.6 mhz 4 v cc = 5v dc 2.0 clk rise and fall t r , t f v cc = 2.0v 2000 ns v cc = 5v 500 ce to clk setup t cc v cc = 2.0v 4 s 4 v cc = 5v 1 clk to ce hold t cch v cc = 2.0v 240 ns 4 v cc = 5v 60 ce inactive time t cwh v cc = 2.0v 4 s 4 v cc = 5v 1 ce to output high -z t cdz v cc = 2.0v 280 ns 3, 4 v cc = 5v 70 19 of 22 downloaded from: http:///
ds1306 figure 12. timing diagram: spi read data transfer figure 13. timing diagram: spi write data transfer * sclk can be either polarity, timing shown for cpol = 1. * sclk can be either polarity, timing shown for cpol = 1. sermode = v cc sermode = v cc 20 of 22 downloaded from: http:///
ds1306 notes: 1) i cc1t and i cc2t are specified with ce set to a logic 0. 2) i cc1a and i cc2a are specified with ce = v cc , sclk = 2mhz at v cc = 5v; sclk = 500khz at v cc = 2.0v, v il = 0v, v ih = v cc . 3) measured at v ih = 2.0v or v il = 0.8v and 10ms maximum rise and fall time. 4) measured with 50pf load. 5) measured at v oh = 2.4v or v ol = 0.4v. 6) v cc = v cc1 , when v cc1 > v cc2 + 0.2v (typica l); v cc = v cc2 , when v cc2 > v cc1 . 7) v cc2 = 0v. 8) v cc1 = 0v. 9) v cc1 < v bat . 10) v ccif must be less than or equal to the largest of v cc1 , v cc2 , and v bat . package information for the latest package outline information and land patterns, go to www.maxim - ic.com/packages . package type package code document no. 16 pdip p16+1 21-0043 20 tssop u20+1 21-0066 21 of 22 downloaded from: http:///
ds1306 revision history revision date description pages changed 12/09 added table 1. crystal specifications to the clock accuracy section. 5 added sermode = v cc to figures 6, 7, 12, and 13. 12, 20 added sermode = gnd to figures 9, 10, and 11. 14, 18 removed the crystal capacitance parameter from the capacitance table. 16 4/15 revised benefits and features section 1 22 of 22 maxim cannot assume responsibility for use of any circuitry other than circuitry entirel y embodied in a m axim product. no circuit patent licenses are implied. maxim reserves the right to change the circuitry and specifications without notice at a ny time. maxim integrated products, 1 6 0 r io robles , s a n jos e , ca 9 5134 408 - 601 - 10 00 ? 20 15 maxim integrated products maxim i s a registered trademark of maxim integrated products, inc. downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of DS1306EN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X