Part Number Hot Search : 
U12JZ47 AO4268 32ECT LL5242B MB3882 C200A MPZ1005 LS709
Product Description
Full Text Search
 

To Download AG40 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  proven reliability page 1 100v to 6000v @ 1.0 and 1.5 watts complete list of models on page 2 vdc standard 1 watt - ag model 1 . 5 watt option - agh model model maximum output current* 1 model maximum output current* 1 100 vdc ag01 10 ma agh01 * 7 15 ma 200 vdc ag02 5 ma agh02 7.5 ma 250 vdc ag025 4 ma agh025 6 ma 300 vdc ag03 3.33 ma agh03 5ma 400 vdc ag04 2.5 ma agh04 3.75 ma 500 vdc ag05 2 ma agh05 3 ma 600 vdc ag06 1.67 ma agh06 2.5 ma 700 vdc ag07 1.43 ma agh07 2.15 ma 800 vdc ag08 1.25 ma agh08 1.87 ma 900 vdc ag09 1.1 ma agh09 1.67 ma 1000 vdc ag10 1 ma agh10 1.5 ma 1200 vdc ag12 0.83 ma agh12 1.25 ma 1500 vdc ag15 0.66 ma agh15 1 ma 2000 vdc ag20 0.5 ma agh20 0.75 ma 3000 vdc ag30 0.32 ma agh30 0.5 ma 4000 vdc AG40 0.24 ma C C 5000 vdc ag50 0.2 ma C C 6000 vdc ag60 0.167 ma agh60 0.25 ma avalanche photodiodes capacitor charging electrophoresis photomultiplier tubes piezo devices mass spectrometry sustaining ion pumps the ag series is a new line of ultra-miniature dc to hv dc converters that set an industry standard in high voltage miniaturization. these component-sized converters are ideal for applications requiring mini - mal size and weight. occupying less than one tenth of a cubic inch of volume *5 , this unique package features an extremely low profle of only 0.128 inches (3.25mm) when mounted in from the top, or 0.152 (3.86mm) when mounted in from the bottom of the pcb! the ag series converter can also mount off the pcb with .030 diameter pins. see page 9 for illustrations. controllable output voltages range from 100 volts to 6000 volts. please refer to the a series data sheet for pcb pin mounting. e344664 now ul recognized features options ? proportional input/output ? low noise quasi-sinewave oscillator ? control pin (can be used for on/off control) ? low leakage current ? low input/output capacitance ? input to output galvanic isolation ? short circuit protection, 1 minute minimum ? no minimum load required *2 ? mtbf > 1,862,000 hours, per bellcore tr 332 ? surface mount package ? no external components required ? rohs compliant ? ul recognized ag series isolated, proportional dc to hv dc converters product description product selection table 1 watt and 1.5 watt versions available (ag/agh) available in 3 standard input voltage ranges: 0 to 5, 12 or 24vdc (up to 3 kv) polarity: choose positive or negative output (p/n) extended operating temperature (ag models / 1.0w) (t suffx) alternate input / output voltages (consult factory) see ordering information (page 12) extremely low profle: 0.128 inches and volume of < 0.100 cubic inches *5 applications 4718l02 www.xppower.com
page 2 input current ag models - 1 watt agh models - 1.5 watt vin no-load full-load no-load full-load 5 vdc <200ma <470ma <300ma <550ma 12 vdc <100ma <185ma <125ma <250ma 24 vdc <25ma <60ma <40ma <120ma output voltage* 2 (to select polarity, see pg. 12 - how to order) standard 1 watt - ag model 1.5 watt option - agh model model maximum output current *1 ripple p-p *4 model maximum output current *1 ripple p-p *4 0 to 100 vdc ag01 10 ma 5% agh01 * 7 15 ma 4% 0 to 200 vdc ag02 5 ma 1% agh02 7.5 ma 3% 0 to 250 vdc ag025 4 ma .90% agh025 6 ma 1.2% 0 to 300 vdc ag03 3.33 ma .70% agh03 5 ma .70% 0 to 400 vdc ag04 2.5ma .50% agh04 3.75 ma .75% 0 to 500 vdc ag05 2 ma .50% agh05 3 ma .70% 0 to 600 vdc ag06 1.67 ma 1% agh06 2.5 ma 2% 0 to 700 vdc ag07 1.43 ma .50% agh07 2.15 ma 1.2% 0 to 800 vdc ag08 1.25 ma 1% agh08 1.87 ma 1.2% 0 to 900 vdc ag09 1.1 ma 1% agh09 1.67 ma 1.2% 0 to 1000 vdc ag10 1 ma .79% agh10 1.5 ma 1% 0 to 1200 vdc ag12 0.83 ma .50% agh12 1.25 ma .60% 0 to 1500 vdc ag15 0.67 ma .40% agh15 1 ma .60% 0 to 2000 vdc ag20 0.5 ma .30% agh20 0.75 ma .50% 0 to 3000 vdc ag30 0.33 ma .20% agh30 0.5 ma .20% 0 to 4000 vdc AG40 0.25 ma .12% C C C 0 to 5000 vdc ag50 0.2 ma .15% C C C 0 to 6000 vdc ag60 0.167 ma .15% agh60 0.25 ma .25% ag series electrical specifications* 3 4718l02 www.xppower.com
page 3 the ag series is a new line of ultra-miniature, dc to hv dc convert - ers that set an industry standard in high voltage miniaturization. these component-sized converters are ideal for applications requiring minimal size and weight. occupying less than one tenth of a cubic inch of volume *5 , this unique package features an extremely low profle of only 0.128 inches (3.25mm) when mounted in from the top, or 0.152 (3.86mm) when mounted in from the bottom of the pcb! the ag series converter can also mount off the pcb with .030 diameter pins. see page 9 for illustrations. controllable output voltages range from 100 volts to 6000 volts. turn-on voltage is very low at less than 0.7 volts, allowing for wide output voltage operating range. use of a resonant, quasi-sinewave oscillator and fully shielded transformer result in clean, reliable high voltage conversion with inherently low ripple, emi/rfi and input ripple current, making this product ideal for integration into noise sensitive equipment. a separate high impedance control pin is standard and is designed for external error amplifer and/or dac control in closed or open loop systems, or simply connect the control pin to the + input for proportional input to output operation (see performance charts below). output power is 1 watt standard, with 1.5 watts available as an option. no minimum load is required. a proprietary vacuum encapsulation process and custom 94v-0 listed, high performance formula are used to achieve excellent high voltage and thermal properties. isolation is +/- 500v bias on the output return. input to output leakage current is very low at less than 100 na and coupling capacitance is also low at <250 pf. the ag series leverages xp emcos best-in-class long-term reli - ability, utilizing proven dc to high voltage dc conversion technology, perfected by over four decades of high voltage design experience in the most demanding applications. our extensive in-house capabili - ties enable us to meet specifc customer requirements with standard, modifed and custom solutions quickly, easily, and economically. technical assistance is readily available. parameter value input voltage 0 to 5, 12, or 24v (for models up to 3kv) 0 to 5v (for models over 3kv) turn-on voltage <0.7 vdc isolation < +/- 500v bias on pin 4 output voltage tolerance +10%, -10% full load, max. input voltage input/output coupling capacitance <250 pf typical input/output leakage current <100 na typical control pin 0 to max input voltage internal oscillator frequency 50khz - 350khz standard temperature ranges operating: -25 to +75c *6 (case) storage: -55 to +105c extended temperature ranges (-t option) operating: -55 to +85c *6 (case) (ag models/1.0w) storage: -55 to +105c detailed product description electrical specifications* 3 ag series 4718l02 www.xppower.com
page 4 top view to p view recommended pcb layout bottom view ag series ag series & agh series pin # function 1 (C) input 2 (+) input 3 hv out 4 hv rtn 5 control parameter value weight < 0.20 oz. (5.66 grams) volume < 0.10 cubic inches (1.639 cubic centimeters) body dimensions 0.92l (23.37l) x 0.45w (11.43w) x 0.25h (6.35h) body + wing dimensions 0.92l (23.37l) x 0.69w (17.53w) x 0.25h (6.35h) dimensions are in inches (metric equivalents are in parenthesis) dimensional tolerances: .xx = + - 0.02 (0.51), .xxx = + - 0.005 ( 0.127) mechanical specifications (100v - 2,000v) 4718l02 www.xppower.com
page 5 top view top view recomm en ded pcb layout bo ttom view ag series ag series & agh series pin # function 1 (C) input 2 (+) input 3 hv out 4 hv rtn 5 control parameter value weight 0.25 oz. (7.09 grams) volume <0.125 cubic inches (2.048 cubic centimeters) body dimensions 1.13l (28.70l) x 0.45w (11.43w) x 0.25h (6.35h) body + wing dimensions 1.13l (28.70l) x 0.69w (17.53w) x 0.25h (6.35h) mechanical specifications (3,000v C 5,000v) dimensions are in inches (metric equivalents are in parenthesis) dimensional tolerances: .xx = + - 0.02 (0.51), .xxx = + - 0.005 ( 0.127) 4718l02 www.xppower.com
page 6 to p view to p view recommended pc b layout bottom view ag series pin # function 1 (C) input 2 (+) input 3 hv out 4 hv rtn 5 control parameter value weight 0.3 oz (8.51 grams) volume <0.156 cubic inches (2.556 cubic centimeters) body dimensions 1.32l (33.53l) x 0.45w (11.43w) x 0.25h (6.35h) body + wing dimensions 1.32l (33.53l) x 0.69w (17.53w) x 0.25h (6.35h) ag series & agh series mechanical specifications (6,000v) dimensions are in inches (metric equivalents are in parenthesis) dimensional tolerances: .xx = + - 0.02 (0.51), .xxx = + - 0.005 ( 0.127) 4718l02 www.xppower.com
page 7 ag installation ag series ag mounted on top of pcb ag mounted from bottom of pcb ag mounted off pcb with .030 dia pins *height of pin can vary depending upon application 4718l02 www.xppower.com
page 8 probe refow results positive slope (c/sec) positive slope time (mm:ss.tt) rise time (120.0 - 180.0c) (mm:ss.tt) mean slope to peak (c/sec) time above liquidus (217.0c) (mm:ss.tt) peak temperature (c) negative slope (c/sec) (c) module lead top 2.62 03:43.50 01:17.00 0.77 00:44.00 237.5 -2.59 probe maximum / minimum maximum (c) max. reached (mm:ss.tt) mean (c) deviation from 255.0c standard deviation minimum (c) min. reached (mm:ss.tt) (c) module lead top 237.5 04:18.00 139.8 -17.5 56.5 38.5 00:00.00 probe time at temperature slopes time above 230.0c (mm:ss.tt) time to reach 230.0c (mm:ss.tt) positive slope (c/sec) mean slope (c/sec) (c) module lead top 00:16.00 04:09.50 2.62 0.38 ag r o hs reflow profile ag series *refow profle is subject to change based on your application 4718l02 www.xppower.com
page 9 typical hv output vs. control voltage 0 50 100 150 200 250 300 01 02 03 04 05 06 07 08 09 01 00 % cont ro l vo lt age n ote : vi n held at ma xi mu m % hv ou tp ut fu ll load ou tput no load ou t put (a g) no load ou t put (a gh ) sa fe o per ati ng limit typical input vs. output voltag e 0 10 20 30 40 50 60 70 80 90 100 01 02 03 04 05 06 07 08 09 01 00 % input voltage note: control pin tied to vin pin % output voltag e lo a ded unl oaded (a g) unl oaded (a gh ) application notes ag series output voltage is load dependent. under light or no-load conditions, reduce the input voltage so maximum rated output voltage is not exceeded. 4718l02 www.xppower.com
page 10 how to order ag - model 20 - output voltage/100 (see table) example: ag20n-12t (ag - model, 20 - output voltage, n - negative, 12 - input voltage, t - extended operating temperature) p art number selector: model number: ag 20 n - 12 t t - extended operating temperature 12 - input voltage n - polarity designator ordering information order code availability output voltage 1 watt ag all 1.5 watt agh all polarity designator positive output p all negative output n all input voltage 5 vdc 5 all/except agh01 model 12 vdc 12 up to 3kv 24 vdc 24 up to 3kv options extended temp t ag models/1w *note: 1. at maximum rated output voltage. 2. output voltage is load dependent. under light or no-load conditions, reduce the input voltage so maximum rated output voltage is not exceeded. 3. specifcations after 30 minute warm-up, full-load, at 25oc, unless otherwise noted. 4. ripple may be reduced substantially by the addition of an external rc flter . 5. volume will vary depending on package size. 6. proper thermal management techniques are required to maintain safe case temperature at maximum power output. 7. the agh01 is only available in 12v or 24v. option codes ag series xp emco reserves the right to make changes on products and literature, including specifcations, without notice. xp emco standard product models are not recommended for copy-exact applications or any other application restricting product changes. copy-exact options are available. please contact an xp emco sales representative for more details. 4718l02 www.xppower.com


▲Up To Search▲   

 
Price & Availability of AG40

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X