Part Number Hot Search : 
CXD8846Q W455F20 TMXW348 PDTA114E LE52CD PDTC14 STLDC08 100LVE
Product Description
Full Text Search
 

To Download 74VHC05FT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2014-02-21 rev.2.0 74VHC05FT 1 cmos digital integrated circuits silicon monolithic 74VHC05FT 74VHC05FT 74VHC05FT 74VHC05FT start of commercial production 2013-05 1. 1. 1. 1. functional description functional description functional description functional description ? hex inverter (open drain) 2. 2. 2. 2. general general general general the 74VHC05FT is an advanced high speed cmos inverter fabricated with silicon gate c 2 mos technology. it achieves the high speed operation similar to equivalent bipolar schottky ttl while maintaining the cmos low power dissipation. pin configuration and function are the same as the 74vhc04ft, but the 74VHC05FT has high performance mos n-channel transistor. (open-drain outputs) this device can, therefore, with a suitable pull-up resistors, be used in wired-and, led drive and other applications. an input protection circuit ensures that 0 to 5.5 v can be applied to the input pins without regard to the supply voltage. this device can be used to interface 5 v to 3 v systems and two supply systems such as battery back up. this circuit prevents device destruction due to mismatched supply and input voltages. 3. 3. 3. 3. features features features features (1) high speed: propagation delay time = 3.8 ns (typ.) at v cc = 5 v (2) low power dissipation: i cc = 2.0 a (max) at t a = 25 (3) high noise immunity: v nih = v nil = 28 % v cc (min) (4) power-down protection is provided on all inputs. (5) wide operating voltage range: v cc(opr) = 2.0 to 5.5 v (6) low noise: v olp = 0.8 v (max) (7) pin and function compatible with the 74 series (74ac/hc/ahc/lv etc.) 05 type. 4. 4. 4. 4. packaging packaging packaging packaging tssop14b
2014-02-21 rev.2.0 74VHC05FT 2 5. 5. 5. 5. pin assignment pin assignment pin assignment pin assignment 6. 6. 6. 6. marking marking marking marking 7. 7. 7. 7. iec logic symbol iec logic symbol iec logic symbol iec logic symbol
2014-02-21 rev.2.0 74VHC05FT 3 8. 8. 8. 8. truth table truth table truth table truth table a l h y z l 9. 9. 9. 9. system diagram(per gate) system diagram(per gate) system diagram(per gate) system diagram(per gate) 10. 10. 10. 10. absolute maximum ratings (note) absolute maximum ratings (note) absolute maximum ratings (note) absolute maximum ratings (note) characteristics supply voltage input voltage output voltage input diode current output diode current output current v cc /ground current power dissipation storage temperature symbol v cc v in v out i ik i ok i out i cc p d t stg rating -0.5 to 7.0 -0.5 to 7.0 -0.5 to v cc + 0.5 -20 20 25 50 180 -65 to 150 unit v ma mw note: exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in ic performance or even destruction. using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. please design the appropriate reliability upon reviewing the toshiba semiconductor reliability handbook ("handling precautions"/"derating concept and methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc). 11. 11. 11. 11. operating ranges (note) operating ranges (note) operating ranges (note) operating ranges (note) characteristics supply voltage input voltage output voltage operating temperature input rise and fall times symbol v cc v in v out t opr dt/dv test condition v cc = 3.3 0.3 v v cc = 5 0.5 v rating 2.0 to 5.5 0 to 5.5 0 to v cc -40 to 85 0 to 100 0 to 20 unit v ns/v note: the operating ranges are required to ensure the normal operation of the device. unused inputs must be tied to either v cc or gnd.
2014-02-21 rev.2.0 74VHC05FT 4 12. 12. 12. 12. electrical characteristics electrical characteristics electrical characteristics electrical characteristics 12.1. 12.1. 12.1. 12.1. dc characteristics (unless otherwise specified, t dc characteristics (unless otherwise specified, t dc characteristics (unless otherwise specified, t dc characteristics (unless otherwise specified, t a a a a = 25 = 25 = 25 = 25 ) ) ) ) characteristics high-level input voltage low-level input voltage low-level output voltage output off-state leakage current input leakage current quiescent supply current symbol v ih v il v ol i oz i in i cc test condition v in = v ih v in = v il v out = v cc or gnd v in = 5.5 v or gnd v in = v cc or gnd i ol = 50 a i ol = 4 ma i ol = 8 ma v cc (v) 2.0 3.0 to 5.5 2.0 3.0 to 5.5 2.0 3.0 4.5 3.0 4.5 5.5 0 to 5.5 5.5 min 1.50 v cc 0.7 typ. 0.0 0.0 0.0 max 0.5 v cc 0.3 0.1 0.1 0.1 0.36 0.36 0.25 0.1 2.0 unit v v v a a a 12.2. 12.2. 12.2. 12.2. dc characteristics (unless otherwise specified, t dc characteristics (unless otherwise specified, t dc characteristics (unless otherwise specified, t dc characteristics (unless otherwise specified, t a a a a = -40 to 85 = -40 to 85 = -40 to 85 = -40 to 85 ) ) ) ) characteristics high-level input voltage low-level input voltage low-level output voltage output off-state leakage current input leakage current quiescent supply current symbol v ih v il v ol i oz i in i cc test condition v in = v ih v in = v il v out = v cc or gnd v in = 5.5 v or gnd v in = v cc or gnd i ol = 50 a i ol = 4 ma i ol = 8 ma v cc (v) 2.0 3.0 to 5.5 2.0 3.0 to 5.5 2.0 3.0 4.5 3.0 4.5 5.5 0 to 5.5 5.5 min 1.50 v cc 0.7 max 0.50 v cc 0.3 0.1 0.1 0.1 0.44 0.44 2.50 1.0 20.0 unit v v v a a a
2014-02-21 rev.2.0 74VHC05FT 5 12.3. 12.3. 12.3. 12.3. ac characteristics (unless otherwise specified, t ac characteristics (unless otherwise specified, t ac characteristics (unless otherwise specified, t ac characteristics (unless otherwise specified, t a a a a = 25 = 25 = 25 = 25 , input: t , input: t , input: t , input: t r r r r = t = t = t = t f f f f = 3 ns) = 3 ns) = 3 ns) = 3 ns) characteristics propagation delay time propagation delay time input capacitance output capacitance power dissipation capacitance symbol t pzl t plz c in c out c pd note (note 1) test condition r l = 1k ? r l = 1k ? v cc (v) 3.3 0.3 5.0 0.5 3.3 0.3 5.0 0.5 c l (pf) 15 50 15 50 50 50 min typ. 5.0 7.5 3.8 5.3 7.5 5.3 4 5 6 max 7.1 10.6 5.5 7.5 10.6 7.5 10 unit ns ns pf pf pf note 1: c pd is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. average operating current can be obtained by the equation. i cc(opr) = c pd v cc f in + i cc /6 (per gate) 12.4. 12.4. 12.4. 12.4. ac characteristics ac characteristics ac characteristics ac characteristics (unless otherwise specified, t (unless otherwise specified, t (unless otherwise specified, t (unless otherwise specified, t a a a a = -40 to 85 = -40 to 85 = -40 to 85 = -40 to 85 , input: t , input: t , input: t , input: t r r r r = t = t = t = t f f f f = 3 ns) = 3 ns) = 3 ns) = 3 ns) characteristics propagation delay time propagation delay time input capacitance symbol t pzl t plz c in test condition r l = 1k ? r l = 1k ? v cc (v) 3.3 0.3 5.0 0.5 3.3 0.3 5.0 0.5 c l (pf) 15 50 15 50 50 50 min 1.0 1.0 1.0 1.0 1.0 1.0 max 8.5 12.0 6.5 8.5 12.0 8.5 10 unit ns ns pf 12.5. 12.5. 12.5. 12.5. noise characteristics (unless otherwise specified, t noise characteristics (unless otherwise specified, t noise characteristics (unless otherwise specified, t noise characteristics (unless otherwise specified, t a a a a = 25 = 25 = 25 = 25 , input: t , input: t , input: t , input: t r r r r = t = t = t = t f f f f = 3 ns) = 3 ns) = 3 ns) = 3 ns) characteristics quiet output maximum dynamic v ol quiet output minimum dynamic v ol minimum high-level dynamic input voltage maximum low-level dynamic input voltage symbol v olp v olv v ihd v ild test condition c l = 50 pf c l = 50 pf c l = 50 pf c l = 50 pf v cc (v) 5.0 5.0 5.0 5.0 typ. 0.4 -0.4 limit 0.8 -0.8 3.5 1.5 unit v 12.6. 12.6. 12.6. 12.6. input equivalent circuit input equivalent circuit input equivalent circuit input equivalent circuit
2014-02-21 rev.2.0 74VHC05FT 6 package dimensions package dimensions package dimensions package dimensions unit: mm weight: 0.054 g (typ.) package name(s) nickname: tssop14b
2014-02-21 rev.2.0 74VHC05FT 7 restrictions on product use restrictions on product use restrictions on product use restrictions on product use ? toshiba corporation, and its subsidiaries and affiliates (collectively "toshiba"), reserve the right to make changes to the information in this document, and related hardware, software and systems (collectively "product") without notice. ? this document and any information herein may not be reproduced without prior written permission from toshiba. even with toshiba's written permission, reproduction is permissible only if reproduction is without alteration/omission. ? though toshiba works continually to improve product's quality and reliability, product can malfunction or fail. customers are responsible for complying with safety standards and for providing adequate designs and safeguards for their hardware, software and systems which minimize risk and avoid situations in which a malfunction or failure of product could cause loss of human life, bodily injury or damage to property, including data loss or corruption. before customers use the product, create designs including the product, or incorporate the product into their own applications, customers must also refer to and comply with (a) the latest versions of all relevant toshiba information, including without limitation, this document, the specifications, the data sheets and application notes for product and the precautions and conditions set forth in the "toshiba semiconductor reliability handbook" and (b) the instructions for the application with which the product will be used with or for. customers are solely responsible for all aspects of their own product design or applications, including but not limited to (a) determining the appropriateness of the use of this product in such design or applications; (b) evaluating and determining the applicability of any information contained in this document, or in charts, diagrams, programs, algorithms, sample application circuits, or any other referenced documents; and (c) validating all operating parameters for such designs and applications. toshiba assumes no liability for customers' product design or applications. toshiba assumes no liability for customers' product design or applications. toshiba assumes no liability for customers' product design or applications. toshiba assumes no liability for customers' product design or applications. ? product is neither intended nor warranted for use in equipments or systems that require product is neither intended nor warranted for use in equipments or systems that require product is neither intended nor warranted for use in equipments or systems that require product is neither intended nor warranted for use in equipments or systems that require extraordinarily high levels of quality and/or reliability, and/or a malfunction or failure of which may extraordinarily high levels of quality and/or reliability, and/or a malfunction or failure of which may extraordinarily high levels of quality and/or reliability, and/or a malfunction or failure of which may extraordinarily high levels of quality and/or reliability, and/or a malfunction or failure of which may cause loss of human life, bodily injury, serious property damage and/or serious public impact cause loss of human life, bodily injury, serious property damage and/or serious public impact cause loss of human life, bodily injury, serious property damage and/or serious public impact cause loss of human life, bodily injury, serious property damage and/or serious public impact ("unintended use"). ("unintended use"). ("unintended use"). ("unintended use"). except for specific applications as expressly stated in this document, unintended use includes, without limitation, equipment used in nuclear facilities, equipment used in the aerospace industry, medical equipment, equipment used for automobiles, trains, ships and other transportation, traffic signaling equipment, equipment used to control combustions or explosions, safety devices, elevators and escalators, devices related to electric power, and equipment used in finance-related fields. if you use product for if you use product for if you use product for if you use product for unintended use, toshiba assumes no liability for product. unintended use, toshiba assumes no liability for product. unintended use, toshiba assumes no liability for product. unintended use, toshiba assumes no liability for product. for details, please contact your toshiba sales representative. ? do not disassemble, analyze, reverse-engineer, alter, modify, translate or copy product, whether in whole or in part. ? product shall not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited under any applicable laws or regulations. ? the information contained herein is presented only as guidance for product use. no responsibility is assumed by toshiba for any infringement of patents or any other intellectual property rights of third parties that may result from the use of product. no license to any intellectual property right is granted by this document, whether express or implied, by estoppel or otherwise. ? absent a written signed agreement, except as provided in the relevant terms and conditions of sale absent a written signed agreement, except as provided in the relevant terms and conditions of sale absent a written signed agreement, except as provided in the relevant terms and conditions of sale absent a written signed agreement, except as provided in the relevant terms and conditions of sale for product, and to the maximum extent allowable by law, toshiba (1) assumes no liability whatsoever, for product, and to the maximum extent allowable by law, toshiba (1) assumes no liability whatsoever, for product, and to the maximum extent allowable by law, toshiba (1) assumes no liability whatsoever, for product, and to the maximum extent allowable by law, toshiba (1) assumes no liability whatsoever, including without limitation, indirect, consequential, special, or incidental damages or loss, including including without limitation, indirect, consequential, special, or incidental damages or loss, including including without limitation, indirect, consequential, special, or incidental damages or loss, including including without limitation, indirect, consequential, special, or incidental damages or loss, including without limitation, loss of profits, loss of opportunities, business interruption and loss of data, and without limitation, loss of profits, loss of opportunities, business interruption and loss of data, and without limitation, loss of profits, loss of opportunities, business interruption and loss of data, and without limitation, loss of profits, loss of opportunities, business interruption and loss of data, and (2) disclaims any and all express or implied warranties and conditions related to sale, use of product, (2) disclaims any and all express or implied warranties and conditions related to sale, use of product, (2) disclaims any and all express or implied warranties and conditions related to sale, use of product, (2) disclaims any and all express or implied warranties and conditions related to sale, use of product, or information, including warranties or conditions of merchantability, fitness for a particular or information, including warranties or conditions of merchantability, fitness for a particular or information, including warranties or conditions of merchantability, fitness for a particular or information, including warranties or conditions of merchantability, fitness for a particular purpose, accuracy of information, or noninfringement. purpose, accuracy of information, or noninfringement. purpose, accuracy of information, or noninfringement. purpose, accuracy of information, or noninfringement. ? do not use or otherwise make available product or related software or technology for any military purposes, including without limitation, for the design, development, use, stockpiling or manufacturing of nuclear, chemical, or biological weapons or missile technology products (mass destruction weapons). product and related software and technology may be controlled under the applicable export laws and regulations including, without limitation, the japanese foreign exchange and foreign trade law and the u.s. export administration regulations. export and re-export of product or related software or technology are strictly prohibited except in compliance with all applicable export laws and regulations. ? please contact your toshiba sales representative for details as to environmental matters such as the rohs compatibility of product. please use product in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances, including without limitation, the eu rohs directive. toshiba assumes no liability for damages or losses occurring toshiba assumes no liability for damages or losses occurring toshiba assumes no liability for damages or losses occurring toshiba assumes no liability for damages or losses occurring as a result of noncompliance with applicable laws and regulations. as a result of noncompliance with applicable laws and regulations. as a result of noncompliance with applicable laws and regulations. as a result of noncompliance with applicable laws and regulations.


▲Up To Search▲   

 
Price & Availability of 74VHC05FT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X