Part Number Hot Search : 
BR2506 MC600 PCA954 103M1 SMP4221 M67748LR 82915P MC74F04D
Product Description
Full Text Search
 

To Download 2SK530 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor isc product specification isc website www.iscsemi.cn isc & iscsemi is registered trademark 1 isc n-channel mosfet transistor 2SK530 description drain current C i d =5a@ t c =25 drain source voltage- : v dss =400v(min) fast switching speed applications designed especially for high voltage,high speed applications, such as off-line switching power supplies , ups,ac and dc motor controls,relay and solenoid drivers. absolute maximum ratings(t a =25 ) symbol arameter value unit v dss drain-source voltage (v gs =0) 400 v v gs gate-source voltage 20 v i d drain current-continuous@ tc=25 5 a p tot total dissipation@tc=25 40 w t j max. operating junction temperature 150 t stg storage temperature range -55~150 pdf pdffactory pro www.fineprint.cn
inchange semiconductor isc product specification isc website www.iscsemi.cn isc & iscsemi is registered trademark 2 isc n-channel mosfet transistor 2SK530 electrical characteristics (t c =25 ) symbol parameter conditions min typ. max unit v (br)dss drain-source breakdown voltage v gs =0; i d = 10ma 400 v v gs(th) gate threshold voltage v ds = 10v; i d = 1ma 1.5 3.5 v r ds(on) drain-source on-stage resistance v gs = 10v; i d =3a 1.0 1.4 v ds(on) drain-source saturation voltage i f = 8a; v gs =10v 10 18 v i gss gate source leakage current v gs = 20v; v ds = 0 100 na i dss zero gate voltage drain current v ds =400v; v gs = 0 1 ma tr rise time v gs =10v;i d =2a; r l =50 25 50 ns ton turn-on time 40 80 ns tf fall time 30 70 ns toff turn-off time 140 280 ns pdf pdffactory pro www.fineprint.cn


▲Up To Search▲   

 
Price & Availability of 2SK530

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X