Part Number Hot Search : 
C1506H BZX84C33 APL1087R 55C6V OP565B LC723740 TA166 AP4924M
Product Description
Full Text Search
 

To Download 2SK1807 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor isc product specification isc website www.iscsemi.cn isc & iscsemi is registered trademark 1 isc n-channel mosfet transistor 2SK1807 description drain current i d = 4a@ t c =25 drain source voltage : v dss = 900v(min) fast switching speed applications high breakdown voltage absolute maximum ratings(t a =25 ) symbol parameter value unit v dss drain-source voltage (v gs =0) 900 v v gs gate-source voltage 30 v i d drain current-continuous@ t c =25 4 a p tot total dissipation@t c =25 60 w t j max. operating junction temperature 150 t stg storage temperature range -55~150 pdf pdffactory pro www.fineprint.cn
inchange semiconductor isc product specification isc website www.iscsemi.cn isc & iscsemi is registered trademark 2 isc n-channel mosfet transistor 2SK1807 electrical characteristics (t c =25 ) symbol parameter conditions min type max unit v (br)dss drain-source breakdown voltage v gs = 0; i d = 10ma 900 v v (br)gss gate-source breakdown voltage v ds = 0; i g = 100 a 30 v v gs (th ) gate threshold voltage v ds = v gs ; i d =1ma 2.0 3.0 v v df body to drain diode forward voltage i s = 4 a, v gs = 0 0.9 v r ds( on ) drain-source on-resistance v gs = 10v; i d = 2a 4.0 i gss gate-body leakage current v gs = 25v;v ds = 0 10 a i dss zero gate voltage drain current v ds = 720v; v gs = 0 250 a c iss input capacitance v ds =10v; v gs =0v; f t =1mhz 740 pf c rss reverse transfer capacitance 305 c oss output capacitance 150 t r rise time v gs =10v; i d =2a; v dd =200v; r l =15 60 ns t on turn-on time 15 t f fall time 80 t off turn-off time 100 pdf pdffactory pro www.fineprint.cn


▲Up To Search▲   

 
Price & Availability of 2SK1807

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X