Part Number Hot Search : 
PB1010 7615A BR2325 G150XG03 805SF MB90V 28F128J3 G150N
Product Description
Full Text Search
 

To Download 2SC2983-Y Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2s c2983-o npn plastic-encapsulate features x  l ow collector saturation voltage x  execllent current-to-gain characteristics maximum ratings symbol rating rating unit v ceo collector-emitter v oltage 16 0 v v cbo collector-base voltage 16 0 v v ebo emitter-base voltage 5 .0 v i c collector cur r ent 1.5 a p c co l lector p ower dissipation 1. 0 w t j junction temperature 150 : t stg storage temperature -55 to +150 : electrical characteristics @ 25 : unless otherwise specified symbol parameter min typ max units v (b r ) c b o co l lector - base breakdow n v oltage (i c = 1.0m ad c , i e =0) 16 0 --- -- - v d c i cbo collector-base cutoff current (v c b = 16 0v d c , i e =0) -- - --- 1.0 u a d c i ebo emitter-base cutoff current (v e b = 5 vdc, i c =0) -- - --- 1.0 u a d c h fe(1) dc current gain (i c = 100m adc, v c e = 5 .0v d c ) 70 --- 24 0 -- - v ce(sat) collector-emitter saturation voltage (i c = 0.5 adc, i b = - 5 0m adc ) -- - --- 1.5 v dc f t transition frequency (v c e = 10 vdc, i c = 1 00m adc) --- 100 --- mhz c ob collector output capacitance (v c b = 1 0vdc, i e =0, f=1.0mh z ) -- - 25 --- pf revision: a 20 1 3/0 7 /0 4   
 omp onents 20736 marilla street chatsworth       
     m cc tm micro commercial components classification of h fe (1) rank o y range 70 -14 0 120-240 w w w. m c c se m i .c om 1 of 4 v (b r ) c e o co l lector - e m itter breakdow n v oltage (i c = 10 mad c , i b =0) 16 0 --- -- - v d c v (b r ) e b o e m itter -base breakdow n v oltage (i e = 1.0m ad c , i c =0) 5 --- -- - v d c epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 dimensions mm dim min max min max note a 0.087 0.094 2.20 2.40 b 0.000 0.005 0.00 0.13 c 0.026 0.034 0.66 0.86 d 0.018 0.023 0.46 0.58 e 0.256 0.264 6.50 6.70 f 0.201 0.215 5.10 5.46 g 0.190 4.83 h 0.236 0.244 6.00 6.20 j 0.386 0.409 9.80 10.40 p i n 1 . base pin 2 . 4 collector p i n 3 . emitter inches o 0.043 0.051 1.10 1.30 q a d b l g v k c i j h o m f 12 3 i 0.086 0.094 2.18 2.39 k 0.114 2.90 4 e m 0.063 1.60 l 0.055 0.067 1.40 1.70q 0.000 0.012 0.00 0.30 v 0.211 5.35 halogen free available upon request by adding suffix "-hf" transistors 2s c2983-y v b e base - e m itte r voltag e ( v ce = 5v dc, i c = 50 0m adc ) -- - --- 1.0 v dc dpak downloaded from: http:///
revision : a 20 1 3 /0 7 / 0 4 2 o f 4 m cc tm micro commercial components typical characteristics w w w. m c c se m i .c om static characteristic h ?? i fe c 200 1000 emitter a 150 0.9ma t =25 100 100 50 b 0 10 0 2 4 6 8 (v) 10 1 10 100 1000 1500 collector current i (ma) collector-emitter voltage v c ce v ?? i v ?? i cesat c besat c 1000 300 =10 =10 800 t =100 100 t =25 a a 600 t =25 a t =100 a 400 10 200 1 0 1000 1500 0.1 1 10 100 i (ma) c 0.1 1 10 100 (ma) 1000 1500 collector curremt i collector curremt c i ?? v f ?? i c be t c 1500 1000 500 common emitter common emitter v =5v v =10v ce ce t =25 a 100 100 10 1 0.1 10 0 200 400 600 800 1000 1200 50 60 70 80 90 100 collector current i (ma) base-emmiter voltage v (mv) c be base-emitter saturation voltage v (mv) collector current i (ma) collector current i (ma) besat c c collector-emitter saturation transition frequency f (mhz) dc current gain h voltage v (mv) t cesat fe common t =25 1m a 0 .8ma 0.7 m a 0.6ma 0.5ma 0.4ma 0.3ma 0.2ma i =0.1ma i tter common em v = 5v ce t =100 a a downloaded from: http:///
revision : a 20 1 3 /0 7 / 0 4 3 o f 4 m cc tm micro commercial components typical characteristics w w w. m c c se m i .c om p ?? t c /c ?? v /v c a ob ib cb eb 1200 1000 f=1mhz c i =0/i =0 ib e c 1000 t =25 a 800 100 c ob 600 400 10 200 0 1 0 25 50 75 100 125 150 0.1 1 reverse voltage 10 30 ambient temperature t ( ) v (v) a capacitance c (pf) collector power dissipation p (mw) c downloaded from: http:///
m cc revision: a 20 1 3/0 7 /0 4 tm micro commercial components w w w. m c c se m i .c om 4 of 4 d e vi c e p ac k i n g p a r t n u m b e r- t p t a p e & r ee l : 2 . 5 k p c s / r e e l o r de r i n g i n f or m a ti on : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. note : adding "-hf" suffix for halogen free, eg. part number-tp-hf downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 2SC2983-Y

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X