npn silicon power transistors features ? power amplifier applications maximum ratings symbol rating rating unit v ceo collector-emitter voltage 30 v v cbo collector-base voltage 30 v v ebo emitter-base voltage 5.0 v i c collector current 1500 ma p c collector power dissipation 500 mw t j junction temperature 150 t stg storage temperature -55 to +150 electrical characteristics @ 25 o c unless otherwise specified symbol parameter min typ. max units off characteristics v (br)ceo collector-emitter breakdown voltage* (i c =10madc, i b =0) 30 --- --- vdc v (br)ebo collector-emitter breakdown voltage* (i e =1madc, i c =0) 5 --- vdc i cbo collector-base cutoff current (v c b =30vdc, i e =0) --- --- 0.1 uadc i ebo emitter-base cutoff current (v eb =5.0vdc, i c =0) --- --- 0.1 uadc on characteristics h fe forward current transfer ratio (i c =0.5adc, v c e =2.0vdc) 100 --- 320 --- v ce(sat) collector-emitter saturation voltage (i c =1.5adc, i b =30madc) --- --- 2.0 vdc v be base-emitter voltage (i c =0.5adc, v c e =2.0vdc) --- --- 1.0 vdc f t transition frequency (i c =0.5adc, v c e =2.0vdc) --- 120 --- mhz c ob collector output capacitance (v cb =10v, i e =0, f=1mhz) --- --- 40 pf revision: b 20 1 3 / 01 / 0 1 omp onents 20736 marilla street chatsworth
m cc sot-89 1.base 2.collector3.emitter tm micro commercial components classification of h fe rank range marking oy 10 0- 200 1 6 0- 32 0 go gy w w w. m c c se m i .c om 1 of 4 2sc2883 -o 2sc2883 -y b a e d g h f k j c
25
1.55 .061 ref. 1 2 3 lead free finish/rohs compliant ("p" suffix designates rohs compliant. see ordering information) epoxy meets ul 94 v-0 flammability rating moisure sensitivity level 1 h alogen free available upon request by adding suffix "-hf" downloaded from: http:///
2sc2883 w w w . m c c se m i .c om m cc tm micro commercial components revision: b 201 3 /01/01 2 of 4 downloaded from: http:///
w w w. m c c se m i .c om m cc tm micro commercial components revision: b 201 3 /01/01 3 of 4 2sc2883 downloaded from: http:///
m cc re vision: b 2 0 1 3 /0 1 /0 1 tm micro commercial components w w w. m c c se m i .c om 4 of 4 4 o r de r i n g i n f or m a ti on : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. d e vi c e p ac k i n g p a r t n u m b e r- t p ta p e &re e l; 1 kp cs / re e l note : adding "-hf" suffix for halogen free, eg. part number-tp-hf downloaded from: http:///
|