Part Number Hot Search : 
IXFH9N80 KBPC35 TFS230B TK13A65 SII4726 E004703 GW30N MJD31
Product Description
Full Text Search
 

To Download 2R5TPE330M9 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  design and specifications are each subject to change without notice. ask factory for the current technical specifications befo re purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. conductive polymer tantalum solid capacitors lot. no. r.cap. code r. voltage code polarity marking(+) h w1 s s l w small size (l 3.5 w 2.8 h 1.9 mm) low esr (15 m ) rohs compliance, halogen free surface mount type series : tpe size : b size code b2 category temperature range C55 c to +105 c rated voltage range 2.0 v.dc to 10 v.dc category voltage range 1.8 v.dc to 8.0 v.dc rated capacitance range 47 f to 470 f capacitance tolerance 20 % (120 hz / + 20 c) leakage current please see the attached characteristics list dissipation factor (tan d ) please see the attached characteristics list surge voltage (v.dc) rated voltage 1.15 endurance +105 c, 1000 h rated voltage applied ? rated temp, +85 c products : +85 c, 1000 h, rated voltage applied capacitance change within 20 % of the initial value tan d < 1.5 times of the initial limit dc leakage current within the initial limit damp heat (steady state) +60 c, 90 % to 95 %, 500 h, no-applied voltage capacitance change within +50 %, ?20 % of the initial value (2r5tpe220mazb (mapb, mafb), 2r5tpe330mazb, 2tpe330mafb (madgb), 2tpe470majgb (mafb), 2tpe330mfb) within +40 %, ?20 % of the initial value (except for above model) tan d < 1.5 times of the initial limit dc leakage current < 3 times of the initial limit size code l0.2 w0.2 h0.1 s0.2 w10.1 b2 3.5 2.8 1.9 0.8 2.2 unit : mm marking r. voltage (v.dc) 2.0 2.5 4.0 6.3 8.0 10.0 code deg j ka r. cap. (f) 47 100 120 150 220 330 470 code s7 a8 c8 e8 j8 n8 s8 ? externals of ? gure are the reference. specifi cations features dimensions (not to scale) nov. 2015 01
design and specifications are each subject to change without notice. ask factory for the current technical specifications befo re purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. conductive polymer tantalum solid capacitors series rated voltage (v.dc) rated temp. (c) category voltage (v.dc) category temp. (c) rated capacitance (f) case size (mm) size code specifications standard lwh ripple ? 1 current (mar.m.s.) esr ? 2 (m max.) tan d ? 3 lc ? 4 (a) part number min. packaging q'ty (pcs) tpe 2 105 2.0 105 330 3.5 2.8 1.9 b2 2000 15 0.08 132.0 2tpe330mfb 2000 85 1.8 105 3.5 2.8 1.9 2000 15 0.08 132.0 2tpe330mafb 2000 85 1.8 105 3.5 2.8 1.9 2000 13/300 khz 0.10 132.0 2tpe330madgb 2000 85 1.8 105 470 3.5 2.8 1.9 2300 15 0.10 188.0 2tpe470mafb 2000 85 1.8 105 3.5 2.8 1.9 2300 11/300 khz 0.08 188.0 2tpe470majgb 2000 2.5 85 2.0 105 220 3.5 2.8 1.9 2000 15 0.08 110.0 2r5tpe220mafb 2000 105 2.5 105 3.5 2.8 1.9 1800 15/300 khz 0.08 110.0 2r5tpe220mfgb 2000 105 2.5 105 3.5 2.8 1.9 1700 21 0.08 55.0 2r5tpe220mlb 2000 85 2.0 105 3.5 2.8 1.9 1600 25 0.08 55.0 2r5tpe220mapb 2000 105 2.5 105 3.5 2.8 1.9 1400 35 0.08 55.0 2r5tpe220mzb 2000 85 2.0 105 3.5 2.8 1.9 1400 35 0.08 55.0 2r5tpe220mazb 2000 85 2.0 105 330 3.5 2.8 1.9 1400 35 0.08 82.5 2r5tpe330mazb 2000 4 105 4.0 105 100 3.5 2.8 1.9 1400 35 0.08 40.0 4tpe100mzb 2000 85 3.2 105 150 3.5 2.8 1.9 1400 35 0.08 60.0 4tpe150mazb 2000 85 3.2 105 220 3.5 2.8 1.9 1400 35 0.08 88.0 4tpe220mazb 2000 6.3 105 6.3 105 100 3.5 2.8 1.9 1600 25 0.08 63.0 6tpe100mpb 2000 85 5.0 105 3.5 2.8 1.9 1400 35 0.08 63.0 6tpe100mazb 2000 85 5.0 105 120 3.5 2.8 1.9 1400 35 0.08 75.6 6tpe120mazb 2000 85 5.0 105 150 3.5 2.8 1.9 1600 25 0.08 94.5 6tpe150mapb 2000 85 5.0 105 3.5 2.8 1.9 1400 35 0.08 94.5 6tpe150mazb 2000 85 5.0 105 220 3.5 2.8 1.9 1400 35 0.10 138.6 6tpe220mazb 2000 8 85 6.3 105 100 3.5 2.8 1.9 1400 35 0.08 80.0 8tpe100mazb 2000 10 85 8.0 105 47 3.5 2.8 1.9 1400 35 0.08 47.0 10tpe47mazb 2000 ? 1 ripple current (100 khz/ +45 c ), ? 2 esr (100 khz/+20 c) ? 3 tan d (120 hz/+20 c) ? 4 after 5 minutes please refer to each page in this catarog for reflow conditions and taping specifications. characteristics list nov. 2015 01
design and specifications are each subject to change without notice. ask factory for the current technical specifications befo re purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. conductive polymer tantalum solid capacitors lot. no. r.cap. code r. voltage code polarity marking(+) h w1 s s l w low pro? le (height 1.5 mm max.) low esr (7 m ) large capacitance (1500 f max.) rohs compliance, halogen free surface mount type series : tpe size : d features size code d15e d2e d3l d4 category temperature range C55 c to +105 c rated voltage range 6.3 v.dc 2.5 v.dc to 10 v.dc category voltage range 5.0 v.dc 2.5 v.dc to 10 v.dc rated capacitance range 470 f 68 f to 470 f 220 f to 680 f 330 f to 1500 f capacitance tolerance 20 % (120 hz / + 20 c) leakage current please see the attached characteristics list dissipation factor (tan d ) please see the attached characteristics list surge voltage (v.dc) rated voltage 1.15 endurance +105 c, 2000 h rated voltage applied ? rated temp, +85 c products : +85 c, 1000 h, rated voltage applied 6tpe330map , 6tpe470mazu : +85 c, 2000 h, capacitance change within 20 % of the initial value tan d < 1.5 times of the initial limit dc leakage current within the initial limit damp heat (steady state) +60 c, 90 % to 95 %, 500 h, no-applied voltage capacitance change within +50 %, ?20 % of the initial value (2r5tpe220m (i, f, 9), 2r5tpe330m (i, f, c, 9, 7), 2r5tpe470m (i, f, c, 9, 7), 2r5tpe1000mf, 2r5tpe1500m (f, c)) within +40 %, ?20 % of the initial value (except for above model) tan d < 1.5 times of the initial limit dc leakage current < 3 times of the initial limit size code l0.3 w0.2 h0.2 ? 1 s0.2 w10.1 d15e 7.3 4.3 1.4 1.1 2.4 d2e 7.3 4.3 1.8 1.3 2.4 d3l 7.3 4.3 2.8 1.3 2.4 d4 7.3 4.3 3.8 1.3 2.4 unit : mm r. voltage (v.dc) 2.5 4.0 6.3 10.0 code eg j a ? externals of ? gure are the reference. ? 1 0.1 :d15e, d2e marking dimensions (not to scale) specifi cations nov. 2015 01
design and specifications are each subject to change without notice. ask factory for the current technical specifications befo re purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. conductive polymer tantalum solid capacitors characteristics list series rated voltage (v.dc) rated temp. (c) category voltage (v.dc) category temp. (c) rated capacitance (f) case size (mm) size code specifications standard lwh ripple ? 1 current (mar.m.s.) esr ? 2 (m max.) tan d ? 3 lc ? 4 (a) part number min. packaging q'ty (pcs) tpe 2.5 105 2.5 105 220 7.3 4.3 1.8 d2e 3900 9 0.10 55.0 2r5tpe220m9 3000 105 2.5 105 7.3 4.3 1.8 3100 15 0.10 55.0 2r5tpe220mf 3000 105 2.5 105 7.3 4.3 1.8 2800 18 0.10 55.0 2r5tpe220mi 3000 105 2.5 105 7.3 4.3 1.8 2400 25 0.10 55.0 2r5tpe220m 3000 105 2.5 105 330 7.3 4.3 1.8 4400 7 0.10 82.5 2r5tpe330m7 3000 105 2.5 105 7.3 4.3 1.8 3900 9 0.10 82.5 2R5TPE330M9 3000 105 2.5 105 7.3 4.3 1.8 3500 12 0.10 82.5 2r5tpe330mc 3000 105 2.5 105 7.3 4.3 1.8 3100 15 0.10 82.5 2r5tpe330mf 3000 105 2.5 105 7.3 4.3 1.8 2800 18 0.10 82.5 2r5tpe330mi 3000 105 2.5 105 7.3 4.3 1.8 2400 25 0.10 82.5 2r5tpe330m 3000 105 2.5 105 470 7.3 4.3 1.8 4400 7 0.10 117.5 2r5tpe470m7 3000 105 2.5 105 7.3 4.3 1.8 3900 9 0.10 117.5 2r5tpe470m9 3000 105 2.5 105 7.3 4.3 1.8 3500 12 0.10 117.5 2r5tpe470mc 3000 105 2.5 105 7.3 4.3 1.8 3100 15 0.10 117.5 2r5tpe470mf 3000 105 2.5 105 7.3 4.3 1.8 2800 18 0.10 117.5 2r5tpe470mi 3000 105 2.5 105 680 7.3 4.3 2.8 d3l 3500 12 0.10 170.0 2r5tpe680mcl 2500 105 2.5 105 7.3 4.3 2.8 3100 15 0.10 170.0 2r5tpe680mfl 2500 105 2.5 105 1000 7.3 4.3 3.8 d4 3900 15 0.15 250.0 2r5tpe1000mf 2000 105 2.5 105 1500 7.3 4.3 3.8 4400 12 0.15 375.0 2r5tpe1500mc 2000 105 2.5 105 7.3 4.3 3.8 3900 15 0.15 375.0 2r5tpe1500mf 2000 4 105 4.0 105 150 7.3 4.3 1.8 d2e 2800 18 0.10 60.0 4tpe150mi 3000 105 4.0 105 220 7.3 4.3 1.8 3100 15 0.10 88.0 4tpe220mf 3000 105 4.0 105 7.3 4.3 1.8 2800 18 0.10 88.0 4tpe220mi 3000 105 4.0 105 7.3 4.3 1.8 2400 25 0.10 88.0 4tpe220m 3000 105 4.0 105 330 7.3 4.3 1.8 2800 18 0.10 132.0 4tpe330mi 3000 105 4.0 105 7.3 4.3 1.8 2400 25 0.10 132.0 4tpe330m 3000 105 4.0 105 470 7.3 4.3 2.8 d3l 3500 12 0.10 188.0 4tpe470mcl 2500 105 4.0 105 7.3 4.3 2.8 3100 15 0.10 188.0 4tpe470mfl 2500 105 4.0 105 7.3 4.3 2.8 2800 18 0.10 188.0 4tpe470mil 2500 105 4.0 105 7.3 4.3 2.8 2400 25 0.10 188.0 4tpe470ml 2500 6.3 105 6.3 105 100 7.3 4.3 1.8 d2e 2800 18 0.10 63.0 6tpe100mi 3000 105 6.3 105 7.3 4.3 1.8 2400 25 0.10 63.0 6tpe100m 3000 105 6.3 105 150 7.3 4.3 1.8 3100 15 0.10 94.5 6tpe150mf 3000 105 6.3 105 7.3 4.3 1.8 2800 18 0.10 94.5 6tpe150mi 3000 105 6.3 105 7.3 4.3 1.8 2400 25 0.10 94.5 6tpe150m 3000 105 6.3 105 220 7.3 4.3 1.8 2800 18 0.10 138.6 6tpe220mi 3000 105 6.3 105 7.3 4.3 1.8 2400 25 0.10 138.6 6tpe220m 3000 85 5.0 105 7.3 4.3 1.8 2400 25 0.10 138.6 6tpe220map 3000 85 5.0 105 330 7.3 4.3 1.8 2400 25 0.10 207.9 6tpe330map 3000 85 5.0 105 7.3 4.3 2.8 d3l 2400 25 0.10 207.9 6tpe330mal 2500 85 5.0 105 7.3 4.3 2.8 3900 9/500 hz 0.10 207.9 6tpe330ma9el 2500 105 6.3 105 7.3 4.3 2.8 3100 15 0.10 207.9 6tpe330mfl 2500 105 6.3 105 7.3 4.3 2.8 2800 18 0.10 207.9 6tpe330mil 2500 105 6.3 105 7.3 4.3 2.8 2400 25 0.10 207.9 6tpe330ml 2500 85 5.0 105 7.3 4.3 3.8 d4 4400 10 0.10 207.9 6tpe330maa 2000 85 5.0 105 470 7.3 4.3 1.4 d15e 1700 35 0.10 296.1 6tpe470mazu 4000 105 6.3 105 7.3 4.3 3.8 d4 3500 18 0.15 296.1 6tpe470mi 2000 105 6.3 105 7.3 4.3 3.8 3000 25 0.15 296.1 6tpe470m 2000 105 6.3 105 680 7.3 4.3 3.8 3500 18 0.15 428.4 6tpe680mi 2000 105 6.3 105 7.3 4.3 3.8 3000 25 0.15 428.4 6tpe680m 2000 10 105 10.0 105 68 7.3 4.3 1.8 d2e 2400 25 0.10 68.0 10tpe68m 3000 105 10.0 105 220 7.3 4.3 2.8 d3l 2800 18 0.10 220.0 10tpe220mil 2500 105 10.0 105 7.3 4.3 2.8 2400 25 0.10 220.0 10tpe220ml 2500 105 10.0 105 330 7.3 4.3 3.8 d4 3000 25 0.10 330.0 10tpe330m 2000 ? 1 ripple current (100 khz/ +45 c ), ? 2 esr (100 khz/+20 c) ? 3 tan d (120 hz/+20 c) ? 4 after 5 minutes please refer to each page in this catarog for reflow conditions and taping specifications. nov. 2015 01


▲Up To Search▲   

 
Price & Availability of 2R5TPE330M9

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X