Part Number Hot Search : 
1N2070A 3N50C AB005 IVRC0428 XHXXXX AWM1200V 24H3R DPS52181
Product Description
Full Text Search
 

To Download 101304480001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  anforderungsstufe 1 performance level 1 kontaktbereich vergoldet mating area gold plating anschlussbereich verzinnt 4-6 m terminal area 4-6 m tin plating koplanarit?t der anschlsse 0,1 mm coplanarity area of termination 0,1 mm abspulrichtung - reel off direction 330 verpackt im gurt in anlehnung an din iec 60286-3 tape on reel packaging according to din iec 60286-3 verpackungseinheit: 650 stck packaging unit: 650 pcs 6,1 0,75 -0,05 3,43 1,5 -0,03 5,25 4,7 13,31 0,03 1,8 ansaughaube hood kontaktbezeichnung contact marking 13,14 2,2 -0,2 +0,1 3,5 11 15,24 7 5,6 1,98 5 2,48 12 1,27 7 x 1,27 = 8,89 1,5 1,5 1 leiterplatten-layout fr smt pcb-layout for smt kontaktbezeichnung bei pin 1 contact marking at pin 1 1,2 0,03 13,31 0,03 1,27 2,6 7,4 1,45 0,3 0,8 2,21 -0,03 1,6 2 7 x 1,27 = 8,89 b index contact one of the erni companies proprietary notice pursuant to iso 16016 to be observed. a2 class k 25.02.2016 srcp m 1,27 src p, 8-pin ks m 1,27 src p, 8-polig ks 101304480001 www.erni.com copyright by erni production gmbh & co. kg before using. version of this drawing, please drawing will not be updated. designation in mm all dimensions scale tolerances information: 5:1 all rights reserved. only for information. to ensure that this is the latest subject to modification without prior notice. date fr die anforderung nach pg 9 der lv214 (koshiri-sicherheit) for the requirement of the lv214 pg 9 (koshiri-security) pos. 1 32 12


▲Up To Search▲   

 
Price & Availability of 101304480001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X