Part Number Hot Search : 
SBT603G TDA79 D222RW PS241 ZT751 RB751 PMN40LN AA541
Product Description
Full Text Search
 

To Download SL2ICS5311EW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sl2 ics53/sl2 ics54 i?code sli-s/i?code sli-s hc rev. 3 .0 ? 14 march 2007 product data sheet 113730 public 1. general description the i?code sli-s/i?code sli-s hc ic is a dedicated chip for smart label applications with the need for a higher security level, larger memory and/or a product which takes care of the increasing demand for perfect customer pr ivacy. this ic is the second member of a product family of smart label ics based on the iso standard iso/iec 15693 as well as on epc global compliant commands. the i?code system offers the possibility of operating more than on e label simultaneously in the field of the reader antenna (anticollisio n). it is designed for long range applications with a special command for the use under the european regulations. 1.1 anticollision an intelligent anticollision func tion allows to operate more than one tag in the field simultaneously. the anticollision algorithm select s each tag individua lly and ensures that the execution of a transaction with a select ed tag is performed correctly without data corruption result ing from other tags in the field. 1.2 contactless energy and data transfer whenever connected to a very simple and c heap type of antenna (as a result of the 13.56 mhz carrier frequency) made out of a few windings printed, winded, etched or punched coil the i?code sli-s/i?code sli-s hc ic can be operated without line of sight up to a distance of 1.5 m (gate width). no battery is needed. when the smart label is positioned in the field of an interrogator antenna, the high speed rf communication interface allows to tran smit data with up to 53 kbit/s.
113730 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 3.0 ? 14 march 2007 2 of 33 nxp semiconductors sl2 ics53/sl2 ics54 i?code sli-s/i?code sli-s hc public 1.3 security and privacy aspects 1. unique identifier (uid) the uid can not be altered and guara ntees the uniqueness of each label. 2. otp memory for epc code the memory for the epc code is an one time programmable memory, which ensures that the data can not be changed after user programming. 3. password protected memory management (read/write access) pages (1 page = 4 blocks of 4 byte each) can be protected with a password, which ensures that only authorized users get read/write access to the protected parts of the user memory (anti counterfeiting). 4. password protected label destroy with the 32-bit destroy password an addr essed label can be destroyed with the destroy command. that status is irreversible and the label will never respond to any command again. 5. password protected privacy mode with the 32-bit privacy password a label can be set to the privacy mode with the set to privacy mode command. in that mode the label will not respond to any command except of the command get random number till it receives again the right privacy password. that mode is especially designed to meet the increasing demand to take care of the customers privacy. 6. password protected eas functionality with the 32-bit eas password the addressed label can be set in a mode that the commands set eas and reset ea s are only executed by the label if the right eas password is transmitted to the label within the mentioned commands.
113730 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 3.0 ? 14 march 2007 3 of 33 nxp semiconductors sl2 ics53/sl2 ics54 i?code sli-s/i?code sli-s hc public 2. features 2.1 i?code sli-s rf interface ? contactless transmission of data and supply energy (no battery needed) ? operating distance: up to 1.5 m (depending on antenna geometry) ? operating frequency: 13.56 mhz (ism, world-wide licence free available) ? i?code sli-s functionality (iso/iec 15693) ? fast data transfer: up to 53 kbit/s ? high data integrity: 16-bit crc, framing ? true anti-collision ? additional fast anti-collision read ? password protected electronic article surveillance (eas) incl. applicat ion selection ? application family identifier (afi) supported ? data storage format identifier (dsfid) ? privacy command with 32-bit privacy password ? destroy command with 32 -bit destroy password ? i?code epc functionality ? fast data transfer: up to 53 kbit/s ? high data integrity: 16-bit crc, framing ? anti-collision with high identification sp eed (approx. 200 i?code epc smart labels per second) ? label destroy command with 24-bit destroy code protection for epc functionality only ? long range command ? write distance equal to read distance 2.2 eeprom ? 2048 bits (2 kbit), organized in 64 blocks of 4 byte each, 4 blocks are summed up to 1 page ? data retention of 10 years ? write endurance 100.000 cycles 2.3 security features ? unique identifier for each device ? lock mechanism for each user memory block (write protection) ? lock mechanism for dsfid, afi, eas ? password (32-bit) protected memory management for read access ? password (32-bit) protected memory management for write access ? password (32-bit) protected label destroy ? password (32-bit) protected privacy mode ? password (32-bit) prot ected eas functionality
113730 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 3.0 ? 14 march 2007 4 of 33 nxp semiconductors sl2 ics53/sl2 ics54 i?code sli-s/i?code sli-s hc public 3. applications ? supply chain management ? asset management ? container identification ? pallet & case tracking 4. quick reference data the data sheet describes the function ality of the smart label ics i?code sli-s and i?code sli-s hc. these ics distinguish between the built in resonance capacitance. the i?code sli-s hc shows a higher capacitance value than the i?code sli-s. therefore with the i?code sli-s hc smaller label desi gns can be realized. table 1: quick reference data symbol description min typ [1] max unit sl2 ics53 i?code sli-s 23.5 pf sl2 ics54 i?code sli-s hc 97.0 pf [1] typical values are not guaranteed. these values listed are at room temperature. 5. ordering information table 2: ordering information type number package name description version sl2 ics5301ew/v7 ffc sawn wafer 150 m on film frame carrier - sl2 fcs5301ev/dh fcp flip chip package - sl2 mos5301ev moa2 module for contactless chip card ics plmcc-05 sot500aa1 sl2 ics5401ew/v7 ffc sawn wafer 150 m on film frame carrier - sl2 fcs5401ev/dh fcp flip chip package - sl2 mos5401ev moa2 module for contactless chip card ics plmcc-05 sot500aa1
113730 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 3.0 ? 14 march 2007 5 of 33 nxp semiconductors sl2 ics53/sl2 ics54 i?code sli-s/i?code sli-s hc public 6. block diagram the sl2 ics53/sl2 ics54 ic consists of three major blocks: analog rf interface digital controller eeprom the analog part provides stable supply voltage and demodulates data received from the reader for being processed by the digital pa rt. further, the modulation transistor of the analog part transmits data back to the reader. the digital section includes the state mach ines, processes the protocol and handles communication with the eeprom. fig 1. block diagram of label ic
113730 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 3.0 ? 14 march 2007 6 of 33 nxp semiconductors sl2 ics53/sl2 ics54 i?code sli-s/i?code sli-s hc public 7. functional description 7.1 block description the label requires no internal power supply. its contactless interface generates the power supply and the system clock via the resonan t circuitry by inductive coupling to the interrogator. the interface also demodulates data that are transmitted from the interrogator to the i?code label, and modu lates the electromagnetic field for data transmission from the i?code label to the interrogator. data are stored in a non-vo latile memory (eeprom). the eeprom has a memory capacity of 2048 bit and is organized in 64 blocks consisting of 4 bytes each (1 block = 32 bits). the higher 40 blocks contain user data and th e lowest 24 blocks contain the unique identifier, epc memory , security, the write access conditions and special data like afi and dsfid. 7.2 memory organization the 2048 bit eeprom memory is divided into 64 bl ocks. a block is the smallest access unit. each block consists of 4 bytes (1 block = 32 bits). 4 blocks are summed up to 1 page for password protection. bit 0 in each byte represents the least significant bit (lsb) and bit 7 the most significant bit (msb), respectively. the memory is divided into 2 parts: ? configuration area ? within this part of the memory all requ ired information are stored like uid, epc data, write protection, access control information, passwords and so on. direct access to this memory area is not possible. ? user memory ? within this area the user da ta are stored. direct read/write access to this part of the memory is possible depending on the related security and write protection conditions.
113730 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 3.0 ? 14 march 2007 7 of 33 nxp semiconductors sl2 ics53/sl2 ics54 i?code sli-s/i?code sli-s hc public table 3. memory organization page block byte 0 byte 1 byte 2 byte 3 description -6 -24 configuration area for internal use -23 -22 -21 : : : : : : : : : : : : : : : : : : : : : : : : -1 -4 -3 -2 -1 0 0 user memory ? 10 pages ? 4 blocks each ? 4 bytes each ? (total 160 bytes) 1 2 3 : : : : : : : : : : : : : : : : : : : : : : : : 9 36 37 38 39
113730 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 3.0 ? 14 march 2007 8 of 33 nxp semiconductors sl2 ics53/sl2 ics54 i?code sli-s/i?code sli-s hc public 7.2.1 unique identifier the 64-bit unique identifier (uid) is programmed during the production process according to iso/iec 15693-3 and cannot be changed afterwards. the numbering of the 64 bits is done according to iso/iec 15693-3 starting with the lsb 1 and ending with the msb 64. this is in contrast to the general used bit numbering within a byte (starting with lsb 0). the tag type is a part of the uid (bit 41 to 48, after the manufacturer code which is ?04h? for nxp semiconductors). the tag type of the sl2 ics53/sl2 ics54 is ?02h? table 4. unique identifier description byte 7 6 5 4 3 2 1 0 name uid 7 uid 6 uid 5 uid 4 uid 3 uid 2 uid 1 uid 0 value e0 04 02 ic manufacturer serial number bit 64 to 57 56 to 49 48 to 41 40 to 1 msb lsb 7.2.2 configuration of delivered ics i?code sli-s/i?code sli-s hc ics are delivered with the following configuration by nxp semiconductors: ? unique identifier is unique and read only ? write access conditions allow to chan ge user blocks, afi, dsfid, eas and passwords ? all password bytes are 00h (protectio n password, privacy password, destroy password, eas password) ? user data memory is not password protected ? password protected privacy mode is disabled ? eas password protection is disabled ? status of eas mode is not defined ? afi is supported and not defined ? dsfid is supported and not defined ? epc memory is not defined and can be written once ? user data memory is not defined
113730 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 3.0 ? 14 march 2007 9 of 33 nxp semiconductors sl2 ics53/sl2 ics54 i?code sli-s/i?code sli-s hc public 7.3 communication principle iso/iec 15693 command set for detailed description of the protocol and timing please refer to iso/iec 15693-2 (modulation, bit-coding, fr aming) and 15693- 3 (anticollision, timing, protocol). epc command set for detailed description of the protocol an d timing please refer to epc specification ?13.56 mhz ism band class 1 radio frequency (rf) identification tag interface specification?. 8. command set 8.1 iso/iec 15693 command set 8.1.1 mandatory commands 8.1.1.1 inventory as defined in iso/iec 15693-3. exception: if the privacy or destroy m ode is enabled the label will not respond. 8.1.1.2 stay quiet as defined in iso/iec 15693-3. 8.1.2 optional commands 8.1.2.1 read single block as defined in iso/iec 15693-3. option 0 (option flag not set) is supported. option 1 (option flag set) is supported. if the privacy or destroy mode is enabled the label will not respond. if the related page of the addressed block is protected with the read-password and the password has not been transmitted before wit h the set password command the label will respond according to the error handling (see section 8.4 ? error handling ? ). 8.1.2.2 write single block only option 0 (option flag is not set) is supported. if the addressed block is part of a write protected page or only protected with the read password (see section 8.1.3.6 ? protect page ? ) and the password has not been transmitted before wit h the set password command the label will respond according to the error handling (see section 8.4 ? error handling ? ).
113730 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 3.0 ? 14 march 2007 10 of 33 nxp semiconductors sl2 ics53/sl2 ics54 i?code sli-s/i?code sli-s hc public 8.1.2.3 lock block only option 0 (option flag is not set) is supported. if the addressed block is part of a write protected page or only protected with the read password (see section 8.1.3.6 ? protect page ? ) and the password has not been transmitted before wit h the set password command the label will respond according to the error handling (see section 8.4 ? error handling ? ). 8.1.2.4 select as defined in iso/iec 15693-3. 8.1.2.5 reset to ready as defined in iso/iec 15693-3. 8.1.2.6 write afi as defined in iso/iec 15693-3. only option 0 (option flag is not set) is supported. 8.1.2.7 lock afi as defined in iso/iec 15693-3. only option 0 (option flag is not set) is supported. 8.1.2.8 write dsfid as defined in iso/iec 15693-3. only option 0 (option flag is not set) is supported. 8.1.2.9 lock dsfid as defined in iso/iec 15693-3. only option 0 (option flag is not set) is supported. 8.1.2.10 get system information as defined in iso/iec 15693-3. the tag type of the sl2 ics53/sl2 ics54 is ?02h?. 8.1.3 custom commands the manufacturer code of nxp semiconductors is defined in iso/iec 7816-6a1. it has the value ?04h?. for the structure of custom comm ands please refer to iso/iec 15693-3. 8.1.3.1 get random number command code = b2h the get random number command is required to receive a random number from the label ic. the passwords that will be transmitted with the set password command have to be calculated with the password and the random number (see section 8.1.3.2 ? set password ? ).
113730 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 3.0 ? 14 march 2007 11 of 33 nxp semiconductors sl2 ics53/sl2 ics54 i?code sli-s/i?code sli-s hc public the different passwords are addre ssed with the password identifier. table 5. request format sof flags get random number ic mfg code uid crc16 eof 8 bits 8 bits 8 bits 64 bits 16 bits 8 bits table 6. response format when error_flag is set sof flags error code crc16 eof 8 bits 8 bits 16 bits table 7. response format when error_flag is not set sof flags random number crc16 eof 8 bits 16 bits 16 bits 8.1.3.2 set password command code = b3h with the set password command the different passwords can be transmitted to the label to get access to the different protected functionalities on the following commands. the set password command has to be executed just once for the related passwords if the label is powered. remark: the set password command can only be executed in addressed or selected mode except of the privacy password. the xor password has to be calculated with the password and two times the received random number from the last get random number command: xor_password[31:0] = password[31:0] xor {random_number[15:0], random_number[15:0]} the different passwords are addre ssed with the password identifier. table 8. request format sof flags set password ic mfg code uid password identifier xor password crc16 eof 8 bits 8 bits 8 bits 64 bits 8 bits 32 bits 16 bits 8 bits table 9. password identifier password identifier password 01h read 02h write 04h privacy 08h destroy sli-s 10h eas
113730 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 3.0 ? 14 march 2007 12 of 33 nxp semiconductors sl2 ics53/sl2 ics54 i?code sli-s/i?code sli-s hc public table 10. response format when error_flag is set sof flags error code crc16 eof 8 bits 8 bits 16 bits table 11. response format when error_flag is not set sof flags crc16 eof 8 bits 16 bits remark: if the ic receives an invalid password , it will not execute any following command until a power-on reset (r f reset) is executed. 8.1.3.3 write password command code = b4h with the write password command a new pa ssword will be written into the related memory, if the related old password has al ready been transmitted with a set password command before and the addressed password is not locked (see section 8.1.3.4 ? lock password ? ). remark: the write password command can only be executed in addressed or selected mode. the new password takes effect immediately which means that the new password has to be transmitted with the set passwo rd command to get access to protected blocks/pages. the different passwords are addre ssed with the password identifier. table 12. request format sof flags write passwor d ic mfg code uid password identifier password crc16 eof 8 bits 8 bits 8 bits 64 bits 8 bits 32 bits 16 bits 8 bits table 13. password identifier password identifier password 01h read 02h write 04h privacy 08h destroy sli-s 10h eas table 14. response format when error_flag is set sof flags error code crc16 eof 8 bits 8 bits 16 bits table 15. response format when error_flag is not set sof flags crc16 eof 8 bits 16 bits
113730 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 3.0 ? 14 march 2007 13 of 33 nxp semiconductors sl2 ics53/sl2 ics54 i?code sli-s/i?code sli-s hc public 8.1.3.4 lock password command code = b5h with the lock password command the addressed password will be locked if the related password has already been transmitted with a set password command before. a locked password can not be changed any longer. the different passwords are addre ssed with the password identifier. table 16. request format sof flags lock password ic mfg code uid password identifier crc16 eof 8 bits 8 bits 8 bits 64 bits 8 bits 16 bits 8 bits table 17. password identifier password identifier password 01h read 02h write 04h privacy 08h destroy sli-s 10h eas table 18. response format when error_flag is set sof flags error code crc16 eof 8 bits 8 bits 16 bits table 19. response format when error_flag is not set sof flags crc16 eof 8 bits 16 bits
113730 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 3.0 ? 14 march 2007 14 of 33 nxp semiconductors sl2 ics53/sl2 ics54 i?code sli-s/i?code sli-s hc public 8.1.3.5 64 bit password protection command code = bbh with the 64-bit password protection command the label ic can be instructed that both of the read and write passwords are required to get access to password protected blocks (pages). this mode can be enabled if the read and write passwords have already been transmitted with a set password command before. if the 64-bit password protection is enable d both passwords are required for read & write access to protected blocks (pages). table 20. request format sof flags 64 bit pwd parameter ic mfg code uid crc16 eof 8 bits 8 bits 8 bits 64 bits 16 bits 8 bits table 21. response format when error_flag is set sof flags error code crc16 eof 8 bits 8 bits 16 bits table 22. response format when error_flag is not set sof flags crc16 eof 8 bits 16 bits
113730 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 3.0 ? 14 march 2007 15 of 33 nxp semiconductors sl2 ics53/sl2 ics54 i?code sli-s/i?code sli-s hc public 8.1.3.6 protect page command code = b6h with the page protection command the page protection condition can be changed under the following circumstances: ? the related passwords (read and/or write password) have been transmitted before with the set password command. if the page is public no password is required. ? the addressed page protection condition is not locked (see page protection condition lock) table 23. request format sof flags protect page ic mfg code uid page number protectio n status crc16 eof 8 bits 8 bits 8 bits 64 bits 8 bits 8 bits 16 bits 8 bits table 24. protection status protection status 32 bit password protection 64 bit password protection 00h public public 01h read and write protected by the read password read and write protected by the read plus write password 10h write protected by the write password write protected by the read plus write password 11h read protected by the read password and write protected by the write password read and write protected by the read plus write password table 25. response format when error_flag is set sof flags error code crc16 eof 8 bits 8 bits 16 bits table 26. response format when error_flag is not set sof flags crc16 eof 8 bits 16 bits
113730 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 3.0 ? 14 march 2007 16 of 33 nxp semiconductors sl2 ics53/sl2 ics54 i?code sli-s/i?code sli-s hc public 8.1.3.7 lock page protection condition command code = b7h with the lock page protection condition co mmand the status of the page protection condition of the related page will be locked if the related pa sswords (read and/or write password) have been transmitted before with the set password command. if the page is public no password is required. table 27. request format sof flags lock page protection condition ic mfg code uid page number crc16 eof 8 bits 8 bits 8 bits 64 bits 8 bits 16 bits 8 bits table 28. response format when error_flag is set sof flags error code crc16 eof 8 bits 8 bits 16 bits table 29. response format when error_flag is not set sof flags crc16 eof 8 bits 16 bits
113730 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 3.0 ? 14 march 2007 17 of 33 nxp semiconductors sl2 ics53/sl2 ics54 i?code sli-s/i?code sli-s hc public 8.1.3.8 get multiple block protection status command code = b8h to the get multiple block protection status command the label responds with the block protection status of the requested blocks. remark: if the sum of the first block number and the number of blocks exceeds the total available number of user blocks the number of transmitted security status bytes is less than the requested number, which means that the last returned status byte is the one corresponding to the highest available user block, followed by the 16-bit crc and the eof. table 30. request format sof flags get multiple block protection status ic mfg code uid first block number number of blocks crc16 eof 8 bits 8 bits 8 bits 64 bits 8 bits 8 bits 16 bits 8 bits table 31. response format when error_flag is set sof flags error code crc16 eof 8 bits 8 bits 16 bits table 32. response format when error_flag is not set sof flags block protection status crc16 eof 8 bits 8 bits 16 bits repeated as needed table 33. block protection status bit name value description b1 (lsb) lock bit (wac) [1] 0 block is not locked 1 block is locked (lock block command) b2 read password protected 0 disabled 1 enabled b3 write password protected 0 disabled 1 enabled b4 page protection lock 0 1 not locked locked b5 to b8 (msb) - 0 [1] wac... write access condition
113730 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 3.0 ? 14 march 2007 18 of 33 nxp semiconductors sl2 ics53/sl2 ics54 i?code sli-s/i?code sli-s hc public 8.1.3.9 destroy sli-s command code = b9h with the destroy sli-s command the i?code sli-s/i?code sli-s hc label ic can be destroyed if the destroy sli- s password has been transmitted before. this command is irreversible and the i?code sli-s/i?code sli-s hc will never respond to any command again (iso and epc commands). remark: the destroy sli-s can only be executed in addressed or selected mode. table 34. request format sof flags destroy sli-s ic mfg code uid crc16 eof 8 bits 8 bits 8 bits 64 bits 16 bits 8 bits table 35. response format when error_flag is set sof flags error code crc16 eof 8 bits 8 bits 16 bits table 36. response format when error_flag is not set sof flags crc16 eof 8 bits 16 bits 8.1.3.10 enable privacy command code = bah with the enable privacy command the i?code sli-s/i?code sli-s hc label ic can be set into the privacy mode. the i?code sli-s/i?code sli-s hc will not respond to any command except get random number and set password. to get out of the privacy status the valid priv acy password has to be transmitted to the ic with the set password command. table 37. request format sof flags enable privacy ic mfg code uid crc16 eof 8 bits 8 bits 8 bits 64 bits optional 16 bits 8 bits table 38. response format when error_flag is set sof flags error code crc16 eof 8 bits 8 bits 16 bits table 39. response format when error_flag is not set sof flags crc16 eof 8 bits 16 bits
113730 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 3.0 ? 14 march 2007 19 of 33 nxp semiconductors sl2 ics53/sl2 ics54 i?code sli-s/i?code sli-s hc public 8.1.3.11 inventory page read command code = b0h when receiving the inventory page read request, the i?code sli-s/i?code sli-s hc ic performs the same as in th e anti-collision sequence, with th e difference th at instead of the uid and the dsfid the r equested memory content is re-transmitted from the i?code sli-s/i?code sli-s hc ic. if an error is detected the i?code sli-s/i?code sli-s hc ic remains silent. if the option flag is set to 0 n pages of data including page protection status (password protection condition) are re-trans mitted. if the option flag is set to 1 n pages (4 blocks = 16 byte) of data including page protection stat us (password protection condition) and the part of the uid which is not part of the mask are re-transmitted. the request contains: ? flags ? inventory page read command code ? ic manufacturer code ? afi (if the afi flag is set) ? mask length ? mask value (if mask length > 0) ? first page number to be read ? number of pages to be read ? crc 16 table 40. request format sof flags inventory read ic mfg code optional afi mask length mask value first page number number of pages crc16 eof 8 bits 8 bits 8 bits 8 bits 8 bits 0 to 64 bits 8 bits 8 bits 16 bits 8 bits the inventory_flag must be set to 1. the meaning of flags 5 to 8 is according to table 5 in iso/iec 15693-3. the number of pages in the request is one less than the number of pages that the i?code sli-s/i?code sli-s hc ic returns in its response. if the option flag in the request is set to 0 the response contains: table 41. response format sof flags data crc16 eof 8 bits page status & data 16 bits repeated as needed the i?code sli-s/i?code sli-s hc ic reads the requested block(s) including page protection status and sends back their val ue in the response. the mechanism and timing of the inventory page read command performs the same as at the inventory command which is described in clause 8 of iso/iec 15693-3.
113730 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 3.0 ? 14 march 2007 20 of 33 nxp semiconductors sl2 ics53/sl2 ics54 i?code sli-s/i?code sli-s hc public the requested page(s) is (are) transmitted in the following format and repeated as necessary (depending on number of pages): table 42. page protection status byte page protection status byte block data 00h: page is public (not protected with read password) or the valid read password has been transmitted before 16 byte page data content 0fh: page is protected with the read password and the valid read password has not been transmitted before no data if the option flag in the request is set to 1 the response contains: table 43. response format sof flags rest of uid which is not part of the mask and slot number data crc16 eof 8 bits 0 to 64 bit page status & data 16 bits multiple of 8 bits repeated as needed the i?code sli-s/i?code sli-s hc ic reads the request ed page(s) including page protection status and sends back their value in the response. additionally the bytes of the uid, which are not parts of the mask and the slot number in case of 16 slots, are returned. instead of a padding with zeros up to the next byte boundary the corresponding bits of the uid are returned. the mechanism and timi ng of the inventory page read command perform the same as at the inventory command which is described in clause 8 of iso/iec 15693-3. the requested page(s) is (are) transmitted in the following format and repeated as necessary (depending on number of pages): table 44. page protection status byte page protection status byte block data 00h: page is public (not protected with read password) or the valid read password has been transmitted before 16 byte page data content 0fh: page is protected with the read password and the valid read password has not been transmitted before no data remark: the number of bits of the re-transmi tted uid can be calculated as follows: ? 16 slots: ? 60 bits (bit 64 to bit 5) - mask length rounded up to the next byte boundary ? 1 slot: ? 64 bits - mask length rounded up to the next byte boundary
113730 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 3.0 ? 14 march 2007 21 of 33 nxp semiconductors sl2 ics53/sl2 ics54 i?code sli-s/i?code sli-s hc public remark: if the sum of first page number and number of pages exceeds the total available number of user pages the number of transmitted pages is less than the requested number of pages, which means that the last returned page is the highest available user page, followed by the 16-bit crc and the eof. ? example: ? mask length = 30 bits ? returned: ? bit 64 to bit 5 ? 30 bits = 30 bits gives 4 bytes table 45. example byte 0 byte 1 byte 2 byte 3 byte 4 byte 5 byte 6 byte 7 uid mask value incl. padding with zeros transmitted by interrogator returned value transmitted by i?code sli-s/i?code sli-s hc ic 8.1.3.12 fast inventory page read command code = b1h when receiving the fast inventory page read command the i?code sli-s/i?code sli-s hc ic behaves the same as in the inventory page read command with the following exceptions: the data rate in the direction i?code sli-s/i?code sli-s hc ic to the interrogator is twice as defined in iso/iec 15693-3, depending on the datarate_flag 53 kbit (high data rate) or 13 kbit (low data rate). the data rate from the interrogator to the i?code sli-s/i?code sli-s hc ic and the time between the rising edge of the eof from the interrogator to the i?code sli-s/i?code sli-s hc ic remain unchanged (stay the same as defined in iso/iec 15693-3). in the direction i?code sli-s/i?code sli-s hc ic to the interrogator only the single subcarrier mode is supported.
113730 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 3.0 ? 14 march 2007 22 of 33 nxp semiconductors sl2 ics53/sl2 ics54 i?code sli-s/i?code sli-s hc public 8.1.3.13 set eas command code = a2h this command enables the eas m ode if the eas mode is not locked. if the eas mode is password protected the eas password has to be transmitted before with the set password command. table 46. request format sof flags set eas ic mfg code uid crc16 eof 8 bits 8 bits 8 bits 64 bits optional 16 bits 8 bits table 47. response format when error_flag is set sof flags error code crc16 eof 8 bits 8 bits 16 bits table 48. response format when error_flag is not set sof flags crc16 eof 8 bits 16 bits 8.1.3.14 reset eas command code = a3h this command disables the eas mode if the eas mode is not locked . if the eas mode is password protected the eas password has to be transmitted before with the set password command. table 49. request format sof flags reset eas ic mfg code uid crc16 eof 8 bits 8 bits 8 bits 64 bits optional 16 bits 8 bits table 50. response format when error_flag is set sof flags error code crc16 eof 8 bits 8 bits 16 bits table 51. response format when error_flag is not set sof flags crc16 eof 8 bits 16 bits
113730 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 3.0 ? 14 march 2007 23 of 33 nxp semiconductors sl2 ics53/sl2 ics54 i?code sli-s/i?code sli-s hc public 8.1.3.15 lock eas command code = a4h this command locks th e current state of the eas mode and the eas id. if the eas mode is password protected the eas password has to be transmitted before with the set password command. table 52. request format sof flags lock eas ic mfg code uid crc16 eof 8 bits 8 bits 8 bits 64 bits optional 16 bits 8 bits table 53. response format when error_flag is set sof flags error code crc16 eof 8 bits 8 bits 16 bits table 54. response format when error_flag is not set sof flags crc16 eof 8 bits 16 bits 8.1.3.16 eas alarm command code = a5h the eas alarm command can be used in the following three configurations: ? option flag is set to 0: eas id mask length and eas id val ue shall not be transmitted if the eas mode is set the eas re sponse is returned from the i?code sli-s/i?code sli-s hc ic. this configuratio n is compliant to the eas command of the icode sli ic. ? option flag is set to 1: within the command the eas id mask lengt h has to be transmitted to identify how many bits of the following eas id value ar e valid (multiple of 8-bits). only those i?code sli-s/i?code sli-s hc ics will respond with the eas response which have stored the correspond ing data in the eas id configurat ion (selective eas) and if the eas mode is set. if the eas id mask length is set to 0, the i?code sli-s/i?code sli-s hc ic will answer with its eas id. table 55. request format sof flags eas alarm ic mfg code uid eas id mask length eas id value crc16 eof 8 bits 8 bits 8 bits 64 bits optional 8 bits optional 0, 8 or 16 bits optional 16 bits 8 bits if an error is detected the i?code sli-s/i?code sli-s hc ic remains silent.
113730 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 3.0 ? 14 march 2007 24 of 33 nxp semiconductors sl2 ics53/sl2 ics54 i?code sli-s/i?code sli-s hc public option flag is set to 0 or option flag is set to 1 and the eas id mask length is not equal 0: table 56. response format sof flags eas sequence crc16 eof 8 bits 256 bits 16 bits eas sequence (starting with the lsb, which is tr ansmitted first; read from left to right): 11110100 11001101 01000110 00001110 10101011 11100101 00001001 11111110 00010111 10001101 00000001 00011100 01001011 10000001 10010010 01101110 01000001 01011011 01011001 01100001 11110110 11110101 11010001 00001101 10001111 00111001 10001011 01001000 10100101 01001110 11101100 11110111 option flag is set to 1 and the eas id mask length is equal 0: table 57. response format sof flags eas id value crc16 eof 8 bits 16 bits 16 bits if the eas mode is disabled (see reset eas command in section 8.1.3.14 ? reset eas ? ) the i?code sli-s/i?code sli-s hc ic remains silent. 8.1.3.17 password protect eas command code = a6h this command enables the password protection for eas if the eas password has to be transmitted before with the set password command. table 58. request format sof flags password protect eas ic mfg code uid crc16 eof 8 bits 8 bits 8 bits 64 bits optional 16 bits 8 bits table 59. response format when error_flag is set sof flags error code crc16 eof 8 bits 8 bits 16 bits table 60. response format when error_flag is not set sof flags crc16 eof 8 bits 16 bits
113730 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 3.0 ? 14 march 2007 25 of 33 nxp semiconductors sl2 ics53/sl2 ics54 i?code sli-s/i?code sli-s hc public 8.1.3.18 write eas id command code = a7h with the command write eas id a new eas iden tifier is stored in the corresponding configuration memory. if eas is password protected (for set and reset eas) the eas password has to be transmitted before with the set password command. table 61. request format sof flags write eas ic mfg code uid eas id value crc16 eof 8 bits 8 bits 8 bits 64 bits optional 16 bits 16 bits 8 bits table 62. response format when error_flag is set sof flags error code crc16 eof 8 bits 8 bits 16 bits table 63. response format when error_flag is not set sof flags crc16 eof 8 bits 16 bits 8.1.3.19 read epc command code = a8h on the command read epc the i?code sli-s/i?code sli-s hc ics will respond with the epc data, if a destroy epc command had not been executed before. table 64. request format sof flags read epc ic mfg code uid crc16 eof 8 bits 8 bits 8 bits 64 bits optional 16 bits 8 bits table 65. response format when error_flag is set sof flags error code crc16 eof 8 bits 8 bits 16 bits table 66. response format when error_flag is not set sof flags epc crc16 eof 8 bits 96 bits, msb first 16 bits 8.2 epc command set 8.2.1 begin round as defined in epc specification ?13.56 mhz ism band class 1 radio frequency (rf) identification tag interface specification?. 8.2.2 write block as defined in epc specification ?13.56 mhz ism band class 1 radio frequency (rf) identification tag interface specification?.
113730 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 3.0 ? 14 march 2007 26 of 33 nxp semiconductors sl2 ics53/sl2 ics54 i?code sli-s/i?code sli-s hc public 8.2.3 destroy as defined in epc specification ?13.56 mhz ism band class 1 radio frequency (rf) identification tag interface specification?. remark: with the destroy command from the epc command set only the epc functionality will be destroyed. 8.3 long range command 8.3.1 long range cmd command code = 40h the long range cmd command is designed to allow the use of the higher limits defined in the iso/tr 7003:1990. the bit and byte codi ng is the same as it is defined in epc specification ?13.56 mhz ism band class 1 radio frequency (rf) identification tag interface specification?. to reduce the number of pulses the redundancy check is changed from a crc8 calculation to an xor of the transmitted parameters (long range cmd, data selector, number of slots) ? number of slots: ? if the data selector is transmitted for eas the l abel will ignore the received number of slots parameter and will use always one slot (like eas alarm command, see section 8.1.3.16 ? eas alarm ? ) with eas. for eas typically 00h is used as the value for number of slots to reduce the number of transmitted pulses. ? if the data selector is transmitted for uid or epc the label will respond within one of the transmitted number of slots on a pseudo random basis and will calculate a new slot for a following command. labels, which have executed a destroy epc command before will no t respond to this command if the data select or for epc is transmitted. table 67. request format ssof long range cmd data selector number of slots xor ceof 8 bits 8 bits 8 bits 8 bits 8 bits
113730 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 3.0 ? 14 march 2007 27 of 33 nxp semiconductors sl2 ics53/sl2 ics54 i?code sli-s/i?code sli-s hc public table 68. number of slots number of slots value 1 10h 4 20h 8 40h 16 80h 32 00h 64 01h 128 02h 256 04h 512 08h table 69. data selector data selector value response eas 00h lsb first uid 01h lsb first epc 02h msb first depending on data selector the label ics will respond with the requested data. table 70. response format rsof requested data crc16 reof depending on data selector 16 bits 8 bits table 71. long range cmd vcd long range cmd viccs response 1 response 2 response 3 timing t1 t1 t1 slot slot 0 slot1 slot2 comment no vicc response collision table 72. timing timing min. max. unit t1 302.06 - 2.36 302.06 + 2.36 p s 8 bits
113730 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 3.0 ? 14 march 2007 28 of 33 nxp semiconductors sl2 ics53/sl2 ics54 i?code sli-s/i?code sli-s hc public 8.4 error handling 8.4.1 transmission errors according to iso/iec 15693 the label ic will not respond if a transmission error (crc, bitcoding, bitcount, wrong framing) is detected and will silently wait for the next correct received command. 8.4.2 not supported commands or options if the received command or option is not supp orted, the behaviour of the label ic is depending on the addressing mechanism. 8.4.2.1 non addressed mode the label ic remains silent. 8.4.2.2 addressed or selected mode the addressed or selected label ic responds with the error code ?0fh? (error with no information given or error code is not supported). if the inventory flag or the protoc ol extension flag is set the label ic will not respond if the command or option is not supported. 8.4.3 parameter out of range 8.4.3.1 read commands if the sum of the first block number and the number of blocks exceeds the total available number of user blocks, the number of tran smitted blocks is less than the requested number of blocks, which means that the last returned block is the highest available user block, followed by the 16-bit crc and the eof. 8.4.3.2 write and lock commands if the address of a block to be written does not exist or a block to be written is locked the behaviour of the label ic is depending on the addressing mechanism. 8.4.3.3 non addressed mode the label ic remains silent and aborts the command without writing anything. 8.4.3.4 addressed or selected mode the addressed or selected label ic responds with the error code ?0fh? (error with no information given or error code is not supported).
113730 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 3.0 ? 14 march 2007 29 of 33 nxp semiconductors sl2 ics53/sl2 ics54 i?code sli-s/i?code sli-s hc public 8.5 data integrity following mechanisms are implemented in the contactless communication link between interrogator and label to ensure very reliable data transmission: ? 16-bit crc per block ? bit count checking ? bit coding to distinguish between ?1?, ?0? and no information ? channel monitoring (protocol sequence and bit stream analysis) 8.6 rf interface the definition of the rf interface is according to the standard iso/iec 15693-2 and iso/iec 15693-3.
113730 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 3.0 ? 14 march 2007 30 of 33 nxp semiconductors sl2 ics53/sl2 ics54 i?code sli-s/i?code sli-s hc public 9. revision history table 73. revision history document id release date data sheet status change notice supersedes 113730 14 march 2007 product data sheet modifications: ? initial version
113730 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 3.0 ? 14 march 2007 31 of 33 nxp semiconductors sl2 ics53/sl2 ics54 i?code sli-s/i?code sli-s hc public 10. legal information 10.1 data sheet status document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the objec tive specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this document contains the product specification. [1] please consult the most recently issued document before initiating or completing a design. [2] the term ?short data sheet? is explained in section ?definitions?. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple device s. the latest product status information is available on the internet at url http://www.nxp.com . 10.2 definitions draft ? the document is a draft versi on only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. 10.3 disclaimers general ? information in this document is believed to be accurate and reliable. however, nxp semiconductors d oes not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use ? nxp semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of a nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors accepts no liability for inclusion and/or use of nxp semiconductors products in such equi pment or applications and therefore such inclusion and/or use is at the customer?s own risk. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) may cause permanent damage to the device. limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the characteristics sections of this document is not implied. exposure to limiting values for extended periods may affect device reliability. terms and conditions of sale ? nxp semiconductors products are sold subject to the general terms and condit ions of commercial sale, as published at http://www.nxp.com/profile/terms , including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writ ing by nxp semiconductors. in case of any inconsistency or conflict between information in this document and such terms and conditions, the latter will prevail. no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any lic ense under any copyrights, patents or other industrial or intellectual property rights. 10.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. 11. contact information for additional information, please visit: http://www.nxp.com for sales office addresses, send an email to: salesaddresses@nxp.com
113730 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 3.0 ? 14 march 2007 32 of 33 continued >> nxp semiconductors sl2 ics53/sl2 ics54 i?code sli-s/i?code sli-s hc public 12. tables table 1: quick reference data . . . . . . . . . . . . . . . . . . . . . 4 table 2: ordering information . . . . . . . . . . . . . . . . . . . . . .4 table 3. memory organization . . . . . . . . . . . . . . . . . . . . .7 table 4. unique identifier descripti on . . . . . . . . . . . . . . . .8 table 5. request format . . . . . . . . . . . . . . . . . . . . . . . . . 11 table 6. response format when error_flag is set. . . . . . 11 table 7. response format when error_flag is not set . 11 table 8. request format . . . . . . . . . . . . . . . . . . . . . . . . . 11 table 9. password identifier . . . . . . . . . . . . . . . . . . . . . . 11 table 10. response format when error_flag is set. . . . . .12 table 11. response format when error_flag is not set .12 table 12. request format . . . . . . . . . . . . . . . . . . . . . . . . .12 table 13. password identifier . . . . . . . . . . . . . . . . . . . . . .12 table 14. response format when error_flag is set. . . . . .12 table 15. response format when error_flag is not set .12 table 16. request format . . . . . . . . . . . . . . . . . . . . . . . . .13 table 17. password identifier . . . . . . . . . . . . . . . . . . . . . .13 table 18. response format when error_flag is set. . . . . .13 table 19. response format when error_flag is not set .13 table 20. request format . . . . . . . . . . . . . . . . . . . . . . . . .14 table 21. response format when error_flag is set. . . . . .14 table 22. response format when error_flag is not set .14 table 23. request format . . . . . . . . . . . . . . . . . . . . . . . . .15 table 24. protection status . . . . . . . . . . . . . . . . . . . . . . . .15 table 25. response format when error_flag is set. . . . . .15 table 26. response format when error_flag is not set .15 table 27. request format . . . . . . . . . . . . . . . . . . . . . . . . .16 table 28. response format when error_flag is set. . . . . .16 table 29. response format when error_flag is not set .16 table 30. request format . . . . . . . . . . . . . . . . . . . . . . . . .17 table 31. response format when error_flag is set. . . . . .17 table 32. response format when error_flag is not set .17 table 33. block protection status . . . . . . . . . . . . . . . . . . .17 table 34. request format . . . . . . . . . . . . . . . . . . . . . . . . .18 table 35. response format when error_flag is set. . . . . .18 table 36. response format when error_flag is not set .18 table 37. request format . . . . . . . . . . . . . . . . . . . . . . . . .18 table 38. response format when e rror_flag is set . . . . . 18 table 39. response format when error_flag is not set . 18 table 40. request format . . . . . . . . . . . . . . . . . . . . . . . . 19 table 41. response format . . . . . . . . . . . . . . . . . . . . . . . 19 table 42. page protection status byte . . . . . . . . . . . . . . . 20 table 43. response format . . . . . . . . . . . . . . . . . . . . . . . 20 table 44. page protection status byte . . . . . . . . . . . . . . . 20 table 45. example . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21 table 46. request format . . . . . . . . . . . . . . . . . . . . . . . . 22 table 47. response format when e rror_flag is set . . . . . 22 table 48. response format when error_flag is not set . 22 table 49. request format . . . . . . . . . . . . . . . . . . . . . . . . 22 table 50. response format when e rror_flag is set . . . . . 22 table 51. response format when error_flag is not set . 22 table 52. request format . . . . . . . . . . . . . . . . . . . . . . . . 23 table 53. response format when e rror_flag is set . . . . . 23 table 54. response format when error_flag is not set . 23 table 55. request format . . . . . . . . . . . . . . . . . . . . . . . . 23 table 56. response format . . . . . . . . . . . . . . . . . . . . . . . 24 table 57. response format . . . . . . . . . . . . . . . . . . . . . . . 24 table 58. request format . . . . . . . . . . . . . . . . . . . . . . . . 24 table 59. response format when e rror_flag is set . . . . . 24 table 60. response format when error_flag is not set . 24 table 61. request format . . . . . . . . . . . . . . . . . . . . . . . . 25 table 62. response format when e rror_flag is set . . . . . 25 table 63. response format when error_flag is not set . 25 table 64. request format . . . . . . . . . . . . . . . . . . . . . . . . 25 table 65. response format when e rror_flag is set . . . . . 25 table 66. response format when error_flag is not set . 25 table 67. request format . . . . . . . . . . . . . . . . . . . . . . . . 26 table 68. number of slots . . . . . . . . . . . . . . . . . . . . . . . . 27 table 69. data selector . . . . . . . . . . . . . . . . . . . . . . . . . . 27 table 70. response format . . . . . . . . . . . . . . . . . . . . . . . 27 table 71. long range cmd . . . . . . . . . . . . . . . . . . . . . . . 27 table 72. timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27 table 73. revision history . . . . . . . . . . . . . . . . . . . . . . . . 30 13. figures fig 1.block diagram of label ic5
nxp semiconductors sl2 ics53/sl2 ics54 i?code sli-s/i?code sli-s hc ? nxp b.v. 2007. all rights reserved. for more information, please visit: http://www.nxp.com  for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 14 march 2007 document identifier: 113730 please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. public 14. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 1.1 anticollision. . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1.2 contactless energy and data transfer. . . . . . . . 1 1.3 security and privacy aspects . . . . . . . . . . . . . . 2 2 features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 2.1 i?code sli-s rf interface . . . . . . . . . . . . . . . 3 2.2 eeprom . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 2.3 security features. . . . . . . . . . . . . . . . . . . . . . . . 3 3 applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 4 quick reference data . . . . . . . . . . . . . . . . . . . . . 4 5 ordering information . . . . . . . . . . . . . . . . . . . . . 4 6 block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . 5 7 functional description . . . . . . . . . . . . . . . . . . . 6 7.1 block description . . . . . . . . . . . . . . . . . . . . . . . 6 7.2 memory organization . . . . . . . . . . . . . . . . . . . . 6 7.2.1 unique identifier . . . . . . . . . . . . . . . . . . . . . . . . 8 7.2.2 configuration of delivered ics . . . . . . . . . . . . . 8 7.3 communication principle . . . . . . . . . . . . . . . . . 9 8 command set . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 8.1 iso/iec 15693 command set . . . . . . . . . . . . . . 9 8.1.1 mandatory commands . . . . . . . . . . . . . . . . . . . 9 8.1.1.1 inventory . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 8.1.1.2 stay quiet . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 8.1.2 optional commands . . . . . . . . . . . . . . . . . . . . . 9 8.1.2.1 read single block . . . . . . . . . . . . . . . . . . . . . . 9 8.1.2.2 write single block. . . . . . . . . . . . . . . . . . . . . . . 9 8.1.2.3 lock block . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 8.1.2.4 select . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 8.1.2.5 reset to ready . . . . . . . . . . . . . . . . . . . . . . . . 10 8.1.2.6 write afi. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 8.1.2.7 lock afi . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 8.1.2.8 write dsfid . . . . . . . . . . . . . . . . . . . . . . . . . . 10 8.1.2.9 lock dsfid . . . . . . . . . . . . . . . . . . . . . . . . . . 10 8.1.2.10 get system information . . . . . . . . . . . . . . . . . 10 8.1.3 custom commands . . . . . . . . . . . . . . . . . . . . 10 8.1.3.1 get random number . . . . . . . . . . . . . . . . . . . 10 8.1.3.2 set password . . . . . . . . . . . . . . . . . . . . . . . . . 11 8.1.3.3 write password . . . . . . . . . . . . . . . . . . . . . . . . 12 8.1.3.4 lock password . . . . . . . . . . . . . . . . . . . . . . . . 13 8.1.3.5 64 bit password protection . . . . . . . . . . . . . . . 14 8.1.3.6 protect page . . . . . . . . . . . . . . . . . . . . . . . . . . 15 8.1.3.7 lock page protection condition . . . . . . . . . . . . 16 8.1.3.8 get multiple block protection status . . . . . . . . 17 8.1.3.9 destroy sli-s . . . . . . . . . . . . . . . . . . . . . . . . . 18 8.1.3.10 enable privacy . . . . . . . . . . . . . . . . . . . . . . . . 18 8.1.3.11 inventory page read . . . . . . . . . . . . . . . . . . . . 19 8.1.3.12 . . . . . . . . . . . . . . . . .fast inventory page read 21 8.1.3.13 set eas . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22 8.1.3.14 reset eas . . . . . . . . . . . . . . . . . . . . . . . . . . . 22 8.1.3.15 lock eas . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 8.1.3.16 eas alarm . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 8.1.3.17 password protect eas . . . . . . . . . . . . . . . . . . 24 8.1.3.18 write eas id . . . . . . . . . . . . . . . . . . . . . . . . . 25 8.1.3.19 read epc . . . . . . . . . . . . . . . . . . . . . . . . . . . 25 8.2 epc command set . . . . . . . . . . . . . . . . . . . . . 25 8.2.1 begin round . . . . . . . . . . . . . . . . . . . . . . . . . . 25 8.2.2 write block . . . . . . . . . . . . . . . . . . . . . . . . . . . 25 8.2.3 destroy. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26 8.3 long range command . . . . . . . . . . . . . . . . . . 26 8.3.1 long range cmd . . . . . . . . . . . . . . . . . . . . . . 26 8.4 error handling . . . . . . . . . . . . . . . . . . . . . . . . 28 8.4.1 transmission errors . . . . . . . . . . . . . . . . . . . . 28 8.4.2 not supported commands or options . . . . . . . 28 8.4.2.1 non addressed mode. . . . . . . . . . . . . . . . . . . 28 8.4.2.2 addressed or selected mode . . . . . . . . . . . . . 28 8.4.3 parameter out of range . . . . . . . . . . . . . . . . . 28 8.4.3.1 . . . . . . . . . . . . . . . . . . . . . . . read commands 28 8.4.3.2 write and lock commands . . . . . . . . . . . . . . . 28 8.4.3.3 non addressed mode. . . . . . . . . . . . . . . . . . . 28 8.4.3.4 addressed or selected mode . . . . . . . . . . . . . 28 8.5 . . . . . . . . . . . . . . . . . . . . . . . . . . data integrity 29 8.6 . . . . . . . . . . . . . . . . . . . . . . . . . . .rf interface 29 9 revision history . . . . . . . . . . . . . . . . . . . . . . . 30 10 legal information . . . . . . . . . . . . . . . . . . . . . . 31 10.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 31 10.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . 31 10.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . 31 10.4 trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . 31 11 contact information . . . . . . . . . . . . . . . . . . . . 31 12 tables . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32 13 figures . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32 14 contents. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33


▲Up To Search▲   

 
Price & Availability of SL2ICS5311EW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X