Part Number Hot Search : 
68HC908 TIP8B550 LT1976B ST75185C EVALZ V1210 SR6A6K12 TDA8390
Product Description
Full Text Search
 

To Download PR2002G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  case: do-15molded plastic current: 2.0 a voltage range: 50 - 1000v fast recovery glass passivated rectifier diodes pr2001g - pr2007g features maximum ratings and electrical characteristics @ t a = 25  c unless otherwise specified glass passivated die construction diffused junction fast switching for high efficiency high current capability and low forward voltage drop surge overload rating to 80a peak low reverse leakage current plastic material: ul flammability classification rating 94v-0 mechanical data terminals: plated leads solderable per mil-std-202, method 208 polarity: cathode band marking: type number weight: 0.4 grams (approx.) single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. characteristic symbol pr 2001g pr 2002g pr 2003g pr 2004g pr 2005g pr 2006g pr 2007g unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 50 100 200 400 600 800 1000 v rms reverse voltage v r(rms) 35 70 140 280 420 560 700 v average rectified output current (note 1) @ t a = 55  c i o 2.0 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 80 a forward voltage drop @ i f = 2.0a v fm 1.3 v peak reverse current @ t a = 25  c at rated dc blocking voltage @ t a = 100  c i rm 5.0 100  a reverse recovery time (note 3) t rr 150 250 500 ns typical junction capacitance (note 2) c j 35 pf typical thermal resistance junction to ambient r  ja 50 k/w operating and storage temperature range t j, t stg -65 to +150  c notes: 1. valid provided that leads are maintained at ambient temperature at a distance of 9.5mm from the case. 2. measured at 1.0mhz and applied reverse voltage of 4.0v dc. 3. measured with i f = 0.5a, i r = 1.0a, i rr = 0.25a. see figure 5. ! ! ! ! ! ! ! ! ! ! ! ! ! 1 of 2 www.sunmate.tw a a b c d do-15 dim min max a 25.40 b 5.50 7.62 c 0.686 0.889 d 2.60 3.60 all dimensions in mm
0 0.4 0.8 1.2 1.6 2 . 0 25 50 75 100 125 150 175 200 i , a verage fwd rectified current (a) (a v) t , ambient temperature ( c) fi g . 1 forward deratin g curve a single phase half-wave 60 hz resistive or inductive load 0.01 0.1 1.0 10 0.4 0.6 0.8 1.0 1.2 i , inst ant aneous for w ard current (a) f v , instantaneous forward voltage (v) fi g .2 t y pical forward characteristics f t = 25 c j pulse width = 300 s i , peak for w ard surge current (a) fsm 0 30 60 90 1 10 100 number of cycles at 60hz fi g . 3 peak forward sur g e current single half-sine-wave (jedec method) 50v dc approx 50 ni (non-inductive) ? 10 ni ? 1.0 ni ? oscilloscope (note 1) pulse generator (note 2) device under test t rr set time base for 50/100 ns/cm +0.5a 0a -0.25a -1.0a notes: 1. rise time = 7.0ns max. input impedance = 1.0m , 22pf. 2. rise time = 10ns max. input impedance = 50 . ? ? fi g . 5 reverse recover y time characteristic and test circuit (+) (+) (-) (-) 1 10 100 1 10 100 c , cap acit ance (pf) j v , reverse voltage (v) fi g .4 t y pical junction capacitance r t = 25 c f = 1.0mhz j 2 of 2 www.sunmate.tw


▲Up To Search▲   

 
Price & Availability of PR2002G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X