Part Number Hot Search : 
MT88E45B Z5233B ACT4088 UESP06G 100LV 45970 BGD50 ACT4088
Product Description
Full Text Search
 

To Download NTCG204CH104J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  september 2015 ntcg06 0603 [0201 inch]* ntcg10 1005 [0402 inch] ntcg16 1608 [0603 inch] ntcg20 2012 [0805 inch] * dimensions code jis[eia] ntc thermistors smd ntcg series temperature protection devices
(2/27) 20150928 / tpd_ntc-thermistor_ntcg_en.fm temperature protection devices reminders for using these products before using these products, be sure to request the delivery specifications. safety reminders please pay sufficient attention to the warnings for safe designing when using these products. please pay careful attention to the precau tions and follow safe designing practices when using these products. incorrect usage may lead to destroyed ntc thermistors and damages or malfunctions with the devices used. please use them within the ranges of the ratings and performance provid ed in the catalog and delivery specifications upon confi rming the environments where they are to be used and installed. do not use them outside the operating temperature range. do not use them with the ratings or maximum permissible power levels exceeded. do not quickly apply 5mw or more of load with the constant -voltage power supply in the ntc thermistor as this may lead to stayi ng in thermal runaway mode or the red-shorting of chips. please be cautious of the applied voltage in thermistors as instruments may malfunction with the lowering of resistance due to self heating. with instruments that consumers can touch the thermistors with their hands, please carefully warn them not to touch the thermis tors. store them in locations where the temperature is C10c to +40c and the relative humidity is 75% or below, avoid environments where there are sudden changes in temperatures, direct sunlight, corrosive gas, grit, or dust, and keep them packed in a manner where no loading stress is applied in order to avoid deterioration and damage. (please use them within six months.) when sealing thermistors, please do so upon first consid ering the type, quantity, hardening conditions, and adhesiveness of the sealing material and confirming its reliability. avoid powerful vibrations, impact (such as by droppin g), pressure, etc. on thermistors that exceed the prescribed levels. do not use them for long periods of time in environments with a relative humidity of over 85%. (this excludes cases where countermeasures have been taken.) do not use them in the following environments. (this excludes cases where countermeasures have been taken.) ~ environments with corrosive gas (cl 2 , nh 3 , sox, nox, etc.) ~ environments with highly conductive su bstances (electrolytes, water, saltwater, etc.) ~ environments with acid, alkali, or organic solvents ~ dusty areas please observe the following precautions when attaching them to substrates as failure to do so may result in destruction or ma lfunction. ~ do not let the substrates get warped or twis ted at any time during the soldering. ~ the landing size must be even on both the left and right sides. ~ do not use items that have been dropped or detached. ~ do not allow the adherence of more solder than needed. reflow mounting is recommended with ntc thermistors, and not flow (dip) mounting. attaching or making corrections with a solde ring iron is not recommended as it can lead to troubles such as significant distor ting due to thermal shock or cracking. if a soldering iron must be used, it should be 30w or below with the temperature of the tip at 350c or below, and at a maximum of 5 seconds of soldering time. also, do not let the tip of the soldering iron come in direct contact with the chips. when attaching or making corrections with a soldering iron, the temperature of the tip of the soldering iron should be 350c o r below at a maximum of 5 seconds of soldering time. do not let the tip of the soldering iron come in directly come in contact with the chip s as doing so may lead to particularly large distorti ons due to thermal shock or cracking. please use a substance such as resin that do es not generate hydrogen (h 2 ) when forming insulation film over chips. please contact our sales offices when considering the use of the products listed on th is catalog for applications, whose perfor mance and/ or quality require a more stringent level of safety or reliab ility, or whose failure, malfunction or trouble could cause seriou s damage to society, person or property ('specific uses' such as automobiles, airplan es,medical instruments, nu clear devices, etc.) as well as when considering the use for applications that exceed the range and conditions of this catalog. please note that we are not responsible for any damages or losses incurr ed resulting from the use of these products that exceed s the range and conditions of this catalog or specific uses. please take appropriate measures such as acquiring protective circuits and devices that meet the uses, applications, and condit ions of the instruments and keeping backup circuits. reminders
(3/27) 20150928 / tpd_ntc-thermistor_ntcg_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. temperature protection devices ntc thermistors smd characteristics of ntc thermistors (example) ntc(negative temperature coefficient) thermistors are manu factured from sintered metal oxides. each thermistor consists of a co mbination of two to four of the following materials: manganese, nickel, cobalt and copper. ntc thermistors are semi conductor resistors th at exhibit decreasing resistance characteristics with increasing temper ature. tdk thermistors have low thermal time constants which result in extremely high rates of resistance change to accurate ly track th e temperature. features small sized 0603 type (l0.6 w0.3 t0.3mm) series are available. lead (pb) free product. by using lead-less terminal electrodes and electroplating (ni-sn), this product realized excellent sold erablity and soldering heat resistance, comparing with the conventional eutectic mixture solder and lead-free solder (sn/ag/cu, etc.). product series provides a wide range of resistances and b constants. good stability of resistance value after soldering. the 06 03, 1005, 1608 and 2012 size provide 4 different shapes with identical resistance-temperatu re characteristics. at tains less that low floating capac- itance (using tcxo) in the high frequency region. application temperature sensor temperature compensation typical used set and tdk product names overview of the ntcg series used set applied circuit resistance (r25) b constant (b25/85) tdk recommended part number mobile communication devices tcxo(temperature compensated crystal oscillator) low-temperature area compensated circuit 30  to 100  3250k(2800k) ntcg103eh400h high-temperature area compensated circuit 1.0k  to 3.0k  4100k to 4500k ntcg104bh102h power amplifier module power amplifier temperature compensated circuit 30  to 10k  3250k to 4500k ntcg104kh202j lcd lcd temperature compensated circuit 22k  to 1m  4550k to 4750k ntcg104lh473j temperature monitor various-circuit temperature compensated circuit 10k  to 470k  4100k to 4750k ntcg104bh103j battery pack battery temperature monitor and charging control circuit 10k  to 100k  3435k to 4550k ntcg103jf103f computer devices cpu cpu temperature monitor 10k  to 1m  3435k to 4550k ntcg103jf103f lcd lcd temperature compensated circuit 22k  to 1m  4550k to 4750k ntcg104lh473j hdd pickup temperature compensated circuit 10k  to 100k  3435k to 4550k ntcg103jf103f ntcg104ef104f odd cd or dvd write current compensated circuit 10k  to 100k  3435k to 4550k ntcg103jf103f ntcg104ef104f battery pack battery temperature monitor and charging control circuit 10k  to 100k  3435k to 4550k ntcg103jf103f dvc, dsc auto focus driving circuit temperature compensated circuit 1.0k  to 15k  3435k to 4100k ntcg104bh103j iris stop hole element temperature compensated circuit 10k  to 100k  3435k to 4550k ntcg104lh473j battery pack battery temperature monitor and charging control circuit 10k  to 100k  3435k to 4550k ntcg103jf103f car audio unit car cd or md laser pickup temperature compensated circuit 22k  to 150k  4550k ntcg104lh473j optical transmission system laser transmitter or receiver temperature compensated circuit 1.0k  to 150k  4100k to 4550k ntcg104lh154j printer ink viscosity controller 10k  to 47k  3435k to 4550k ntcg104lh473h product compatible with rohs directive compatible with lead-free solders rohs directive compliant product: see the following for more details related to rohs directive compliant products. http://prod uct.tdk.com/en/environment/rohs/
(4/27) 20150928 / tpd_ntc-thermistor_ntcg_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. temperature protection devices overview of the ntcg series circuit examples 1. cellular phone, tablet terminal power amp. module, temperature monitor control of voltage 2. hard disk drive chip ntc thermistor ntcg06z ntcg10 types resistance tolerance: 1 to 5%/b constant tolerance: 1 to 3% temperature sensor ic ntc thermistor (cost: about 50% down) voltage vs. temperature characteristics 3. battery pack control circuit for quick charge battery main board lcd display touch panel bluetooth /wi-fi data interface side button speaker power management cpu pa module front camera speaker rear camera headphone power sw battery vibrator sensor, power sw volume, hold sw headphone data interface, button, speaker volume hold sw ntc ntc spindle motor track disk actuator swing arm magnetic head ic 8bit ntc r1 r2 8bit r1:10k?5% r2:10k?5% ntc r 25 :10k?5% b 25/85 :4100k3% 5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 C50 0 +50 +100 +150 temperature(?c) voltage(v) vmax. vnom. vmin. 5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 C50 0 +50 +100 +150 temperature(?c) voltage(v) vmax. vnom. vmin. lm317 ntc battery lsi
(5/27) 20150928 / tpd_ntc-thermistor_ntcg_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. temperature protection devices overview of the ntcg series resistance value range list of series by type the b constant indicates the magnitude of a change in a zero-load resistance value to a temperature, and is obtained based on a rbitrary two temperatures in resistance-to-temperature characteristics. b constant calculation formula b: b constant (k) t1: arbitrary temperature (k) t2: arbitrary temperature different from t1 (k) r1: zero-load resistance value at temperature t1(  ) r2: zero-load resistance value at temperature t2(  ) each temperature is measured in absolute temperature. 0c=273.15k type 10 100 1k 10k 100k 1m resistance ntcg06 ntcg10 ntcg16 ntcg20 1m 1m 1m 150k 30 30 30 470 type b constant(k) nominal resistance() [at 25c] 10 1.0k 1.0k 4.7k 10k 47k 100k 150k 33k 15k 3.3k 1.5k 470 3.0k 15k 1m 150k 3.0k 10k 100 1k 10k 100k 1m ntcg06 ntcg10 ntcg16 2800k 3250k 3435k 3650k 4100k 4100k 4550k 4750k 4500k ntcg20 3250k 3100k 3300k 3450k 3650k 3850k 4000k 4150k 150 3.3k 22k 220k 2.0k 680 6.8k 68k 22k ? b constant is calculated from the resistance at 25c and 85c 30 2.2k (0603 type: 33k min.) 680 220 100 inr1 C inr2 (1/t1) C (1/t2) b=
(6/27) 20150928 / tpd_ntc-thermistor_ntcg_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. temperature protection devices overview of the ntcg series part number construction  the size of the b constant is indicated with a combination of one numeric character and one alphabetic character. refer to the below for values representing numeric characters and alphabetic characters.  resistance tolerance h(3%) products: ntcg20 type is excluded. for more details, please contact us separately. operating temperature range, pack age quantity, product weight  concerning th e "standard" an d "high reliability" of nt cg10 and ntcg16 types, ple ase refer to taping sp ecifications in part numb er construction.  operating temperature range includes self-temperature rise.  the storage temperature range is for after the circuit board is mounted. ntc g  3e h 101 ? t ? series name structural classification shapes and dimensions code b constant  b constant tolerance (%) nominal resistance ( ) nominal resistance tolerance  (%) packaging style tdk internal code: taping specifications ntc thermistor g multilayer internal electroded chip type ntc thermistor (pb free type) 06 0603 3e 3201 to 3250 f 1 300 30 f 1 t taping 1 standard 10 1005 3n 3601 to 3650 h 3 101 100 g 2 b bulk b ntcg06 type standard 16 1608 4l 4501 to 4550 102 1000 (1k ) h3 ds automotive (high reliability) 20 2012 4q 4701 to 4750 103 10000 (10k  ) j5 1s 150c correspondence (high reliability) numeric characters (represent the thousands place of the b constant) alphabetic characters (represent the ones, tens, and hundreds places of the b constant) 2 2000 a 0 to 50 k 451 to 500 3 3000 b 51 to 100 l 501 to 550 4 4000 c 101 to 150 n 601 to 650 e 201 to 250 q 701 to 750 f 251 to 300 s 801 to 850 j401 to 450 type  temperature range package quantity individual weight operating temperature  storage temperature  c  c   pieces/reel  mg  ntcg06 C40 to +125 C40 to +125 15000 0.3 ntcg10 standard C40 to +125 C40 to +125 10000 2.5 high reliability C40 to +150 C40 to +150 ntcg16 standard C40 to +125 C40 to +125 4000 5.0 high reliability C40 to +150 C40 to +150 ntcg20 C40 to +125 C40 to +125 2000 7.2
(7/27) 20150928 / tpd_ntc-thermistor_ntcg_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. temperature protection devices overview of the ntcg series recommended reflow profile preheating soldering peak temp. time temp. time temp. time t1 t2 t1 t3 t2 t4 t3 150c 180c 60 to 120s 220c 60s 250 to 260c 10s max. natural cooling t3 t1 preheating t2 soldering t3 t3 t4 t2 t1 t: time peak t: temperature
(8/27) 20150928 / tpd_ntc-thermistor_ntcg_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. temperature protection devices ntcg series ntcg06 type shape & dimensions structural diagram recommended land pattern 0.60.03 0.30.03 0.30.03 electrode material internal:pd external:ag/ni/sn 0.1 min. dimensions in mm thermistor body ( metal oxide sintering ceramics ) inner electrode ( palladium ) sn plating ni plating ag termination underlayer 0.25 to 0.35 0.25 to 0.35 0.2 to 0.3 0.2 to 0.3
(9/27) 20150928 / tpd_ntc-thermistor_ntcg_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. temperature protection devices ntcg series y ntcg06 type electrical characteristics characteristics specification table  the " ? " of the part number contains the nominal resistance tolerance, h (3%) or j (5%). however, in case the nominal resistance val ue is 30  or less, only j can be contained. resistance vs. temperature characteristics table (conversion table) examples  1 r25=r25/r25(1.000)  30=30   2 r25=r25/r25(1.000)  10=10k   3 b25/50: 33801% r85=r85/r25(0.1610)  r25(30  )=4.83  r85=r85/r25(0.09989)  r25(10k  )=0.999k  resistance-temperature group part no.  nominal resistance value [25c] b constant [25/85c] [25/50c] a ntcg063eh300 30  3250k3% (3244k) ntcg063eh400 40  3250k3% (3244k) b ntcg062qh101 100  2800k3% (2794k) d ntcg064kh202 2.0k  4500k3% (4498k) ntcg064kh302 3.0k  4500k3% (4498k) e ntcg064bh103 10k  4100k3% (4067k) h ntcg063jh103 10k  3435k3% (3380k) temp.(c) resistance-temperature group a b d e h rt/r25 b(25/t) rt/r25 b(25/t) rt/r25 b(25/t) rt/r25 b(25/t) rt/r25 b(25/t) C40 19.59 3182 12.65 2714 58.88 4358 38.44 3903 18.850 3140 C35 14.79 3188 9.960 2720 40.29 4374 27.34 3915 14.429 3159 C30 11.28 3193 7.912 2726 27.92 4389 19.68 3928 11.133 3176 C25 8.685 3199 6.337 2732 19.59 4402 14.33 3939 8.656 3194 C20 6.753 3204 5.116 2738 13.90 4415 10.54 3951 6.779 3210 C15 5.298 3208 4.161 2743 9.976 4426 7.837 3962 5.346 3226 C10 4.192 3213 3.408 2749 7.236 4436 5.883 3972 4.245 3241 C5 3.343 3217 2.810 2754 5.303 4446 4.456 3982 3.393 3256 0 2.687 3220 2.332 2759 3.925 4454 3.406 3992 2.728 3270 5 2.176 3224 1.947 2763 2.933 4462 2.625 4001 2.207 3283 10 1.774 3227 1.635 2768 2.212 4469 2.039 4010 1.796 3296 15 1.456 3230 1.381 2772 1.683 4475 1.596 4018 1.470 3308 20 1.203 3233 1.172 2776 1.292 4480 1.259 4026 1.209 3320 25 1.000  1 3235 1.000 2780 1.000 4485 1.000  2 4034 1.000 3332 30 0.8360 3237 0.857 2783 0.7801 4488 0.7997 4041 0.831 3343 35 0.7029 3239 0.738 2786 0.6133 4492 0.6437 4048 0.694 3353 40 0.5941 3241 0.639 2789 0.4857 4494 0.5213 4055 0.583 3363 45 0.5047 3243 0.555 2792 0.3875 4497 0.4248 4061 0.491 3373 50 0.4309 3244 0.484 2794 0.3112 4498 0.3481 4067 0.416 3382  3 (3346 to 3414) 55 0.3697 3246 0.424 2796 0.2516 4500 0.2869 4072 0.354 3390 60 0.3185 3247 0.373 2797 0.2048 4501 0.2377 4078 0.302 3399 65 0.2757 3248 0.329 2799 0.1677 4501 0.1979 4083 0.259 3407 70 0.2396 3248 0.292 2799 0.1381 4501 0.1657 4087 0.223 3414 75 0.2091 3249 0.260 2800 0.11439 4501 0.1393 4092 0.192 3422 80 0.1832 3250 0.232 2800 0.09528 4501 0.1177 4096 0.167 3428 85 0.1610  1 3250 0.207 2800 0.07978 4500 0.09989  2 4100 0.145 3435 90 0.1421 3250 0.186 2799 0.06714 4499 0.08513 4104 0.127 3441 95 0.1258 3251 0.168 2798 0.05679 4498 0.07286 4107 0.111 3447 100 0.1118 3251 0.152 2797 0.04826 4497 0.06260 4110 0.0975 3453 105 0.09960 3251 0.138 2795 0.04119 4495 0.05400 4114 0.0860 3458 110 0.08903 3251 0.125 2793 0.03532 4493 0.04675 4116 0.0760 3463 115 0.07981 3251 0.114 2790 0.03041 4491 0.04063 4119 0.0674 3468 120 0.07175 3251 0.104 2787 0.02629 4489 0.03543 4122 0.0599 3473 125 0.06468 3251 0.096 2783 0.02282 4487 0.03099 4124 0.0534 3478
(10/27) 20150928 / tpd_ntc-thermistor_ntcg_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. temperature protection devices ntcg series y ntcg06 type (narrow tolerance type products) electrical characteristics (narrow tolerance type products) characteristics specification table  the products support narrow tolerance. the " ? " of the part number contains the nominal resistance tolerance, f (1%), g (2%), or h (3%). resistance vs. temperature characteristics table (conversion table)  1 b25/50: 33801%  2 b25/50: 40503% resistance-temperature group part no.  nominal resistance value [25c] b constant [25/85c] [25/50c] h ntcg063jf103 10k  ? % 3435k1% (3380k) ntcg064ef104 100k  ? % (4308k) 4250k1% temp.(c) resistance-temperature group h j k rt/r25 b(25/t) rt/r25 b(25/t) rt/r25 b(25/t) C40 18.850 3140 35.340 3813 42.510 4010 C35 14.429 3159 25.280 3822 30.049 4027 C30 11.133 3176 18.330 3834 21.489 4043 C25 8.656 3194 13.470 3848 15.538 4059 C20 6.779 3210 10.010 3864 11.353 4075 C15 5.346 3226 7.520 3882 8.378 4090 C10 4.245 3241 5.697 3900 6.241 4105 C5 3.393 3256 4.352 3919 4.691 4119 0 2.728 3270 3.349 3937 3.556 4133 5 2.207 3283 2.596 3956 2.718 4147 10 1.796 3296 2.026 3974 2.094 4160 15 1.470 3308 1.591 3989 1.625 4172 20 1.209 3320 1.258 4012 1.270 4185 25 1.000 3332 1.000 4024 1.000 4196 30 0.831 3343 0.800 4036 0.792 4208 35 0.694 3353 0.644 4049 0.632 4219 40 0.583 3363 0.521 4062 0.507 4230 45 0.491 3373 0.424 4074 0.409 4240 50 0.416 3382  1 (3346 to 3414) 0.347 4085  2 (3928 to 4171) 0.332 4250 55 0.354 3390 0.285 4096 0.271 4259 60 0.302 3399 0.235 4106 0.222 4269 65 0.259 3407 0.195 4115 0.183 4277 70 0.223 3414 0.163 4126 0.152 4286 75 0.192 3422 0.137 4134 0.126 4293 80 0.167 3428 0.115 4142 0.106 4301 85 0.145 3435 0.0971 4150 0.0889 4308 90 0.127 3441 0.0824 4158 0.0750 4315 95 0.111 3447 0.0702 4165 0.0636 4321 100 0.0975 3453 0.0601 4172 0.0541 4327 105 0.0860 3458 0.0515 4179 0.0462 4332 110 0.0760 3463 0.0444 4186 0.0397 4338 115 0.0674 3468 0.0384 4193 0.0342 4342 120 0.0599 3473 0.0333 4199 0.0295 4347 125 0.0534 3478 0.0289 4206 0.0256 4351
(11/27) 20150928 / tpd_ntc-thermistor_ntcg_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. temperature protection devices ntcg series y ntcg06 type characteristics of ntc thermistors (example) y-axis: linear y-axis: log. C50 0 50 temperature ( ?c ) resistance ( k ) 100 150 0 20 40 60 80 100 120 140 160 180 200 C50 0 50 temperature ( ?c ) resistance ( k ) 100 150 0.1 1 10 100 1000
(12/27) 20150928 / tpd_ntc-thermistor_ntcg_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. temperature protection devices ntcg series ntcg10 type shape & dimensions structural diagram recommended land pattern dimensions in mm 10.05 0.50.05 0.50.05 electrode material internal:pd external:ag/ni/sn 0.1 min. thermistor body ( metal oxide sintering ceramics ) inner electrode ( palladium ) sn plating ni plating ag termination underlayer 0.4 to 0.6 0.3 to 0.5 0.35 to 0.45 0.35 to 0.45
(13/27) 20150928 / tpd_ntc-thermistor_ntcg_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. temperature protection devices ntcg series y ntcg10 type electrical characteristics characteristics specification table  the " ? " of the part number contains the nominal resistance tolerance, h (3%) or j (5%). however, in case the nominal resistance val ue is 30  or less, only j can be contained. resistance-temperature group part no.  nominal resistance value [25c] b constant [25/85c] [25/50c] a ntcg103eh300 30  3250k3% (3244k) ntcg103eh400 40  3250k3% (3244k) ntcg103eh101 100  3250k3% (3244k) c ntcg104bh102 1.0k  4100k3% (4096k) ntcg104bh152 1.5k  4100k3% (4096k) ntcg104bh222 2.2k  4100k3% (4096k) e ntcg104bh472 4.7k  4100k3% (4067k) ntcg104bh682 6.8k  4100k3% (4067k) ntcg104bh103 10k  4100k3% (4067k) f ntcg104lh223 22k  4550k3% (4485k) ntcg104lh333 33k  4550k3% (4485k) ntcg104lh473 47k  4550k3% (4485k) ntcg104lh683 68k  4550k3% (4485k) ntcg104lh104 100k  4550k3% (4485k) ntcg104lh154 150k  4550k3% (4485k) g ntcg104qh224 220k  4750k3% (4661k) ntcg104qh334 330k  4750k3% (4661k) ntcg104qh474 470k  4750k3% (4661k) ntcg104qh105 1.0m  4750k3% (4661k) h ntcg103jh103 10k  3435k3% (3380k) j ntcg104bf473 47k  (4150k) 4085k1% ntcg104bf683 68k  (4150k) 4085k1% k ntcg104eh104 100k  (4308k) 4250k3% u ntcg103uh103j 10k  3950k3% (3900k)
(14/27) 20150928 / tpd_ntc-thermistor_ntcg_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. temperature protection devices ntcg series y ntcg10 type electrical characteristics resistance vs. temperature characteristics table (conversion table) examples  1 r25=r25/r25(1.000)  30=30   2 r25=r25/r25(1.000)  10=10k  r85=r85/r25(0.1610)  r25(30  )=4.83  r85=r85/r25(0.09989)  r25(10k  )=0.999k  temp.(c) resistance-temperature group a c e f rt/r25 b(25/t) rt/r25 b(25/t) rt/r25 b(25/t) rt/r25 b(25/t) C40 19.59 3182 41.78 3991 38.44 3903 50.89 4203 C35 14.79 3188 29.45 4003 27.34 3915 35.49 4224 C30 11.28 3193 21.01 4014 19.68 3928 25.03 4245 C25 8.685 3199 15.17 4024 14.33 3939 17.85 4264 C20 6.753 3204 11.07 4033 10.54 3951 12.86 4284 C15 5.298 3208 8.168 4041 7.837 3962 9.353 4302 C10 4.192 3213 6.087 4049 5.883 3972 6.869 4320 C5 3.343 3217 4.581 4056 4.456 3982 5.090 4337 0 2.687 3220 3.480 4062 3.406 3992 3.805 4353 5 2.176 3224 2.667 4068 2.625 4001 2.868 4369 10 1.774 3227 2.062 4073 2.039 4010 2.179 4384 15 1.456 3230 1.607 4077 1.596 4018 1.669 4399 20 1.203 3233 1.263 4081 1.259 4026 1.287 4412 25 1.000  1 3235 1.000 4084 1.000  2 4034 1.000 4426 30 0.8360 3237 0.7976 4088 0.7997 4041 0.7823 4439 35 0.7029 3239 0.6407 4090 0.6437 4048 0.6160 4451 40 0.5941 3241 0.5182 4092 0.5213 4055 0.4882 4463 45 0.5047 3243 0.4218 4094 0.4248 4061 0.3893 4474 50 0.4309 3244 0.3455 4096 0.3481 4067 0.3123 4485 55 0.3697 3246 0.2847 4097 0.2869 4072 0.2520 4496 60 0.3185 3247 0.2360 4098 0.2377 4078 0.2044 4506 65 0.2757 3248 0.1967 4099 0.1979 4083 0.1667 4515 70 0.2396 3248 0.1648 4099 0.1657 4087 0.1367 4524 75 0.2091 3249 0.1388 4100 0.1393 4092 0.1126 4533 80 0.1832 3250 0.1175 4100 0.1177 4096 0.09325 4542 85 0.1610  1 3250 0.0999 4100 0.09989  2 4100 0.07757 4550 90 0.1421 3250 0.0853 4100 0.08513 4104 0.06482 4558 95 0.1258 3251 0.0732 4100 0.07286 4107 0.05440 4565 100 0.1118 3251 0.0630 4100 0.06260 4110 0.04584 4573 105 0.09960 3251 0.05451 4100 0.05400 4114 0.03879 4580 110 0.08903 3251 0.04731 4100 0.04675 4116 0.03295 4586 115 0.07981 3251 0.04121 4101 0.04063 4119 0.02810 4593 120 0.07175 3251 0.03602 4101 0.03543 4122 0.02405 4599 125 0.06468 3251 0.03159 4101 0.03099 4124 0.02066 4606
(15/27) 20150928 / tpd_ntc-thermistor_ntcg_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. temperature protection devices ntcg series y ntcg10 type electrical characteristics resistance vs. temperature characteristics table (conversion table)  1 b25/50: 33801%  2 b25/50: 40503%  3 b25/50: 39003% temp.(c) resistance-temperature group g h j k u rt/r25 b(25/t) rt/r25 b(25/t) rt/r25 b(25/t) rt/r25 b(25/t) rt/r25 b(25/t) C40 18.850 3140 35.340 3813 42.510 4010 31.059 3675 C35 14.429 3159 25.280 3822 30.049 4027 22.561 3688 C30 11.133 3176 18.330 3834 21.489 4043 16.573 3701 C25 8.656 3194 13.470 3848 15.538 4059 12.304 3714 C20 13.55 4371 6.779 3210 10.010 3864 11.353 4075 9.226 3727 C15 9.833 4398 5.346 3226 7.520 3882 8.378 4090 6.983 3740 C10 7.197 4424 4.245 3241 5.697 3900 6.241 4105 5.333 3752 C5 5.309 4449 3.393 3256 4.352 3919 4.691 4119 4.107 3765 0 3.947 4473 2.728 3270 3.349 3937 3.556 4133 3.188 3777 5 2.957 4496 2.207 3283 2.596 3956 2.718 4147 2.494 3789 10 2.232 4518 1.796 3296 2.026 3974 2.094 4160 1.965 3801 15 1.696 4539 1.470 3308 1.591 3989 1.625 4172 1.559 3813 20 1.298 4559 1.209 3320 1.258 4012 1.270 4185 1.245 3824 25 1.000 4577 1.000 3332 1.000 4024 1.000 4196 1.000 3835 30 0.7755 4596 0.831 3343 0.800 4036 0.792 4208 0.808 3847 35 0.6052 4614 0.694 3353 0.644 4049 0.632 4219 0.657 3857 40 0.4753 4630 0.583 3363 0.521 4062 0.507 4230 0.537 3868 45 0.3754 4646 0.491 3373 0.424 4074 0.409 4240 0.441 3878 50 0.2983 4661 0.416 3382  1 (3346 to 3414) 0.347 4085  2 (3928 to 4171) 0.332 4250 0.365 3888  3 (3783 to 4017) 55 0.2384 4676 0.354 3390 0.285 4096 0.271 4259 0.303 3898 60 0.1916 4690 0.302 3399 0.235 4106 0.222 4269 0.252 3907 65 0.1548 4703 0.259 3407 0.195 4115 0.183 4277 0.211 3917 70 0.1257 4716 0.223 3414 0.163 4126 0.152 4286 0.178 3925 75 0.1026 4728 0.192 3422 0.137 4134 0.126 4293 0.150 3934 80 0.08412 4739 0.167 3428 0.115 4142 0.106 4301 0.128 3942 85 0.06933 4750 0.145 3435 0.0971 4150 0.0889 4308 0.109 3950 90 0.05740 4760 0.127 3441 0.0824 4158 0.0750 4315 0.0929 3958 95 0.04773 4770 0.111 3447 0.0702 4165 0.0636 4321 0.0798 3965 100 0.03987 4780 0.0975 3453 0.0601 4172 0.0541 4327 0.0687 3972 105 0.03344 4789 0.0860 3458 0.0515 4179 0.0462 4332 0.0594 3978 110 0.02817 4797 0.0760 3463 0.0444 4186 0.0397 4338 0.0516 3985 115 0.02382 4806 0.0674 3468 0.0384 4193 0.0342 4342 0.0449 3990 120 0.02022 4813 0.0599 3473 0.0333 4199 0.0295 4347 0.0392 3996 125 0.01723 4821 0.0534 3478 0.0289 4206 0.0256 4351 0.0344 4001
(16/27) 20150928 / tpd_ntc-thermistor_ntcg_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. temperature protection devices ntcg series y ntcg10 type (narrow tolerance type products) electrical characteristics (narrow tolerance type products) characteristics specification table  the products support narrow tolerance. the " ? " of the part number contains the nominal resistance tolerance, f (1%), g (2%), or h (3%). resistance vs. temperature characteristics table (conversion table)  1 b25/50: 33801%  2 b25/50: 40503% resistance-temperature group part no.  nominal resistance value [25c] b constant [25/85c] [25/50c] h ntcg103jf103 10k  % 3435k1% (3380k) j ntcg104bf473 47k % (4150k) 4085k1% k ntcg104ef104 100k  % (4308k) 4250k1% temp.(c) resistance-temperature group h j k rt/r25 b(25/t) rt/r25 b(25/t) rt/r25 b(25/t) C40 18.850 3140 35.340 3813 42.510 4010 C35 14.429 3159 25.280 3822 30.049 4027 C30 11.133 3176 18.330 3834 21.489 4043 C25 8.656 3194 13.470 3848 15.538 4059 C20 6.779 3210 10.010 3864 11.353 4075 C15 5.346 3226 7.520 3882 8.378 4090 C10 4.245 3241 5.697 3900 6.241 4105 C5 3.393 3256 4.352 3919 4.691 4119 0 2.728 3270 3.349 3937 3.556 4133 5 2.207 3283 2.596 3956 2.718 4147 10 1.796 3296 2.026 3974 2.094 4160 15 1.470 3308 1.591 3989 1.625 4172 20 1.209 3320 1.258 4012 1.270 4185 25 1.000 3332 1.000 4024 1.000 4196 30 0.831 3343 0.800 4036 0.792 4208 35 0.694 3353 0.644 4049 0.632 4219 40 0.583 3363 0.521 4062 0.507 4230 45 0.491 3373 0.424 4074 0.409 4240 50 0.416 3382  1 (3346 to 3414) 0.347 4085  2 (3928 to 4171) 0.332 4250 55 0.354 3390 0.285 4096 0.271 4259 60 0.302 3399 0.235 4106 0.222 4269 65 0.259 3407 0.195 4115 0.183 4277 70 0.223 3414 0.163 4126 0.152 4286 75 0.192 3422 0.137 4134 0.126 4293 80 0.167 3428 0.115 4142 0.106 4301 85 0.145 3435 0.0971 4150 0.0889 4308 90 0.127 3441 0.0824 4158 0.0750 4315 95 0.111 3447 0.0702 4165 0.0636 4321 100 0.0975 3453 0.0601 4172 0.0541 4327 105 0.0860 3458 0.0515 4179 0.0462 4332 110 0.0760 3463 0.0444 4186 0.0397 4338 115 0.0674 3468 0.0384 4193 0.0342 4342 120 0.0599 3473 0.0333 4199 0.0295 4347 125 0.0534 3478 0.0289 4206 0.0256 4351
(17/27) 20150928 / tpd_ntc-thermistor_ntcg_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. temperature protection devices ntcg series y ntcg10 type characteristics of ntc thermistors (example) y-axis: linear y-axis: log. C50 0 50 temperature ( ?c ) resistance ( k ) 100 150 0 20 40 60 80 100 120 140 160 180 200 C50 0 50 temperature ( ?c ) resistance ( k ) 100 150 0.1 1 10 100 1000
(18/27) 20150928 / tpd_ntc-thermistor_ntcg_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. temperature protection devices ntcg series ntcg16 type shape & dimensions structural diagram recommended land pattern dimensions in mm 1.60.1 0.80.1 0.80.1 electrode material internal:pd external:ag/ni/sn 0.2 min. thermistor body ( metal oxide sintering ceramics ) inner electrode ( palladium ) sn plating ni plating ag termination underlayer 0.6 to 0.8 0.6 to 0.8 0.6 to 0.8 0.6 to 0.8
(19/27) 20150928 / tpd_ntc-thermistor_ntcg_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. temperature protection devices ntcg series y ntcg16 type electrical characteristics characteristics specification table  the " ? " of the part number contains the nominal resistance tolerance, h (3%) or j (5%). however, in case the nominal resistance val ue is 30  or less, only j can be contained. resistance-temperature group part no.  nominal resistance value [25c] b constant [25/85c] [25/50c] a ntcg163eh300 30  3250k3% (3244k) ntcg163eh400 40  3250k3% (3244k) ntcg163eh101 100  3250k3% (3244k) c ntcg164bh102 1.0k  4100k3% (4096k) ntcg164bh222 2.2k  4100k3% (4096k) e ntcg164bh332 3.3k  4100k3% (4067k) ntcg164bh472 4.7k  4100k3% (4067k) ntcg164bh103 10k  4100k3% (4067k) f ntcg164lh223 22k  4550k3% (4485k) ntcg164lh333 33k  4550k3% (4485k) ntcg164lh473 47k  4550k3% (4485k) ntcg164lh104 100k  4550k3% (4485k) ntcg164lh154 150k  4550k3% (4485k) g ntcg164qh224 220k  4750k3% (4661k) ntcg164qh334 330k  4750k3% (4661k) ntcg164qh474 470k  4750k3% (4661k) ntcg164qh105 1.0m  4750k3% (4661k) h ntcg163jh103 10k  3435k3% (3380k) j ntcg164ch473 47k  4150k3% (4050k)
(20/27) 20150928 / tpd_ntc-thermistor_ntcg_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. temperature protection devices ntcg series y ntcg16 type electrical characteristics resistance vs. temperature characteristics table (conversion table) examples  1 r25=r25/r25(1.000)  30=30   2 r25=r25/r25(1.000)  10=10k  r85=r85/r25(0.1610)  r25(30  )=4.83  r85=r85/r25(0.09989)  r25(10k  )=0.999k  temp.(c) resistance-temperature group a c e f rt/r25 b(25/t) rt/r25 b(25/t) rt/r25 b(25/t) rt/r25 b(25/t) C40 19.59 3182 41.78 3991 38.44 3903 50.89 4203 C35 14.79 3188 29.45 4003 27.34 3915 35.49 4224 C30 11.28 3193 21.01 4014 19.68 3928 25.03 4245 C25 8.685 3199 15.17 4024 14.33 3939 17.85 4264 C20 6.753 3204 11.07 4033 10.54 3951 12.86 4284 C15 5.298 3208 8.168 4041 7.837 3962 9.353 4302 C10 4.192 3213 6.087 4049 5.883 3972 6.869 4320 C5 3.343 3217 4.581 4056 4.456 3982 5.090 4337 0 2.687 3220 3.480 4062 3.406 3992 3.805 4353 5 2.176 3224 2.667 4068 2.625 4001 2.868 4369 10 1.774 3227 2.062 4073 2.039 4010 2.179 4384 15 1.456 3230 1.607 4077 1.596 4018 1.669 4399 20 1.203 3233 1.263 4081 1.259 4026 1.287 4412 25 1.000  1 3235 1.000 4084 1.000  2 4034 1.000 4426 30 0.8360 3237 0.7976 4088 0.7997 4041 0.7823 4439 35 0.7029 3239 0.6407 4090 0.6437 4048 0.6160 4451 40 0.5941 3241 0.5182 4092 0.5213 4055 0.4882 4463 45 0.5047 3243 0.4218 4094 0.4248 4061 0.3893 4474 50 0.4309 3244 0.3455 4096 0.3481 4067 0.3123 4485 55 0.3697 3246 0.2847 4097 0.2869 4072 0.2520 4496 60 0.3185 3247 0.2360 4098 0.2377 4078 0.2044 4506 65 0.2757 3248 0.1967 4099 0.1979 4083 0.1667 4515 70 0.2396 3248 0.1648 4099 0.1657 4087 0.1367 4524 75 0.2091 3249 0.1388 4100 0.1393 4092 0.1126 4533 80 0.1832 3250 0.1175 4100 0.1177 4096 0.09325 4542 85 0.1610  1 3250 0.0999 4100 0.09989  2 4100 0.07757 4550 90 0.1421 3250 0.0853 4100 0.08513 4104 0.06482 4558 95 0.1258 3251 0.0732 4100 0.07286 4107 0.05440 4565 100 0.1118 3251 0.0630 4100 0.06260 4110 0.04584 4573 105 0.09960 3251 0.05451 4100 0.05400 4114 0.03879 4580 110 0.08903 3251 0.04731 4100 0.04675 4116 0.03295 4586 115 0.07981 3251 0.04121 4101 0.04063 4119 0.02810 4593 120 0.07175 3251 0.03602 4101 0.03543 4122 0.02405 4599 125 0.06468 3251 0.03159 4101 0.03099 4124 0.02066 4606
(21/27) 20150928 / tpd_ntc-thermistor_ntcg_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. temperature protection devices ntcg series y ntcg16 type electrical characteristics resistance vs. temperature characteristics table (conversion table)  1 b25/50: 33801%  2 b25/50: 40503% temp.(c) resistance-temperature group g h j rt/r25 b(25/t) rt/r25 b(25/t) rt/r25 b(25/t) C40 18.850 3140 35.340 3813 C35 14.429 3159 25.280 3822 C30 11.133 3176 18.330 3834 C25 8.656 3194 13.470 3848 C20 13.55 4371 6.779 3210 10.010 3864 C15 9.833 4398 5.346 3226 7.520 3882 C10 7.197 4424 4.245 3241 5.697 3900 C5 5.309 4449 3.393 3256 4.352 3919 0 3.947 4473 2.728 3270 3.349 3937 5 2.957 4496 2.207 3283 2.596 3956 10 2.232 4518 1.796 3296 2.026 3974 15 1.696 4539 1.470 3308 1.591 3989 20 1.298 4559 1.209 3320 1.258 4012 25 1.000 4577 1.000 3332 1.000 4024 30 0.7755 4596 0.831 3343 0.800 4036 35 0.6052 4614 0.694 3353 0.644 4049 40 0.4753 4630 0.583 3363 0.521 4062 45 0.3754 4646 0.491 3373 0.424 4074 50 0.2983 4661 0.416 3382  1 (3346 to 3414) 0.347 4085  2 (3928 to 4171) 55 0.2384 4676 0.354 3390 0.285 4096 60 0.1916 4690 0.302 3399 0.235 4106 65 0.1548 4703 0.259 3407 0.195 4115 70 0.1257 4716 0.223 3414 0.163 4126 75 0.1026 4728 0.192 3422 0.137 4134 80 0.08412 4739 0.167 3428 0.115 4142 85 0.06933 4750 0.145 3435 0.0971 4150 90 0.05740 4760 0.127 3441 0.0824 4158 95 0.04773 4770 0.111 3447 0.0702 4165 100 0.03987 4780 0.0975 3453 0.0601 4172 105 0.03344 4789 0.0860 3458 0.0515 4179 110 0.02817 4797 0.0760 3463 0.0444 4186 115 0.02382 4806 0.0674 3468 0.0384 4193 120 0.02022 4813 0.0599 3473 0.0333 4199 125 0.01723 4821 0.0534 3478 0.0289 4206
(22/27) 20150928 / tpd_ntc-thermistor_ntcg_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. temperature protection devices ntcg series y ntcg16 type (narrow tolerance type products) electrical characteristics (narrow tolerance type products) characteristics specification table  the products support narrow tolerance. the " ? " of the part number contains the nominal resistance tolerance, f (1%), g (2%), or h (3%). resistance vs. temperature characteristics table (conversion table)  1 b25/50: 33801%  2 b25/50: 40503% resistance-temperature group part no.  nominal resistance value [25c] b constant [25/85c] [25/50c] h ntcg163jf103 10k  % 3435k1% (3380k) temp.(c) resistance-temperature group h j k rt/r25 b(25/t) rt/r25 b(25/t) rt/r25 b(25/t) C40 18.850 3140 35.340 3813 42.510 4010 C35 14.429 3159 25.280 3822 30.049 4027 C30 11.133 3176 18.330 3834 21.489 4043 C25 8.656 3194 13.470 3848 15.538 4059 C20 6.779 3210 10.010 3864 11.353 4075 C15 5.346 3226 7.520 3882 8.378 4090 C10 4.245 3241 5.697 3900 6.241 4105 C5 3.393 3256 4.352 3919 4.691 4119 0 2.728 3270 3.349 3937 3.556 4133 5 2.207 3283 2.596 3956 2.718 4147 10 1.796 3296 2.026 3974 2.094 4160 15 1.470 3308 1.591 3989 1.625 4172 20 1.209 3320 1.258 4012 1.270 4185 25 1.000 3332 1.000 4024 1.000 4196 30 0.831 3343 0.800 4036 0.792 4208 35 0.694 3353 0.644 4049 0.632 4219 40 0.583 3363 0.521 4062 0.507 4230 45 0.491 3373 0.424 4074 0.409 4240 50 0.416 3382  1 (3346 to 3414) 0.347 4085  2 (3928 to 4171) 0.332 4250 55 0.354 3390 0.285 4096 0.271 4259 60 0.302 3399 0.235 4106 0.222 4269 65 0.259 3407 0.195 4115 0.183 4277 70 0.223 3414 0.163 4126 0.152 4286 75 0.192 3422 0.137 4134 0.126 4293 80 0.167 3428 0.115 4142 0.106 4301 85 0.145 3435 0.0971 4150 0.0889 4308 90 0.127 3441 0.0824 4158 0.0750 4315 95 0.111 3447 0.0702 4165 0.0636 4321 100 0.0975 3453 0.0601 4172 0.0541 4327 105 0.0860 3458 0.0515 4179 0.0462 4332 110 0.0760 3463 0.0444 4186 0.0397 4338 115 0.0674 3468 0.0384 4193 0.0342 4342 120 0.0599 3473 0.0333 4199 0.0295 4347 125 0.0534 3478 0.0289 4206 0.0256 4351
(23/27) 20150928 / tpd_ntc-thermistor_ntcg_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. temperature protection devices ntcg series y ntcg16 type characteristics of ntc thermistors (example) y-axis: linear y-axis: log. C50 0 50 temperature ( ?c ) resistance ( k ) 100 150 0 20 40 60 80 100 120 140 160 180 200 C50 0 50 temperature ( ?c ) resistance ( k ) 100 150 0.1 1 10 100 1000
(24/27) 20150928 / tpd_ntc-thermistor_ntcg_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. temperature protection devices ntcg series ntcg20 type shape & dimensions structural diagram recommended land pattern dimensions in mm 20.2 1.250.2 0.70.2 electrode material internal:pd external:ag/ni/sn 0.2 min. thermistor body ( metal oxide sintering ceramics ) inner electrode ( palladium ) sn plating ni plating ag termination underlayer 0.9 to 1.2 0.9 to 1.2 0.7 to 0.9 0.7 to 0.9
(25/27) 20150928 / tpd_ntc-thermistor_ntcg_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. temperature protection devices ntcg series y ntcg20 type electrical characteristics characteristics specification table resistance vs. temperature characteristics table (conversion table) examples  1 r25=r25/r25(1.000)  470=470   2 r25=r25/r25(1.000)  3.3=3.3k  r85=r85/r25(0.161)  r25(470  )=75.67  r85=r85/r25(0.156)  r25(3.3k  )=0.5148k  resistance-temperature group part no.  nominal resistance value [25c] b constant [25/85c] [25/50c] l ntcg203eh471 j 470  5% 3250k3% (3232k) ntcg203eh681 j 680  5% 3250k3% (3232k) m ntcg203bh102 j 1.0k  5% 3100k3% (3060k) ntcg203bh152 j 1.5k  5% 3100k3% (3060k) n ntcg203fh222 j 2.2k  5% 3300k3% (3248k) ntcg203fh332 j 3.3k  5% 3300k3% (3248k) p ntcg203jh472 j 4.7k  5% 3450k3% (3392k) ntcg203jh682 j 6.8k  5% 3450k3% (3392k) q ntcg203nh103 j 10k  5% 3650k3% (3590k) ntcg203nh153 j 15k  5% 3650k3% (3590k) r ntcg203sh223 j 22k  5% 3850k3% (3782k) ntcg203sh333 j 33k  5% 3850k3% (3782k) s ntcg204ah473 j 47k  5% 4000k3% (3931k) ntcg204ah683 j 68k  5% 4000k3% (3931k) t ntcg204ch104 j 100k  5% 4150k3% (4085k) ntcg204ch154 j 150k  5% 4150k3% (4085k) temp. (c) resistance-temperature group l m n p q r s t rt/r25 b(25/t) rt/r25 b(25/t) rt/r25 b(25/t) rt/r25 b(25/t) rt/r25 b(25/t) rt/r25 b(25/t) rt/r25 b(25/t) rt/r25 b(25/t) C40 17.74 3076 15.18 2909 17.65 3070 19.80 3193 23.36 3370 27.76 3554 31.77 3699 35.34 3813 C35 13.62 3091 11.78 2919 13.52 3082 15.00 3205 17.42 3382 20.43 3570 23.02 3712 25.28 3822 C30 10.54 3105 9.217 2928 10.45 3094 11.47 3216 13.13 3394 15.18 3585 16.88 3725 18.33 3834 C25 8.226 3118 7.273 2936 8.150 3104 8.853 3227 9.994 3406 11.39 3599 12.50 3738 13.47 3848 C20 6.466 3131 5.786 2944 6.405 3115 6.894 3238 7.679 3419 8.618 3613 9.357 3751 10.01 3864 C15 5.119 3142 4.639 2953 5.073 3125 5.413 3249 5.952 3432 6.582 3626 7.070 3763 7.520 3882 C10 4.081 3152 3.746 2961 4.048 3134 4.283 3261 4.650 3445 5.073 3640 5.391 3777 5.697 3900 C5 3.277 3163 3.047 2969 3.254 3144 3.415 3273 3.661 3458 3.937 3652 4.147 3790 4.352 3919 0 2.647 3171 2.494 2977 2.633 3154 2.740 3284 2.903 3472 3.080 3665 3.215 3804 3.349 3937 5 2.153 3180 2.054 2985 2.145 3163 2.215 3297 2.317 3484 2.427 3677 2.511 3817 2.596 3956 10 1.762 3188 1.702 2993 1.757 3173 1.800 3307 1.862 3499 1.926 3690 1.975 3830 2.026 3974 15 1.450 3195 1.418 3000 1.449 3184 1.471 3319 1.505 3512 1.539 3702 1.564 3843 1.591 3989 20 1.201 3203 1.188 3011 1.200 3194 1.210 3329 1.223 3519 1.237 3715 1.247 3856 1.258 4012 25 1.000  1 3207 1.000 3017 1.000  2 3202 1.000 3339 1.000 3532 1.000 3727 1.000 3868 1.000 4024 30 0.837 3211 0.846 3023 0.837 3211 0.831 3350 0.822 3546 0.813 3738 0.807 3881 0.800 4036 35 0.704 3218 0.719 3031 0.704 3223 0.694 3361 0.679 3557 0.665 3748 0.654 3895 0.644 4049 40 0.596 3224 0.613 3046 0.595 3232 0.582 3372 0.564 3568 0.546 3762 0.534 3907 0.521 4062 45 0.506 3227 0.526 3047 0.505 3240 0.490 3383 0.470 3579 0.451 3772 0.438 3919 0.424 4074 50 0.432 3232 0.452 3060 0.430 3248 0.415 3392 0.394 3590 0.375 3782 0.361 3931 0.347 4085 55 0.371 3235 0.391 3062 0.369 3255 0.352 3402 0.332 3599 0.313 3793 0.299 3940 0.285 4096 60 0.320 3237 0.339 3070 0.316 3266 0.301 3411 0.280 3609 0.262 3803 0.249 3951 0.235 4106 65 0.276 3241 0.295 3077 0.273 3271 0.257 3420 0.238 3618 0.220 3813 0.208 3963 0.195 4115 70 0.240 3243 0.258 3080 0.236 3279 0.221 3427 0.203 3626 0.186 3823 0.174 3973 0.163 4126 75 0.209 3246 0.226 3087 0.205 3285 0.191 3436 0.174 3635 0.158 3832 0.147 3982 0.137 4134 80 0.183 3248 0.199 3091 0.179 3292 0.166 3443 0.149 3642 0.134 3841 0.124 3991 0.115 4142 85 0.161  1 3250 0.175 3102 0.156  2 3302 0.144 3451 0.129 3650 0.115 3850 0.106 4000 0.0971 4150 90 0.142 3252 0.155 3105 0.137 3308 0.126 3457 0.111 3657 0.0986 3858 0.0901 4008 0.0824 4158 95 0.126 3253 0.138 3106 0.121 3313 0.110 3461 0.0967 3663 0.0850 3866 0.0772 4016 0.0702 4165 100 0.111 3255 0.123 3109 0.107 3318 0.0966 3467 0.0842 3671 0.0734 3874 0.0664 4023 0.0601 4172 105 0.0992 3256 0.110 3111 0.0945 3324 0.0851 3472 0.0737 3675 0.0637 3881 0.0573 4030 0.0515 4179 110 0.0886 3257 0.0980 3122 0.0841 3327 0.0751 3479 0.0646 3682 0.0554 3888 0.0496 4036 0.0444 4186 115 0.0793 3258 0.0880 3125 0.0750 3331 0.0666 3484 0.0569 3686 0.0484 3895 0.0431 4042 0.0384 4193 120 0.0713 3259 0.0790 3132 0.0668 3339 0.0594 3485 0.0502 3691 0.0424 3901 0.0376 4047 0.0333 4199 125 0.0642 3260 0.0720 3123 0.0600 3340 0.0530 3487 0.0445 3695 0.0372 3906 0.0329 4053 0.0289 4206
(26/27) 20150928 / tpd_ntc-thermistor_ntcg_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. temperature protection devices ntcg series y ntcg20 type characteristics of ntc thermistors (example) y-axis: linear y-axis: log. C50 0 50 temperature ( ?c ) resistance ( k ) 100 150 0 20 40 60 80 100 120 140 160 180 200 C50 0 50 temperature ( ?c ) resistance ( k ) 100 150 0.1 1 10 100 1000
(27/27) 20150928 / tpd_ntc-thermistor_ntcg_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. temperature protection devices ntcg series packaging style reel dimensions tape dimensions dimensions in mm ty p e a b p1 k ntcg06 0.380.05 0.680.05 20.05 0.45max. ntcg10 0.65+0.05/C0.1 1.15+0.05/C0.1 20.05 0.7max. ntcg16 1.10.2 1.90.2 40.1 1.1max. ntcg20 1.50.2 2.30.2 40.1 1.1max. ?180 2.0 2.0 0.5 ?13 0.2 ?21 0.8 dimensions in mm 1.0 ?60min. 14.4max. 8.4 +2.0 C0.0 4.00.1 2.00.05 b a p1 8.00.3 1.750.1 3.50.05 k 1.5 +0.1 0 dimensions in mm 160min. taping 200min. 300min. drawing direction


▲Up To Search▲   

 
Price & Availability of NTCG204CH104J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X