Part Number Hot Search : 
LVC244 PT5S7TD0 D7677 TDA10045 MRF485 IRFP254 BZT52C18 JRC0178
Product Description
Full Text Search
 

To Download MUR640FCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mur605fct thru mur660fct 6 amp s uper f a s t glass pass ivated rectifier features maximum ratings operating temperature: -5 5 c to +1 50 c storage temperature: -5 5 c to +150 c mcc catalog number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage mur605fct mur605fct 50v 35v 50v mur610fct mur610fct 100v 70v 100v mur620fct mur620fct 200v 140v 200v MUR640FCT MUR640FCT 400v 280v 400v mur660fct mur660fct 600v 420v 600v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 6 a t a = 75c peak forward surge current i fsm 60a 8.3ms, half sine maximum forward voltage drop per element v f i fm = 3 a per element; t a = 25 c* maximum dc reverse current at rated dc blocking voltage i r 5.0u a 5 0 ua t a = 25 c t a = 100 c *pulse test: pulse width 300 m sec, duty cycle 2% mcc 605fct-620fct 1 .7 v 660fct 1.3 v ww w . mccsemi .com glass passivated junction superfast recovery time for hight efficiency low profile package 605fct- 620fct 640fct 35ns 60ns maximum reverse recovery time t rr i f =0.5a, i rr =0.25a 50 to 600 volts 660fct 75ns         
 omp onents 20731 marilla street chatsworth               !  " #   $
%         !   " #    640fct 0.975v revision: 1 2006/03/20 tm micro commercial components pin 1 pin 3 pin 2 a b c k j i h g e d n m l h  inches mm              a . 583 .6 06 14. 80 15. 40 b --- . 4 0 6 --- 10.30 n .0 98 .11 4 2. 50 2.9 0         o f c .100 .1 12 2.5 5 2.85 d .2 48 .27 2 6 . 30 6. 90 e --- . 1 6 1 - - - 4.10 f --- . 0 7 1 --- 1.80 g . 512 .5 43 13.00 13.80 h .100 2.55 i --- . 035 --- 0.90 j --- . 032 --- 0.80 k .1 18 .1 34 3.00 3.40 l --- . 189 --- 4.8 0 m --- . 130 --- 3.30 ito-220ab ir=1.0a
thru mur660fct instantaneous reverse leakage current - microamperes versus percent of rated peak reverse voltage - volts average forward rectified current - amperes versus ambient temperature - c figure 3 forward derating curve 5 0 10 0 1 2 5 15 0 1 7 5 0 0 2 4 6 single phase, half wave 60hz resistive or inductive load amps c 8 12 16 instantaneous forward current - amperes versus instantaneous forward voltage - volts figure 1 typical forward characteristics volts amps 0.1 figure 2 typical reverse characteristics volts amp 0.1 figure 4 maximum non-repetitive forward surge current peak forward surge current - amperes versus number of cycles at 60hz - cycles amps cycles 00 0 www. mccsemi .com mcc 10 20 30 40 50 60 70 80 0 2 5 10 20 50 100 0.2 0.4 0.6 1.0 2.0 4.0 6.0 10 20 40 0.7 0.9 1.1 1.3 1.5 1.7 1.9 2.1 660fct 640fct 605fct~620fct 1.0 10 100 1000 0 100 200 300 tc=25 c tc=75 c tc=10 0 c revision: 1 2006/03/20 tm micro commercial components mur605fct


▲Up To Search▲   

 
Price & Availability of MUR640FCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X