Part Number Hot Search : 
BCR153L3 F0515 ITR20004 405I11BM PLVA665A 101KC ICM7361T 10C3TR
Product Description
Full Text Search
 

To Download LT6604CUFF-5PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lt6604-5 1 66045fa typical application features applications description dual very low noise, differential ampli er and 5mhz lowpass filter the lt ? 6604-5 consists of two matched, fully differential ampli? ers, each with a 4th order, 5mhz lowpass ? lter. the ? xed frequency lowpass ? lter approximates a chebyshev response. by integrating a ? lter and a differential ampli- ? er, distortion and noise are made exceptionally low. at unity gain, the measured in-band signal-to-noise ratio is an impressive 82db. at higher gains, the input referred noise decreases, allowing the part to process smaller input differential signals without signi? cantly degrading the signal-to-noise ratio.gain and phase are well matched between the two chan- nels. gain for each channel is independently programmed using two external resistors. the lt6604-5 enables level shifting by providing an adjustable output common mode voltage, making it ideal for directly interfacing to adcs. the lt6604-5 is fully speci? ed for 3v operation. the dif- ferential design enables outstanding performance at a 2v p-p signal level for a single 3v supply. see the back page of this datasheet for a complete list of related single and dual differential ampli? ers with integrated 2.5mhz to 20mhz lowpass ? lters. l , lt, ltc and ltm are registered trademarks of linear technology corporation. all other trademarks are the property of their respective owners. n dual differential ampli? er with 5mhz lowpass filters 4th order filters approximates chebyshev response guaranteed phase and gain matching resistor-programmable differential gain n >82db signal-to-noise (3v supply, 2v p-p output) n low distortion (1mhz, 2v p-p output, 800 load) hd2: 93dbc hd3: 96dbc n speci? ed for operation with 3v, 5v and 5v supplies n fully differential inputs and outputs n adjustable output common mode voltage n small 4mm 7mm 0.75mm qfn package n dual differential adc driver and filter n single-ended to differential converter n matched, dual, differential gain or filter stage n common mode translation of differential signals n high speed adc antialiasing and dac smoothing in wireless infrastructure or networking applications n high speed test and measurement equipment n medical imaging channel to channel gain matching gain match (db) number of units 2520 15 10 5 66045 ta01b 0 50 typical unitst a = 25c gain = 1f in = 5mhz C0.20 0.10 C0.10 0.20 0 806806 3v 3v + C + C 66045 ta01 + C dout ain lt6604-5 ltc22xx C + 806806 3v Couta +outa Coutb+outb +ina+inb v mida v midb v ocma v ocmb CinaCinb v C + C + C + C dout ain C + 50 50 dual adc v + a v + b v + b 50 50 18pf 18pf 0.01f 0.01f downloaded from: http:///
lt6604-5 2 66045fa pin configuration absolute maximum ratings total supply voltage .................................................11v operating temperature range (note 6).... C40c to 85c speci? ed temperature range (note 7) .... C40c to 85c junction temperature ........................................... 150c storage temperature range ................... C65c to 150c input current +in, Cin, v ocm , v mid (note 8) ........................10ma (note 1) 31 v C 32 v C 33 nc 34 v mida v + b 17 nc 16 nc 15 v ocmb 14 35 30 nc 29 Couta 28 nc 27 +outa 26 nc 25 v + a 24 v C 23 nc22 nc 21 Cout b 20 nc19 +out b 18 nc nc 1 +ina 2 nc 3 Cina 4 nc 5 v ocma 6 v C 7 v midb 8 nc 9 +inb 10 nc 11 Cinb 12 nc 13 top view uff package 34-lead (4mm s 7mm) plastic qfn t jmax = 150c, ja = 43c/w, jc = 4c/w exposed pad (pin 35) is v C , must be soldered to pcb order information lead free finish tape and reel part marking* package description specified temperature range lt6604cuff-5#pbf lt6604cuff-5#trpbf 66045 34-lead (4mm 7mm) plastic qfn 0c to 70c lt6604iuff-5#pbf lt6604iuff-5#trpbf 66045 34-lead (4mm 7mm) plastic qfn C40c to 85c consult ltc marketing for parts speci? ed with wider operating temperature ranges. *the temperature grade is identi? ed by a label on the shipping container. consult ltc marketing for information on non-standard lead based ? nish parts. for more information on lead free part marking, go to: http://www.linear.com/leadfree/ for more information on tape and reel speci? cations, go to: http://www.linear.com/tapeandreel/ downloaded from: http:///
lt6604-5 3 66045fa electrical characteristics the l denotes the speci? cations which apply over the full operating temperature range, otherwise speci? cations are at t a = 25c. unless otherwise speci? ed v s = 5v (v + = 5v, v C = 0v), r in = 806, and r load = 1k. parameter conditions min typ max units filter gain either channel, v s = 3v v in = 2v p-p , f in = dc to 260khz v in = 2v p-p , f in = 500khz (gain relative to 260khz) v in = 2v p-p , f in = 2.5mhz (gain relative to 260khz) v in = 2v p-p , f in = 4mhz (gain relative to 260khz) v in = 2v p-p , f in = 5mhz (gain relative to 260khz) v in = 2v p-p , f in = 15mhz (gain relative to 260khz) v in = 2v p-p , f in = 25mhz (gain relative to 260khz) ll l l l l C0.5 C0.15 C0.4C0.7 C1.1 00 C0.1C0.1 C0.2 C28C44 0.50.1 0.3 0.6 0.8 C25 dbdb db db db db db matching of filter gain, v s = 3v v in = 2v p-p , f in = dc to 260khz v in = 2v p-p , f in = 500khz (gain relative to 260khz) v in = 2v p-p , f in = 2.5mhz (gain relative to 260khz) v in = 2v p-p , f in = 4mhz (gain relative to 260khz) v in = 2v p-p , f in = 5mhz (gain relative to 260khz) v in = 2v p-p , f in = 15mhz (gain relative to 260khz) v in = 2v p-p , f in = 25mhz (gain relative to 260khz) ll l l l l 0.05 0.005 0.010.03 0.05 0.15 0.1 0.70.1 0.2 0.5 0.6 1.8 2.8 dbdb db db db db db matching of filter phase, v s = 3v v in = 2v p-p , f in = 2.5mhz v in = 2v p-p , f in = 4mhz ll 0.20.5 23 degdeg filter gain either channel, v s = 5v v in = 2v p-p , f in = dc to 260khz v in = 2v p-p , f in = 500khz (gain relative to 260khz) v in = 2v p-p , f in = 2.5mhz (gain relative to 260khz) v in = 2v p-p , f in = 4mhz (gain relative to 260khz) v in = 2v p-p , f in = 5mhz (gain relative to 260khz) v in = 2v p-p , f in = 15mhz (gain relative to 260khz) v in = 2v p-p , f in = 25mhz (gain relative to 260khz) ll l l l l C0.5 C0.15 C0.4C0.7 C1.1 00 C0.1C0.1 C0.2 C28C44 0.50.1 0.3 0.6 0.8 C25 dbdb db db db db db matching of filter gain, v s = 5v v in = 2v p-p , f in = dc to 260khz v in = 2v p-p , f in = 500khz (gain relative to 260khz) v in = 2v p-p , f in = 2.5mhz (gain relative to 260khz) v in = 2v p-p , f in = 4mhz (gain relative to 260khz) v in = 2v p-p , f in = 5mhz (gain relative to 260khz) v in = 2v p-p , f in = 15mhz (gain relative to 260khz) v in = 2v p-p , f in = 25mhz (gain relative to 260khz) ll l l l l 0.05 0.005 0.010.03 0.05 0.15 0.1 0.70.1 0.2 0.5 0.6 1.8 2.8 dbdb db db db db db matching of filter phase, v s = 5v v in = 2v p-p , f in = 2.5mhz v in = 2v p-p , f in = 4mhz ll 0.20.5 23 degdeg filter gain either channel, v s = 5v v in = 2v p-p , f in = dc to 260khz C0.6 C0.1 0.4 db filter gain, r in = 229 v in = 0.5v p-p , f in = dc to 260khz v s = 3v v s = 5v v s = 5v 10.410.3 10.1 10.910.8 10.7 11.511.4 11.3 dbdb db filter gain temperature coef? cient (note 2) f in = 260khz, v in = 2v p-p 780 ppm/c noise noise bw = 10khz to 5mhz, r in = 806 45 v rms distortion (note 4) v in = 2v p-p , f in = 1mhz, r l = 800 2nd harmonic 3rd harmonic 9396 dbcdbc v in = 2v p-p , f in = 5mhz, r l = 800 2nd harmonic 3rd harmonic 6673 dbcdbc channel separation (note 9) v in = 2v p-p , f in = 1mhz C117 db differential output swing measured between out+ and outC, v ocm shorted to v mid v s = 5v v s = 3v ll 3.853.85 4.84.8 v p-p_diff v p-p_diff input bias current average of in+ and inC l C70 C30 a downloaded from: http:///
lt6604-5 4 66045fa electrical characteristics the l denotes the speci? cations which apply over the full operating temperature range, otherwise speci? cations are at t a = 25c. unless otherwise speci? ed v s = 5v (v + = 5v, v C = 0v), r in = 806, and r load = 1k. parameter conditions min typ max units input referred differential offset r in = 806 v s = 3v v s = 5v v s = 5v ll l 5 10 8 2530 35 mvmv mv r in = 229 v s = 3v v s = 5v v s = 5v ll l 55 5 1316 20 mvmv mv differential offset drift 10 v/c input common mode voltage (note 3) differential input = 500mv p-p , r in = 229 v s = 3v v s = 5v v s = 5v ll l 00 C2.5 1.5 31 vv v output common mode voltage (note 5) differential output = 2v p-p , v mid = open v s = 3v v s = 5v v s = 5v ll l 1 1.5 C1 1.5 32 vv v output common mode offset (with respect to v ocm ) v s = 3v v s = 5v v s = 5v ll l C25C30 C55 55 C5 5045 35 mvmv mv common mode rejection ratio 61 db voltage at v mid v s = 5v v s = 3v l 2.45 2.51 1.5 2.56 v v v mid input resistance l 4.3 5.5 7.7 k v ocm bias current v ocm = v mid = v s /2 v s = 5v v s = 3v l C15C10 C3C3 aa power supply current(per channel) v s = 3v, v s = 5v v s = 3v, v s = 5v v s = 5v ll 2830 3134 38 mama ma note 1: stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. exposure to any absolute maximum rating condition for extended periods may affect device reliability and lifetime. note 2: this is the temperature coef? cient of the internal feedback resistors assuming a temperature independent external resistor (r in ). note 3: the input common mode voltage is the average of the voltages applied to the external resistors (r in ). speci? cation guaranteed for r in 229.note 4: distortion is measured differentially using a differential stimulus. the input common mode voltage, the voltage at v ocm , and the voltage at v mid are equal to one half of the total power supply voltage. note 5: output common mode voltage is the average of the +out and Cout voltages. the output common mode voltage is equal to v ocm . note 6: the lt6604c-5 is guaranteed functional over the operating temperature range C40c to 85c. note 7: the lt6604c-5 is guaranteed to meet 0c to 70c speci? cations and is designed, characterized and expected to meet the extended temperature limits, but is not tested at C40c to 85c. the lt6604i-5 is guaranteed to meet speci? ed performance from C40c to 85c. note 8: input pins (+in, Cin, v ocm and v mid ) are protected by steering diodes to either supply. if the inputs should exceed either supply voltage, the input current should be limited to less than 10ma. in addition, the inputs +in, Cin are protected by a pair of back-to-back diodes. if the differential input voltage exceeds 1.4v, the input current should be limited to less than 10ma note 9: channel separation (the inverse of crosstalk) is measured by driving a signal into one input while terminating the other input. channel separation is the ratio of the resulting output signal at the driven channel to the output at the channel that is not driven. downloaded from: http:///
lt6604-5 5 66045fa frequency (mhz) cmrr (db) 9080 70 60 50 40 30 0.01 1 10 100 66045 g05 0.1 v s = 5v gain = 1v in = 1v p-p t a = 25c typical performance characteristics frequency response passband gain and group delay passband gain and group delay output impedance vs frequency common mode rejection ratio power supply rejection ratio distortion vs frequency distortion vs frequency frequency (mhz) 0.1 C30 C20 C10 0 10 1 10 100 66045 g01 C40C50 C70 C80 C60 gain (db) v s = 5v gain = 1t a = 25c frequency (mhz) 0 C9 gain (db) delay (ns) C8 C6 C5 C4 1 C2 7 66045 g02 C7 C1 0 C3 20 30 50 60 70 9040 100 110 12080 2 4 1 3 56 8910 gain = 1t a = 25c delay gain 20 30 50 60 70 9040 100 110 12080 frequency (mhz) 07 66045 g03 2 4 1 3 56 8910 gain (db) delay (ns) 3 5 6 7 12 13 9 4 10 11 8 gain = 4 t a = 25c delay gain frequency (mhz) 0.1 0.1 output impedance () 1 10 100 1 10 100 66045 g04 v s = 5v gain = 1t a = 25c frequency (mhz) 0.01 1 10 100 0.1 psrr (db) 8070 60 50 40 30 20 10 0 66045 g06 v s = 3v v in = 200mv p-p t a = 25c v + to diffout frequency (mhz) 0.1 C100 distortion (dbc) C90 C80 C70 C60 C110 11 0 66045 g07 C50 differential input, 2nd harmonic differential input, 3rd harmonic single-ended input, 2nd harmonic single-ended input, 3rd harmonic v s = 3v, v in = 2v p-p r l = 800, t a = 25c, gain = 1 frequency (mhz) 0.1 C100 distortion (dbc) C90 C80 C70 C60 C110 11 0 66045 g08 C50 differential input, 2nd harmonic differential input, 3rd harmonic single-ended input, 2nd harmonic single-ended input, 3rd harmonic v s = p 5v, v in = 2v p-p r l = 800, t a = 25c, gain = 1 downloaded from: http:///
lt6604-5 6 66045fa input common mode voltage relative to v mid (v) C3 C110 C100 distortion component (dbc) C90 C80 C70 C60 C40 C2 C1 0 1 66045 g11 23 C50 2nd harmonic,v s = 3v 3rd harmonic,v s = 3v 2nd harmonic,v s = 5v 3rd harmonic,v s = 5v gain = 1, v mid = v s /2 2v p-p 1mhz input r l = 800, t a = 25c typical performance characteristics distortion vs signal level distortion vs input common mode voltage distortion vs input common mode voltage single channel supply current vs total supply voltage transient response, differential gain = 1, single-ended input, differential output distortion vs temperature distortion vs output common mode voltage input level (v p-p ) 0 C60 C50 C40 4 66045 g10 C70C80 123 5 C90 C100C110 distortion (dbc) 3rd harmonic 5mhz input 3rd harmonic 1mhz input 2nd harmonic 5mhz input 2nd harmonic 1mhz input v s = p 5v r l = 800, t a = 25c, gain = 1 input common mode voltage relative to v mid (v) C3 C110 C100 distortion component (dbc) C90 C80 C70 C60 C40 C2 C1 0 1 66045 g12 23 C50 2nd harmonic,v s = 3v 3rd harmonic,v s = 3v 2nd harmonic,v s = 5v 3rd harmonic,v s = 5v gain = 4, v mid = v s /2 2v p-p 1mhz input r l = 800, t a = 25c total supply voltage (v) 2 supply current (ma) 32 36 12 10 66045 g13 2824 4 6 8 20 30 3426 22 t a = 85c t a = 25c t a = C40c 66045 g14 out C 200mv/div out + 200mv/div in C 500mv/div in + 100ns/div 1mhz input level (v p-p ) 0 20 0 C20C40 C60 C80 C100C120 35 66045 g15 12 46 7 output level (dbv) 1db passband gain compression points 1mhz t a = 25c 1mhz t a = 85c 3rd harmonic t a = 85c 3rd harmonic t a = 25c 2nd harmonic t a = 25c 2nd harmonic t a = 85c voltage v ocm to v mid (v) C1.5 C1.0 C100 distortion component (dbc) C90 C80 C70 C60 C40 C0.5 0 0.5 1.0 66045 g16 1.5 2.5 2.0 C50 2nd harmonic, v s = 3v 3rd harmonic, v s = 3v 2nd harmonic, v s = 5v 3rd harmonic, v s = 5v 2nd harmonic, v s = p 5v 3rd harmonic, v s = p 5v gain = 4v mid = v s /2 t a = 25c 0.5v p-p 1mhz input r l = 800 C110 distortion vs signal level C60 C50 C40 C70C80 C90 C100C110 input level (v p-p ) 0 distortion (dbc) 1234 66045 g09 5 2nd harmonic,5mhz input 3rd harmonic,5mhz input 2nd harmonic,1mhz input 3rd harmonic,1mhz input v s = 3v, r l = 800 t a = 25c, gain = 1 downloaded from: http:///
lt6604-5 7 66045fa frequency (hz) channel separation (db) 100k 10m 100m 66045 g18 C130 C110 1m C10C30 C50 C70 C90 v in = 2v p-p v s = 5v r l = 800 at each outputgain = 1 frequency (mhz) 0.01 noise density (nv/ hz ) integrated noise (v) 100 4540 35 30 25 20 15 10 50 9080 70 60 50 40 30 20 10 0 66045 g17 0.1 10 1 integrated noise, gain = 1xintegrated noise, gain = 4x noise density, gain = 1x noise density, gain = 4x pin functions +ina, Cina (pins 2, 4): channel a input pins. signals can be applied to either or both input pins through identical external resistors, r in . the dc gain from the differential inputs to the differential outputs is 806/r in . v ocma (pin 6): dc common mode reference voltage for the 2nd filter stage in channel a. its value programs the common mode voltage of the differential output of the ? lter. pin 6 is a high impedance input, which can be driven from an external voltage reference, or pin 6 can be tied to pin 34 on the pc board. pin 6 should be bypassed with a 0.01f ceramic capacitor unless it is connected to a ground plane. v C (pins 7, 24, 31, 32, 35): negative power supply pin. can be ground.v midb (pin 8): the v midb pin is internally biased at mid supply, see block diagram. for single supply operation the v midb pin should be bypassed with a quality 0.01f ceramic capacitor to v C . for dual supply operation, pin 8 can be bypassed or connected to a high quality dc ground. a ground plane should be used. a poor ground will increase noise and distortion. pin 8 sets the output common mode voltage of the 1st stage of the ? lter in channel b. it has a 5.5k impedance, and it can be overridden with an external low impedance voltage source. +inb, Cinb (pins 10, 12): channel b input pins. signals can be applied to either or both input pins through identi-cal external resistors, r in . the dc gain from differential inputs to the differential outputs is 806/r in . v ocmb (pin 14): dc common mode reference voltage for the 2nd filter stage in channel b. its value programs the common mode voltage of the differential output of the ? lter. pin 14 is a high impedance input, which can be driven from an external voltage reference, or pin 14 can be tied to pin 8 on the pc board. pin 14 should be bypassed with a 0.01f ceramic or greater capacitor unless it is connected to a ground plane. v + a, v + b (pins 25, 17): positive power supply pins for channels a and b. for a single 3.3v or 5v supply (v C grounded) a quality 0.1f ceramic bypass capacitor is required from each positive supply pin (v + a, v + b) to the negative supply pin (v C ). the bypass should be as close as possible to the ic. for dual supply applications, bypass the negative supply pins to ground and each of the positive supply pins (v + a, v + b) to ground with a quality 0.1f ceramic capacitor. +outb, Coutb (pins 19, 21): output pins. pins 19 and 21 are the ? lter differential outputs for channel b. with a typical short-circuit current limit greater than 40ma, each pin can drive a 100 and/or 50pf load to ac ground. channel separation vs frequency (note 9) input referred noise typical performance characteristics downloaded from: http:///
lt6604-5 8 66045fa block diagram +outa, C outa (pins 27, 29): output pins. pins 27 and 29 are the ? lter differential outputs for channel a. with a typical short-circuit current limit greater than 40ma, each pin can drive a 100 and/or 50pf load to ac ground. v mida (pin 34): the v mida pin is internally biased at mid supply, see block diagram. for single supply operation the v mida pin should be bypassed with a quality 0.01f ceramic capacitor to pins v C . for dual supply operation, pin 34 can be bypassed or connected to a high quality dc ground. a ground plane should be used. a poor ground will increase noise and distortion. pin 34 sets the output common mode voltage of the 1st stage of the ? lter in chan- nel a. it has a 5.5k impedance, and it can be overridden with an external low impedance voltage source. exposed pad (pin 35): v C . the exposed pad must be soldered to pcb. if v C is separate from ground, tie the exposed pad to v C . pin functions C + C + v ocm C C + + v ocm 806806 400 400 400 400 v + a v C 11k11k op amp lowpass filter stage v in C a v in + a r in r in 66045 bd v ocmb v ocma v C nc nc nc nc nc nc v + b nc nc Couta +outa nc nc nc v C v + a Coutb+outb nc nc nc nc v C nc v C v mida Cina +ina C + C + v ocm C C + + v ocm 806806 400 400 400 400 v + b v C 11k11k op amp lowpass filter stage v midb v in + b r in +inb v in C b r in Cinb downloaded from: http:///
lt6604-5 9 66045fa applications information C + 806806 0.01f 0.1f 3.3v C + v in C v in + 66045 f01 v out + v out C v t 32 1 v in + v in C v t 32 1 v out + 1/2 lt6604-5 v out C 0 0 25 27 4 34 62 29 7 C + 806806 0.01f 0.1f 0.1f 0.1f 3.3v C + v in + 66045 f02 v out + v out C v 32 1 t 0 v out + v out C 2 v t 10 C1 v in + 25 27 4 34 62 29 7 1/2 lt6604-5 C + 200 200 0.1f 0.01f 5v C + v in C v in + 25 27 4 34 62 29 7 66045 f03 v out + v out C + C 2v v t 32 1 0 v out + v out C v t 32 1 0 v in + v in C 500mv p-p (diff) 62pf62pf 1/2 lt6604-5 figure 1figure 2 figure 3 interfacing to the lt6604-5 note: the lt6604-5 contains two identical ? lters. the fol- lowing applications information only refers to one ? lter. the two ? lters are independent except that they share the same negative supply voltage v C . the two ? lters can be used simultaneously by replicating the example circuits. the referenced pin numbers correspond to the a channel ? lter. each lt6604-5 channel requires two equal external re- sistors, r in , to set the differential gain to 806 /r in . the inputs to the ? lter are the voltages v in + and v in C presented to these external components, figure 1. the difference between v in + and v in C is the differential input voltage. the average of v in + and v in C is the common mode input voltage. similarly, the voltages v out + and v out C appearing at pins 27 and 29 of the lt6604-5 are the ? lter outputs. the difference between v out + and v out C is the differential output voltage. the average of v out + and v out C is the com- mon mode output voltage. figure 1 illustrates the lt6604-5 operating with a single 3.3v supply and unity passband gain; the input signal is dc-coupled. the common mode input voltage is 0.5v, and the differential input voltage is 2v p-p . the common mode output voltage is 1.65v, and the differential output voltage is 2v p-p for frequencies below 5mhz. the common mode output voltage is determined by the voltage at v ocm . since v ocm is shorted to v mid , the output common mode is the mid supply voltage. in addition, the common mode input voltage can be equal to the mid supply voltage of v mid . figure 2 shows how to ac couple signals into the lt6604-5. in this instance, the input is a single-ended signal. ac-cou- pling allows the processing of single-ended or differential signals with arbitrary common mode levels. the 0.1f coupling capacitor and the 806 gain setting resistor form a high pass ? lter, attenuating signals below 2khz. larger values of coupling capacitors will proportionally reduce this highpass 3db frequency. in figure 3 the lt6604-5 is providing 12db of gain. the gain resistor has an optional 62pf in parallel to improve the passband ? atness near 5mhz. the common mode output voltage is set to 2v. downloaded from: http:///
lt6604-5 10 66045fa applications information use figure 4 to determine the interface between the lt6604-5 and a current output dac. the gain, or tran- simpedance, is de? ned as a = v out /i in . to compute the transimpedance, use the following equation: a = 806 ? r1 r1 + r2 by setting r1 + r2 = 806, the gain equation reduces to a = r1(). the voltage at the pins of the dac is determined by r1, r2, the voltage on v mid and the dac output current. consider figure 4 with r1 = 49.9 and r2 = 750. the voltage at v mid , for v s = 3.3v, is 1.65v. the voltage at the dac pins is given by: v dac = v mid ? r1 r1 + r2 + 806 + i in r1? r2 r1 + r2 = 51mv + i in 46.8 evaluating the lt6604-5 the low impedance levels and high frequency operation of the lt6604-5 require some attention to the matching networks between the lt6604-5 and other devices. the previous examples assume an ideal (0) source impedance and a large (1k) load resistance. among practical examples where impedance must be considered is the evaluation of the lt6604-5 with a network analyzer. figure 5 is a laboratory setup that can be used to character- ize the lt6604-5 using single-ended instruments with 50 source impedance and 50 input impedance. for a unity gain con? guration the lt6604-5 requires an 806 source resistance yet the network analyzer output is calibrated for a 50 load resistance. the 1:1 transformer, 51.1 and 787 resistors satisfy the two constraints above. the transformer converts the single-ended source into a differential stimulus. similarly, the output of the lt6604-5 will have lower distortion with larger load resistance yet the analyzer input is typically 50. the 4:1 turns (16:1 impedance) transformer and the two 402 resistors of figure 5, present the output of the lt6604-5 with a 1600 differential load, or the equivalent of 800 to ground at each output. the impedance seen by the network analyzer input is still 50, reducing re? ections in the cabling be- tween the transformer and analyzer input. differential and common mode voltage ranges the differential ampli? ers inside the lt6604-5 contain circuitry to limit the maximum peak-to-peak differential voltage through the ? lter. this limiting function prevents excessive power dissipation in the internal circuitry and provides output short-circuit protection. the limiting function begins to take effect at output signal levels above 2v p-p and it becomes noticeable above 3.5v p-p . this is illustrated in figure 6; the lt6604-5 channel was con? gured with unity passband gain and the input of the ? lter was driven with a 1mhz signal. because this voltage limiting takes place well before the output stage of the ? lter reaches the supply rails, the input/output behavior of the ic shown in figure 6 is relatively independent of the power supply voltage. C + 0.1f 3.3v C + 0.01f current output dac v out + v out C 66045 f04 r2 r1 i in C i in + r2 r1 = v out + C v out C i in + C i in C 806 ? r1 r1 + r2 25 27 4 34 62 29 7 1/2 lt6604-5 figure 4 C + 0.1f 0.1f 2.5v C2.5v C + 66045 f05 402 402 network analyzer input 50 coilcraft ttwb-16a 4:1 network analyzer source coilcraft ttwb-1010 1:1 50 51.1 787 787 25 27 4 34 62 29 7 1/2 lt6604-5 figure 5 downloaded from: http:///
lt6604-5 11 66045fa applications information the two ampli? ers inside the lt6604-5 channel have in- dependent control of their output common mode voltage (see the block diagram section). the following guidelines will optimize the performance of the ? lter. v mid can be allowed to ? oat, but it must be bypassed to an ac ground with a 0.01f capacitor or some instability may be observed. v mid can be driven from a low impedance source, provided it remains at least 1.5v above v C and at least 1.5v below v + . an internal resistor divider sets the voltage of v mid . while the internal 11k resistors are well matched, their absolute value can vary by 20%. this should be taken into consideration when connecting an external resistor network to alter the voltage of v mid . v ocm can be shorted to v mid for simplicity. if a different common mode output voltage is required, connect v ocm to a voltage source or resistor network. for 3v and 3.3v supplies the voltage at v ocm must be less than or equal to the mid supply level. for example, voltage (v ocm ) 1.65v on a single 3.3v supply. for power supply voltages higher than 3.3v the voltage at v ocm can be set above mid supply. the voltage on v ocm should not be more than 1v below the voltage on v mid . the voltage on v ocm should not be more than 2v above the voltage on v mid . v ocm is a high impedance input. the lt6604-5 was designed to process a variety of input signals including signals centered on the mid supply voltage and signals that swing between ground and a positive voltage in a single supply system (figure 1). the allowable range of the input common mode voltage (the average of v in + and v in C in figure 1) is determined by the power supply level and gain setting (see the electrical characteristics section). common mode dc currents in applications like figure 1 and figure 3 where the lt6604-5 not only provides lowpass ? ltering but also level shifts the common mode voltage of the input signal, dc currents will be generated through the dc path between input and output terminals. minimize these currents to decrease power dissipation and distortion. consider the application in figure 3. v mid sets the output common mode voltage of the 1st differential ampli? er inside the lt6604-5 (see the block diagram section) at 2.5v. since the input common mode voltage is near 0v, there will be approximately a total of 2.5v drop across the series combination of the internal 806 feedback resistor and the external 200 input resistor. the resulting 2.5ma common mode dc current in each input path, must be absorbed by the sources v in + and v in C . v ocm sets the common mode output voltage of the 2nd differential ampli? er inside the lt6604-5 channel, and therefore sets the common mode output voltage of the ? lter. since, in the example of figure 3, v ocm differs from v mid by 0.5v, an additional 1.25ma (625a per side) of dc current will ? ow in the resistors coupling the 1st differential ampli? er output stage to the ? lter output. thus, a total of 6.25ma is used to translate the common mode voltages. a simple modi? cation to figure 3 will reduce the dc com- mon mode currents by 36%. if v mid is shorted to v ocm the common mode output voltage of both op amp stages will be 2v and the resulting dc current will be 4ma. of course, by ac coupling the inputs of figure 3 and shorting v mid to v ocm , the common mode dc current is eliminated. figure 6. differential voltage range 1mhz input level (v p-p ) 0 20 0 C20C40 C60 C80 C100C120 35 6600 f06 12 46 7 output level (dbv) 1db passband gain compression points 1mhz t a = 25c 1mhz t a = 85c 3rd harmonic t a = 85c 3rd harmonic t a = 25c 2nd harmonic t a = 25c, gain = 1 2nd harmonic t a = 85c downloaded from: http:///
lt6604-5 12 66045fa applications information noise the noise performance of the lt6604-5 channel can be evaluated with the circuit of figure 7. given the low noise output of the lt6604-5 and the 6db attenuation of the transformer coupling network, it is necessary to measure the noise ? oor of the spectrum analyzer and subtract the instrument noise from the ? lter noise measurement. example: with the ic removed and the 25 resistors grounded, figure 7, measure the total integrated noise (e s ) of the spectrum analyzer from 10 khz to 5mhz. with the ic inserted, the signal source (v in ) disconnected, and the input resistors grounded, measure the total integrated noise out of the ? lter (e o ). with the signal source connected, set the frequency to 1mhz and adjust the amplitude until v in measures 100mv p-p . measure the output amplitude, v out , and compute the passband gain a = v out /v in . now compute the input referred integrated noise (e in ) as: e in = (e o ) 2 ?(e s ) 2 a table 1 lists the typical input referred integrated noise for various values of r in . table 1. noise performance passband gain r in input referred integrated noise 10khz to 5mhz input referred noise dbm/hz 4 200 24v rms C149 2 402 38v rms C145 1 806 69v rms C140 figure 8 is plot of the noise spectral density as a function of frequency for an lt6604-5 with r in = 806 using the ? xture of figure 7 (the instrument noise has been sub- tracted from the results). the noise at each output is comprised of a differential component and a common mode component. using a transformer or combiner to convert the differential outputs to single-ended signal rejects the common mode noise and gives a true measure of the s/n achievable in the system. conversely, if each output is measured individually and the noise power added together, the resulting calculated noise level will be higher than the true differential noise. power dissipation the lt6604-5 ampli? ers combine high speed with large signal currents in a small package. there is a need to en- sure that the dies junction temperature does not exceed 150c. the lt6604-5 has an exposed pad (pin 35) which is connected to the lower supply (v C ). connecting the pad to a ground plane helps to dissipate the heat generated by the chip. metal trace and plated through-holes can be used to spread the heat generated by the device to the backside of the pc board. C + 0.1f 0.1f 2.5v C2.5v C + r in r in 2525 66045 f07 spectrum analyzer input 50 v in coilcraft ttwb-1010 1:1 25 27 4 34 62 29 7 1/2 lt6604-5 figure 7 figure 8. input referred noise frequency (mhz) 0.01 noise density (nv/ hz ) integrated noise (v) 100 4540 35 30 25 20 15 10 50 9080 70 60 50 40 30 20 10 0 66045 f08 0.1 10 1 integrated noise, gain = 1xintegrated noise, gain = 4x noise density, gain = 1x noise density, gain = 4x downloaded from: http:///
lt6604-5 13 66045fa typical applications junction temperature, t j , is calculated from the ambient temperature, t a , and power dissipation, p d . the power dissipation is the product of supply voltage, v s , and total supply current, i s . therefore, the junction temperature is given by: t j = t a + (p d ? ja ) = t a + (v s ? i s ? ja ) where the supply current, i s , is a function of signal level, load impedance, temperature and common mode volt-ages. for a given supply voltage, the worst-case power dissipation occurs when the differential input signal is maximum, the common mode currents are maximum (see the applications information section regarding common mode dc currents), the load impedance is small and the ambient temperature is maximum. to compute the junction temperature, measure the supply current under these worst-case conditions, use 43c/w as the package thermal resistance, then apply the equation for t j . for example, using the circuit in figure 3 with dc differential input voltage of 250mv, a differential output voltage of 1v, 1k load resistance and an ambient temperature of 85c, the supply current (current into v + ) measures 32.2ma per channel. the resulting junction temperature is: t j = t a + (p d ? ja ) = 85 + (5 ? 2 ? 0.0322 ? 43) = 99c. the thermal resistance can be affected by the amount of copper on the pcb that is connected to v C . the thermal resistance of the circuit can increase if the exposed pad is not connected to a large ground plane with a number of vias. C C + + C C + + 3v 3v r in v ocm (1v-1.5v) i in q in q out i out r in r in r in 0.1f 0.01f 0.01f 0.1f gain = 806 r in 5mhz phase (deg) percentage of units (%) 66045 ta02 3025 20 15 10 50 C134.5 C134 C133.5 C133 C132.5 C132 25 2729 7 34 46 2 17 1921 24 8 1214 10 1/2 lt6604-5 1/2 lt6604-5 dual, matched, 5mhz lowpass filter 5mhz phase distribution (50 units) applications information downloaded from: http:///
lt6604-5 14 66045fa typical applications dual, matched, 6th order, 5mhz lowpass filter single-ended input (i in and q in ) and differential output (i out and q out ) frequency response transient response C C + + C C + + v + v C v C v + v C v + 806 i in q in q out i out 806806 806 0.1f 0.1f 0.1f 0.1f0.1f 0.1f v + invasa outa ota gnda nc v C v + invb sb outbotb gndb en v C 12 3 4 5 6 7 8 1615 14 13 12 11 10 9 lt1568 1/2 lt6604-51/2 lt6604-5 249 249 249 249 249 249 66045 ta03 gain = or = 1 i out i in q out q in 25 2729 7 34 46 2 17 1921 24 8 1214 10 frequency (mhz) 0.1 gain (db) 20 log (i out /i in ) or 20 log (q out /q in ) 12 0 C12C24 C36 C48 C60 C72 C84 C96 C108 11 0 4 0 66045 ta04a 66045 ta04b output (i out or q out ) 200mv/div input (i in or q in ) 500mv/div 100ns/div downloaded from: http:///
lt6604-5 15 66045fa information furnished by linear technology corporation is believed to be accurate and reliable. however, no responsibility is assumed for its use. linear technology corporation makes no representa- tion that the interconnection of its circuits as described herein will not infringe on existing patent rights. package description 4.00 0.10 1.50 ref 7.00 0.10 note:1. drawing i s not a jedec package outline 2. drawing not to s cale 3. all dimen s ion s are in millimeter s 4. dimen s ion s of expo s ed pad on bottom of package do not include mold fla s h. mold fla s h, if pre s ent, s hall not exceed 0.20mm on any s ide 5. expo s ed pad s hall be s older plated 6. s haded area i s only a reference for pin 1 location on the top and bottom of package pin 1top mark (note 6) 0.40 0.10 34 33 12 bottom view?expo s ed pad 6.00 ref 0.75 0.05 r = 0.125 typ r = 0.10 typ pin 1 notch r = 0.30 or 0.25 45 chamfer 0.25 0.05 0.50 b s c 0.200 ref 0.00 ? 0.05 (uff34) qfn 0807 rev ? recommended s older pad pitch and dimen s ion s apply s older ma s k to area s that are not s oldered 0.70 0.05 0.25 0.05 0.50 b s c 1.50 ref 6.00 ref 6.10 0.05 7.50 0.05 3.10 0.05 4.50 0.05 package outline 2.64 0.10 1.47 0.10 1.90 0.10 1.83 0.10 1.90 0.10 0.99 0.10 2.64 0.05 1.47 0.05 1.90 0.05 1.90 0.05 1.29 0.05 1.83 0.05 uff package 34-lead plastic qfn (4mm 7mm) (reference ltc dwg # 05-08-1758 rev ?) downloaded from: http:///
lt6604-5 16 66045fa linear technology corporation 1630 mccarthy blvd., milpitas, ca 95035-7417 (408) 432-1900 fax: (408) 434-0507 www.linear.com ? linear technology corporation 2008 lt 0409 rev a printed in usa related parts part number description comments integrated filters ltc1562-2 very low noise, 8th order filter building block lowpass and bandpass filters up to 300khz ltc1565-31 650khz linear phase lowpass filter continuous time, 7th order, differential ltc1566-1 low noise, 2.3mhz lowpass filter continuous time, 7th order, differential lt1568 very low noise, 4th order filter building block lowpass and bandpass filters up to 10mhz ltc1569-7 linear phase, tunable 10th order lowpass filter single-resistor programmable cut-off to 300khz lt6600-2.5 very low noise differential 2.5mhz lowpass filter snr = 86db at 3v supply, 4th order filter lt6600-5 very low noise differential 5mhz lowpass filter snr = 82db at 3v supply, 4th order filter lt6600-10 very low noise differential 10mhz lowpass filter snr = 82db at 3v supply, 4th order filter lt6600-15 very low noise differential 15mhz lowpass filter snr = 76db at 3v supply, 4th order filter lt6600-20 very low noise differential 20mhz lowpass filter snr = 76db at 3v supply, 4th order filter ltc6601 low noise, fully differential, pin con? gurable ampli? er/driver/2nd order filter building block ltc6602 dual adjustable lowpass filter for rfid ltc6603 dual adjustable lowpass filter for communications lt6604-2.5 dual very low noise, differential ampli? er and 2.5mhz lowpass filter snr = 86db at 3v supply, 4th order filter lt6604-10 dual very low noise, differential ampli? er and 10mhz lowpass filter snr = 82db at 3v supply, 4th order filter lt6604-15 dual very low noise, differential ampli? er and 15mhz lowpass filter snr = 76db at 3v supply, 4th order filter downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of LT6604CUFF-5PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X