Part Number Hot Search : 
C106A4 SKIIP2 D1210 SFR25 AD795 M3654K TL062AI PMB24
Product Description
Full Text Search
 

To Download KBU8D-E451 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  kbu8a, kbu8b, kbu8d, kbu8g, kbu8j, kbu8k, kbu8m www.vishay.com vishay general semiconductor revision: 14-may-14 1 document number: 88658 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 single-phase bridge rectifier features ? ul recognition, file number e54214 ? ideal for printed circuit boards ? high surge current capability ? high case dielectric strength of 1500 v rms ? solder dip 275 c max. 10 s, per jesd 22-b106 ? material categorization: fo r definitions of compliance please see www.vishay.com/doc?99912 typical applications general purpose use in ac/dc bridge full wave rectification for monitor, tv, printer, smps, adapter, audio equipment, and home appliances applications. mechanical data case: kbu molding compound meets ul 94 v-0 flammability rating base p/n-e4 - rohs-co mpliant, commercial grade terminals: silver plated leads, solderable per j-std-002 and jesd22-b102 polarity: as marked on body mounting torque: 10 cm-kg (8.8 inches-lbs) max. recommended torque: 5.7 cm-kg (5 inches-lbs) notes (1) recommended mounting position is to bolt down on heatsi nk with silicone therma l compound for maximum he at transfer with #6 scre w (2) units mounted in free air, no heatsink, pcb at 0.375" (9.5 mm) lead length with 0.5" x 0.5" (12 mm x 12 mm) copper pads (3) units mounted on a 3.0" x 3.0" x 0.11" thick (7.5 cm x 7.5 cm x 0.3 cm) aluminum plate heatsink primary characteristics package kbu i f(av) 8 a v rrm 50 v, 100 v, 200 v, 400 v, 600 v, 800 v, 1000 v i fsm 300 a i r 10 a v f at i f = 8 a 1.0 v t j max. 150 c diode variations in-line case style kbu ~ ~ ~ ~ e4 maximum ratings (t a = 25 c unless otherwise noted) parameter symbol kbu8a kbu8b kb u8d kbu8g kbu8j kbu8k kbu8m unit maximum repetitive peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified output current at t c = 100 c (1)(3) i f(av) 8.0 a t a = 40 c (2) 6.0 peak forward surge current single sine-wave superimposed on rated load i fsm 300 a operating junction and storage temperature range t j , t stg - 50 to + 150 c electrical characteristics (t a = 25 c unless otherwise noted) parameter test conditions symbol kbu8a k bu8b kbu8d kbu8g kbu8j kbu8k kbu8m unit maximum instantaneous forward drop per diode i f = 8.0 a v f 1.0 v maximum dc reverse current at rated dc blocking voltage per diode t a = 25 c i r 10 a t a = 125 c 1.0 ma
kbu8a, kbu8b, kbu8d, kbu8g, kbu8j, kbu8k, kbu8m www.vishay.com vishay general semiconductor revision: 14-may-14 2 document number: 88658 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes (1) units mounted in free air, no heatsink, pcb at 0.375" (9.5 mm) lead length with 0.5" x 0.5" (12 mm x 12 mm) copper pads (2) units mounted on a 3.0" x 3.0" x 0.11" thick (7.5 cm x 7.5 cm x 0.3 cm) aluminum plate heatsink ? ratings and characteristics curves (t a = 25 c unless otherwise noted) fig. 1 - derating curve output rectified current fig. 2 - maximum non-repetiti ve peak forward surge current fig. 3 - typical instantaneous forward characteristics per diode fig. 4 - typical reverse leakage characteristics per diode thermal characteristics (t a = 25 c unless otherwise noted) parameter symbol kbu8a kbu8b kbu8d kbu8g kbu8j kbu8k kbu8m unit typical thermal resistance r ? ja (1) 18 c/w r ? jc (2) 3.0 ordering information (example) preferred p/n unit weight (g ) preferred package code ba se quantity delivery mode kbu8j-e4/51 8.0 51 250 anti-static pvc tray 0 50 100 150 0 2 4 6 8 heatsink mo u nting, t c , 3.0 x 3.0 x 12" thk. al. plate (7.5 x 0.3 cm) pcb mo u nting, t a 0.375" (9.5 mm) lead length 0.5 x 0.5" (12 x 12 mm) copper pads 60 hz resisti v e or ind u cti v e load temperat u re (c) a v erage for w ard c u rrent (a) 1 10 100 0 50 100 150 200 250 300 t j = 150 c single sine-wa v e n u mber of cycles at 60 hz peak for w ard s u rge c u rrent (a) 1.0 cycle 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 0.1 1 10 100 t j = 25 c p u lse width = 300 s 1 % d u ty cycle instantaneo u s for w ard voltage (v) instantaneo u s for w ard c u rrent (a) 0 20 40 60 80 100 0.01 0.1 1 10 100 t j = 100 c t j = 25 c percent of rated peak re v erse voltage (%) instantaneo u s re v erse c u rrent (a)
kbu8a, kbu8b, kbu8d, kbu8g, kbu8j, kbu8k, kbu8m www.vishay.com vishay general semiconductor revision: 14-may-14 3 document number: 88658 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 5 - typical junction capacitance per diode ? package outline dimensions in inches (millimeters) 1 10 100 10 100 1000 re v erse voltage (v) j u nction capacitance (pf) t j = 25 c f = 1.0 mhz v sig = 50 mv p-p 0.160 (4.1) 0.065 (1.7) 0.185 (4.7) 0.895 (22.7) 0.935 (23.7) 0.140 (3.6) 0.165 (4.2) 0.085 (2.2) 0.240 (6.09) 0.200 (5.08) 0.220 (5.6) 0.180 (4.6) 0.075 (1.9) r typ. (2 places) 45 0.205 (5.2) 0.185 (4.7) 0.052 (1.3) 0.048 (1.2) 0.280 (7.1) 0.260 (6.6) dia. 0.760 (19.3) max. 0.700 (17.8) 0.660 (16.8) 1.0 (25.4) min. 0.455 (11.3) 0.405 (10.3) case style kbu


▲Up To Search▲   

 
Price & Availability of KBU8D-E451

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X