Part Number Hot Search : 
FMMV2109 15KP43 TDA8808 MST9220 2V360A T240L VB409 L8022
Product Description
Full Text Search
 

To Download HVE-9002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  hdspider? cat.5 hdmi sender with local hdmi output HVE-9002 what is hdmi? the high-defnition multimedia interface (hdmi) is a revolutionary technology that allows viewers to experience the highest quality digital images available. it is able to deliver top-quality video as well as audio over a single cable. this growing technology is great for displays in many diferent situations: movie theatres, concert halls, public transportation, malls, shops, airports, schools, etc. is hdmi 1.3 backward compatible with prior releases of the hdmi and dvi spec.? hdmi 1.3 supports the demands of future high defnition display devices, such as higher resolutions, high frame rates and deep color. fully backward compatible with all prior releases of the hdmi spec, as well as dvi compliant devices. what products or applications will take advantage of new hdmi 1.3 capabilities? new high-defnition dvd formats (hd-dvd and blu- ray) and game machines (ps3 and x-box) will make use of capabilities added in hdmi 1.3. digital television will be able to present images that are closer to real life than previously has been possible. introducing the hdspider? series from levelone the hdspider? series is a collection of hdmi cat.5 senders and receivers, ofering a full range of hdmi extender solutions. choose from our 7diferent hdspider extenders to build a fexible network to send your high-quality hdmi signals to greater distances, and at a reduced cost. what does a cat.5 receiver do? this compact and simple to use device is deployed on the receiving end, where the hd monitor is located. using cat.5 cable to send the hdmi signal is the best way to reach extended distances and hve-9000 also has a built-in equalization knob to help you fne tune your hd network. to see this device in action, please see the diagram below. key features - works with cat.5, cat.5e, cat.6ethernet cable - transmission distance of up to 60m for 1080i or 40m for 1080p - minimize the cable skew using 8-level adjustable equalization knob - provides higher speed - 6.75gbps - hdmi deep color enables display with more natural and vivid colors - hdmi 1.3c compliance(full 3d support) hve-9003 hdspider? cat.5 cascadable hdmi sender works well with h/w version: 2 hve-9900 hdspider? short range ca.5 hdmi receiver 1. power led 2. power indicator 3. dip switch 4. hdmi input port 5. 3.5mm audio socket 6. hdmi output port 7. rj-45 output port 8. power jack 8 6 5 4 7 3 2 1 
www.level1.com i one world_one brand_one level_ audio/video extenders technical specifcations hdmi transmitter hdmi receiver hve-9001 HVE-9002 hve-9003 hve-9000 hve-9900 hdspider? cat.5 hdspider? cat.5 hdmi hdspider? cat.5 hdspider? long range hdspider? cat.5 hdmi hdmi sender sender with cascadable hdmi sender cat.5 hdmi receiver short range receiver local hdmi output hdmi 1.3c (full 3d support) yes single-link 225mhz (6.75gbps) - - 1 1 1 1 1 1 - - 1 1 - - - - 1 1 1 1 full hd (1080p)-40m (130ft) thru cat.5e full hd (1080p)-50m (165ft) thru cat.6 hd (720p/1080i)-50m (165ft)thru cat.5e hd (720p/1080i)-60m (200ft) thru cat.6 7.1-channel surround sound or stereo digital audio - 2-pin dip - - - 8-level digital control at rx - .2 volts (peak to peak) - 5 volts (peak-to-peak, ttl) mode none adjustable 8-level signal level - signal equalization 1. human body model- 15kv 2. core chipset- 2kv dc5v/2am 5vdc/4am dc5v/2am - 3 watt (max) 1 watt (max) 0.5 watt (max) 93 x 90 x 25 mm 108 x 210 x 27 mm 93 x 60 x 25 mm 45 x 25 x 20 mm yes yes yes no 405g (0.89lbs) 525g (1.2lbs) 530g (1.2lbs) 405g (0.89lbs) 180g (1.3lbs) 0~40c -20~60c 20~90% non-condensing type model no. product name hdmi compliance hdcp compliance video bandwidth rj-45 input rj-45 output hdmi input hdmi output max resolution audio dip switch equalization input tmds signal input ddc signal rotary control switch esd protection power supply power consumption dimensions (l x w x h) rack-mount with ears weight operating temp. storage temp. humidity full hd (1080p)-15m (50ft) thru cat.5e full hd (1080p)-18m (65ft) thru cat.6 hd (720p/1080i)-25m (80ft) thru cat.5e hd (720p/1080i)-30m (100ft) thru cat.6 
order information HVE-9002: hdspider? cat.5 hdmi sender with local hdmi output package contents HVE-9002 x 1 power adapter x 1 user manual x 1 all mentioned brand names are registered trademarks and property of their owners. technical specifcations are subject to change without notice. ? copyright digital data communications gmbh. all rights reserved. v2.0 prodouct diagram HVE-9002 hdmi dvd xbox ps3 hve-9003 hdmi cable cat.5 cable speaker cable hdmi display speaker 1st hve-9003 2st hve-9003 3st hdmi display hdmi display hdmi display speaker speaker speaker 


▲Up To Search▲   

 
Price & Availability of HVE-9002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X