Part Number Hot Search : 
B70N6U X9316WP SK310 SMAJ550 NH02L L624F 20SVP10M 60A163C
Product Description
Full Text Search
 

To Download FXP611070092C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spe - 13 - 8 - 010/ b /as page 1 of 10 specification patent pending part number : fxp611.07.0092c product name : the cloud flexible polymer gps/ glon a s s /compass cloud shape ant enna features : 15 5 9 - 1610 mhz 38 mm * 37 mm *0 .15 mm size 92 mm cable ipex mhfi connector (u.fl compatible) rohs co mpliant
spe - 13 - 8 - 010/ b /as page 2 of 10 1. introduct ion this convenient peel and stick flexible polymer antenna is designed for applications which require high po sitioning accuracy using gps , glonass , gallileo and even compass functions on modern day g nss systems . the an tenna is designed to be mounted directly to plastic (e.g. abs enclosure of a wireless device) and has been designed in a way that makes it extremely resistant to detuning affects caused by the device environment. 2. specification electrical antenna stand ard gps - glonass - compass operation frequency (mhz) 1559 - 16 10 polarization linear impedance (ohms) 50 max vswr 1 .2 :1 peak gain (dbi) 3 efficiency (%) 80 average gain (db) - 1 radiation properties omni - directional max input power (watts) 5 * the fxp 611 antenna perform ance was measured with 30x30 cm abs plastic . mechanical antenna standard gps - glon a s s - compass dimensions (mm) 38 x 37 x 0 .15 required space (mm) 40x40 x 0 .2 material f lexible polymer connector mhfi(u.fl compatible) * * the fxp6 11 antenna requires at least 1 cm clear ance to metal or to the main device ground plane
spe - 13 - 8 - 010/ b /as page 3 of 10 environmental antenna standard gps - glonass - compass operation temperature - 40c to 85c storage temperature - 40c to 105c relative humidity 4 0% to 95 % rohs co mpliant yes 3. test set up figure 1: impedance, isolation and correlation coefficient measurements (left hand) and peak gain, average gain, efficiency and radiation pa ttern measurements (right hand)
spe - 13 - 8 - 010/ b /as page 4 of 10 4. antenna parameters 4 .1. re turn loss figure 2: return loss of fxp 611 gps / glonass /compass antenna 4 .2. vswr figure 3: vswr of fxp 611 gps /glonass/compass antenna
spe - 13 - 8 - 010/ b /as page 5 of 10 4 .3 . efficiency figure 4: efficiency of fxp 611 gps /glonass/compass antenna 4 .4 . p eak gain figure 5: peak gain of fxp 611 gps /glonass/compass antenna
spe - 13 - 8 - 010/ b /as page 6 of 10 4 .5 . average gain figure 6: average gain of fxp 611 gps / glonass /compass antenna . 4 .6 . radiation pattern figure 7: radiation pattern of fxp 611 gps / g lonass /compass antenna at 1561mhz
spe - 13 - 8 - 010/ b /as page 7 of 10 figure 8: radiation pattern of fxp 611 gps / glonass /compass antenna at 1575mhz figure 9: radiation pattern of fxp611 gps / glonass /compass antenna at 1589mhz
spe - 13 - 8 - 010/ b /as page 8 of 10 figure 10: radiation pattern of fxp 611 gps / glonass /compa ss antenna at 1610 mhz
spe - 13 - 8 - 010/ b /as page 9 of 10 5. mechanical drawing 5.1 antenna 1 fxp.611 pcb 2 1.37mm coaxial cable 3 ipex mhfi connector 4 3m tape
spe - 13 - 8 - 010/ b /as page 10 of 10 5. 2 connector


▲Up To Search▲   

 
Price & Availability of FXP611070092C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X