Part Number Hot Search : 
TLOH16TP 2J473K UF1003E ZJ24B 00402 AD9050 LW010BK 10M20
Product Description
Full Text Search
 

To Download EATVS-4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  for further technical information, please contact advanced thermal solutions, inc. at 1-781-769-2800 or www.qats.com 89-27 access road, norwood, ma 02062 usa | t: 781.769. 2800 f: 781.769.9979 | www.qats.com r5_0215 temperature & velocity measurement features: ? single sensor technology the only system that can measure both temperature and air velocity with a single sensor ? accuracy and ease of use offers research quality results with the ease of use of hand- held meter ? up to 8 sensors for simultaneous single point measurement of air velocity & temperature ? connection requires a pc to operate and is compatible via usb port ? high & low speed calibration sensors are calibrated for both low (natural convection) and high velocity flows from 0 to 51 m/s (10,000 ft/min) ? stageview tm software for automated data acquisition, reporting and special thermal analysis module for quick evaluation of component temperature ? sensor ports measure velocity and temperature through the ports holes ? free lifetime tech support EATVS-4 & eatvs-8 tm automatic temperature and velocity scanner overall dimensions (d x w x h) 235 mm x 134 mm x 64 mm (9.25 x 5.25 x 2.5) temperature range -20 o c to 120 o c 1 o c flow range 0 to 51 m/s (0 to 10,000 ft/min) ( 2%) number of channels e atvs-4: up to 4 e atvs-8: up to 8 software stageview tm power 110v or 220v weight 2 kg (4 lbs.) connection usb port innovation in thermal management tm www.qats.com atvs -2020 automatic temperature & velocity scanner technical data ? stageview tm software control panel data center the atvs-2020? is a patented multi- channel hot wire anemometer system designed for measuring air temperature and velocity in applications where single- or multi-point measurements are required. the unique and patented sensors are designed to be flexible, robust and low profile to minimize flow disturbance. they can be easily placed anywhere in the test domain. the use of a single sensor to measure both temperature and velocity eliminates errors introduced as a result of the flow being non-isothermal. the atvs-2020? is a scientific instrument. great care is taken in the calibration process of each sensor. the system can accommodate up to 32 channels (sensors) for easy and accurate mapping of the velocity and temperature fields of the test domain. the atvs-2020? is a portable system that can handle a variety of thermal measurement tasks. the system requires a pc for its operation and uses the stageview tm software for data acquisi- tion and reporting.  max. no of channels 32  temperature range -30c to 150c 1c at temperature  velocity range 0 to 51 m/s (10,000 ft/min) 2% at velocity  measurement duration unlimited (pc storage dependent)  depth 1 1.0? (27.9cm)  width 13.5? (34.3cm)  height 5.3? (13.5cm)  weight 10 lbs (5 kg)  computer interface rs232 port  stageview tm software has a thermal analysis module for quick evaluation of component temperature  requires 110v vac or 220v vac(international) power  sensor transparent channel  fully automated data acquisition & reduction  atvs-2020? handles up to 32 sensors for simultaneous single point measurement of air temperature & velocity.*  atvs-2020? measures air temperature, velocity and surface temperatures.  atvs-2020? allows for the sensors to be used in any channel.  atvs-2020? is the only system available today that can measure both tempera- ture and air velocity with a single sensor.  atvs-2020? sensors are calibrated for both low (natural convection) and high velocity flows.  the data measured by atvs-2020? can be auto- matically averaged for quick results.  atvs-2020? requires a pc to operate and is compatible via an rs-232 port.  atvs-2020? uses the same sensor to measure the full range of flow (0 to 10,000 ft/min).  atvs-2020? offers research quality results with the ease of use of hand-held meters.  atvs-2020? uses stageview? for data acqui- sition and reporting applications. *using microbead element atvs-2020? features innovation in thermal management tm www.qats.com atvs -2020 automatic temperature & velocity scanner technical data ? stageview tm software control panel data center the atvs-2020? is a patented multi- channel hot wire anemometer system designed for measuring air temperature and velocity in applications where single- or multi-point measurements are required. the unique and patented sensors are designed to be flexible, robust and low profile to minimize flow disturbance. they can be easily placed anywhere in the test domain. the use of a single sensor to measure both temperature and velocity eliminates errors introduced as a result of the flow being non-isothermal. the atvs-2020? is a scientific instrument. great care is taken in the calibration process of each sensor. the system can accommodate up to 32 channels (sensors) for easy and accurate mapping of the velocity and temperature fields of the test domain. the atvs-2020? is a portable system that can handle a variety of thermal measurement tasks. the system requires a pc for its operation and uses the stageview tm software for data acquisi- tion and reporting.  max. no of channels 32  temperature range -30c to 150c 1c at temperature  velocity range 0 to 51 m/s (10,000 ft/min) 2% at velocity  measurement duration unlimited (pc storage dependent)  depth 1 1.0? (27.9cm)  width 13.5? (34.3cm)  height 5.3? (13.5cm)  weight 10 lbs (5 kg)  computer interface rs232 port  stageview tm software has a thermal analysis module for quick evaluation of component temperature  requires 110v vac or 220v vac(international) power  sensor transparent channel  fully automated data acquisition & reduction  atvs-2020? handles up to 32 sensors for simultaneous single point measurement of air temperature & velocity.*  atvs-2020? measures air temperature, velocity and surface temperatures.  atvs-2020? allows for the sensors to be used in any channel.  atvs-2020? is the only system available today that can measure both tempera- ture and air velocity with a single sensor.  atvs-2020? sensors are calibrated for both low (natural convection) and high velocity flows.  the data measured by atvs-2020? can be auto- matically averaged for quick results.  atvs-2020? requires a pc to operate and is compatible via an rs-232 port.  atvs-2020? uses the same sensor to measure the full range of flow (0 to 10,000 ft/min).  atvs-2020? offers research quality results with the ease of use of hand-held meters.  atvs-2020? uses stageview? for data acqui- sition and reporting applications. *using microbead element atvs-2020? features stageview tm software for automated data acquisition and reduction the EATVS-4? and eatvs-8? automatic temperature and velocity scanners are portable, 4- and 8-channel hot wire anemometer systems. fully automated, these research-quality instruments take accurate single- or multi-point measurements of air temperature, velocity and surface temperature in complex environments, such as pcbs and electronics enclosures. when used as temperature loggers, they can measure both fluid and solid temperatures. usable in rackmount or desktop configurations, EATVS-4? and eatvs-8? employ patented, fast response, omni-directional sensors, which measure both temperature and velocity. this patented single-sensor technology eliminates errors introduced as a result of air flow being non- isothermal. each precisely calibrated sensor is flexible and robust with a low-profile configuration that allows minimally intrusive mounting throughout the peaks and valleys created by the pcb components. these systems require a pc to operate and utilize the stageview? software for data acquisition and reporting.


▲Up To Search▲   

 
Price & Availability of EATVS-4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X