Part Number Hot Search : 
NE851M03 0603A 5NF06 07430 P2501 6045WT SB180 15N50
Product Description
Full Text Search
 

To Download DBFE-0100U202-00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  safety: meets ul emi: fcc / meets ce comply with indoor/outdoor waterproof (ip 67) warranty: 5 years @ t.c < 75 (refer to linkcom warranty policy) fcc part15 / meets en 55015 range: 47-63 hz, normal: 50-60 hz 5% 90.0% 1% vo(max.) dbfe-0100u182-00 96 30-54 1.8 -40 ~+80 10% to +90%, non-cond. <1s at full load 100-277 vac 1.5 a / 100 vac 0.6 a / 277 vac scp and ovp will restart automatically after the fault condition is removed (6) 100% production tested. i/p-o/p 4242 vdc, i/p-fg 2121 vdc 26-48 withstand voltage turn on delay time inrush current (typ) relative humidity rohs compliant dc output power(w) 5% 88.0% 96 o/p noise(p-p,v) output current tolerance 1% vo(max.) protection: scp / ovp / otp 100-dbfe series 15-24 22-36 96 96 96 24-42 features: 1% vo(max.) 0-10v dimmable constant current mode efficiency 2.7 dc output voltage(v) 88.5% 1% vo(max.) 5% built-in active power function correction product specification 89.0% 4 output current(a) 1% vo(max.) 2 thd 90-305 vac, 127-431 vdc, normal: 100-277 vac < 20 % at full load 100-277 vac input frequency active power factor 5% electrical specification 89.0% DBFE-0100U202-00 safety input voltage range emi over voltage protection operating temp. leakage current over temp. protection short circuit protection storage temp. ac current i/p-o/p, i/p-fg,o/p-fg :100m / 500 vdc / 25 / 70% rh 232 * 46.5 * 31 mm 9.13 * 1.83 * 1.22 inch (4) specified for free-air convection cooling. (5) minimum load is not required for proper operation . isolation resistance please contact sales@linkcom.com.tw , sales@linkcomusa.com for more information reference: www.linkcom.com.tw (2) all specifications typical at 25 , unless otherwise noted, at normal line and load. (3) ripple and noise measured directly at pins/terminals at nom. load, 0.1uf bypass and 47uf electrolytic, pk-pk at 20mhz bandwidth. ac input 100~277 vac nominal (1) all parameters specified at 230 vac input unless otherwise noted. dbfe-0100u402-00 dbfe-0100u272-00 model dbfe-0100u232-00 dimension (l*w*h) 0v-10v dimming -30 ~ +50 @ full load 100-277 vac high operating ambient temp.: -30 ~ +50 surge protection: l-n 6 kv shut down and latch off o/p voltage , re-power on to recover cold start 65 a @ 230 vac meets ul 8750 <0.75 ma at 277 vac 5% > 0.9 @ full load 100-277 vac 2.3 www.linkcom.com.tw for more information, please contact with: sales@linkcom.com.tw linkcom manufacturing co., ltd. 5f., no. 127, ln. 235, baoqiao rd., xindian dist., new taipei city 231-45, taiwan ? t: +886-2-8919-1380 ? f: +886-2-8919-1370 ? www.linkcom.com.tw
100-dbfe series 0-10v dimmable constant current mode www.linkcom.com.tw for more information, please contact with: sales@linkcom.com.tw wiring digram reference: www.linkcom.com.tw dimensions neutral dim+ dim - red black + - case ground via mounting tabs purple gray brown blue led driver line tc max. dbfe - 100u402 as tc max. reference linkcom manufacturing co., ltd. 5f., no. 127, ln. 235, baoqiao rd., xindian dist., new taipei city 231-45, taiwan ? t: +886-2-8919-1380 ? f: +886-2-8919-1370 ? www.linkcom.com.tw
100-dbfe series 0-10v dimmable constant current mode www.linkcom.com.tw for more information, please contact with: sales@linkcom.com.tw minimum typical 1ma 10v 0ma 1v absolute maximum voltageon on the 1-10(+) purple wire 2. recommended dimmers are leviton ip710,lutron ntstv-dv or equivalent. 3. when dimming wires +purple/-gray are left open, the output current will be at 100% dimming operation parameters 1. purple and gray wires on the output side are used for 1-10v dimming. notes: source current on the 1-10v(+) purple wire maximum 0.0% 10.0% 20.0% 30.0% 40.0% 50.0% 60.0% 70.0% 80.0% 90.0% 100.0% 0 1 2 3 4 5 6 7 8 9 10 output current % dimming input(vdc) output current / 1 - 10vdc dimming input linkcom manufacturing co., ltd. 5f., no. 127, ln. 235, baoqiao rd., xindian dist., new taipei city 231-45, taiwan ? t: +886-2-8919-1380 ? f: +886-2-8919-1370 ? www.linkcom.com.tw pdbfe0 10 0 xxx - 00g v (levit on) ip710 dimmer (lutron) ntstv - dv dimmer gray ( - ) red (+) black ( - ) purple (+)
100-dbfe series 0-10v dimmable constant current mode www.linkcom.com.tw for more information, please contact with: sales@linkcom.com.tw power factor vs. load (dbfe-100u402-00) efficiency vs. load (dbfe-100u402-00) t.h.d vs. load (dbfe-100u402-00) 0.85 0.90 0.95 1.00 70% 75% 80% 85% 90% 95% 100% 105% power factor load (%) pf vs. load vin=100 vin=120 vin=200 vin=230 vin=277 75% 80% 85% 90% 70% 75% 80% 85% 90% 95% 100% 105% efficiency (%) load (%) efficiency vs. load vin=100 vin=120 vin=200 vin=230 vin=277 0% 5% 10% 15% 20% 25% 70% 75% 80% 85% 90% 95% 100% 105% thd (%) load (%) thd vs. load vin=100 vin=120 vin=200 vin=230 vin=277 linkcom manufacturing co., ltd. 5f., no. 127, ln. 235, baoqiao rd., xindian dist., new taipei city 231-45, taiwan ? t: +886-2-8919-1380 ? f: +886-2-8919-1370 ? www.linkcom.com.tw
100-dbfe series 0-10v dimmable constant current mode www.linkcom.com.tw for more information, please contact with: sales@linkcom.com.tw output current vs. load (dbfe-100u402-00) 3.900 3.950 4.000 4.050 4.100 70% 75% 80% 85% 90% 95% 100% 105% output current (a) load (%) output current vs. load vin=100 vin=120 vin=200 vin=230 vin=277 linkcom manufacturing co., ltd. 5f., no. 127, ln. 235, baoqiao rd., xindian dist., new taipei city 231-45, taiwan ? t: +886-2-8919-1380 ? f: +886-2-8919-1370 ? www.linkcom.com.tw


▲Up To Search▲   

 
Price & Availability of DBFE-0100U202-00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X