Part Number Hot Search : 
01901 3EMC111 DL6709 AP161502 MA4ST408 IRF7309 DDTA114 MC33502
Product Description
Full Text Search
 

To Download BXMF1018 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features ? fully customizable housing ? fast 90 nsec switching speed ? high output +10 dbm drive level ? 2 programmable outputs ? null output mode ? x2 through x48 multiplication frequency multiplier (x2 to x48) model BXMF1018 (200 - 225 mhz) description this multiplier provides the system designer with a com- pact, fast-switching building block for lo multiplication applications. an internal solid-state multiplier provides fre- quency multiplication by your choice of a factor of 2, 4, 8, or up to 48, all from a single input frequency. the multiplier is designed for airborne applications and has field-replaceable rf connectors. the entire assembly is designed to be slid into a channel for systems installation without the need to solder wires or screw on connectors. this design incorporates single-stage active doublers, amplifiers, srd multipliers, power splitters, bandpass filter- ing, voltage conditioning, and bit circuits and provides excellent phase noise performance. applications ? synthesizer building block ? sigint ? elint ? ew typical specifications input frequency 200 to 225 mhz input level +10 dbm output frequency 400 mhz to 10.8 ghz output level +10 dbm bandwidth 2% switching speed 90 nsec harmonics -60 dbc dc power +28 v @ 275 ma +15 v @ 75 ma temp range 0 o c to +75 o c all specifications above measured at 25 o c dimensions and connections 12 l x 13 w x 1 h revision 7/5/2012 spectrum microwave, inc. ? p: 888.553.7531 ? f: 888.553.7532 e-mail: salesspectrumsmicrowave.com ? www.spectrummicrowave.com


▲Up To Search▲   

 
Price & Availability of BXMF1018

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X