Part Number Hot Search : 
2SC3803 BCM20 PIPXXX 0003B ADUM1 TLCY5100 VHC1G0 KF458BV
Product Description
Full Text Search
 

To Download BUS133A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor isc product specification isc website www.iscsemi.cn 1 isc silicon npn power transistors bus133/a description high switching speed collector-emitter sustaining voltage- : v ceo(sus) = 450v (min)-bus133 500v (min)-BUS133A applications designed for use in very fast switching applications in inductive circuits. absolute maximum ratings(t a =25 ) symbol parameter max unit v ces collector- emitter voltage(v be = 0) bus133 850 v BUS133A 1000 v ceo collector-emitter v oltage bus133 450 v BUS133A 500 v ebo emitter-base voltage 9 v i c collector current-continuous 15 a i cm collector current-peak 20 a i b base current 10 a i bm base current-peak 15 a p c collector power dissipation @t c =25 175 w t j junction temperature 200 t stg storage temperature range -65~200 thermal characteristics symbol parameter max unit r th j-c thermal resistance, junction to case 1.0 /w
inchange semiconductor isc product specification isc website www.iscsemi.cn 2 isc silicon npn power transistors bus133/a electrical characteristics t c =25 unless otherwise specified symbol parameter conditions min typ. max unit v ceo(sus) collector-emitter sustaining voltage bus133 i c = 0.1a ; i b = 0; l= 10mh 450 v BUS133A 500 v ce(sat)-1 collector-emitter saturation voltage bus133 i c = 5a; i b = 0.7a 2.5 v BUS133A i c = 5a; i b = 1a 1.0 v ce(sat)-2 collector-emitter saturation voltage bus133 i c = 10a; i b = 1.3a 3.0 v BUS133A i c = 10a; i b = 2a 1.5 v be(sat) base-emitter saturation voltage bus133 i c = 10a; i b = 1.3a 1.5 v BUS133A i c = 10a; i b = 2a 1.5 i cev collector cutoff current v ce =v cesmmax ;v be =-1.5v v ce =v cesmmax ;v be =-1.5v;t j =100 0.25 1.5 ma i ebo emitter cutoff current v eb = 6v; i c = 0 1 ma h fe dc current gain i c = 15a ; v ce = 5v 5 c ob output capacitance i e = 0 ; v cb = 10v; f test = 1khz 400 pf switching times , resistive load t on turn-on time bus133 i c = 10a ;i b1 = 1.3a; i b2 = -2.6a 0.4 s BUS133A 0.45 t stg storage time 1.3 s t f fall time 0.15 s


▲Up To Search▲   

 
Price & Availability of BUS133A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X