Part Number Hot Search : 
00GASME CP720 45DCB PW035XS4 74HCT534 MA4P160 ST3222C 126254H
Product Description
Full Text Search
 

To Download AT25128A-07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 features ? serial peripheral interface (spi) compatible ? supports spi modes 0 (0,0) and 3 (1,1) ? data sheet describes mode 0 operation ? standard-voltage operation ? 2.7 (v cc = 2.7v to 5.5v) ? automotive temperature range ? 40c to +125c ? 5 mhz clock rate ? 64-byte page mode and byte write operation ? block write protection ? protect 1/4, 1/2, or entire array ? write protect (wp ) pin and write disable instructions for both hardware and software data protection ? self-timed write cycle (5 ms max) ? high reliability ? endurance: 1 million write cycles ? data retention: >100 years ? 8-lead jedec soic and 8-lead tssop packages description the at25128a/256a provides 131,072/262,144 bits of serial electrically-erasable pro- grammable read-only memory (eeprom) organized as 16,384/32, 768 words of 8 bits each. the device is optimized for use in many industrial and automotive applications where low-power and low-voltage operation are essential. the devices are available in space-saving 8-lead jedec soic and 8-lead tssop packages. the at25128a/256a is enabled through the chip select pin (cs ) and accessed via a three-wire interface consisting of serial da ta input (si), serial data output (so), and serial clock (sck). all programming cycles are completely self-timed, and no sepa- rate erase cycle is required before write. table 1. pin configurations pin name function cs chip select sck serial data clock si serial data input so serial data output gnd ground vcc power supply wp write protect hold suspends serial input nc no connect dc don't connect 5088f?seepr?2/07 spi automotive temperature serial eeproms 128k (16,384 x 8) 256k (32,768 x 8) at25128a at25256a 1 2 3 4 8 7 6 5 8-lead soic 1 2 3 4 8 7 6 5 8-lead tssop cs so wp gnd vcc hol d sck si cs so wp gnd vcc hold sck si
2 at25128a/256a 5088f?seepr?2/07 block write protection is enabl ed by programming the status register with top one-forth, top one-half, or entire array of write protection. separate program enable and program disable instructions are provided for additi onal data protection. hardware data protec- tion is provided via the wp pin to protect against inadvert ent write attempts to the status register. the hold pin may be used to suspend any serial communication without resetting the serial sequence . figure 1. block diagram absolute maximum ratings* operating temperature ......................................? 40 c to +125 c *notice: stresses beyond those listed under ?absolute maxi- mum ratings? may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other condi- tions beyond those indicated in the operational sec- tions of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. storage temperature .........................................? 65 c to +150 c voltage on any pin with respect to ground ........................................ ? 1.0v to +7.0v maximum operating voltage .......................................... 6.25v dc output current........................................................ 5.0 ma 16384/32768 x 8
3 at25128a/256a 5088f?seepr?2/07 note: 1. this parameter is characterized and is not 100% tested. note: 1. maximum value at +125c 2. v il and v ih max are reference only and are not tested. table 2. pin capacitance (1) applicable over recommended operating range from t a = 25 c, f = 1.0 mhz, v cc = +5.0v (unless otherwise noted) symbol test conditions max units conditions c out output capacitance (so) 8 pf v out = 0v c in input capacitance (cs , sck, si, wp , hold )6pfv in = 0v table 3. dc characteristics applicable over recommended operating range from t a = ? 40c to +125c, v cc = +2.7v to +5.5v symbol parameter test condition min typ max units v cc1 supply voltage 2.7 5.5 v v cc2 supply voltage 4.5 5.5 v i cc1 supply current v cc = 5.0v at 1 mhz, so = open, read 2.0 3.0 ma i cc2 supply current v cc = 5.0v at 2 mhz, so = open, read, write 3.0 5.0 ma i cc3 supply current v cc = 5.0v at 5 mhz, so = open, read, write 3.5 6.0 ma i sb1 standby current v cc = 2.7v, cs = v cc 0.5 12.0 (1) a i sb2 standby current v cc = 5.0v, cs = v cc 2.0 15.0 (1) a i il input leakage v in = 0v to v cc ? 3.0 3.0 a i ol output leakage v in = 0v to v cc ? 3.0 3.0 a v il (2) input low-voltage ? 1.0 v cc x 0.3 v v ih (2) input high-voltage v cc x 0.7 v cc + 0.5 v v ol1 output low-voltage 3.6 v cc 5.5v i ol = 3.0 ma 0.4 v v ol2 output low-voltage 2.7 v cc 3.6v i ol = 0.15ma 0.2 v v oh1 output high-voltage 3.6 v cc 5.5v i oh = ? 1.6 ma v cc ? 0.8 v v oh2 output high-voltage 2.7 v cc 3.6v i oh = ? 100 a v cc ? 0.2 v
4 at25128a/256a 5088f?seepr?2/07 note: 1. this parameter is ensured by characterization only. table 4. ac characteristics applicable over recommended operating range from t a = ? 40 c to +125 c, v cc = as specified, cl = 1 ttl gate and 100 pf (unless otherwise noted) symbol parameter voltage min max units f sck sck clock frequency 2.7?5.5 0 5.0 mhz t ri input rise time 2.7?5.5 2 s t fi input fall time 2.7?5.5 2 s t wh sck high time 2.7?5.5 40 ns t wl sck low time 2.7?5.5 40 ns t cs cs high time 2.7?5.5 80 ns t css cs setup time 2.7?5.5 80 ns t csh cs hold time 2.7?5.5 80 ns t su data in setup time 2.7?5.5 5 ns t h data in hold time 2.7?5.5 20 ns t hd hold setup time 2.7?5.5 40 ns t cd hold hold time 2.7?5.5 40 ns t v output valid 2.7?5.5 0 40 ns t ho output hold time 2.7?5.5 0 ns t lz hold to output low z 2.7?5.5 0 40 ns t hz hold to output high z 2.7?5.5 80 ns t dis output disable time 2.7?5.5 80 ns t wc write cycle time 2.7?5.5 5 ms endurance (1) 5.0v, 25 c, page mode 1m write cycles
5 at25128a/256a 5088f?seepr?2/07 serial interface description master: the device that generat es the serial clock. slave: because the serial clock pin (sck) is always an input , the at25128a/256a always operates as a slave. transmitter/receiver: the at25128a/256a has separate pins designated for data transmission (so) and reception (si). msb: the most significant bit (msb) is th e first bit transmitted and received. serial op-code: after the device is selected with cs going low, the first byte will be received. this byte contains the op-code t hat defines the operations to be performed. invalid op-code: if an invalid op-code is received, no data will be shifted into the at25128a/256a, and the serial output pin (so) will remain in a high impedance state until the falling edge of cs is detected again. this will reinitialize the serial communication. chip select: the at25128a/256a is selected when the cs pin is low. when the device is not selected, data will not be acce pted via the si pin, and the so pin will remain in a high impedance state. hold: the hold pin is used in conjunction with the cs pin to select the at25128a/256a. when the device is selected and a serial sequence is underway, hold can be used to pause the serial communication with the master device without resetting the serial sequence. to pause, the hold pin must be brought low while the sck pin is low. to resume serial communication, the hold pin is brought high while the sck pin is low (sck may still toggle during hold ). inputs to the si pin will be ignored while the so pin is in the high impedance state. write protect: the write protect pin (wp ) will allow normal read/write operations when held high. when the wp pin is brought low and wpen bit is ?1?, all write opera- tions to the status regi ster are inhibited. wp going low while cs is still low will interrupt a write to the status register . if the internal write cycl e has already been initiated, wp going low will have no effect on any write operation to the stat us register. the wp pin function is blocked when the wpen bit in the status register is ?0?. this will allow the user to install the at25128a/256a in a system with the wp pin tied to ground and still be able to write to the status register. all wp pin functions are enabled when the wpen bit is set to ?1?.
6 at25128a/256a 5088f?seepr?2/07 figure 2. spi serial interface at25128a/256 a
7 at25128a/256a 5088f?seepr?2/07 functional description the at25128a/256a is designed to interface directly with the synchronous serial peripheral interface (spi) of the 68 00 type series of microcontrollers. the at25128a/256a utilizes an 8-bit instruction register. th e list of instructions and their operation codes are contained in table 5. all instructions, addresses, and data are transferred with the msb first and start with a high-to-low cs transition. write enable (wren): the device will power-up in the write disable state when v cc is applied. all programming instructions mu st therefore be preceded by a write enable instruction. write disable (wrdi): to protect the device against inadvertent writes, the write disable instruction disables all programming modes. the wrdi instruction is indepen- dent of the status of the wp pin. read status register (rdsr): the read status register instruction provides access to the status register. the ready /busy and write enable status of the device can be determined by the rdsr instruction. similarly, the block write protection bits indicate the ext ent of protection employed. these bits are set by using the wrsr instruction . write status register (wrsr): the wrsr instruction allows the user to select one of four levels of protection. the at25128a/256a is divided into four array segments. table 5. instruction set for the at25128a/256a instruction name instruction format operation wren 0000 x110 set write enable latch wrdi 0000 x100 reset write enable latch rdsr 0000 x101 read status register wrsr 0000 x001 write status register read 0000 x011 read data from memory array write 0000 x010 write data to memory array table 6. status register format bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 wpen x x x bp1 bp0 wen rdy table 7. read status register bit definition bit definition bit 0 (rdy ) bit 0 = ?0? (rdy ) indicates the device is ready. bit 0 = ?1? indicates the write cycle is in progress. bit 1 (wen) bit 1 = ?0? indicates the device is not write enabled. bit 1 = ?1? indicates the device is write enabled. bit 2 (bp0) see table 8. bit 3 (bp1) see table 8. bits 4?6 are ?0?s when device is not in an internal write cycle. bit 7 (wpen) see table 9. bits 0?7 are ?1?s during an internal write cycle.
8 at25128a/256a 5088f?seepr?2/07 top quarter, top half, or all of the memory segments can be protected. any of the data within any selected segment will therefore be re ad only. the block write protection levels and corresponding status register control bits are shown in table 8. bits bp0, bp1, and wpen are nonvolatile cells that have the same properties and func- tions as the regular memory cells (e.g., wren, t wc , rdsr). the wrsr instruction also allows the user to enable or disable the write protect (wp ) pin through the use of the write protect enabl e (wpen) bit. hardware write protection is enabled when the wp pin is low and the wpen bit is ?1?. hardware write protection is disabled when either the wp pin is high or the wpen bit is ?0?. when the device is hard- ware write protected, writes to the status re gister, including the block protect bits and the wpen bit, and the block-protected sections in the memory array are disabled. writes are only allowed to sections of the memory that are not block-protected. note: when the wpen bit is hardware write protected, it cannot be changed back to ?0? as long as the wp pin is held low. read sequence (read): reading the at25128a/256a via the so pin requires the following sequence. after the cs line is pulled low to select a device, the read op-code is transmitted via the si line followed by the byte address to be read (see table 10). upon completion, any data on the si line will be i gnored. the data (d7?d0) at the spec- ified address is then shifted out onto the so line. if only one byte is to be read, the cs line should be driven high after the data co mes out. the read sequence can be contin- ued since the byte address is automatically incremented and data will continue to be shifted out. when the highest address is r eached, the address counter will roll over to the lowest address, allowing th e entire memory to be read in one continuous read cycle. write sequence (write): in order to program the at25128a/256a, two separate instructions must be executed. first, the device must be write enabled via the wren instruction. then a write instruction may be executed. also, the address of the memory location(s) to be programmed must be outside the protected address field location table 8. block write protect bits level status register bits array addresses protected bp1 bp0 at25128a at25256a 00 0 none none 1 (1/4) 0 1 3000?3fff 6000?7fff 2 (1/2) 1 0 2000?3fff 4000?7fff 3 (all) 1 1 0000?3fff 0000?7fff table 9. wpen operation wpen wp wen protected blocks unprotected blocks status register 0 x 0 protected protected protected 0 x 1 protected writeable writeable 1 low 0 protected protected protected 1 low 1 protected writeable protected x high 0 protected protected protected x high 1 protected writeable writeable
9 at25128a/256a 5088f?seepr?2/07 selected by the block write protection level. during an internal write cycle, all commands will be ignored except the rdsr instruction. a write instruction requires the following sequence. after the cs line is pulled low to select the device, the write op-code is tr ansmitted via the si line followed by the byte address and the data (d7?d0) to be programmed (see table 10). programming will start after the cs pin is brought high. the low-to-high transition of the cs pin must occur dur- ing the sck low time immediately after clocking in the d0 (lsb) data bit. the ready/busy status of the device c an be determined by initiating a read status register (rdsr) instruction. if bit 0 = ?1?, the write cycle is still in progress. if bit 0 = ?0?, the write cycle has ended. only the rdsr in struction is enabled during the write pro- gramming cycle. the at25128a/256a is capable of a 64-byte page write operation. after each byte of data is received, the six low-order address bits are internally incremented by one; the high order bits of the address will remain constant. if more than 64 bytes of data are transmitted, the address counter will roll over and the previously written data will be overwritten. the at25128a/256a is automatically returned to the write disable state at the completion of a write cycle. note: if the device is not write enabled (wren), the device will ignore the write instruction and will return to the standby state when cs is brought high. a new cs falling edge is required to reinitiate the serial communication. table 10. address key address at25128a at25256a a n a 13 ? a 0 a 14 ? a 0 don?t care bits a 15 ? a 14 a 15
10 at25128a/256a 5088f?seepr?2/07 timing diagrams (for spi mode 0 [0, 0]) figure 3. synchronous data timing figure 4. wren timing figure 5. wrdi timing so v oh v ol hi-z hi-z t v valid in si v ih v il t h t su t dis sck v ih v il t wh t csh cs v ih v il t css t cs t wl t ho
11 at25128a/256a 5088f?seepr?2/07 figure 6. rdsr timing figure 7. wrsr timing cs s ck 01234567891011121314 si instruction so 76543210 data out msb high impedance 15
12 at25128a/256a 5088f?seepr?2/07 figure 8. read timing figure 9. write timing figure 10. hold timing so sck hold t cd t hd t hz t lz t cd t hd cs
13 at25128a/256a 5088f?seepr?2/07 at25128a orderi ng information ordering code package operation range at25128an-10sq-2.7 at25128a-10tq-2.7 8s1 8a2 lead-free/halogen-free automotive temperature ( ? 40 c to 125 c) package type 8s1 8-lead, 0.150" wide, plastic gull wing small outline package (jedec soic) 8a2 8-lead, 0.170" wide, thin shrink small outline package (tssop) options ? 2.7 low-voltage (2.7v to 5.5v)
14 at25128a/256a 5088f?seepr?2/07 at25256a orderi ng information ordering code package operation range at25256an-10sq-2.7 at25256a-10tq-2.7 8s1 8a2 lead-free/halogen-free automotive temperature ( ? 40 c to 125 c) package type 8s1 8-lead, 0.150" wide, plastic gull wing small outline package (jedec soic) 8a2 8-lead, 0.170" wide, thin shrink small outline package (tssop) options ? 2.7 low-voltage (2.7v to 5.5v)
15 at25128a/256a 5088f?seepr?2/07 packaging information 8s1 ? jedec soic 1150 e. cheyenne mtn. blvd. colorado springs, co 80906 title drawing no. r rev. note: 10/7/03 8s1 , 8-lead (0.150" wide body), plastic gull wing small outline (jedec soic) 8s1 b common dimensions (unit of measure = mm) symbol min nom max note a1 0.10 ? 0.25 these drawings are for general information only. refer to jedec drawing ms-012, variation aa for proper dimensions, tolerances, datums, etc. a 1.35 ? 1.75 b 0.31 ? 0.51 c 0.17 ? 0.25 d 4.80 ? 5.00 e1 3.81 ? 3.99 e 5.79 ? 6.20 e 1.27 bsc l 0.40 ? 1.27 ? 0? ? 8? ? top view end view side view e b d a a1 n e 1 c e1 l
16 at25128a/256a 5088f?seepr?2/07 8a2 ? tssop 2325 orchard parkway san jose, ca 95131 title drawing no. r rev. 5/30/02 common dimensions (unit of measure = mm) symbol min nom max note d 2.90 3.00 3.10 2, 5 e 6.40 bsc e1 4.30 4.40 4.50 3, 5 a ? ? 1.20 a2 0.80 1.00 1.05 b 0.19 ? 0.30 4 e 0.65 bsc l 0.45 0.60 0.75 l1 1.00 ref 8a2 , 8-lead, 4.4 mm body, plastic thin shrink small outline package (tssop) notes: 1. this drawing is for general information only. refer to jedec drawing mo-153, variation aa, for proper dimensions, tolerances, datums, etc. 2. dimension d does not include mold flash, protrusions or gate burrs. mold flash, protrusions and gate burrs shall not exceed 0.15 mm (0.006 in) per side. 3. dimension e1 does not include inter-lead flash or protrusions. inter-lead flash and protrusions shall not exceed 0.25 mm (0.010 in) per side. 4. dimension b does not include dambar protrusion. allowable dambar protrusion shall be 0.08 mm total in excess of the b dimension at maximum material condition. dambar cannot be located on the lower radius of the foot. minimum space between protrusion and adjacent lead is 0.07 mm. 5. dimension d and e1 to be determined at datum plane h. 8a2 b side view end view top view a2 a l l1 d 1 2 3 e1 n b pin 1 indicator this corner e e
17 at25128a/256a 5088f?seepr?2/07 revision history doc. rev. date comments 5088f 2/2007 revision history implemented removed pdip package offering removed pb?d parts
printed on recycled paper. 5088f?seepr?2/07 disclaimer: the information in this document is provided in connection with atmel products. no license, expr ess or implied, by estoppel or otherwise, to any intellectual property right is granted by this document or in connection with the sale of atmel products. except as set forth in atmel?s terms and condi- tions of sale located on atmel?s web site, atmel assumes no li ability whatsoever and disclaims any express, implied or statutor y warranty relating to its products including, but not limited to , the implied warranty of merchantability, fitness for a particu lar purpose, or non-infringement. in no event shall atmel be liable for any direct, indirect, conseq uential, punitive, special or i nciden- tal damages (including, without limitation, dam ages for loss of profits, business inte rruption, or loss of information) arising out of the use or inability to use this document, even if atmel has been advised of the possibility of such damages. atmel makes no representations or warranties with respect to the accuracy or comp leteness of the contents of th is document and reserves the rig ht to make changes to specifications and product descriptions at any time withou t notice. atmel does not make any commitm ent to update the information contained her ein. unless specifically provided otherwise, atmel products are not suitable for, and shall not be used in, automotive applications. atmel?s products are not int ended, authorized, or warranted for use as components in applications intended to support or sustain life. atmel corporation atmel operations 2325 orchard parkway san jose, ca 95131, usa tel: 1(408) 441-0311 fax: 1(408) 487-2600 regional headquarters europe atmel sarl route des arsenaux 41 case postale 80 ch-1705 fribourg switzerland tel: (41) 26-426-5555 fax: (41) 26-426-5500 asia room 1219 chinachem golden plaza 77 mody road tsimshatsui east kowloon hong kong tel: (852) 2721-9778 fax: (852) 2722-1369 japan 9f, tonetsu shinkawa bldg. 1-24-8 shinkawa chuo-ku, tokyo 104-0033 japan tel: (81) 3-3523-3551 fax: (81) 3-3523-7581 memory 2325 orchard parkway san jose, ca 95131, usa tel: 1(408) 441-0311 fax: 1(408) 436-4314 microcontrollers 2325 orchard parkway san jose, ca 95131, usa tel: 1(408) 441-0311 fax: 1(408) 436-4314 la chantrerie bp 70602 44306 nantes cedex 3, france tel: (33) 2-40-18-18-18 fax: (33) 2-40-18-19-60 asic/assp/smart cards zone industrielle 13106 rousset cedex, france tel: (33) 4-42-53-60-00 fax: (33) 4-42-53-60-01 1150 east cheyenne mtn. blvd. colorado springs, co 80906, usa tel: 1(719) 576-3300 fax: 1(719) 540-1759 scottish enterprise technology park maxwell building east kilbride g75 0qr, scotland tel: (44) 1355-803-000 fax: (44) 1355-242-743 rf/automotive theresienstrasse 2 postfach 3535 74025 heilbronn, germany tel: (49) 71-31-67-0 fax: (49) 71-31-67-2340 1150 east cheyenne mtn. blvd. colorado springs, co 80906, usa tel: 1(719) 576-3300 fax: 1(719) 540-1759 biometrics/imaging/hi-rel mpu/ high speed converters/rf datacom avenue de rochepleine bp 123 38521 saint-egreve cedex, france tel: (33) 4-76-58-30-00 fax: (33) 4-76-58-34-80 literature requests www.atmel.com/literature ? 2007 atmel corporation . all rights reserved. atmel ? , logo and combinations thereof, everywhere you are ? and others, are registered trademarks or trademarks of atmel corporation or its subsid iaries. other terms and product names may be trademarks of others.


▲Up To Search▲   

 
Price & Availability of AT25128A-07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X