Part Number Hot Search : 
SMP360 HYBAM 1N4294M NJU71 PEX8114 HYBAM S1300M 16160
Product Description
Full Text Search
 

To Download AP9976GM-14 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advanced power n-channel enhancement mode electronics corp. power mosfet lower on-resistance bv dss 60v simple drive requirement r ds(on) 20.5m fast switching characteristic i d 7.6a description absolute maximum ratings symbol units v ds v v gs v i d @t a =25 a i d @t a =70 a i dm a p d @t a =25 w t stg t j symbol value unit rthj-a maximum thermal resistance, junction-ambient 3 62.5 /w data and specifications subject to change without notice 201106202 1 ap9976gm rating rohs-compliant product 60 + 20 7.6 parameter drain-source voltage gate-source voltage continuous drain current 3 -55 to 150 continuous drain current 3 6 pulsed drain current 1 40 storage temperature range 2 -55 to 150 thermal data parameter total power dissipation operating junction temperature range advanced power mosfets from apec provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. the so-8 package is widely preferred for commercial-industrial surface mount applications and suited for low voltage applications such as dc/dc converters. s1 g1 s2 g2 d1 d1 d2 d2 g2 d2 s2 g1 d1 s1
electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =250ua 60 - - v r ds(on) static drain-source on-resistance 2 v gs =10v, i d =6a - - 20.5 m ? v gs =4.5v, i d =4a - - 38 m ? v gs(th) gate threshold voltage v ds =v gs , i d =250ua 1 - 3 v g fs forward transconductance v ds =10v, i d =6a - 5.9 - s i dss drain-source leakage current v ds =48v, v gs =0v - - 25 ua drain-source leakage current (t j =70 o c) v ds =48v, v gs =0v - - 100 ua i gss gate-source leakage v gs =+ 20v, v ds =0v - - + 100 na q g total gate charge 2 i d =6a - 30 50 nc q gs gate-source charge v ds =48v - 4.5 - nc q gd gate-drain ("miller") charge v gs =10v - 10 - nc t d(on) turn-on delay time 2 v ds =30v - 9 - ns t r rise time i d =1a - 6.3 - ns t d(off) turn-off delay time r g =3.3 -28- ns t f fall time v gs =10v - 10 - ns c iss input capacitance v gs =0v - 1320 2100 pf c oss output capacitance v ds =25v - 140 - pf c rss reverse transfer capacitance f=1.0mhz - 110 - pf source-drain diode symbol parameter test conditions min. typ. max. units v sd forward on voltage 2 i s =1.7a, v gs =0v - - 1.2 v t rr reverse recovery time 2 i s =6a, v gs =0 v , - 29 - ns q rr reverse recovery charge di/dt=100a/s - 35 - nc notes: 1.pulse width limited by max. junction temperature. 2.pulse test this product is sensitive to electrostatic discharge, please handle with caution. use of this product as a critical component in life support or other similar systems is not authorized. apec does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. apec reserves the right to make changes without further notice to any products herein to improve reliability, function or design. 3.surface mounted on 1 in 2 copper pad of fr4 board, t < 10sec ; 135 /w when mounted on min. copper pad. 2 ap9976gm
ap9976gm fig 1. typical output characteristics fig 2. typical output characteristics fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance v.s. junction temperature fi g 5. forward characteristic o f fig 6. gate threshold voltage v.s. reverse diode junction temperature 3 0 20 40 60 80 02468 v ds , drain-to-source voltage (v) i d , drain current (a) v g = 4.0 v 10v 7.0 v 6.0 v 5.0 v t a =25 o c 0 20 40 60 80 02468 v ds , drain-to-source voltage (v) i d , drain current (a) t a = 150 o c 10v 7.0 v 6.0v 5.0 v v g = 4 .0 v 12 16 20 24 28 32 36 246810 v gs , gate-to-source voltage (v) r ds(on) (m ) i d =4a t a =25 0.4 0.8 1.2 1.6 2.0 2.4 -50 0 50 100 150 t j , junction temperature ( o c) normalized r ds(on) i d =6a v g =10v 0.2 0.4 0.6 0.8 1.0 1.2 1.4 -50 0 50 100 150 t j , junction temperature ( o c) normalized v gs(th) (v) 0 2 4 6 8 10 0 0.2 0.4 0.6 0.8 1 1.2 v sd , source-to-drain voltage (v) i s (a) t j =25 o c t j =150 o c
ap9976gm fig 7. gate charge characteristics fig 8. typical capacitance characteristics fig 9. maximum safe operating area fig 10. effective transient thermal impedance fig 11. switching time waveform fig 12. gate charge waveform 4 q v g 10v q gs q gd q g charge 0 2 4 6 8 10 12 0 10203040 q g , total gate charge (nc) v gs , gate to source voltage (v) i d =6a v ds =30v v ds =36v v ds =48v 0 400 800 1200 1600 1 5 9 13 17 21 25 29 v ds , drain-to-source voltage (v) c (pf) f =1.0mh z c iss c oss c rss 0.001 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 10 100 1000 t , pulse width (s) normalized thermal response (r thja ) p dm duty factor = t/t peak t j = p dm x r thja + t a r thia =135 /w t t 0.02 0.01 0.05 0.1 0.2 duty factor=0.5 single pulse 0.01 0.1 1 10 100 0.01 0.1 1 10 100 v ds , drain-to-source voltage (v) i d (a) t a =25 o c single pulse 100us 1ms 10ms 100ms 1s dc t d(on) t r t d(off) t f v ds v gs 10% 90% operation in this area limited by r ds(on)


▲Up To Search▲   

 
Price & Availability of AP9976GM-14

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X