Part Number Hot Search : 
TS25P07 36MT140 KX10M15B 431XG 4T128 FN4836 NTE1915 MC33129P
Product Description
Full Text Search
 

To Download ADF-07-16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a d f -07 series a c/dc power module 7 w e - mail:sales@minmax.com.tw tel:886 - 6 - 2923150 201 6 / 0 8 / 3 0 rev: 1 7 page 1 of 3 features ? fully encapsulated plastic case for pcb mounting ? universal input 85~264vac, 47~440hz ? protection class ii as per iec/en 60536 ? ? ? ? design ed - in emi emission meets en55011/22 class b & fcc level b ? ? eco design, compliant to energy star specification and erp directive 2009/125/ec ? ul/cul/iec/en 60950 - 1 safety approva l & ce marking product overview the minmax adf - 07 series is a new range of fully encapsulated ac/dc power supply modules. they are designed for direct pcb mounting with solder pins. the product features emi - filter to en55022, class b and ems compliance to the en 61000 - 4 standard. universal input voltage 85 - 26 4 vac and international safety approvals qualifies these power modules for applications in products with worldwide markets. the adf - 07 series provide a cost effective solution for many space critical applications in commercial and industrial electronic equi pment. model selection guide model number output voltage output current input current max. c apacitive load efficiency (typ.) 115vac, 60hz max. @max. load @max. load vdc ma ma( t yp.) adf - 07s03 3.3 1400 96 2200 70 adf - 07s05 5 1400 139 2200 73 adf - 07s12 12 583 130 1000 78 adf - 07s15 15 466 130 1000 78 adf - 07s24 24 291 130 680 78 input specifications parameter model min. typ. max. unit input voltage range all models 85 --- 264 v a c input frequency range 47 --- 440 hz input voltage range 120 --- 370 vdc no - load power consumption --- --- 0.3 w in rush current 115vac cold start at 25 --- --- 10 a 230vac --- --- 20 a external fuse (recommended) all models 1.5a slow ? blow type output specifications parameter conditions min. typ. max. unit output voltage setting accuracy --- 1 .0 2 .0 % vnom. line regulation vin=min. to max. @full load --- 0 . 5 1.0 % load regulation io=min. to max. --- 0.5 1.0 % ripple & noise 0 - 20 mhz bandwidth 3.3 & 5.0vdc output models other output models --- 1.5 1.8 %v pp of vo --- 0.8 1.0 %v pp of vo minimum load --- 10 --- %inom. over voltage protection zener diode clamp --- 120 --- % of vo temperature coefficient --- 0.0 1 0.02 %/
adf -07 series a c/dc power module 7 w e - mail:sales@minmax.com.tw tel:886 - 6 - 2923150 201 6 / 0 8 / 3 0 rev: 1 7 page 2 of 3 general specifications parameter conditions min. typ. max. unit i/o isolation voltage input to output, 60 seconds 3000 --- --- v a c rms i/o isolation resistance 500 vdc 10 0 --- --- m environmental specifications parameter conditions min. typ. max. unit operating ambient temperature range natural convection - 25 --- + 70 to + 7 0 to to t to t e mc specifications parameter standards & level performance emi conduction and radiation en55014 - 1 , en55022, fcc part 15 class b ems en55014 - 2 ,en55024 esd en61000 - 4 - 2 a ir 8 k v , contact 4k v b radiated immunity en61000 - 4 - 3 10v/m a fast transient en61000 - 4 - 4 2 k v b surge en61000 - 4 - 5 1k v b conducted immunity en61000 - 4 - 6 10v rms b pfmf en61000 - 4 - 8 30a/ m a dips en61000 - 4 - 11 30% 10ms b interruptions en61000 - 4 - 11 >95% 5000ms c notes 1 s p ecifications typical at ta=+25 , resistive load, 115vac, 60hz input voltage and after warm - up time rated output current unless otherwise noted. 2 these power modules require a minimum output loading to maintain specified regulation , o peration under no - load conditions will not damage the power supplies however they may not meet all listed specifications. 3 we recommend to protect the converter by a slow blow fuse in the input supply line. 4 other input and output voltage may be available, please contact factory . 5 specifications are subject to change without notice
a d f -07 series a c/dc power module 7 w minmax technology co., ltd. 18, sin sin road, an - ping industrial district, tainan 702, taiwan tel: 886 - 6 - 2923150 fax: 886 -6 - 2923149 e - mail: sales@minmax.com.tw 201 6 / 0 8 / 3 0 rev: 1 7 page 3 of 3 7 package specifications mechanical dimensions pin connections pin function 1 ac(n) ? ac neutral 2 ac(l) ? ac line 3 + vout 4 - vout ? all dimensions in mm (inches) y tolerance: 0. 5 (0.0 2 ) y pin diameter ? 1.0 0.1 (0.0 4 0.004) physical characteristics case size : 50.8 x 25.4 x 19. 5 mm ( 2. 00 x 1.00 x 0.7 7 inches) case material : plastic resin ( flammability to ul 94v - 0 rated ) weight : 44 g [0.40] 4 3 10.16 1 2 4 5 . 7 2 [ 1 . 8 0 ] 5 0 . 8 [ 2 . 0 0 ] 20.32 [0.80] 25.4 [1.00] 1 . 0 0 [ 0 . 0 4 ] 5 . 0 [ 0 . 2 0 ] 19.5 [0.77] 0.7 [0.03] 6.0 [0.24] bottom view


▲Up To Search▲   

 
Price & Availability of ADF-07-16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X