Part Number Hot Search : 
C3082 C3082 UPD70F IR21592 SPLSI1 D7808 TB62726F NCP1601B
Product Description
Full Text Search
 

To Download ACT-14MHZ-H-S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ||||||||||||| | | act series 2 0 . 4 x 1 2 . 9 x 5 . 3 m m pb ttl output full size dip 5.0v crystal clock oscillator standard specifications: applications: features: ? hermetically sealed metal package ? ttl output ? case ground for emi protection ? tri-state enable/disable options ? provide clock signals for microprocessors and digital circuit s ? ttl output for low emi applications 3 0 3 3 2 e s p e r anza, ra n c ho s anta m a r g a r ita, cali f o r n i a 9 2 6 8 8 tel 9 4 9 - 5 46-8 0 0 0 | f a x 949-5 4 6-80 0 1 | w w w . a b r aco n . c o m revised: 09.23.13 visit www.abracon.com for terms & conditions of sale abracon is cer tified abracon is iso9001:2008 cer tified * o v era ll freque n cy s t a bility i n clude s i n i t i a l t o lera n ce a nd t e mpera t u re sta bility. paramete rs minimum typical maxim u m units notes z h m 0 . 0 6 1 4 . 0 e g n a r y c n e u q e r f operating tem p erature -10 +60 c see options c 5 2 1 + 5 5 - e r u t a r e p m e t e g a r o t s overall frequency stabilit y* - 100 +100 ppm see options c d v 5 . 5 0 . 5 5 . 4 ) d d v ( e g a t l o v y l p p u s input current 0.4mhz ~ 24 .9 mhz 2 0 m a 25.0mhz ~ 99 .9 mhz 0 4 100.0mhz ~ 16 0.0mhz 0 8 sy mm etry (@ 1.4vdc) 4 0 6 0 % see options rise and fall t i m e (t r/tf) 0.4mhz ~ 24 .9 mhz 1 0 n s 25.0mhz ~ 99 .9 mhz 5 100.0mhz ~ 16 0.0mhz 4 output load 10 ttl output volta ge voh 2.4 vdc vol 0.4 vdc tri-state function "1" (vih 2.2vdc ) or ope n: oscillation "0" (vil<0.8vdc) : hi z o u t put d i s a b l e / enabl e tim e 100 ns for opti on ? a only start-up tim e 1 0 m s rohs/r ohs ii compliant. moisture s e nsitiv ity l e vel ( m sl) ? this product is hermetica lly sea l ed and not moisture sensitive - msl = n/a: not applicable
||||||||||||| | | act series 2 0 . 4 x 1 2 . 9 x 5 . 3 m m pb ttl output full size dip 5.0v crystal clock oscillator options & part identification: (left blank if standard) 3 0 3 3 2 e s p e r anza, ra n c ho s anta m a r g a r ita, cali f o r n i a 9 2 6 8 8 tel 9 4 9 - 5 46-8 0 0 0 | f a x 949-5 4 6-80 0 1 | w w w . a b r aco n . c o m revised: 09.23.13 visit www.abracon.com for terms & conditions of sale abracon is cer tified abracon is iso9001:2008 cer tified rohs/r ohs ii compliant. act- mhz- - - - - - frequenc y in mhz e.g. 2 4 . 5 76m h z 1 4 . 3 181 8 m h z 26. 0 00mh z p a c kag i ng blank: tube ty: t r a y op erating t e mp. i : 0c ~ + 5 0c e : -2 0c ~ + 7 0c f: - 3 0c ~ + 7 0c n : - 3 0c ~ + 8 5c l : -4 0c ~ + 8 5c freq. sta bility y 5 * : 1 5 p p m j * : 2 0 p p m r **: 2 5 p p m k : 3 0 p p m h : 3 5 p p m c : 5 0 p p m pin form g: g u ll w i n g g 3 : g u ll w ing ght: g u ll w i ng reflo w q 4 5 : 0 . 45? ( 11. 4 3 ) q 4 0 : 0 . 40? ( 10. 1 6 ) q 3 5 : 0 . 35? ( 8 . 8 9) q 3 0 : 0 . 30? ( 7 . 6 2) q 2 5 : 0 . 25? ( 6 . 3 5) q 2 0 : 0 . 20? ( 5 . 0 8) q 1 5 : 0 . 15? ( 3 . 8 1) q 1 0 : 0 . 10? ( 2 . 5 4) symme tr y s: 45/55%@1.4 vdc for f<70mhz only tri-state a: tri-state on p i n 1 note: * : tem p o p tio n i, e , - 1 0 ~ + 6 0 c o n ly **: tem p opt i o n i , e, f , n, -10 ~ + 6 0 c o n l y outline dimensions: dimensions: inches (mm) pin functi o n 1 tri- sta t e/nc 7 case g n d 8 out p ut 1 4 vdd a tten t i o n : a b r aco n c orpo r ation ? s p roducts a r e c o t s ? commer cial-of f-t h e -shelf p r o d ucts ; suitab le for commer cial, indust r ial a nd, w her e d e s i gnated, aut o m otive applica- tio n s . abraco n ? s p r odu cts a r e not s pecif ically des igned for m ilitar y , a viation, a e rospace, lif e -de p e nda n t m edical a pplications or a n y a pplication r e qui r ing h igh r eliab ility w her e c o mpon e n t f ailure could r e s ult in loss o f lif e and/or p r o p e r t y . for app lications r e qui r i ng h i gh r eliab ility and / or pre s e n ting a n e x t r eme ope r atin g environmen t , written cons ent and author ization from a b r acon cor por ation i s requ i r e d. pleas e c ontact abracon c orporation for m ore i nformation. packaging: 25pcs /tube


▲Up To Search▲   

 
Price & Availability of ACT-14MHZ-H-S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X