Part Number Hot Search : 
ADUM5400 AZF510AV LTC7545 B400012 S15VB60 2SC327 G4BC30F BBY6507
Product Description
Full Text Search
 

To Download 10S45SP-TO277 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  10s45sp to277 maximum ratings and electrical characteristics (tj = 25c unless otherwise noted) maximum repetitive peak reverse voltage maximum average forward rectified current peak forward surge current 8.3 ms single half sine-wave superimposed on rated load per diode operating junction and storage temperature range typical thermal resistance per diode (mounted on fr-4 pcb) instantaneous forward voltage per diode instantaneous reverse current per diode at rated reverse voltage notes: (1) pulse test: 300 s pulse width, 1 % duty cycle (2) pulse test: pulse width Q 40 ms ua 100 - t j =25c trench mos barrier schottky rectifier, low vf low ir unit a c v a parameter symbol i fsm v rrm i f(av) 0.34 i f =2a t j =25c i f =10a t j =125c ma limit 45 10 25 50 0.47 - -40 to +150 c/w typ. 0.22 0.43 - v i r(2) v f(1) t j =125c i f =2a i f =10a r ?j a 240 72 0.34 max. - t j , t stg features ? advanced trench technology ? low forward voltage drop ? low power losses ? high efficiency operation ? lead free finish, rohs compliant applications ? dc/dc converters ? ac/dc adaptors 1 anode 2 cathode 3 to-277 www.yfwdiode.com
ratings and characteristics curves (ta = 25 c unless otherwise noted) 0.1 1 10 100 0.1 0.2 0.3 0.4 0.5 0.6 instantaneous forward current (a) forward voltage(v) typical forward voltage characteristics 25 125 85 100 0.001 0.01 0.1 1 10 100 10.00 20.00 30.00 40.00 reverse current(ma) reverse voltage (v) typical reverse leakage characteristics 125 25 85 100 0 2 4 6 8 10 12 0 25 50 75 100 125 150 175 average forward rectified current (a) case temperature ( c) forward current derating curve 100 1000 10000 0.1 1 10 100 junction capacitance (pf) reverse voltage (v) typical junction capacitance per diode 10s45sp to277 www.yfwdiode.com
unit:mm unit:mm a2 0.3 0.4 6.4 6.6 e 1.7 dim min max a1.11.3 e2 d3.9 b1 0.8 1 1.9 e1 5.3 5.5 1.4 3.549 l 1.84 e b2 0.5 0.7 w1.1 1.4 y4.9 4.1 d1 3.054 min dim c1.8 0.8 1 l1 y1 1.4 g0.9 x3.4 x1 a package outline d b2 e e a2 e1 w d1 l l 1 e2 b1 mounting pad layout x c y g y1 x 1 10s45sp to277 www.yfwdiode.com


▲Up To Search▲   

 
Price & Availability of 10S45SP-TO277

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X