Part Number Hot Search : 
CX3SCSM3 0S080H BAV21W R5110615 T2500 E2SDA 20VV6 150MC
Product Description
Full Text Search
 

To Download 10A10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  10.0 amp silicon rectifiers maximum ratings and electrical chara cteristics rating 25 c ambient temperature uniess otherwies specified. single phase half wave, 60hz, resistive or inductive load.for capacitive load, derate current by 20%. type number maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current .375"(9.5mm) lead length at t a=50 c r-6 dimensions in inches and (millimeters) 1.0(25.4) min. 1.0(25.4) min. .360(9.1) .360(9.1) .340(8.6) .340(8.6) .052(1.3) .048(1.2) dia. dia. fea tures mechanical da t a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) maximum instantaneous forward voltage at 10.0a maximum dc reverse current t a=25 c at rated dc blocking voltage t a=100 c typical junction capacitance (note 1) 10a05 10a1 10a2 10a4 10a6 10a8 10A10 units 50 100 200 400 600 800 1000 v 50 100 200 400 600 800 1000 v 35 70 140 280 420 560 700 10.0 400 10.0 400 150 -65 +150 v a v pf notes: 1. measured at 1mhz and applied reverse voltage of 4.0v d.c. 2. thermal resistance from junction to ambient .375" (9.5mm) lead length. * low forward voltage drop * high current capability * high reliability * high surge current capability * case: molded plastic * epoxy: ul 94v-0 rate flame retardant * lead: axial leads, solderable per mil-std-202, method 208 guranteed * polarity: color band denotes cathode end * mounting position: any 10a05 thru 10A10 1.0 typical thermal resistance r ja (note 2) 10 a operating temperature range t j c c/w vol t age range 50 to 1000 volts current 10.0 amperes storage temperature range t stg -65 +150 c a a 228
.1 1.0 10 100 rating and characteristic curves (10a05 thru 10A10) fig.3 - typical reverse characteristics r e v e r s e l e a k a g e c u r r e n t , ( a ) 0 20 40 60 80 100 120 140 1 10 100 500 characteristics i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) forward volt age,(v) pulse width 300us 1% duty cycle .6 .8 1.0 1.2 1.4 1.6 1.8 2.0 40 .01 fig.2-typical forward current dera ting curve a v e r a g e f o r w a r d c u r r e n t , ( a ) 12 10 8 6 4 2 ground plane 1" x 1" copper surface area pc board recommended pc board mounting tj=100 c tj=25 c tj=25 c fig.4-maximum non-repetitive forward surge current 100 0 200 300 400 500 number of cycles at 60hz 1 10 5 50 100 tj=25 c 8.3ms single half sine wave jedec method fig.1-typical forward 0 0 20 40 60 80 100 120 140 160 180 200 ambient temperature,( c) p e a k f o r w a r d s u r g e c u r r e n t , ( a ) percent of rated peak reverse vol tage,(%) 229


▲Up To Search▲   

 
Price & Availability of 10A10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X