Part Number Hot Search : 
60000 GS864118 SPKC1290 OSWAG5 SOF1F1 74HC19 UFR404 SAB80C32
Product Description
Full Text Search
 

To Download 10A10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 1 january 7,2014-rev.00 10a05 series voltage current 50~1000 volt 10 ampere silicon rectifier ? high surge current capability ? low leakage ? low forward voltage drop ? high current capability ? low lost ? lead free in compliance with eu rohs 2011/65/eu directive case: molded plastic, p600 terminals: axial leads, solderable to mil-std-750,method 2026 polarity: color band denotes cathode end weight: 0.0719 ounce, 2.04 gram mechanical data features note:1.measured at 1 mhz and applied reverse voltage of 4 volt. 2.the testing condition of the thermal resistance (junction to ambient and junction to lead) is based on 0mm lead length between two 10cm x 10cm x 0.5mm copper pad heatsinks. maximum ratings ratings at 25c ambient temperature unless otherwise specified. single phase, half wave, 60hz resistive or inductive load. for capacitive load derate current by 20%. parameter symbol 10a05 10a1 10a2 10a4 10a6 10a8 10A10 units maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified current i f ( av )10 a peak forward surge current : 8.3ms single half sine-wave superimposed on rated load i fsm 400 a maximum forward voltage at 10a v f 1.1 v maximum dc reverse current at rated dc blocking voltage i r 10 ? a typical thermal resistance (note 2) r ? jl r ? ja 6 16 o c / w typical junction capacitance (note 1) c j 100 pf operating and storage temperature range t j ,t stg -55 to +150 o c .052(1.3) 1.0(25.4)min. 1.0(25.4)min. .360(9.1) .360(9.1) .340(8.6) .340(8.6) .048(1.2) p-600 unit: inch(mm)
page . 2 january 7,2014-rev.00 10a05 series 0 2 4 6 8 10 12 0 25 50 75 100 125 150 t l , lead t em per at ur e ( c) i f , f o r w ar d cur r ent ( a ) fig.1 forw a rd current derating curve fig.2 t y pical junction capacitance 1 10 100 1000 0. 1 1 10 100 c j , j unc tion capac itanc e ( pf ) v r , rever s e bias voltage ( v ) fig.3 t y pical forw ard characteristics 0. 01 0. 1 1 10 100 0 .2 0 .4 0 .6 0 .8 1 1 .2 i f , f o r w ar d cur r ent ( a ) v f , f or w ar d voltage ( v ) t j = 150 c t j = 125 c t j = 7 5 c t j = 2 5 c fig.4 t y pical reverse characteristics 0. 01 0. 1 1 10 100 200 400 600 800 1000 i r ,rever s e cur r ent ( a) rated peak rever s e voltage ( v ) t j = 1 5 0 c t j = 1 2 5 c t j = 7 5 c t j = 2 5 c
page . 3 january 7,2014-rev.00 10a05 series part no_packing code_version 10a05_ay_00001 10a05_ay_10001 10a05_b0_00001 10a05_b0_10001 10a05_r2_00001 10a05_r2_10001 for example : rb500v-40 _ r2 _ 00001 part no. serial number version code means hf packing size code means 13" packing type means t/r packing code xx version code xxxxx packing type 1 st code packing size code 2 nd code hf or rohs 1 st code 2 nd ~5 th code tape and ammunition box (t/b) a n/a 0 hf 0 serial number tape and reel (t/r) r 7" 1 rohs 1 serial number bulk packing (b/p) b 13" 2 tube packing (t/p) t 26mm x tape and reel (right oriented) (trr) s 52mm y tape and reel (left oriented) (trl) l panasert t/b cathode up (pbcu) u forming f panasert t/b cathode down (pbcd) d
page . 4 january 7,2014-rev.00 10a05 series disclaimer ? reproducing and modifying information of the document is prohibited without permission from panjit international inc.. ? panjit international inc. reserves the rights to make changes of the content herein the document anytime without notification. please refer to our website for the latest document. panjit international inc. disclaims any and all liability arising out of the application or use of any product including damages incidentally and consequentially occurred. ? panjit international inc. does not assume any and all implied warranties, including warranties of fitness for particular purpose, non-infringement and merchantability. ? applications shown on the herein document are examples of standard use and operation. customers are responsible in comprehending the suitable use in particular applications. panjit international inc. makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. ? the products shown herein are not designed and authorized for equipments requiring high level of reliability or relating to human life and for any applications concerning life-saving or life-sustaining, such as medical instruments, transportation equipment, aerospace machinery et cetera. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify panjit international inc. for any damages resulting from such improper use or sale. ? ? since panjit uses lot number as the tracking base, please provide the lot number for tracking when complaining.


▲Up To Search▲   

 
Price & Availability of 10A10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X