Part Number Hot Search : 
BR20100 MC33201 BR20100 KM3702AQ FSYE430D D2058 ISPLSI U63764
Product Description
Full Text Search
 

To Download SPN4426-11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2011/10/04 ver.2 page spn4426 n-channel enhancement mode mosfet description applications the spn4426 is the n-channel logic enhancement mode power field effect transistors are produced using high cell density , dmos trench technology. this high density process is especially tailored to minimize on-state resistance. these devices are particularly suited for low voltage application , notebook computer power management and other battery powered circuits where high-side switching . z power management in note book z portable equipment z battery powered system z dc/dc converter z load switch z dsc z lcd display inverter features pin configuration(sop ? 8p) part marking ? 20v/8.0a,r ds(on) = 28m ? @v gs = 4.5v ? 20v/7.0a,r ds(on) = 38m ? @v gs = 2.5v ? 20v/3.0a,r ds(on) = 42m ? @v gs = 1.8v ? super high density cell design for extremely low rds (on) ? exceptional on-resistance and maximum dc current capability ? sop ? 8p package design
2011/10/04 ver.2 page spn4426 n-channel enhancement mode mosfet pin description pin symbol description 1 s source 2 s source 3 s source 4 g gate 5 d drain 6 d drain 7 d drain 8 d drain ordering information part number package part marking spn4426s8rg sop- 8p spn4426 spn4426s8rgb sop- 8p spn4426 spn4426s8rg : 13? tape reel ; pb ? free spn4426s8rgb : 13? tape reel ; pb ? free ; halogen ? free absoulte maximum ratings (t a =25 unless otherwise noted) parameter symbol typical unit drain-source voltage v dss 20 v gate ?source voltage v gss 12 v t a =25 7.4 continuous drain current(t j =150 ) t a =70 i d 6.0 a pulsed drain current i dm 35 a continuous source current(diode conduction) i s 2.3 a t a =25 2.5 power dissipation t a =70 p d 1.6 w operating junction temperature t j -55/150 storage temperature range t stg -55/150 thermal resistance-junction to ambient r ja 80 /w
2011/10/04 ver.2 page spn4426 n-channel enhancement mode mosfet electrical characteristics (t a =25 unless oth erwise noted) parameter symbol conditions min. typ max. unit static drain-source breakdown voltage v (br)dss v gs =0v,i d =250ua 20 gate threshold voltage v gs(th) v ds =v gs ,i d =250ua 0.4 1.0 v gate leakage current i gss v ds =0v,v gs =12v 100 na v ds =16v,v gs =0v 1 zero gate voltage drain current i dss v ds =16v,v gs =0v t j =55 10 ua on-state drain current i d(on) v ds 5 v, v gs =4.5v 6 a v gs = 4.5v,i d =8.0a 0.022 0.028 v gs = 2.5v,i d =7.0a 0.026 0.038 drain-source on-resistance r ds(on) v gs = 1.8v,i d =3.0a 0.032 0.042 ? forward transconductance gfs v ds =15v,i d =5.0a 30 s diode forward voltage v sd i s =1.0a,v gs =0v 0.8 1.2 v dynamic total gate charge q g 10 13 gate-source charge q gs 1.4 gate-drain charge q gd v ds =10v,v gs =4.5v i d 5.0a 2.1 nc input capacitance c iss 600 output capacitance c oss 120 reverse transfer capacitance c rss v ds =10v,v gs =0v f=1mhz 100 pf t d(on) 15 25 turn-on time t r 40 60 t d(off) 45 65 turn-off time t f v dd =10v,r l =10 ? i d 1.0a,v gen =4.5v r g =6 ? 30 40 ns
2011/10/04 ver.2 page spn4426 n-channel enhancement mode mosfet typical characteristics
2011/10/04 ver.2 page spn4426 n-channel enhancement mode mosfet typical characteristics
2011/10/04 ver.2 page spn4426 n-channel enhancement mode mosfet typical characteristics
2011/10/04 ver.2 page spn4426 n-channel enhancement mode mosfet sop- 8 package outline
2011/10/04 ver.2 page spn4426 n-channel enhancement mode mosfet information provided is alleged to be exact and consistent. sync power corporation presumes no responsibility for the penalties of use of such information or for any violation of pa tents or other rights of third parties which may result from its use. no license is granted by allegation or otherwise under any pate nt or patent rights of sync power corporation. conditions mentioned in this publication ar e subject to change without notice. this p ublication surpasses and replaces all information previously supplied. sync power corporation products are not authorized for use as critical components in life support devices or systems without express written approval of sync power corporation. ?the sync power logo is a registered trademark of sync power corporation ?2004 sync power corporation ? printed in taiwan ? all rights reserved sync power corporation 7f-2, no.3-1, park street nankang district (nksp), taipei, taiwan 115 phone: 886-2-2655-8178 fax: 886-2-2655-8468 ?http://www.syncpower.com


▲Up To Search▲   

 
Price & Availability of SPN4426-11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X