Part Number Hot Search : 
DF08S 2415A 2415W MAX4376 ICL7662 1DU13R MAX4586 TVR10101
Product Description
Full Text Search
 

To Download PT7M8206B23TAE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  |||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| |||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ldo regulator 12 - 07 - 0004 pt0359 - 2 07/10/ 12 1 pt7m 820 6 features ? output current: 300ma or more ? dropout voltage: 270mv @ 300ma for 3.3v ? operating v oltage r ange: 1.8 v to 5.5v ? output v oltage range : 1. 2 v to 3.3 v (100mv step) ? low power consumption: 65 ? a ? standby current: 0.1 ? a ? high ripple rejection: 75 db @ 1khz ? outp ut current - limit protection ? t hermal shutdown protection ? auto output discharge ? operating temperature range: - 40 c to +85 c ? low esr c apacitor compatible: ceramic capacitor ? lead free p ackage: sot23 - 5 l, sc70 - 5l , s ot 89 - 5l applica tion s ? mobile phones (pdc, gsm, cdma, imt2000 etc.) ? cordless phones and radio communication ? digital still cameras and video cameras ? pdas ? mp3 players ? portable devices description the pt7m820 6 s eries are highly accurate, low dropout voltage regulators with low noise, high ripple rej ection and low current consumption. the pt7m820 6 includes a reference voltage source, an error amplifier, a driver transistor, a current limit protection , a thermal protection and an internal phase compensator. the output voltage for the regulator is set b y factory trimming within a range of 1. 2 v to 3.3 v in 100mv step includes 2.85v . the pt7m820 6 series are stable with low esr ceramic capacitors. pin configuration sc70 - 5l/ sot23 - 5l (top view) sot89 - 5l pin description pin no . i/o name descriptions sot23 - 5l /sc70 - 5l sot 89 - 5l 1 4 i v in regulator supply i nput. supply v oltage can range from 1.8v to 5.5v. bypass with a 1 ? f ceramic capacitor (x5r/x7r) to gnd. 2 2 p gnd ground. 3 1 i en on/off control of regulator. 4 3 - nc no connect ion . 5 5 o vout output of regulator . bypass with a 1 ? f ceramic capacitor (x5r/x7r) to gnd . nc vout gnd en 2 3 4 1 5 vin vin vout gnd nc 2 3 4 1 5 en
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| |||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||| 12 - 07 - 0004 pt0359 - 2 07/10/ 12 2 pt7m 820 6 ldo regulator maximum rating s storage temperature.. - 55 to +125 ambient temperature with power applied...................... - 40 to +85 input voltage. .. +6.0v output voltage ... .. - 0. 3 to v cc +0. 3 v en pin voltage +6.0v dc input/output current 700ma power dissipatio n ... sot23/400mw s c70/30 0mw s ot89/55 0mw tdfn/60 0mw recommended operating conditions symbol parameter min. typ. max. unit v cc operating voltage 1.8 - 5.5 v t a operating temperature - 40 25 85 c electrical characteristics ( t a =2 5 , bypass capacitor=22nf ) parameter symbol conditions min. typ. max. unit output voltage v out(e) * 2 v in =v out(s) * 1 +1.0v , i out =30ma v out(s) *0.98 v out(s) v out(s) *1.02 v maximum o utput c urrent i outmax v in =v out(s) +1.0v 3 00 - - ma dropout v oltage v dif * 3 i out = 300ma 1.7vv out(s) 1.8v - 0. 3 9 0.51 v 1.9vv out(s) 2.3v - 0. 33 0.43 2.4vv out(s) 2.7v - 0.30 0.39 2.8vv out(s) 3.3 v - 0.27 0.35 supply current i ss v in = v out(s) +1.0v, no load - 65 100 a standby c urrent i sb v in = v out(s) ??+1 .0v en =off - 0.1 1 ? a line r egulation v out / v in *v out v out(s) +1.0vv in 5.5 v i out =30 ma - 0.05 0.2 %/v load r egulation v out2 v in = v out(s) ??+1.0v, 1.0mai out 30 0ma - 0.6 % input v oltage v in - 1.8 - 5.5 v output voltage temperature c haracteristic v out / topr*v out i out =30 ma - 40 topr85 - +/ - 100 - ppm/ ripple rejection psrr v in =[v out(s) +1.0]v dc + 1 vp - p ac v out =1.5v, i out =30ma, f=1khz - 75 - db current l imit i lim v out = v out(s) *0.9 400 450 600 ma thermal s hutdown t sd 1 70 thermal shutdown hy steresis t sd 4 0 en high voltage v en h - 1.5 - - v enlowvoltage v enl - - - 0.3 enhighcurrent i enh v in =v out( s ) +1.0v - 0.10 - 0.10 a enlow current i enl v in = v out( s ) +1.0v , en = off - 0.10 - 0.10 output discharge resistance rdis v in = v out( s ) +1.0v en=off - 200 - ? note: *1: v out(s) =specified output voltage . *2: v out(e) =effective output voltage . (i.e. the output voltage when "v out(s) +1.0v" is provided at the vin pin while maintaining a certain i out value). *3: vdif={v in1 (*5) - v out1 (*4) } . *4: v out1 =a voltage equal to 98% of the output voltage whenever an amply stabilized i out {v out(s) + 1.0v} is input. *5: v in1 =the input voltage when v out1 appears as input voltage is gradually decreased. *6: unless otherwise stated, v in =v out(s) +1.0v note: stresses greater than those listed under maximum ratings may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other condi - tions above those indicated in the operational sec - tions of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect reliability.
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| |||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||| 12 - 07 - 0004 pt0359 - 2 07/10/ 12 3 pt7m 820 6 ldo regulator typical performanc e and characteristics 1. outp ut voltage vs. output current pt7m8206 (1.2v) cin =1 f(ceramics), cout =1 f(ceramics) pt7m8206 (3.3v) cin=1 f(ceramics), cout=1 f(cer amics) 2. output voltage vs. in put voltage pt7m8206 (1.2v) topr=2 5 cin = 1 f(ceramics), cout=1 f (ceramics) pt7m8206 (3.3v) topr=2 5 cin =1 f(ceramics), cout=1 f (ceramics) 0.0 0.5 1.0 1.5 0 100 200 300 400 500 600 io (ma) vo (v) vin=2.5v vin=3.5v vin=5.5v 0.0 0.5 1.0 1.5 2.0 2.5 3.0 0 100 200 300 400 500 600 700 io (ma) vo (v) vin=4.5v vin=5.5v 0.0 0.4 0.8 1.2 1.6 1.5 2.5 3.5 4.5 5.5 vin (v) vo (v) 0ma 30ma 100ma 0.0 1.0 2.0 3.0 4.0 1.5 2.5 3.5 4.5 5.5 vin (v) vo (v) 0ma 30ma 100ma
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| |||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||| 12 - 07 - 0004 pt0359 - 2 07/10/ 12 4 pt7m 820 6 ldo regulator 3. supply current vs. input voltage pt7m8206 (1.2v) pt7m8206 (3.3v) 4 . d ropout voltage vs. output current 5. line transient response pt7m8206 (3.3v) cin = 1 f(ceramics), cout=1 f(ceramics) pt7m8206 (3.3v) cin=co ut=1 f(ceramics), iout=100ma t ime (50 s /div) 0 20 40 60 80 100 1.5 2.5 3.5 4.5 5.5 vin (v) iss (a) 0 20 40 60 80 100 1.5 2.5 3.5 4.5 5.5 vin (v) iss (a) 0 50 100 150 200 250 300 350 0 50 100 150 200 250 300 io (ma) vdif (mv) 85 25 -40
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| |||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||| 12 - 07 - 0004 pt0359 - 2 07/10/ 12 5 pt7m 820 6 ldo regulator 6 . output voltage vs. ambient temperature pt7m8206 (1.2v) vin=2.2v cin= 1 f(ceramics), cout=1 f (ceramics) pt7m8206 (3.3v) vin=4.3v cin = 1 f(ceramics), cout=1 f(ce ramics) 7 . supply current vs. ambient temperature pt7m8206 (1.2v) vin=2.2v cin=1 f(ceramics), cout=1 f( ceramics) pt7m8206 (3.3v) vin=4.3v c in=1 f(ce ramics), cout =1 f(ceramics) 1.00 1.08 1.16 1.24 1.32 1.40 -50 -25 0 25 50 75 100 t emperature ( ) vo(v) vin=2.2v 3.00 3.10 3.20 3.30 3.40 -50 -25 0 25 50 75 100 t emperature ( ) vo (v) vin=4.3v 55 60 65 70 75 -50 -25 0 25 50 75 100 t emperature ( ) iss (a) vin=2.2v 60 65 70 75 80 -50 -25 0 25 50 75 100 t emperature ( ) iss (a) vin=4.3v
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| |||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||| 12 - 07 - 0004 pt0359 - 2 07/10/ 12 6 pt7m 820 6 ldo regulator 8 . load transient response pt7m8206 (3.3v) cin= co ut=1 f(ceramics), vin= 4 .3v t ime (500 s /div) pt7m8206 (3.3v) cin= cout=1 f(ceramics), vin=4.3v t ime (500 s /div) 9 . psrr pt7m8206 (1.2v) vin=2.2v dc+1vp - pac cin=cout=1 f(ceramics), iout= 3 0 ma 0 10 20 30 40 50 60 70 80 90 0.1 1 10 100 frequency (khz) psrr (db)
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| |||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||| 12 - 07 - 0004 pt0359 - 2 07/10/ 12 7 pt7m 820 6 ldo regulator function block diagram functional description (refer to function block diagram) output v oltage the divided output voltage is compared with the internal reference voltage by the error amplifier with internal phase compensator . the output of the error amplifier then drives the p - c hannel mosfet to maintain a stable and constant output voltage. low esr capacitors the internal phase compensator maintains the stable output voltage with low esr ceramic input and output capacitors. 1 ? f low esr (x5r/x7r) ceramic capacitor located as close as possible to the ic s pins is recommended. current limit and thermal shutdown protection s current limit protection is used to limit the output current when an overload condition occurs. as a result, the outpu t voltage will drop . thermal shutdown protection will turn off the output to reduce the power dissipation when the operation junction tem perature exceeds 170 c . en pin the output of the regulator in pt7m 8 20 6 can be controlled with en pin. the en pin shoul d be connected to a vin or a gnd voltage as a floating input applied to inverter input of the enable circuitry will increase the current consumption. ? note on use 1. please use this ic within the stated absolute maximum ratings. 2. where wiring impedance is high, operations may become unstable due to noise and/or phase lag depending on output current. please keep the resistance low between v in and gnd wiring in particular. 3. please wire the input capacitor ( cin ) and the output capacitor ( cout ) as close to the ic as possible. over-current protectio n circuit on/off c ircuit r ef erence volta g e c ircuit en vin vout gnd
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| |||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||| 12 - 07 - 0004 pt0359 - 2 07/10/ 12 8 pt7m 820 6 ldo regulator application circuit n ote: cin=cout=1 f c i n vin c o u t vo ut po wer inp ut g nd s in g le g nd en on/off inp ut ldo output
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| |||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||| 12 - 07 - 0004 pt0359 - 2 07/10/ 12 9 pt7m 820 6 ldo regulator mechanical information ta (sot23 - 5l) symbol min max a 1.05 1.25 a1 0.00 0.10 a2 1.05 1.15 b 0.30 0.50 c 0.10 0.20 d 2.82 3.02 e 1.50 1.70 e1 2.65 2.95 e e1 1.80 2.00 l 0.30 0.60 0 8 pkg. dimensions(mm) 0.95bsc note: 1 ) controlling dimensions in millimeters. 2 ) ref : jedec mo - 178 c/aa
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| |||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||| 12 - 07 - 0004 pt0359 - 2 07/10/ 12 10 pt7m 820 6 ldo regulator c (sc70 - 5l) symbol min max a 0.90 1.10 a1 0.00 0.10 a2 0.90 1.00 b 0.15 0.35 c 0.08 0.15 d 2.00 2.20 e 1.15 1.35 e1 2.15 2.45 e e1 1.20 1.40 l 0.26 0.46 0 8 pkg. dimensions(mm) 0.65typ note: 1 ) controlling dimensions in millimeters. 2 ) ref : jedec mo - 203 b/aa
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| |||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||| 12 - 07 - 0004 pt0359 - 2 07/10/ 12 11 pt7m 820 6 ldo regulator td (sot89 - 5l ) symbol min max a 1.4 1.6 b 0.32 0.52 b1 0.36 0.56 c 0.35 0.44 d 4.4 4.6 d1 1.4 1.8 e 2.3 2.6 e1 3.94 4.25 e 1.50typ e1 2.9 3.1 l 0.9 1.1 pkg. dimensions(mm) note: 1 ) controlling dimensions in millimeters. 2 ) ref : jedec t 0243 c
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| |||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||| 12 - 07 - 0004 pt0359 - 2 07/10/ 12 12 pt7m 820 6 ldo regulator ordering infor mation part number package code package pt7m820 6 ?? tae ta lead free and green sot23 - 5 l pt7m8206 ?? ce c lead free and green sc70 - 5l pt7m8206 ?? tde td lead free and green sot89 - 5l notes: ? ?? refer to different functions. see below table 1 and table 2 . ? e = pb - free and green ? adding x suffix = tape /r eel table 1 option definition table designator symbol description ? t able 2 definition of designator designator ? vout (v) designator ? vout (v) d esignator ? vout (v) 12 1.2 20 2.0 28 2.8 13 1.3 21 2.1 29 2.9 14 1.4 22 2.2 30 3.0 15 1.5 23 2.3 31 3.1 16 1.6 24 2.4 32 3.2 17 1.7 25 2.5 33 3.3 18 1.8 26 2.6 2a 2.85 19 1.9 27 2.7 pericom semiconductor corporation ? 1 - 800 - 435 - 2336 ? www.pericom.com pericom reserves the right to make changes to its products or specifications at any time, without notice, in order to improve design or performance and to supply the best possible product. pericom does not assume any responsibility for use of any circuitry described other than the circu itry embodied in pericom pro duct. the company makes no representations that circuitry described herein is free from patent infringement or other rights, of pericom .


▲Up To Search▲   

 
Price & Availability of PT7M8206B23TAE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X