Part Number Hot Search : 
M37721 F9234 UPD75 000X1 13600 3KP13A SCBA05F VMTB60
Product Description
Full Text Search
 

To Download ML105D-15RW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  key features: ? 1w output power ? ultra-compact smt case ? wide 2:1 input ? 1,500 vdc isolation ? single & dual outputs ? -40oc to +85oc operation ? 20 standard models ? tight line/load regulation ? available on tape/reel ml100rw ultra-compact, 1w wide 2:1 input, smt dc/dc con vert ers series input parameter conditions min. typ. max. units input voltage range 5 vdc input 4.5 5.0 9.0 vdc 12 vdc input 9.0 12.0 18.0 24 vdc input 18.0 24.0 36.0 48 vdc input 36.0 48.0 75.0 start up voltage 5 vdc input 4.5 vdc 12 vdc input 9.0 24 vdc input 18.0 48 vdc input 36.0 input filter capacitor output parameter conditions min. typ. max. units output voltage accuracy at 50% load 1.0 % line regulation for v in = min to max 0.2 % load regulation for i out = min to max 1.0 % single for i out = 10% to 100% 0.5 dual 0.8 ripple & noise (20 mhz) see note 2 30 mv p - p transient response time, see note 3 25% load step change 250 s transient response deviation 3 % temperature coef? cient 0.02 %/oc output short circuit continuous (autorecovery) general parameter conditions min. typ. max. units isolation voltage 60 seconds 1,500 vdc isolation resistance 500 vdc 1,000 m? isolation capacitance 100 khz, 1v 50 pf switching frequency 220 khz remote on/off parameter conditions min. typ. max. units supply on open or high impedance supply off see note 4 2.0 4.0 ma standby input current 2.5 ma environmental parameter conditions min. typ. max. units operating temperature range ambient -40 +85 oc operating temperature range case +95 oc storage temperature range -50 +125 oc cooling free air convection humidity rh, non-condensing 95 % physical case size see mechanical drawing (page 2) case material non-conductive black plastic (ul94-v0) weight 0.15 oz (4.5g) reliability speci cations parameter conditions min. typ. max. units mtbf mil hdbk 217f, 25oc, gnd benign 2.80 mhours moisture sensitivity level (msl) ipc/jedec j-std-020d level 2 absolute maximum ratings parameter conditions min. typ. max. units input voltage surge (1 sec) 5 vdc input -0.7 15.0 vdc 12 vdc input -0.7 25.0 24 vdc input -0.7 50.0 48 vdc input -0.7 100.0 peak re? ow temperature see note 5 245 oc lead temperature 1.5 mm from case for 10 sec. 260 oc caution: exceeding absolute maximum ratings may damage the module. these are not continuous operating ratings. electrical speci cations speci cations typical @ +25?, nominal input voltage & rated output current, unless otherwise noted. speci cations subject to change without notice. micropower direct 292 page street suite d stoughton, ma 02072 usa t: (781) 344-8226 f: (781) 344-8481 e: sales@micropowerdirect.com w: www.micropowerdirect.com www.micropowerdirect.com
model selection guide mechanical dimensions notes: 1. the speci ed maximum capacitive load is for each output. 2. when measuring output ripple, it is recommended that an external 0.47 f ceramic capacitor be placed from +v out to -v out for single output models or from each output to common for dual output models. for noise sensitive applications, the use of 3.3 f capacitors will reduce the output ripple. 3. transient recovery is measured to within a 1% error band for a load step change of 75% to 100%. 4. the control input is current controlled. the unit operates when this input is open. when the input is ?igh (current is owing into the pin), the converter shuts down. the input current to this pin should be applied via a 1 k  resistor, and kept between 2 ma to 4 ma. connecting this input directly to ground will not damage the converter. 5. the recommended re ow settings are a peak tem- perature of 245 ? for a maximum period (t pk ) of 10s notes: all dimensions are typical in inches (mm) tolerance x.xx = ?.01 (?.25) pin 1 is marked by a ?ot or indentation on the unit model number input output ef ciency (%, typ) output capacitive load ( f, max) fuse rating slow-blow (ma) voltage (vdc) current (ma) voltage (vdc) current (ma, max) current (ma, min) nominal range full-load no-load ml105s-05rw 5.0 4.5 - 9.0 256 40 5.0 200 0.0 78 1,680 500 ml105s-12rw 5.0 4.5 - 9.0 252 40 12.0 83 0.0 79 820 500 ml105s-15rw 5.0 4.5 - 9.0 248 40 15.0 67 0.0 81 680 500 ml105d-12rw 5.0 4.5 - 9.0 255 40 12.0 42 0.0 79 470 500 ML105D-15RW 5.0 4.5 - 9.0 248 40 15.0 33 0.0 80 330 500 ml112s-05rw 12 9.0 - 18.0 105 20 5.0 200 0.0 79 1,680 200 ml112s-12rw 12 9.0 - 18.0 105 20 12.0 83 0.0 79 820 200 ml112s-15rw 12 9.0 - 18.0 102 20 15.0 67 0.0 82 680 200 ml112d-12rw 12 9.0 - 18.0 104 20 12.0 42 0.0 81 470 200 ml112d-15rw 12 9.0 - 18.0 103 20 15.0 33 0.0 80 330 200 ml124s-05rw 24 18.0 - 36.0 53 10 5.0 200 0.0 79 1,680 100 ml124s-12rw 24 18.0 - 36.0 51 10 12.0 83 0.0 82 820 100 ml124s-15rw 24 18.0 - 36.0 51 10 15.0 67 0.0 82 680 100 ml124d-12rw 24 18.0 - 36.0 51 10 12.0 42 0.0 82 470 100 ml124d-15rw 24 18.0 - 36.0 50 10 15.0 33 0.0 82 330 100 ml148s-05rw 48 36.0 - 75.0 26 7 5.0 200 0.0 79 1,680 50 ml148s-12rw 48 36.0 - 75.0 26 7 12.0 83 0.0 80 820 50 ml148s-15rw 48 36.0 - 75.0 26 7 15.0 67 0.0 80 680 50 ml148d-12rw 48 36.0 - 75.0 26 7 12.0 42 0.0 81 470 50 ml148d-15rw 48 36.0 - 75.0 25 7 15.0 33 0.0 81 330 50 pin single dual 1-v in -v in 2 remote on/off 7nc nc 8 nc common 9+v out +v out 10 -v out -v out 16 +v in +v in nc = no connection pin connections board layout derating curve , all other outputs micropower direct we power your success - for less! 292 page street ste d stoughton, ma 02072 ? tel: (781) 344-8226 ? fax: (781) 344-8481 ? e-mail: sales@micropowerdirect.com www.micropowerdirect.com and a time above liquidous (t l ) of <60 seconds at 217 ?. for more information, please contact the factory. 6. operation at no-load will not damage these units. however, they may not meet all speci cations. 7. the converter should be connected to a low ac-im- pedance source. an input source with a highly inductive impedance may affect the stability of the converter. in applications where the converter output loading is high and input power is supplied over long lines, it may be necessary to use a capacitor on the input to insure start-up. in this case, it is recommended that a low esr (<1.0? at 100 khz) capacitor be mounted close to the converter. f or 24v input units a 4.7 f is recom- mended and for 48v input models, a 2.2 f. 8. it is recommended that a fuse be used on the input of a power supply for protection. see the table above for the correct rating.


▲Up To Search▲   

 
Price & Availability of ML105D-15RW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X