Part Number Hot Search : 
627ER 001456 FA551 W4XME1C TW9903 29XE020 DTC123YE MAX19
Product Description
Full Text Search
 

To Download L74VHC1G135 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  leshan radio company, ltd. vz d l 7 4 vhc1g135 vz d 1 3 2 4 5 tsop?5/sot?23/sc?59 dt suffix the l 74vhc1g135 is a single gate cmos schmitt nand trigger with an open drain output fabricated with silicon gate cmos technology. it achieves high speed operation similar to equivalent bipolar schottky ttl while maintaining cmos low power dissip ation. the internal circuit is composed of three stages, including an open drain output which provides the capability to set the output switching level. this allows the l 74vhc1g135 to be used to interface 5v circuits to circuits of any voltage between v cc and 7 v using an external resistor and power supply. the l 74vhc1g135 input structure provides protection when voltages up to 7 v are applied, regardless of the supply voltage. the l 74vhc1g135 can be used to enhance noise immunity or to square up slowly changing waveforms. ? high speed: t pd = 4.9 ns (typ) at v cc = 5 v  low internal power dissipation: i cc = 2 ma (max) at t a = 25c  power down protection provided on inputs  pin and function compatible with other standard logic families sc?88a/sot?353/sc?70 df suffix 1 3 2 4 5 marking diagrams pin 1 d = date code pin 1 d = date code figure 1. pinout (top view) figure 2. logic symbol pin assignment 1 in b 2 in a 3 gnd 4 out y 5v cc function table inputs ou tput ab y ll z lh z hl z hh l ordering information see detailed ordering and shipping information in the package dimensions section on page 5 of this data sheet. 2-input nandschmitt-trigger with open drain output 1/6
leshan radio company, ltd. l 74vhc1g135 recommended operating conditions symbol parameter min max unit v cc dc supply voltage 2.0 5.5 v v in dc input voltage 0.0 5.5 v v out dc output voltage 0.0 7.0 v t a operating temperature range ? 55 + 125 c t r ,t f input rise and fall time v cc = 3.3 0.3 v 0 100 ns/v v cc = 5.0 0.5 v 0 20 device junction temperature versus time to 0.1% bond failures junction t ime, time, temperature c hours y ears 80 1,032,200 117.8 90 419,300 47.9 100 178,700 20.4 110 79,600 9.4 120 37,000 4.2 130 17,800 2.0 140 8,900 1.0 normalized failure rate figure 3. failure rate vs. time junction temperature 1 1 10 100 1000 maximum ratings symbol parameter value unit v cc dc supply voltage ? 0.5 to + 7.0 v v in dc input voltage ? 0.5 to +7.0 v v out dc output voltage ? 0.5 to +7.0 v i ik input diode current ?20 ma i ok output diode current v out < gnd; v out > v cc +20 ma i out dc output current, per pin + 25 ma i cc dc supply current, v cc and gnd +50 ma p d power dissipation in still air sc?88a, tsop?5 200 mw ja thermal resistance sc?88a, tsop?5 333 c/w t l lead temperature, 1 mm from case for 10 s 260 c t j junction temperature under bias + 150 c t stg storage temperature ?65 to +150 c v esd esd withstand voltage human body model (note 2) >2000 v machine model (note 3) > 200 charged device model (note 4) n/a i latch?up latch?up performance above v cc and below gnd at 125c (note 5) 500 ma 1. maximum ratings are those values beyond which damage to the device may occur. exposure to these conditions or conditions beyond those indicated may adversely affect device reliability. functional operation under absolute?maximum?rated conditions is not implied. functional operation should be restricted to the recommended operating conditions. 2. tested to eia/jesd22?a114?a 3. tested to eia/jesd22?a115?a 4. tested to jesd22?c101?a 5. tested to eia/jesd78 time, years 2/6
leshan radio company, ltd. dc electrical characteristics v cc t a = 25 c t a < 85 c ?55c < t a < 125c symbol parameter test conditions (v) min typ max min max min max unit l 74vhc1g135 ac electrical characteristics c load = 50 pf, input t r / t f = 3.0 ns t a = 25 c t a < 85 c ?55c leshan radio company, ltd. l 74vhc1g135 device ordering information device nomenclature device order number logic circuit indicator temp range identifier technology device function package suffix tape and reel suffix package type (name/sot#/ common name) tape and reel size lm c74vhc1g135dft1 lm c 7 4 v hc1g 1 35 d f t 1 s c?70/sc?88a/ 1 78 mm (7 in) sot?353 3000 unit l mc74vhc1g135dft2 lm c 7 4 v hc1g 1 35 d f t 2 s c?70/sc?88a/ 1 78 mm (7 in) sot?353 3000 unit l mc74vhc1g135dft4 lm c 7 4 v hc1g 1 35 d f t 4 s c?70/sc?88a/ 3 30 mm (13 in) sot?353 10,000 unit l mc74vhc1g135dtt1 lm c 7 4 v hc1g 1 35 d t t 1 s ot?23/tsops/ 1 78 mm (7 in) sc?59 3000 unit l mc74vhc1g135dtt3 lm c 7 4 v hc1g 1 35 d t t 3 s ot?23/tsops/ 3 30 mm (13 in) sc?59 10,000 unit figure 5. switching waveforms figure 4. output voltage mismatch application c l = 50 pf equivalent (includes jig and probe capacitance) r l = r 1 = 500 ? or equivalent r t = z out of pulse generator (typically 50 ? ) figure 6. test circuit figure 7. complex boolean functions figure 8. led driver figure 9. gtl driver y 4/6
leshan radio company, ltd. l 74 v hc1g 135 package dimensions notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. 419a?01 obsolete. new standard 419a?02. 4. dimensions a and b do not include mold flash, protrusions, or gate burrs. dim a min max min max millimeters 1.80 2.20 0.071 0.087 inches b 1.15 1.35 0.045 0.053 c 0.80 1.10 0.031 0.043 d 0.10 0.30 0.004 0.012 g 0.65 bsc 0.026 bsc h --- 0.10 --- 0.004 j 0.10 0.25 0.004 0.010 k 0.10 0.30 0.004 0.012 n 0.20 ref 0.008 ref s 2.00 2.20 0.079 0.087 b 0.2 (0.008) mm 12 3 4 5 a g s d 5 pl h c n j k ?b? sc70?5/sc?88a/sot?353 df suffix soldering footprint*  mm inches  scale 20:1 0.65 0.025 0.65 0.025 0.50 0.0197 0.40 0.0157 1.9 0.0748 5/6
leshan radio company, ltd. l 74 v hc1g 135 package dimensions notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. maximum lead thickness includes lead finish thickness. minimum lead thickness is the minimum thickness of base material. 4. a and b dimensions do not include mold flash, protrusions, or gate burrs. dim min max min max inches millimeters a 2.90 3.10 0.1142 0.1220 b 1.30 1.70 0.0512 0.0669 c 0.90 1.10 0.0354 0.0433 d 0.25 0.50 0.0098 0.0197 g 0.85 1.05 0.0335 0.0413 h 0.013 0.100 0.0005 0.0040 j 0.10 0.26 0.0040 0.0102 k 0.20 0.60 0.0079 0.0236 l 1.25 1.55 0.0493 0.0610 m 0 10 0 10 s 2.50 3.00 0.0985 0.1181 0.05 (0.002) 123 54 s a g l b d h c k m j __ _ _ sot23?5/tsop?5/sc59?5 dt suffix 0.7 0.028 1.0 0.039  mm inches  scale 10:1 0.95 0.037 2.4 0.094 1.9 0.074 soldering footprint* 6/6


▲Up To Search▲   

 
Price & Availability of L74VHC1G135

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X