Part Number Hot Search : 
DU2880U V03HK MA2F690 6511A HA17903 APTGT CRO2485A H1092NL
Product Description
Full Text Search
 

To Download KTPS05-05015U-MICROB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ktps05 - 05015u - microb kaga electronics (usa) inc. 2480 n. first st., suite #100, san jose, ca 95131 phone: (408) 570 - 0955 | fax: (408) 570 - 0186 | toll free: (888) 2 - volgen (888 - 286 - 5436) www.volgen.com 7 watt 5v usb micro - b output wall mount adapte r input specifications all specifications are typical at nominal input, full load. input specifications input voltage ac 100 C 240 vac input frequency 50 C 60 hz input current 0.19a max protection internal primary current fuse inrush limiting output specifications output voltage 5v efficiency cec level v, erp stage 2 certified protection short circuit protection over current protection over voltage protection ripple 1 C 2 % vp - p (max) hold - up time 10 ms @ full load transient response 0.5ms for 50% load change (typ) load regulation 5 % (typ ) leakage current 0.25ma @ 2 pin general specifications mtbf (calculated) 5 0,000 hours calculated hours at 25 c by mil - hdbk - 217f dielectric withstanding voltage 3 ,000 vac primary C secondary emi conduction & radiation compliance to en55022 class b harmonic current compliance to en61000 - 3 - 2,3 ems immunity compliance to en 61000 - 4 - 2,3,4,5,6,8,11 safety approvals ul/cul features ? universal input (ac10 0 - 2 4 0 v) ? usb micro - b ouptut connector ? over voltage protection ? over current protection ? short circuit protection ? modification and custom design available ? rohs compliant ? cec level v environmental specifications operating temperature 0c~+4 0c storage temperature - 20c ~ +80 c cooling. convection operating humidity 20 C 80% rh storage humidity 10 C 90% rh mechanical specifications case dimension l52 x w29 x h63 (mm) dc cord 20awg (optional 22 awg)
ktps05 - 05015u - microb kaga electronics (usa) inc. 2480 n. first st., suite #100, san jose, ca 95131 phone: (408) 570 - 0955 | fax: (408) 570 - 0186 | toll free: (888) 2 - volgen (888 - 286 - 5436) www.volgen.com model number output voltage output current max output power ktps05 - 05015 u - microb 5.0v 1.5 a 7.50 w note: optional u k, eu, and us(frontal) input configuration available. mechanical drawing:


▲Up To Search▲   

 
Price & Availability of KTPS05-05015U-MICROB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X