Part Number Hot Search : 
NJW4302 SG3030J 20F6TR BP62111 00PS4 1N4999 SR1020 HZ10CP
Product Description
Full Text Search
 

To Download KAS40WS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smd type www.kexin.com.cn 1 diodes unit: mm sod-323 1.7 +0.1 -0.1 2.6 +0.1 -0.1 1.3 +0.1 -0.1 0.1 +0.05 -0.02 0.475 0.375 0.3 +0.05 -0.05 0.85 +0.05 -0.05 1.0max surface mount schottky barrier diode KAS40WS (bas40ws) features low turn-on voltage fast switching pn junction guard ring for transient and esd protection designed for surface mount application absolute maximum ratings ta = 25 parameter symbol rating unit peak repetitive reverse voltage v rrm working peak reverse voltage v rwm dc blocking voltage v r forward continuous current i f 200 ma forward surge current @ t < 1.0s i fsm 600 ma power dissipation p d 200 mw typical thermal resistanc e, junction to ambient air r ja 625 /w operating and storage temperature range t j ,t stg 55 to +125 v 40 electrical characteristics ta = 25 parameter symbol testconditons min typ max unit reverse breakdown voltage v (br)r @i r =10 a 40 v @i f =1.0ma,t<300 s 380 @i f = 10ma, t < 300 s 500 @i f = 40ma, t < 300 s 1000 reverse leakage current i r @v r = 30v, t < 300 s 20 200 na junction capacitance c j v r = 0v, f = 1.0mhz 4.0 5.0 pf reverse recovery time t rr i f = 10ma through i r = 10ma toi r =1.0ma,r l = 100 5.0 ns forward voltage v f mv marking marking s40


▲Up To Search▲   

 
Price & Availability of KAS40WS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X